Part Number Hot Search : 
L381D GRM188 GRM188 C1213 S5R12 RF33741 SDZ6V8AQ S5R12
Product Description
Full Text Search
 

To Download AT93C86AY1-10YU-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 features ? low-voltage and standard-voltage operation ? 2.7 (v cc = 2.7v to 5.5v) ? 1.8 (v cc = 1.8v to 5.5v) ? user selectable in ternal organization ? 16k: 2048 x 8 or 1024 x 16 ? three-wire serial interface ? sequential read operation ? schmitt trigger, filtered inputs for noise suppression ? 2 mhz clock rate (5v) compatibility ? self-timed write cycle (10 ms max) ? high reliability ? endurance: 1 million write cycles ? data retention: 100 years ? automotive devices available ? 8-lead jedec pdip, 8-lead jedec soic, 8-l ead ultra thin mini-map (mlp 2x3), and 8- lead tssop packages ? die sales: wafer form, waffle pack and bumped wafers description the at93c86a provides 16384 bits of serial electrically erasable programmable read only memory (eeprom), orga nized as 1024 words of 16 bi ts each when the org pin is connected to v cc and 2048 words of eight bits each when it is tied to ground. the device is optimized for use in many indust rial and commercial ap plications where low- power and low-voltage operations are essentia l. the at93c86a is available in space saving 8-lead pdip, 8-lead jedec soic, 8-lead ultra thin mini-map (mlp 2x3) , and 8- lead tssop packages. table 1. pin configurations pin name function cs chip select sk serial data clock di serial data input do serial data output gnd ground vcc power supply org internal organization nc no connect three-wire serial eeprom 16k (2048 x 8 or 1024 x 16) at93c86a rev. 3408h?seepr?1/07 8-lead pdip 1 2 3 4 8 7 6 5 cs sk di do vcc nc org gnd 8-lead tssop 1 2 3 4 8 7 6 5 cs sk di do vcc nc org gnd 8-lead ultra thin mini-map (mlp 2x3) bottom view 1 2 3 4 8 7 6 5 vcc nc o rg g nd c s s k d i d o 8-lead soic 1 2 3 4 8 7 6 5 cs sk di do vcc nc org gnd
2 at93c86a 3408h?seepr?1/07 the at93c86a is enabled through the chip select pin (cs), and accessed via a three- wire serial interface consisting of data in put (di), data output (do), and shift clock (sk). upon receiving a read instruction at di, the address is decoded and the data is clocked out serially on the dat a output pin do. the write cy cle is completely self-timed and no separate erase cycle is required before write. the writ e cycle is only enabled when the part is in the erase/write enable st ate. when cs is brought ?high? following the initiation of a write cycle, the do pin outputs the ready/busy st atus of the part. the at93c86a is available in a 2.7v to 5.5v version. figure 1. block diagram note: when the org pin is connected to vcc, the x 16 organization is selected. when it is connected to ground, the x 8 organizat ion is selected. if the org pin is left unconn ected and the application does not load the input beyond the capability of the intern al 1 meg ohm pullup, then the x 16 organization is selected. absolute maximum ratings* operating temperature ......................................? 55 c to +125 c *notice: stresses beyond those listed under ?absolute maximum ratings? may cause permanent dam- age to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability storage temperature .........................................? 65 c to +150 c voltage on any pin with respect to ground ........................................ ? 1.0v to +7.0v maximum operating voltage .......................................... 6.25v dc output current........................................................ 5.0 ma address decoder output buffer do o rg di cs sk vcc gnd clock generator mode decode logic data register memory array 2048 x 8 or 1024 x 16
3 at93c86a 3408h?seepr?1/07 note: 1. this parameter is characterized and is not 100% tested. note: 1. v il min and v ih max are reference only and are not tested. table 2. pin capacitance (1) applicable over recommended operating range from t a = 25 c, f = 1.0 mhz, v cc = +5.0v (unless otherwise noted) symbol test conditions max units conditions c out output capacitance (do) 5 pf v out = 0v c in input capacitance (cs, sk, di) 5 pf v in = 0v table 3. dc characteristics applicable over recommended operating range from: t ai = ? 40 c to +85 c, v cc = +1.8v to +5.5v, t ae = ? 40 c to +125 c, v cc = +1.8v to +5.5v (unless otherwise noted) symbol parameter test condition min typ max unit v cc1 supply voltage 1.8 5.5 v v cc2 supply voltage 2.7 5.5 v v cc3 supply voltage 4.5 5.5 v i cc supply current v cc = 5.0v read at 1.0 mhz 0.5 2.0 ma write at 1.0 mhz 0.5 2.0 ma i sb1 standby current v cc = 1.8v cs = 0v 0 0.1 a i sb2 standby current v cc = 2.7v cs = 0v 6.0 10.0 a i sb3 standby current v cc = 5.0v cs = 0v 17 30 a i il input leakage v in = 0v to v cc 0.1 3.0 a i ol output leakage v in = 0v to v cc 0.1 3.0 a v il1 (1) v ih1 (1) input low voltage input high voltage 2.7v v cc 5.5v -- ? 0.6 2.0 0.8 v cc + 1 v v il2 (1) v ih2 (1) input low voltage input high voltage 1.8v v cc 2.7v ? 0.6 v cc x 0.7 v cc x 0.3 v cc + 1 v v ol1 v oh1 output low voltage output high voltage 2.7v v cc 5.5v i ol = 2.1 ma 0.4 v i oh = ?0.4 ma 2.4 v v ol2 v oh2 output low voltage output high voltage 1.8v v cc 2.7v i ol = 0.15 ma 0.2 v i oh = ?100 av cc ? 0.2 v
4 at93c86a 3408h?seepr?1/07 note: 1. this parameter is ensured by characterization. table 4. ac characteristics applicable over recommended operating range from t ai = ? 40c to + 85c, t ae = ? 40 c to +125 c, v cc = as specified, cl = 1 ttl gate and 100 pf (unless otherwise noted) symbol parameter test condition min typ max units f sk sk clock frequency 4.5v v cc 5.5v 2.7v v cc 5.5v 1.8v v cc 5.5v 0 0 0 2 1 0.25 mhz t skh sk high time 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t skl sk low time 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t cs minimum cs low time 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t css cs setup time relative to sk 2.7v v cc 5.5v 1.8v v cc 5.5v 50 200 ns t dis di setup time relative to sk 2.7v v cc 5.5v 1.8v v cc 5.5v 100 400 ns t csh cs hold time relative to sk 0 ns t dih di hold time relative to sk 2.7v v cc 5.5v 1.8v v cc 5.5v 100 400 ns t pd1 output delay to ?1? ac test 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t pd0 output delay to ?0? ac test 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t sv cs to status valid ac test 2.7v v cc 5.5v 1.8v v cc 5.5v 250 1000 ns t df cs to do in high impedance ac test cs = v il 2.7v v cc 5.5v 1.8v v cc 5.5v 150 400 ns t wp write cycle time 1.8v v cc 5.5v 0.1 3 10 ms ms endurance (1) 5.0v, 25c 1m write cycles
5 at93c86a 3408h?seepr?1/07 functional description the at93c86a is accessed via a simple and versatile three-wire serial communication interface. device operation is controlled by seven instructions issued by the host pro- cessor. a valid instruction starts with a rising edge of cs and consists of a start bit (logic ?1?) followed by the appropriate op code and the desired memory address location. read (read): the read (read) instruction contains the address code for the mem- ory location to be read. after the instruction and address are decoded, data from the selected memory location is available at th e serial output pin do. output data changes are synchronized with the rising edges of serial clock sk. it should be noted that a dummy bit (logic ?0?) precedes the 8- or 16-bit data output string. the at93c86a sup- ports sequential read o perations. the device will automa tically increment the internal address pointer and clock out the next memory location as long as cs is held high. in this case, the dummy bit (logic ?0?) will no t be clocked out betw een memory locations, thus allowing for a continuous stream of data to be read. erase/write (ewen): to assure data integrity, the part automatically goes into the erase/write disable (ewds) state when power is first applied. an erase/write enable (ewen) instruction must be executed first before any programming instructions can be carried out. please note that once in the ewen state, programming remains enabled until an ewds instruction is executed or v cc power is removed from the part. erase (erase): the erase (erase) instruction pr ograms all bits in the specified memory location to the logical ?1? state. the self-timed erase cycle starts once the erase instruction and address are decoded. the do pin outputs the ready/busy sta- tus of the part if cs is brought high afte r being kept low for a minimum of 250 ns (t cs ). a logic ?1? at pin do indicates that the selected memory location has been erased, and the part is ready for another instruction. write (write): the write (write) instruction contains the 8 or 16 bits of data to be written into the specified memory loca tion. the self-timed programming cycle t wp starts after the last bit of data is received at se rial data input pin di. the do pin outputs the ready/busy status of the part if cs is brou ght high after being kept low for a minimum of table 5. instruction set for the at93c86a instruction sb op code address data comments x 8 x 16 x 8 x 16 read 1 10 a 10 ? a 0 a 9 ? a 0 reads data stored in memory, at specified address. ewen 1 00 11xxxxxxxxx 11xxxxxxxx write enable must precede all programming modes. erase 1 11 a 10 ? a 0 a 9 ? a 0 erases memory location a n ? a 0 . write 1 01 a 10 ? a 0 a 9 ? a 0 d 7 ? d 0 d 15 ? d 0 writes memory location a n ? a 0 . eral 1 00 10xxxxxxxxx 10xxxxxxxx erases all memory locations. valid only at v cc = 4.5v to 5.5v. wral 1 00 01xxxxxxxxx 01xxxxxxxx d 7 ? d 0 d 15 ? d 0 writes all memory locations. valid when v cc = 4.5v to 5.5v and disable register cleared. ewds 1 00 00xxxxxxxxx 00xxxxxxxx disables all programming instructions.
6 at93c86a 3408h?seepr?1/07 250 ns (t cs ). a logic ?0? at do indicates that prog ramming is still in progress. a logic ?1? indicates that the memory location at the specified address has been written with the data pattern contained in the instruction and th e part is ready for further instructions. a ready/busy status cannot be obtained if the cs is brought high after the end of the self- timed programming cycle t wp . erase all (eral): the erase all (eral) instruction programs every bit in the mem- ory array to the logic ?1? state and is prim arily used for testing purposes. the do pin outputs the ready/busy status of the part if cs is brought high after being kept low for a minimum of 250 ns (t cs ). the eral instruction is valid only at v cc = 5.0v 10%. write all (wral) : the write all (wral) instruction programs all memory locations with the data patterns specified in the instruction. the do pin outputs the ready/busy status of the part if cs is brought high after being kept low for a minimum of 250 ns (t cs ). the wral instruction is valid only at v cc = 5.0v 10%. erase/write disable (ewds): to protect against accide ntal data disturbance, the erase/write disable (ewds) instruction di sables all programming modes and should be executed after all programming operations. the operation of the read instruction is independent of both the ewen and ewds inst ructions and can be executed at any time.
7 at93c86a 3408h?seepr?1/07 timing diagrams figure 2. synchronous data timing note: 1. this is the minimum sk period. figure 3. read timing organization key for timing diagrams i/o at93c86a (16k) x 8 x 16 a n a 10 a 9 d n d 7 d 15
8 at93c86a 3408h?seepr?1/07 figure 4. ewen timing figure 5. ewds timing figure 6. write timing c s 11 ... 00 1 s k di t cs c s t cs s k di 1 0 000 ... sk c s t cs t wp 11 a n d n 0a0d0 ... ... di d o high impedance busy ready
9 at93c86a 3408h?seepr?1/07 figure 7. wral timing (1) note: 1. valid only at v cc = 4.5v to 5.5v. figure 8. erase timing c s s k di d o high impedance busy ready 1 0 0 1 ... d n t cs t wp ... d0 0 s k 1 1 ... 1 c s di a n t cs t sv t df t wp a n-1 a n-2 a0 check status standby ready busy d o high impedance high impedanc e
10 at93c86a 3408h?seepr?1/07 figure 9. eral timing (1) note: 1. valid only at v cc = 4.5v to 5.5v.
11 at93c86a 3408h?seepr?1/07 notes: 1. for 2.7v devices used in a 4.5v to 5.5v range, please re fer to performance values in the ac and dc characteristics tabl es. 2. ?u? designates green package + rohs compliant. 3. ?h? designates green package + rohs compliant, with nipdau lead finish. 4. available in waffle pack and wafer form; order as sl788 for inkless wafer form. bumped die available upon request. please contact serial eeprom marketing. at93c86a ordering information (1) ordering code package operation range at93c86a-10pu-2.7 (2) at93c86a-10pu-1.8 (2) at93c86a-10su-2.7 (2) at93c86a-10su-1.8 (2) at93c86a-10tu-2.7 (2) at93c86a-10tu-1.8 (2) at93c86ay1-10yu-1.8 (2) (not recommended for new design) at93c86ay6-10yh-1.8 (3) 8p3 8p3 8s1 8s1 8a2 8a2 8y1 8y6 lead-free/halogen-free/ industrial temperature ( ? 40 c to 85 c) at93c86a-w1.8-11 (4) die sale industrial temperature ( ? 40 c to 85 c) package type 8p3 8-lead, 0.300" wide, plastic dual inline package (pdip) 8s1 8-lead, 0.150" wide, plastic gull wing small outline (jedec soic) 8a2 8-lead, 0.170" wide, thin shrink small outline package (tssop) 8y1 8-lead, 4.90 mm x 3.00 mm body, dual footprin t, non-leaded, miniature array package (map) 8y6 8-lead, 2.00 mm x 3.00 mm body, 0.50 mm pitch, ultra thin mini-map, dual no lead package (dfn), (mlp 2x3 mm) options ? 2.7 low voltage (2.7v to 5.5v) ? 1.8 low voltage (1.8v to 5.5v)
12 at93c86a 3408h?seepr?1/07 packaging information 8p3 ? pdip 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8p3 , 8-lead, 0.300" wide body, plastic dual in-line package (pdip) 01/09/02 8p3 b d d1 e e1 e l b2 b a2 a 1 n ea c b3 4 plcs top view side view end view common dimensions (unit of measure = inches) symbol min nom max note notes: 1. this drawing is for general information only; refer to jedec drawing ms-001, variation ba for additional information. 2. dimensions a and l are measured with the package seated in jedec seating plane gauge gs-3. 3. d, d1 and e1 dimensions do not include mold flash or protrusions. mold flash or protrusions shall not exceed 0.010 inch. 4. e and ea measured with the leads constrained to be perpendicular to datum. 5. pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include dambar protrusions. dambar protrusions shall not exceed 0.010 (0.25 mm). a 0.210 2 a2 0.115 0.130 0.195 b 0.014 0.018 0.022 5 b2 0.045 0.060 0.070 6 b3 0.030 0.039 0.045 6 c 0.008 0.010 0.014 d 0.355 0.365 0.400 3 d1 0.005 3 e 0.300 0.310 0.325 4 e1 0.240 0.250 0.280 3 e 0.100 bsc ea 0.300 bsc 4 l 0.115 0.130 0.150 2
13 at93c86a 3408h?seepr?1/07 8y6 - mlp 2x3 mm 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y6 , 8-lead 2.0 x 3.0 mm body, 0.50 mm pitch, utlra thin mini-map, dual no lead package (dfn) ,(mlp 2x3) c 8y6 8/26/05 notes: 1. this drawing is for general information only. refer to jedec drawing mo-229, for proper dimensions, tolerances, datums, etc. 2. dimension b applies to metallized terminal and is measured between 0.15 mm and 0.30 mm from the terminal tip. if the terminal has the optional radius on the other end of the terminal, the dimension should not be measured in that radius area. common dimensions (unit of measure = mm) symbol min nom max note d 2.00 bsc e 3.00 bsc d2 1.40 1.50 1.60 e2 - - 1.40 a - - 0.60 a1 0.0 0.02 0.05 a2 - - 0.55 a3 0.20 ref l 0.20 0.30 0.40 e 0.50 bsc b 0.20 0.25 0.30 2 a2 b (8x) pin 1 id pin 1 index area a1 a3 d e a l (8x) e (6x) 1.50 ref. d2 e2
14 at93c86a 3408h?seepr?1/07 8s1 ? jedec soic 1150 e. cheyenne mtn. blvd. colorado springs, co 80906 title drawing no. r rev. note: 10/7/03 8s1 , 8-lead (0.150" wide body), plastic gull wing small outline (jedec soic) 8s1 b common dimensions (unit of measure = mm) symbol min nom max note a1 0.10 ? 0.25 these drawings are for general information only. refer to jedec drawing ms-012, variation aa for proper dimensions, tolerances, datums, etc. a 1.35 ? 1.75 b 0.31 ? 0.51 c 0.17 ? 0.25 d 4.80 ? 5.00 e1 3.81 ? 3.99 e 5.79 ? 6.20 e 1.27 bsc l 0.40 ? 1.27 ? 0 ? 8 ? top view end view side view e b d a a1 n e 1 c e1 l
15 at93c86a 3408h?seepr?1/07 8a2 ? tssop 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 5/30/02 common dimensions (unit of measure = mm) symbol min nom max note d 2.90 3.00 3.10 2, 5 e 6.40 bsc e1 4.30 4.40 4.50 3, 5 a ? ? 1.20 a2 0.80 1.00 1.05 b 0.19 ? 0.30 4 e 0.65 bsc l 0.45 0.60 0.75 l1 1.00 ref 8a2 , 8-lead, 4.4 mm body, plastic thin shrink small outline package (tssop) notes: 1. this drawing is for general information only. refer to jedec drawing mo-153, variation aa, for proper dimensions, tolerances, datums, etc. 2. dimension d does not include mold flash, protrusions or gate burrs. mold flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. dimension e1 does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. dambar cannot be located on the lower radius of the foot. minimum space between protrusion and adjacent lead is 0.07 mm. 5. dimension d and e1 to be determined at datum plane h. 8a2 b side view end view top view a2 a l l1 d 1 2 3 e1 n b pin 1 indicator this corner e e
16 at93c86a 3408h?seepr?1/07 8y1 - map a ? ? 0.90 a1 0.00 ? 0.05 d 4.70 4.90 5.10 e 2.80 3.00 3.20 d1 0.85 1.00 1.15 e1 0.85 1.00 1.15 b 0.25 0.30 0.35 e 0.65 typ l 0.50 0.60 0.70 pin 1 index area d e a a1 b 8 7 6 e 5 l d1 e1 pin 1 index area 1 2 34 a top view end view bottom view side view 2325 orchard parkway san jose, ca 95131 title drawing no. r rev. 8y1, 8-lead (4.90 x 3.00 mm body) msop array package (map) y1 c 8y1 2/28/03 common dimensions (unit of measure = mm) symbol min nom max note
17 at93c86a 3408h?seepr?1/07 revision history doc. rev. date comments 3408h 1/2007 add ?bottom view? to pg 1 ultra thin minimap package drawing pg 4 revise note 1 added ?ensured by characterization? 3408g 7/2006 revision history implemented. deleted ?preliminary? status from datasheet; added ?ultra thin? description to mlp 2x3 package; deleted ?1.8v not available? on figure 1 note; added 1.8v range on table 4 under write cycle time.
printed on recycled paper. 3408h?seepr?1/07 disclaimer: the information in this document is provided in connection with atmel products. no license, expr ess or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of atmel products. except as set forth in atmel?s terms and condi- tions of sale located on atmel?s web site, atmel assumes no li ability whatsoever and disclaims any express, implied or statutor y warranty relating to its products including, but not limited to , the implied warranty of merchantability, fitness for a particu lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, conseq uential, punitive, special or i nciden- tal damages (including, without limitation, dam ages for loss of profits, business inte rruption, or loss of information) arising out of the use or inability to use this document, even if atmel has been advised of the possibility of such damages. atmel makes no representations or warranties with respect to the accuracy or comp leteness of the contents of th is document and reserves the rig ht to make changes to specifications and product descriptions at any time withou t notice. atmel does not make any commitm ent to update the information contained her ein. unless specifically provided otherwise, atmel products are not suitable for, and shall not be used in, automotive applications. atmel?s products are not int ended, authorized, or warranted for use as components in applications intended to support or sustain life. atmel corporation atmel operations 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 487-2600 regional headquarters europe atmel sarl route des arsenaux 41 case postale 80 ch-1705 fribourg switzerland tel: (41) 26-426-5555 fax: (41) 26-426-5500 asia room 1219 chinachem golden plaza 77 mody road tsimshatsui east kowloon hong kong tel: (852) 2721-9778 fax: (852) 2722-1369 japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (81) 3-3523-3551 fax: (81) 3-3523-7581 memory 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 microcontrollers 2325 orchard parkway san jose, ca 95131, usa tel: 1(408) 441-0311 fax: 1(408) 436-4314 la chantrerie bp 70602 44306 nantes cedex 3, france tel: (33) 2-40-18-18-18 fax: (33) 2-40-18-19-60 asic/assp/smart cards zone industrielle 13106 rousset cedex, france tel: (33) 4-42-53-60-00 fax: (33) 4-42-53-60-01 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 scottish enterprise technology park maxwell building east kilbride g75 0qr, scotland tel: (44) 1355-803-000 fax: (44) 1355-242-743 rf/automotive theresienstrasse 2 postfach 3535 74025 heilbronn, germany tel: (49) 71-31-67-0 fax: (49) 71-31-67-2340 1150 east cheyenne mtn. blvd. colorado springs, co 80906, usa tel: 1(719) 576-3300 fax: 1(719) 540-1759 biometrics/imaging/hi-rel mpu/ high speed converters/rf datacom avenue de rochepleine bp 123 38521 saint-egreve cedex, france tel: (33) 4-76-58-30-00 fax: (33) 4-76-58-34-80 literature requests www.atmel.com/literature ? 2007 atmel corporation . all rights reserved. atmel ? , logo and combinations thereof, everywhere you are ? and others, are registered trade- marks or trademarks of atmel corporati on or its subsidiaries. other terms and product names may be trademarks of others.


▲Up To Search▲   

 
Price & Availability of AT93C86AY1-10YU-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X