|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? ! " # " $ % % " # # # "# % & '$ ( ) %* " % )+% &, -, % , ? ? ? ? ? guaranteed output voltage accuracy within 2% ? ? ? ? ? fast transient response ? ? ? ? ? guaranteed dropout voltage at multiple cur- rents ? ? ? ? ? load regulation : 0.6% typ. ? ? ? ? ? line regulation : 0.03% typ. ? ? ? ? ? low dropout voltage : 1.3v typ. at i out =500ma ? ? ? ? ? current limit : 0.8a min. at t j =125 c ? ? ? ? ? on-chip thermal limiting : 150 c typ. ? ? ? ? ? adjustable output : 1.25~7.15v ? ? ? ? ? standard 3-pin sot-89, sot-223,to-92 and to-252 power packages. the apl1087e is a low dropout three-terminal ad- justable regulators with 0.8a output current capability. in order to obtain lower dropout voltage and faster transient response, which is critical for low voltage applications , the apl1087e has been optimized. the device is available in an adjustable version and fixed output voltages of 1.8v, 2.5v and 3.3v, the out- put available voltage range is from 1.25~7.15v with an input supply below 9v. dropout voltage is guaran- teed at a maximum of 1.45v at 0.5a. current limit is trimmed to ensure specified output current and controlled short-circuit current. on-chip thermal limiting provides protection against any com- bination of overload that would create excessive junc- tion temperatures. the apl1087e is available in the industry standard 3-pin sot-89, sot-223,to-92 and to-252 power packages. ? ? ? ? ? voltage regulator for cd-rom drivers ? ? ? ? ? voltage regulator for lan cards ? ? ? ? ? voltage regulator for mother boards ? ? ? ? ? wireless communication systems ? ? ? ? ? portable instrument ? ? ? ? ? portable consumer equipment ? ? ? ? ? low voltage systems v in v out gnd to-92 (top view) sot-89 (front view) v in v out gnd 2 13 123 v in v out gnd to-252 (front view) 123 v in v out gnd sot-223 (front view) ? symbol parameter rating unit v i input voltage 9 v t j operating junction temperature range control section power transistor 0 to 125 0 to 150 c t stg storage temperature range -65 to +150 c t l lead temperature (soldering, 10 second) 260 c ja thermal resistance from junction to ambient in free air sot-89 sot-223 to-92 to-252 180 75 180 62.5 c/w ! " # 7 7 7 7 7 package code d : s o t -8 9 e : t o -9 2 u : t o -2 5 2 v : s o t -2 2 3 tem p. r ange c : 0 to 70 c h andling code tu : tube tr : tape & reel voltage c ode 1 8 : 1 .8 v 2 5 : 2 .5 v 3 3 : 3 .3 v blank : adjustable version lead free c ode l : l e a d f re e d e v ic e b la n k : o rig in a l d e vic e apl1087e- h andling code tem p. r ange package code voltage c ode apl1087e-33u : apl1087e xxxxx - d a te c o d e xxxxx 33 apl1087e-25u : apl1087e xxxxx - d a te c o d e xxxxx 25 apl1087e-18u : apl1087e xxxxx - d a te c o d e xxxxx 18 apl1087e u: apl1087e xxxxx - d a te c o d e xxxxx apl1087e xxxxx xxxxx - date code apl1087e d/v/e : apl1087e xxxxx25 xxxxx - date code apl1087e-25d /v/e : apl1087e xxxxx33 xxxxx - date code apl1087e-33d /v/e : apl1087e xxxxx18 xxxxx - date code apl1087e-18d /v/e : lead free c ode ? apl1087e symbol parameter test conditions min. typ. max. unit v ref reference voltage 10ma i out 0.5a, 3.1v v in 9v, t j =0~125 c 1.225 1.250 1.275 v v out output voltage apl1087e-18 apl1087e-25 apl1087e-33 t j =0~125 c, 0 i out 0.5a, 3.25v v in 9v, t j =0~125 c, 0 i out 0.5a, 3.95v v in 9v, t j =0~125 c, 0 i out 0.5a, 4.75v v in 9v, 1.764 2.450 3.235 1.800 2.500 3.300 1.836 2.550 3.365 v reg line line regulation apl1087e apl1087e-18 apl1087e-25 apl1087e-33 t j =0~125 c i out = 10ma, 3.1v v in 9v, (note1) i out = 0ma, 3.25v v in 9v, (note1) i out = 0a, 3.95v v in 9v, (note 1) i out = 0a, 4.75v v in 9v, (note 1) 0.03 1 1 1 0.2 6 6 6 % mv reg load load regulation apl1087e apl1087e-18 apl1087e-25 apl1087e-33 t j =0~125 c (v in ?v out )=3v, 0 i out 0.5a ,(note 1) v in =3.25v, 0 i out 0.5a ,(note 1) v in =3.95v, 0 i out 0.5a ,(note 1) v in =4.75v, 0 i out 0.5a ,(note 1) 0.4 0.6 % v d dropout voltage i out =0.5a ,t j =0~125 c 1.3 1.45 v i limit current limit (v in -v out )=5v, t j =25 c 800 ma i adj adjust pin current (v in -v out ) =3v, i out =10ma, t j =0~125 c 60 120 a ? i adj adjust pin current change t j = 0~125 c, 10ma i out 0.5a, 1.45v v in -v out 7.55v 0.2 5 a i o minimum load current t j =0~125 c, v in =9v, (note 3) 1.7 ma psrr ripple rejection f ripple =120hz, v ripple =1v p-p, (v in -v out ) =3v, t j =0~125 c 60 75 db t r thermal regulation t j =25 c, 30ms pulse 0.01 0.02 %/ w t s temperature stability 0.5 % l s long -term stability t j =125 c,1000hrs. 0.3 % v n rms output noise t j =25 c,10hz f 10khz, (% of v out ) 0.003 % ot over temperature point 150 c quiescent current apl1087e-18 apl1087e-25 apl1087e-33 t j =0~125 c, v in 9v v in 9v v in 9v 5.5 5.5 5.5 10 10 10 ma $% ? . v in 10 f apl1087e out in adj v out 150 f 10 f c r1 r2 + + 3 $ * needed if device is far from filter capacitors 1.25v to 7.15v adjustable regulator improving ripple rejection r1 r2 r1 1.250v v out + = v in 10 f apl1087e out in adj ttl 121 ? 365 ? 1% 1% + 1k 1k 100 f 5v + 5v regulator with shutdown v in 10 f c 1 v out + r1 r2 apl1087e out in adj + 100 f c 2 121 ? * c 3 improves ripple rejection. x c should be approximately equal to r1 at ripple frequency $% &$'( note 1: see thermal regulation specifications for changes in output voltage due to heating effects. load line regulations are mea- sured at a constant junction temperature by low duty cycle pulse testing. note 2: dropout voltage is specified over the full output current range of the device. dropout voltage is defined as the minimu m input/ output differential measured at the specified output current. test points and limits are also shown on the dropout voltage curv e. note 3: minimum load current is defined as the minimum output current required to maintain regulation. ? - 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 -0.5 0 0.5 1 1.5 2 2.5 3 3.5 -30 -25 -20 -15 -10 -5 0 5 10 )*$% load transient response output current (a) output voltage deviation (mv) time ( s) line transient response input voltage (v) output voltage deviation (mv) time ( s) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 -20 -10 0 10 20 30 40 50 0 1 2 3 4 5 6 7 adjust pin current vs. temperature -50 0 50 100 150 55 56 57 58 59 60 61 62 adjust pin current ( a) current limit vs. temperature -50 0 50 100 150 760 780 800 820 840 860 880 900 920 940 v in= 5v current limit (ma) temperature ( c) temperature( c) v out =1.25v ? / )*$% &$'( dropout voltage vs. temperature i out =500ma -50 -25 0 25 50 75 100 125 150 1 1.05 1.1 1.15 1.2 1.25 1.3 1.35 1.4 1.45 1.5 drpout voltage (v) temperature ( c) 3 3.1 3.2 3.3 3.4 - 50 - 25 0 25 50 75 100 125 output voltage vs. temperature output voltage (v) temperature ( c) reference voltage vs. temperature -50 -25 0 25 50 75 100 125 150 1.22 1.225 1.23 1.235 1.24 1.245 1.25 1.255 reference voltage (v) temperature ( c) 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 2.6 - 50 - 25 0 25 50 75 100 125 output voltage vs. temperature output voltage (v) temperature ( c) ? 0 )*$% &$'( current limit vs. input voltage current limit (ma) input voltage (v) load regulation vs. output current v in =5v 100 200 300 400 500 600 700 800 0 1 2 3 4 5 6 7 8 load regulation(mv) output current (ma) dropout voltage vs. output current 0 200 400 600 800 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 dropout voltage (v) output current (ma) v out =1.25v 0 0.5 1 1.5 2 2.5 3 3.5 0123456789 output voltage vs. input voltage input voltage (v) output voltage (v) 456789 830 840 850 860 870 880 890 900 910 920 930 940 ? & d d1 e b1 e1 b 12 3 l h e c a a a sot-89 (reference eiaj ed-7500a reg stration sc-62) millimeters inches dim min. max. min. max. a 1.40 1.60 0.055 0.063 b 0.40 0.56 0.016 0.022 b1 0.35 0.48 0.014 0.019 c 0.35 0.44 0.014 0.017 d 4.40 4.60 0.173 0.181 d1 1.35 1.83 0.053 0.072 e 1.50 bsc 0.059 bsc e1 3.00 bsc 0.118 bsc e 2.29 2.60 0.090 0.102 h 3.75 4.25 0.148 0.167 l 0.80 1.20 0.031 0.047 10 10 ? 1 sot-223( reference jedec registration sot-223) b1 d h e k e e1 a c l a1 a b b millimeters inches dim min. max. min. max. a 1.50 1.80 0.06 0.07 a1 0.02 0.08 b 0.60 0.80 0.02 0.03 b1 2.90 3.10 0.11 0.12 c 0.28 0.32 0.01 0.01 d 6.30 6.70 0.25 0.26 e 3.30 3.70 0.13 0.15 e 2.3 bsc 0.09 bsc e1 4.6 bsc 0.18 bsc h 6.70 7.30 0.26 0.29 l 0.91 1.10 0.04 0.04 k 1.50 2.00 0.06 0.08 0 10 0 10 13 13 ? b2 l1 q l2 a b l seating plane e1 e j e s d 1 2 3 s millimeters inches dim min. max. min. max. a 4.58 5.33 0.170 0.210 b 0.41 0.53 0.160 0.021 b2 0.41 0.48 0.160 0.019 d 4.96 5.20 0.175 0.205 e 3.94 4.19 0.125 0.165 e 2.42 2.66 0.095 0.105 e1 1.15 1.39 0.045 0.055 j 3.43 0.135 l 12.70 0.500 l1 1.27 0.050 l2 6.35 0.250 q 2.93 0.115 s 2.42 2.66 0.080 0.105 to-92 ? to-252( reference jedec registration to-252) millimeters inches dim min. max. min. max. a 2.18 2.39 0.086 0.094 a1 0.89 1.27 0.035 0.050 b 0.508 0.89 0.020 0.035 b2 5.207 5.461 0.205 0.215 c 0.46 0.58 0.018 0.023 c1 0.46 0.58 0.018 0.023 d 5.334 6.22 0.210 0.245 d1 5.2 ref 0.205 ref e 6.35 6.73 0.250 0.265 e1 5.3 ref 0.209 ref e1 3.96 5.18 0.156 0.204 h 9.398 10.41 0.370 0.410 l 0.51 0.020 l1 0.64 1.02 0.025 0.040 l2 0.89 2.032 0.035 0.080 l2 d l1 b b2 e c1 a h l c a1 e1 d1 e1 ? %*+ t 25 c to peak tp ramp-up t l ramp-down ts preheat tsmax tsmin t l t p 25 temperature time critical zone t l to t p # ,$ (ir/convection or vpr reflow) $# , sn-pb eutectic assembly pb-free assembly profile feature large body small body large body small body average ramp-up rate (t l to t p ) 3 c/second max. 3 c/second max. preheat temperature min (tsmin) temperature mix (tsmax) time (min to max)(ts) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds tsmax to t l - ramp-up rate 3 c/second max tsmax to t l temperature(t l ) time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(tp) 225 +0/-5 c 240 +0/-5 c 245 +0/-5 c 250 +0/-5 c time within 5 c of actual peak temperature(tp) 10-30 seconds 10-30 seconds 10-30 seconds 20-40 seconds ramp-down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note: all temperatures refer to topside of the package. measured on the body surface. terminal material solder-plated copper (solder material : 90/10 or 63/37 snpb), 100%sn lead solderability meets eia specification rsi86-91, ansi/j-std-002 category 3. ? $ ) -# a j b t2 t1 c ao e w po p d1 d f p1 t ko bo # !*) test item method description solderability mil-std-883d-2003 245 c, 5 sec holt mil-std-883d-1005.7 1000 hrs bias @125 c pct jesd-22-b,a102 168 hrs, 100 % rh, 121 c tst mil-std-883d-1011.9 -65 c~150 c, 200 cycles esd mil-std-883d-3015.7 vhbm > 2kv, vmm > 200v latch-up jesd 78 10ms, 1 tr > 100ma ? . application carrier width cover tape width devices per reel sot- 89 12 9.3 1000 sot- 223 12 9.3 2500 to- 252 16 13.3 2500 $. ) $ + . anpec electronics corp. head office : 5f, no. 2 li-hsin road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 7f, no. 137, lane 235, pac chiao rd., hsin tien city, taipei hsien, taiwan, r. o. c. tel : 886-2-89191368 fax : 886-2-89191369 application a b c j t1 t2 w p e 178 1 70 2 13.5 0.15 3 0.15 14 2 1.3 0.3 12 + 0.3 12 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t sot-89 5.5 0.05 1.5 0.1 1.5 0.1 4.0 0.1 2.0 0.1 4.8 0.1 4.5 0.1 1.80 0.1 0.3 0.013 application a b c j t1 t2 w p e 330 162 1.5 2 0.6 12.4 +0.2 2 0.2 12 0.3 8 0.1 f d d1 po p1 ao bo ko t sot-223 5.5 0.05 1.5+ 0.1 1.5+ 0.1 4.0 0.1 2.0 0.05 6.9 0.1 7.5 0.1 2.1 0.1 0.3 0.05 application a b c j t1 t2 w p e 330 3 100 2 13 0. 5 2 0.5 16.4 + 0.3 -0.2 2.5 0.5 16+ 0.3 - 0.1 8 0.1 1.75 0.1 f d d1 po p1 ao bo ko t to-252 7.5 0.1 1.5 +0.1 1.5 0.25 4.0 0.1 2.0 0.1 6.8 0.1 10.4 0.1 2.5 0.1 0.3 0.05 (mm) $ ) -# |
Price & Availability of APL1087E-UC-TUL |