Part Number Hot Search : 
AD9995 AZ78L08R AK4319A ADCMP60 R544P 13000 AUY27 MAX1682
Product Description
Full Text Search
 

To Download 1N4003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4001 - 1n4007 silicon rectifier diodes by133 prv : 50 - 1300 volts io : 1.0 ampere features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * pb / rohs free mechanical data : * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.335 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol 1n40011n40021N40031n40041n40051n40061n4007by133 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 1300 v maximum rms voltage v rms 35 70 140 280 420 560 700 1000 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 1300 v maximum average forward current 0.375"(9.5mm) lead length ta = 75 c maximum peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum forward voltage at i f = 1.0 amp. v f 1.1 v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 50 m a typical reverse recovery time (i f = 0.5 a, i r = 1.0 a, irr = 0.25 a.) typical junction capacitance (note1) c j 15 pf typical thermal resistance (note2) r q ja 26 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c notes : (1) measured at 1.0 mhz and applied reverse voltage of 4.0vdc (2) thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, p.c. board mounted. page 1 of 2 rev. 05 : march 31, 2005 trr 2.0 m s i fsm 30 a rating i f(av) 1.0 a do - 41 dimensions in inches and ( millimeters ) 1.00 (25.4) min. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) min. 0.034 (0.86) 0.028 (0.71) www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet
rating and characteristic curves ( 1n4001 - by133 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 05 : march 31, 2005 0.8 0.6 0.4 0.2 1.0 10 1.0 40 0 50 0 30 20 10 1.0 80 0.1 0.01 10 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s a v e r a g e f o r w a r d o u t p u t c u r r e n t , a m p e r e s f o r w a r d c u r r e n t , a m p e r e s r e v e r s e c u r r e n t , m i c r o a m p e r e s ta = 25 c ta = 100 c t j = 25 c ta = 25 c pulse width = 300 m s 2% duty cycle 0.01 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of 1N4003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X