Part Number Hot Search : 
MBT44 ADVANCED DL4728A C1345 2SK78 2SC3803 AR3510 LU101
Product Description
Full Text Search
 

To Download ST2245P-4000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  telephone: (425) 776 - 1880, fax: (425) 776 - 2760, e - mail: ple - sales@pletronics.com o6 a st2200 series n n true ttl output n n lower emi due to lower ringing noise (overshoot/ undershoot) n n 8 - pin (half size) thru - hole oscillators in metal package n n available in surface mount configuration standard specifications: standard specifications: frequency range 4.000 ? 60.000 mhz ( consult factory for specific available frequencies) frequency stability over operating temperature range 50 ppm is standard, but 25 ppm is also available. operating temperature range 0 - 70 c is standard, but can be extended to - 40 to +85 c. input voltage (vcc) 5 volt 10% symmetry (duty cycle) (see next page for definition.) 40/60 - 60/40% is standard, but 45/55% symmetry at vcc=1.4v is also available. input current (icc) & rise and fall time (tr & tf) between 0.4v and 2.4v depends on frequenc y and output load. see next page. logic ?1? & logic ?0? (see next page.) 2.4v min.; 0.4v max. output load up to 10 ttl loads +15 pf ringing noise depends on frequency and output load. see emi application note. packaging 33 parts per tube, smd: tape and reel tbd part numbering guide: part numbering guide: n n the pletronics part number for an st2200 series oscillator consists of the following 4 elements: 1. overall frequency stability over operating temperature range: st22 45 : 50 ppm; st22 44 : 25 ppm 2. optional alphabet designator for special requirement: st2245: standard specifications; st2245 e : operating temperature range of - 40 to +85 c; st2245 p : 45/55% symmetry at vcc=1.4v; (there are other alphabet designators not listed here.) 3. frequency of operation in mhz 4. option al surface mount configuration ? smd examples: st2245e - 10.000 mhz; st2245p - 10.000 mhz, st2244 - 10.000 mhz - smd n n when customer?s requirements are non - standard, a special engineering part number will be assigned. (continued)
o6b pletronics inc., 19013 36 th ave. w., suite h, lynnwood, wa 98036 - 5761 usa st2200 series input curren t (icc), rise and fall time with 15pf load & jitter frequency range (mhz) icc (ma) tr & tf (ns) period jitter rms values contact factory typical maximum typical maximum typical maximum 4.000 ? 7.999 23.0 28.0 4.0 5.0 8.000 ? 15.999 24.0 28.0 3.0 4.0 16.000 ? 21.999 24.0 28.0 2.5 3.5 22.000 ? 60.000 27.0 32.0 20. 3.0 recommended test circuit with ttl load waveform symmetry 20% logic 0 50% logic 1 80% logic 1 gnd vcc t r t f 50% logic 0 logic 1 (2.4 v min) logic 0 (0.4v max) *cl (capacitive load): includes the input capacitance of osci lloscope . thru - hole package outlines (not to scale): inches (millimeters) 0.200 (5.08) 0.300 1 8 4 5 0.136 (3.45) 0.035 (0.89) 0.354 (8.99) (7.62) octob er 2000 pin connections pin connection 1 4 5 8 no connection ground output vcc smd outline recommended land pattern


▲Up To Search▲   

 
Price & Availability of ST2245P-4000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X