Part Number Hot Search : 
OP265AD 8062M 89C5130A B100NH SHA395C CS4334 MC74VHC1 CFRB205
Product Description
Full Text Search
 

To Download SD-95552-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 0955522887 status: active overview: modular_plugs_jacks description: modular jack, top entry, shielded, 8/8 documents: 3d model product specification ps-95540-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) application specification (pdf) general product family modular jacks/plugs series 95552 component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj45 physical color - resin black durability (mating cycles max) 500 inverted / top latch no lightpipes/leds none material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic orientation vertical (top entry) pcb retention yes packaging type tray plating min: mating (in) 50.8 plating min: mating (m) 1.27 plating min: termination (in) 76 plating min: termination (m) 1.9 ports 1 positions / loaded contacts 8/8 temperature range - operating -40c to +80c termination interface: style through hole wire/cable type n/a electrical current - maximum per contact 1.5a shielded yes voltage - maximum 125v ac solder process data duration at max. process temperature (seconds) 45 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers application specification as-85513-001 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 95552 series mates with fcc 68 plugs
packaging specification pk-95022 product specification ps-95540-002 sales drawing SD-95552-001 this document was generated on 06/07/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of SD-95552-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X