Part Number Hot Search : 
H5200NL DNA100 MMAD1103 CA3240E A3952SW RU75260Q MA4ST408 MS512
Product Description
Full Text Search
 

To Download RT54SX32-CQ256E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march 2001 1 ? 2001 actel corporation v2.0 54sx family fpgas radtolerant and hirel features radtolerant 54sx family ? tested total ionizing dose (tid) survivability level  radiation performance to 100krads (si) (i cc standby parametric)  devices available from tested pedigreed lots  up to 160 mhz on-chip performance  offered as class b and e-flow (actel space level flow)  qml certified devices hirel 54sx family  fastest hirel fpga family available  up to 240 mhz on-chip performance  low cost prototyping vehicle for radtolerant devices  offered as commercial or military temperature tested and class b  cost effective qml mil-temp plastic packaging options  standard hermetic packaging offerings qml certified devices high density devices  16,000 and 32,000 available logic gates  up to 228 user i/os  up to 1,080 dedicated flip-flops easy logic integration  non-volatile, user programmable  highly predictable performance with 100% automatic place and route  100% resource utilization with 100% pin locking  mixed voltage support?3.3v operation with 5.0v input tolerance for low power operation  jtag boundary scan testing in compliance with ieee standard 1149.1  secure programming technology prevents reverse engineering and design theft  permanently programmed for operation on power-up  unique in-system diagnostic and debug facility with silicon explorer  supported by actel?s designer series and desktop series development systems with automatic timing driven place and route  predictable, reliable, and permanent antifuse technology performance sx product profile device rt54sx16 a54sx16 rt54sx32 a54sx32 capacity system gates logic gates 24,000 16,000 24,000 16,000 48,000 32,000 48,000 32,000 logic modules 1,452 1,452 2,880 2,880 register cells 528 528 1,080 1,080 combinatorial cells 924 924 1,800 1,800 user i/os (maximum) 179 180 227 228 jtag yes yes yes yes packages (by pin count) cqfp 208, 256 208, 256 208, 256 208, 256
54sx family fpgas radtolerant and hirel 2v2.0 ordering information product plan speed grade application std ?1* c m b e rt54sx16 devices 208-pin ceramic quad flat pack (cqfp) ?? ???? 256-pin ceramic quad flat pack (cqfp) ?? ???? a54sx16 devices 208-pin ceramic quad flat pack (cqfp) ?? ??? ? 256-pin ceramic quad flat pack (cqfp) ?? ??? ? rt54sx32 devices 208-pin ceramic quad flat pack (cqfp) ?? ???? 256-pin ceramic quad flat pack (cqfp) ?? ???? a54sx32 devices 208-pin ceramic quad flat pack (cqfp) ?? ??? ? 256-pin ceramic quad flat pack (cqfp) ?? ??? ? contact your actel sales representative for product availability. applications: c = commercial availability: ? = available * speed grade: ?1 = approx. 15% faster than standard m= military p = planned b = mil-std-883 ? = not planned e = e-flow (actel space level flow) application (temperature range) blank = commercial (0 to +70 c) m = military ( ? 55 to +125 c) b = mil-std-883 e = e-flow (actel space level flow) package type cq = ceramic quad flat pack speed grade blank = standard speed ? 1 = approximately 15% faster than standard part number a54sx16= 16,000 gates a54sx32= 32,000 gates rt54sx16=16,000 gates ? radtolerant rt54sx32=32,000 gates ? rad tolerant package lead count rt54sx32 ? cq 256 1b ceramic device resources user i/os device cqfp 208-pin cqfp 256-pin rt54sx16 174 179 a54sx16 175 180 rt54sx32 173 227 a54sx32 174 228 package definitions : cqfp = ceramic quad flat pack (contact your actel sales representative for product availability.)
v2.0 3 54sx family fpgas radtolerant and hirel general description actel ? s radtolerant (rt) and hirel versions of the sx family of fpgas offer all of these advantages for applications such as commercial and military satellites, deep space probes, and all types of military and high reliability equipment. the rt and hirel versions are fully pin compatible allowing designs to migrate across different applications that may or may not have radiation requirements. also, the hirel devices can be used as a low cost prototyping tool for rt designs. the programmable architecture of these devices offer high performance, design flexibility, and fast and inexpensive prototyping ? all without the expense of test vectors, nre charges, long lead times, and schedule and cost penalties for design modifications that are required by asic devices. device description the rt54sx16 and a54sx16 devices have 16,000 available gates and up to 179 i/os. the rt54sx32 and a54sx32 have 32,000 available gates and up to 228 i/os. all of these devices support jtag boundary scan testability. all of these devices are available in ceramic quad flat pack (cqfp) packaging, with 208-pin and 256-pin versions. the 256-pin version offers the user the highest i/o capability, while the 208-pin version offers pin compatibility with the commercial plastic quad flat pack (pqfp-208). this compatibility allows the user to prototype using the very low cost plastic package and then switch to the ceramic package for production. for more information on plastic packages, refer to the sx family fpgas data sheet at: http://www.actel.com/docs/datasheets/a54sxds.pdf the a54sx16 and a54sx32 are manufactured using a 0.35 technology at the chartered semiconductor facility in singapore. these devices offer the highest speed performance available in fpgas today. the rt54sx16 and rt54sx32 are manufactured using a 0.6 technology at the matsushita (mec) facility in japan. these devices offer levels of radiation survivability far in excess of typical cmos devices. radiation survivability total dose results are summarized in two ways. first by the maximum total dose level that is reached when the parts fail to meet a device specification but remain functional. for actel fpgas, the parameter that exceeds the specification first is i cc , the standby supply current. second by the maximum total dose that is reached prior to the functional failure of the device. the rt sx devices have varying total dose radiation survivability. the ability of these devices to survive radiation effects is both device and lot dependent. the customer must evaluate and determine the applicability of these devices to their specific design and environmental requirements. actel will provide total dose radiation testing along with the test data on each pedigreed lot that is available for sale. these reports are available on our website or you can contact your local sales representative to receive a copy. a listing of available lots and devices will also be provided. these results are only provided for reference and for customer information. for a radiation performance summary, see radiation performance of actel products at http://www.actel.com/hirel . this summary will also show single event upset (seu) and single event latch-up (sel) testing that has been performed on actel fpgas. qml certification actel has achieved full qml certification, demonstrating that quality management, procedures, processes, and controls are in place and comply with mil-prf-38535, the performance specification used by the department of defense for monolithic integrated circuits. qml certification is a good example of actel's commitment to supplying the highest quality products for all types of high-reliability, military and space applications. many suppliers of microelectronics components have implemented qml as their primary worldwide business system. appropriate use of this system not only helps in the implementation of advanced technologies, but also allows for a quality, reliable and cost-effective logistics support throughout qml products ? life cycles. disclaimer all radiation performance information is provided for information purposes only and is not guaranteed. the total dose effects are lot-dependent, and actel does not guarantee that future devices will continue to exhibit similar radiation characteristics. in addition, actual performance can vary widely due to a variety of factors, including but not limited to, characteristics of the orbit, radiation environment, proximity to satellite exterior, amount of inherent shielding from other sources within the satellite and actual bare die variations. for these reasons, actel does not guarantee any level of radiation survivability, and it is solely the responsibility of the customer to determine whether the device will meet the requirements of the specific design.
54sx family fpgas radtolerant and hirel 4v2.0 sx family architecture the sx family architecture was designed to satisfy next-generation performance and integration requirements for production-volume designs in a broad range of applications. programmable interconnect element actel ? s sx family provides much more efficient use of silicon by locating the routing interconnect resources between the metal 2 (m2) and metal 3 (m3) layers ( figure 1 ). this completely eliminates the channels of routing and interconnect resources between logic modules (as implemented on sram fpgas and previous generations of antifuse fpgas), and enables the entire floor of the device to be spanned with an uninterrupted grid of logic modules. interconnection between these logic modules is achieved using actel ? s patented metal-to-metal programmable antifuse interconnect elements, which are embedded between the m2 and m3 layers. the antifuses are normally open circuit and, when programmed, form a permanent low-impedance connection. the extremely small size of these interconnect elements gives the sx family abundant routing resources and provides excellent protection against design pirating. reverse engineering is virtually impossible, because it is extremely difficult to distinguish between programmed and unprogrammed antifuses, and there is no configuration bitstream to intercept. additionally, the interconnects (i.e., the antifuses and metal tracks) have lower capacitance and lower resistance than any other device of similar capacity, leading to the fastest signal propagation in the industry. logic module design the sx family architecture has been called a ? sea-of-modules ? architecture because the entire floor of the device is covered with a grid of logic modules with virtually no chip area lost to interconnect elements or routing (see figure 2 on page 5 ). actel provides two types of logic modules, the register cell (r-cell) and the combinatorial cell (c-cell). the r-cell contains a flip-flop featuring more control signals than in previous actel architectures, including asynchronous clear, asynchronous preset, and clock enable (using the s0 and s1 lines). the r-cell registers feature programmable clock polarity, selectable on a register-by-register basis ( figure 3 on page 5 ). this provides the designer with additional flexibility while allowing mapping of synthesized functions into the sx fpga. the clock source for the r-cell can be chosen from the hard-wired clock or the routed clock. the c-cell implements a range of combinatorial functions up to 5-inputs ( figure 4 on page 6 ). inclusion of the db input and its associated inverter function dramatically increases the number of combinatorial functions that can be implemented in a single module from 800 options in previous architectures to more than 4,000 in the sx figure 1 ? sx family interconnect elements silicon substrate tungsten plug contact metal 1 metal 2 metal 3 routing tracks amorphous silicon/ dielectric antifuse tungsten plug via
v2.0 5 54sx family fpgas radtolerant and hirel architecture. an example of the improved flexibility enabled by the inversion capability is the ability to integrate a 3-input exclusive-or function into a single c-cell. this facilitates construction of 9-bit parity-tree functions with 2 ns propagation delays. at the same time, the c-cell structure is extremely synthesis-friendly, simplifying the overall design and reducing synthesis time. chip architecture the sx family ? s chip architecture provides a uniqueapproach to module organization and chip routing that delivers the best register/logic mix for a wide variety of new and emerging applications. module organization actel has arranged all c-cell and r-cell logic modules into horizontal banks called clusters . there are two types of clusters: type 1 contains two c-cells and one r-cell, while type 2 contains one c-cell and two r-cells. to increase design efficiency and device performance, actel has further organized these modules into superclusters (see figure 5 on page 6 ). supercluster 1 is a two-wide grouping of type 1 clusters. supercluster 2 is a two-wide group containing one type 1 cluster and one type 2 cluster. sx devices feature more supercluster 1 modules than supercluster 2 modules because designers typically require more combinatorial logic than flip-flops. figure 2  channelled array and sea-of-modules architectures figure 3  r-cell channelled array architecture sea-of-modules architecture direct connect input clka, clkb hclk cks ckp clrb pset y dq routed data input s0 s1
54sx family fpgas radtolerant and hirel 6v2.0 routing resources clusters and superclusters can be connected through the use of two innovative local routing resources called fastconnect and directconnect that enable extremely fast and predictable interconnections of modules within clusters and superclusters (see figure 6 and figure 7 on page 7 ). this routing architecture also dramatically reduces the number of antifuses required to complete a circuit, ensuring the highest possible performance. directconnect is a horizontal routing resource that provides connections from a c-cell to its neighboring r-cell in a given supercluster. directconnect uses a hard-wired signal path requiring no programmable interconnection to achieve its fast signal propagation time of less than 0.1 ns. fastconnect enables horizontal routing between any two logic modules within a given supercluster, and vertical routing with the supercluster immediately below it. only one programmable connection is used in a fastconnect path, delivering maximum pin-to-pin propagation of 0.4 ns. figure 4  c-cell figure 5  cluster organization d0 d1 d2 d3 db a0 b0 a1 b1 sa sb y type 1 supercluster type 2 supercluster cluster 1 cluster 2 cluster 2 cluster 1 r-cell c-cell d0 d1 d2 d3 db a0 b0 a1 b1 sa sb y direct connect input clka, clkb hclk cks ckp clrb pset y dq routed data input s0 s1
v2.0 7 54sx family fpgas radtolerant and hirel in addition to directconnect and fastconnect, the architecture makes use of two globally-oriented routing resources known as segmented routing and high-drive routing. actel ? s segmented routing structure provides a variety of track lengths for extremely fast routing between superclusters. the exact combination of track lengths and antifuses within each path is chosen by the 100% automatic place and route software to minimize signal propagation delays. figure 6  directconnect and fastconnect for type 1 superclusters figure 7  directconnect and fastconnect for type 2 superclusters type 1 superclusters routing segments ? typically 2 antifuses  max. 5 antifuses fastconnect  one antifuse directconnect  no antifuses type 2 superclusters routing segments  typically 2 antifuses  max. 5 antifuses fastconnect  one antifuse directconnect  no antifuses
54sx family fpgas radtolerant and hirel 8v2.0 clock resources actel ? s high-drive routing structure provides three clock networks. the first clock, called hclk, is hardwired from the hclk buffer to the clock select mux in each r-cell. hclk cannot be connected to combinational logic. this provides a fast propagation path for the clock signal, enabling the 5.8 ns clock-to-out (pad-to-pad) performance of the rt54sx devices. the hard-wired clock is tuned to provide clock skew is less than 0.5ns worst case. the remaining two clocks (clka, clkb) are global clocks that can be sourced from external pins or from internal logic signals within the rt54sx device. clka and clkb may be connected to sequential cells or to combinational logic. if clka or clkb is sourced from internal logic signals then the external clock pin cannot be used for any other input and must be tied low or high. figure 8 describes the clock circuit used for the constant load hclk. figure 9 describes the clka and clkb circuit used in rt54sx devices with the exception of rt54sx72s. other architecture features performance the combination of architectural features described above enables rt54sx devices to operate with internal clock frequencies exceeding 160 mhz, enabling very fast execution of complex logic functions. thus, the rt54sx family is an optimal platform upon which to integrate the functionality previously contained in multiple cplds. in addition, designs that previously would have required a gate array to meet performance goals can now be integrated into an rt54sx device with dramatic improvements in cost and time-to-market. using timing-driven place-and-route tools, designers can achieve highly deterministic device performance. with rt54sx devices, designers do not need to use complicated performance-enhancing design techniques such as redundant logic to reduce fanout on critical nets or the instantiation of macros in hdl code to achieve high performance. i/o modules each i/o on an rt54sx device can be configured as an input, an output, a tristate output, or a bidirectional pin. even without the inclusion of dedicated registers, these i/os, in combination with array registers, can achieve clock-to-out (pad-to-pad) timing as fast as 5.8 ns. i/o cells including embedded latches and flip-flops require instantiation in hdl code. this is a design complication not encountered in rt54sx fpgas. fast pad-to-pad timing ensures that the device will have little trouble interfacing with any other device in the system, which in turn enables parallel design of system components and reduces overall design time. power requirements the rt54sx family supports either 3.3v or 5.0v i/o voltage operation and is designed to tolerate 5v inputs in each case ( table 1 ). power consumption is extremely low due to the very short distances signals are required to travel to complete a circuit. power requirements are further reduced due to the small number of antifuses in the path, and because of the low resistance properties of the antifuses. the antifuse architecture does not require active circuitry to hold a charge (as do sram or eprom), making it the lowest-power architecture on the market. figure 8  rt54sx constant load clock pad figure 9  rt54sx clock pads constant load clock network hclkbuf clock network from internal logic clkbuf clkbufi clkint clkinti table 1  supply voltages v cca v cci v ccr maximum input to lerance maximum output drive a54sx16 a54sx32 3.3v 3.3v 5.0v 3.3v 3.3v rtsx16 rtsx32 3.3v 3.3v 5.0v 5.0v 3.3v
v2.0 9 54sx family fpgas radtolerant and hirel boundary scan testing (bst) all rt54sx devices are ieee 1149.1 (jtag) compliant. they offer superior diagnostic and testing capabilities by providing boundary scan testing (bst) and probing capabilities. these functions are controlled through the special test pins in conjunction with the program fuse. the functionality of each pin is described in table 2 . figure 10 is a block diagram of the rt54sx jtag circuitry. configuring diagnostic pins the jtag and probe pins (tdi, tck, tms, tdo, pra, and prb) are placed in the desired mode by selecting the appropriate check boxes in the ? variation ? dialog window. this dialog window is accessible through the design setup wizard under the tools menu in actel ? s designer software. trst pin the trst pin functions as a boundary scan reset pin. the trst pin is an asynchronous, active-low input to initialize or reset the bst circuit. an internal pull-up resistor is automatically enabled on the trst pin. dedicated test mode when the ? reserve jtag ? box is checked in the designer software, the rt54sx is placed in dedicated test mode, which configures the tdi, tck, and tdo pins for bst or in-circuit verification with silicon explorer ii. an internal pull-up resistor is automatically enabled on both the tms and tdi pins. in dedicated test mode, tck, tdi, and tdo are dedicated test pins and become unavailable for pin assignment in the pin editor. the tms pin will function as specified in the ieee 1149.1 (jtag) specification. flexible mode when the ? reserve jtag ? box is not selected (default setting in designer software), the rt54sx is placed in flexible mode, which allows the tdi, tck, and tdo pins to function as user i/os or bst pins. in this mode the internal pull-up resistors on the tms and tdi pins are disabled. an external 10k ? pull-up resistor to vcci is required on the tms pin. the tdi, tck, and tdo pins are transformed from user i/os into bst pins when a rising edge on tck is detected while tms is at logical low. once the bst pins are in test mode they will remain in bst mode until the internal bst state table 2  boundary scan pin functionality program fuse blown (dedicated test mode) program fuse not blown (flexible mode) tck, tdi, tdo are dedicated test pins tck, tdi, tdo are flexible and may be used as i/os no need for pull-up resistor for tms use a pull-up resistor of 10k ? on tms figure 10  rt54sx jtag circuitry instruction register (ir) data registers (drs) clocks and/or controls tap controller output stage 0 1 tdo tdi tms tck trst external hard-wired pin
54sx family fpgas radtolerant and hirel 10 v2.0 machine reaches the ? logic reset ? state. at this point the bst pins will be released and will function as regular i/o pins. the "logic reset ? state is reached 5 tck cycles after the tms pin is set to logical high. the program fuse determines whether the device is in dedicated test or flexible mode. the default (fuse not programmed) is flexible mode. development tool support the rt54sx radtolerant devices are fully supported by actel ? s line of fpga development tools, including the actel desktop series and designer series ? tools. the actel desktop series is an integrated design environment for pcs that includes design entry, simulation, synthesis, and place-and-route tools. designer series is actel ? s suite of fpga development point tools for pcs and workstations that includes the actgen macro builder, designer series with directtime timing driven place-and-route and analysis tools, and device programming software. rt54sx probe circuit control pins the rt54sx radtolerant devices contain internal probing circuitry that provides built-in access to every node in a design, enabling 100-percent real-time observation and analysis of a device's internal logic nodes without design iteration. the probe circuitry is accessed by silicon explorer ii, an easy to use integrated verification and logic analysis tool that can sample data at 100 mhz (asynchronous) or 66 mhz (synchronous). silicon explorer attaches to a pc ? s standard com port, turning the pc into a fully functional 18 channel logic analyzer. silicon explorer allows designers to complete the design verification process at their desks and reduces verification time from several hours per cycle to a few seconds. the silicon explorer ii tool uses the boundary scan ports (tdi, trst, tck, tms, and tdo) to select the desired nets for verification. the selected internal nets are assigned to the pra/prb pins for observation. figure 11 illustrates the interconnection between silicon explorer ii and the fpga to perform in-circuit verification. design considerations for prototyping, the tdi, tck, tdo, pra, and prb pins should not be used as input or bidirectional ports. because these pins are active during probing, critical signals input through these pins are not available while probing. in addition, the security fuse should not be programmed during prototyping because doing so disables the probe circuitry. figure 11  probe setup silicon explorer ii tck tdo tms pra prb serial connection 16 channels rt54sx-s fpga trst
v2.0 11 54sx family fpgas radtolerant and hirel 3.3v/5v operating conditions recommended operating conditions 1 parameter commercial military units temperature range 1 0 to +70 ? 55 to +125 c 3.3v power 2 supply tolerance 10 10 %v cc 5v power supply 2 tolerance 5 10 %v cc notes: 1. ambient temperature (t a ) is used for commercial and industrial; case temperature (t c ) is used for military. 2. all power supplies must be in the recommended operating range for 250s. for more information, please refer to the power-up design considerations application note at http://www.actel.com/appnotes . recommended operating conditions symbol parameter limits units v ccr dc supply voltage ? 0.3 to +6.0 v v cca dc supply voltage ? 0.3 to +4.0 v v cci dc supply voltage ? 0.3 to +4.0 v v i input voltage ? 0.5 to +5.5 v v o output voltage ? 0.5 to +3.6 v i io i/o source sink current 2 ? 30 to +5.0 ma t stg storage temperature ? 40 to +125 c notes: 1. stresses beyond those listed in the absolute maximum ratings table may cause permanent damage to the device. exposure to absolute maximum rated conditions for extended periods may affect device reliability. device should not be operated outside the recommended operating conditions. 2. the i/o source sink numbers refer to tristated inputs and outputs electrical specifications commercial military symbol parameter min. max. min. max. units v oh (i oh = ? 20a) (cmos) (i oh = ? 8ma) (ttl) (i oh = ? 6ma) (ttl) (v cci ? 0.1) 2.4 v cci v cci (v cci ? 0.1) 2.4 v cci v cci v v ol (i ol = 20a) (cmos) (i ol = 12ma) (ttl) (i ol = 8ma) (ttl) 0.10 0.50 0.50 v v il low level inputs 0.8 0.8 v v ih high level inputs 2.0 2.0 v t r , t f input transition time t r , t f 50 50 ns c io c io i/o capacitance 10 10 pf i cc standby current, i cc 4.0 25 ma i cc(d) i cc(d) i dynamic v cc supply current see the ? power dissipation ? section on page 13.
54sx family fpgas radtolerant and hirel 12 v2.0 power-up sequencing rt54sx16, a54sx16, rt54sx32, a54sx32 power-down sequencing rt54sx16, a54sx16, rt54sx32, a54sx32 package thermal characteristics the device junction to case thermal characteristic is jc , and the junction to ambient air characteristic is ja . the thermal characteristics for ja are shown with two different air flow rates. maximum junction temperature is 150 c. a sample calculation of the absolute maximum power dissipation allowed for an rt54sx16 in a cqfp 256-pin package at military temperature and still air is as follows: v cca v ccr v cci power-up sequence comments 3.3v 5.0v 3.3v 5.0v first 3.3v second no possible damage to device. 3.3v first 5.0v second possible damage to device. v cca v ccr v cci power-down sequence comments 3.3v 5.0v 3.3v 5.0v first 3.3v second possible damage to device. 3.3v first 5.0v second no possible damage to device. package type pin count jc ja still air units rt54sx16 ceramic quad flat pack (cqfp) 208 7.5 29 c/w ceramic quad flat pack (cqfp) 256 4.6 23 c/w rt54sx32 ceramic quad flat pack (cqfp) 208 6.9 35 c/w ceramic quad flat pack (cqfp) 256 3.5 20 c/w a54sx16 ceramic quad flat pack (cqfp) 208 7.9 30 c/w ceramic quad flat pack (cqfp) 256 5.6 25 c/w a54sx32 ceramic quad flat pack (cqfp) 208 7.6 30 c/w ceramic quad flat pack (cqfp) 256 4.8 24 c/w absolute maximum power allowed max. junction temp. (c) ? max. ambient temp. (c) ja (c/w) ------------------------------------------------------------------------------------------------------------------------------ 150c ? 125c 23c/w ------------------------------------ 1.09w ===
v2.0 13 54sx family fpgas radtolerant and hirel power dissipation p = [i cc standby + i cc active] * v cca + i ol * v ol * n + i oh *(v cca ? v oh ) * m where: i cc standby is the current flowing when no inputs or outputs are changing. i cc active is the current flowing due to cmos switching. i ol , i oh are ttl sink/source currents. v ol , v oh are ttl level output voltages. n equals the number of outputs driving ttl loads to v ol . m equals the number of outputs driving ttl loads to v oh . accurate values for n and m are difficult to determine because they depend on the design and on the system i/o. the power can be divided into two components: static and active. static power component the power due to standby current is typically a small component of the overall power. standby power is shown below for military, worst case conditions (70 c). active power component power dissipation in cmos devices is usually dominated by the active (dynamic) power dissipation. this component is frequency-dependent, a function of the logic and the external i/o. active power dissipation results from charging internal chip capacitances of the interconnect, unprogrammed antifuses, module inputs, and module outputs, plus external capacitance due to pc board traces and load device inputs. an additional component of the active power dissipation is the totempole current in cmos transistor pairs. the net effect can be associated with an equivalent capacitance that can be combined with frequency and voltage to represent active power dissipation. equivalent capacitance the power dissipated by a cmos circuit can be expressed by equation 1: power (w) = c eq * v cca 2 * f (1) where: equivalent capacitance is calculated by measuring i cc active at a specified frequency and voltage for each circuit component of interest. measurements have been made over a range of frequencies at a fixed value of v cca . equivalent capacitance is frequency-independent so that the results may be used over a wide range of operating conditions. equivalent capacitance values are shown below. c eq values (pf) to calculate the active power dissipated from the complete design, the switching frequency of each part of the logic must be known. equation 2 shows a piece-wise linear summation over all components. power =v cca 2 * [(m * c eqm * f m ) modules + (n * c eqi * f n ) inputs + (p * (c eqo + c l ) * f p ) outputs + 0.5 * (q 1 * c eqcr * f q1 ) routed_clk1 + (r 1 * f q1 ) routed_clk1 + 0.5 * (q 2 * c eqcr * f q2 ) routed_clk2 + (r 2 * f q2 ) routed_clk2 + 0.5 * (s 1 * c eqcd * f s1 ) dedicated_clk ](2) i cc v cc power 20 ma 3.6v 72 mw c eq = equivalent capacitance in pf v cca = power supply in volts (v) f = switching frequency in mhz rt54sx16 a54sx16 rt54sx32 a54sx32 equivalent capacitance (pf) modules c eqm 7.0 3.9 7.0 3.9 input buffers c eqi 2.0 1.0 2.0 1.0 output buffers c eqo 10.0 5.0 10.0 5.0 routed array clock buffer loads c eqcr 0.4 0.2 0.6 0.3 dedicated clock buffer loads c eqcd 0.25 0.15 0.34 0.23 fixed capacitance (pf) routed_clk1 r 1 120 60 210 107 routed_clk2 r 2 120 60 210 107 fixed clock loads clock loads on dedicated array clock s 1 528 528 1,080 1,080
54sx family fpgas radtolerant and hirel 14 v2.0 where: determining average switching frequency to determine the switching frequency for a design, you must have a detailed understanding of the data input values to the circuit. the following guidelines are meant to represent worst-case scenarios so that they can be generally used to predict the upper limits of power dissipation. these guidelines are as follows: m = number of logic modules switching at f m n = number of input buffers switching at f n p = number of output buffers switching at f p q 1 = number of clock loads on the first routed array clock q 2 = number of clock loads on the second routed array clock r 1 = fixed capacitance due to first routed array clock r 2 = fixed capacitance due to second routed array clock s 1 = fixed number of clock loads on the dedicated array clock = (528 for a54sx16) c eqm = equivalent capacitance of logic modules in pf c eqi = equivalent capacitance of input buffers in pf c eqo = equivalent capacitance of output buffers in pf c eqcr = equivalent capacitance of routed array clock in pf c eqcd = equivalent capacitance of dedicated array clock in pf c l = output lead capacitance in pf f m = average logic module switching rate in mhz f n = average input buffer switching rate in mhz f p = average output buffer switching rate in mhz f q1 = average first routed array clock rate in mhz f q2 = average second routed array clock rate in mhz logic modules (m) = 80% of modules inputs switching (n) = # inputs/4 outputs switching (p) = # output/4 first routed array clock loads (q 1 ) = 40% of sequential modules second routed array clock loads (q 2 ) = 40% of sequential modules load capacitance (c l ) = 35 pf average logic module switching rate (f m ) =f/10 average input switching rate (f n )= f/5 average output switching rate (f p )= f/10 average first routed array clock rate (f q1 ) =f/2 average second routed array clock rate (f q2 ) =f/2 average dedicated array clock rate (f s1 ) =f
v2.0 15 54sx family fpgas radtolerant and hirel temperature and voltage derating factors (normalized to worst-case commercial, t j = 70 c, v cca = 3.0v) 54sx timing model* hard-wired clock external set-up = t iny + t ird1 + t sud ? t hckh = 2.2 + 0.7 + 0.8 ? 1.7 = 2.0 ns clock-to-out (pin-to-pin) =t hckh + t rco + t rd1 + t dhl = 1.7 + 0.6 + 0.7 + 2.8 = 5.8 ns routed clock external set-up = t iny + t ird1 + t sud ? t rckh = 2.2 + 0.7 + 0.8 ? 2.4 = 1.3 ns clock-to-out (pin-to-pin) =t rckh + t rco + t rd1 + t dhl = 2.4 + 0.6 + 0.7 + 2.8 = 6.5 ns v cca junction temperature (t j ) ? 40 0 25 70 85 125 3.0 0.78 0.87 0.89 1.00 1.04 1.16 3.3 0.73 0.82 0.83 0.93 0.97 1.08 3.6 0.69 0.77 0.78 0.87 0.92 1.02 *values shown for a54sx16-1 at worst-case commercial conditions. output delays internal delays input delays hard-wired i/o module f hmax = 240 mhz t iny = 2.2 ns t ird2 = 1.2 ns combinatorial cell t pd =0.9 ns register cell i/o module t rd1 = 0.7 ns t dhl = 2.8 ns i/o module routed clock f max = 175 mhz d q d q t dhl = 2.8 ns t enzh = 2.8 ns t rd1 = 0.7 ns t rco = 0.6 ns t sud = 0.8 ns t hd = 0.0 ns t rd4 = 2.2 ns t rd8 = 4.3 ns predicted routing delays t rckh = 2.8 ns (100% load) t rd1 = 0.7 ns register cell t rco = 0.6 ns clock t hckh = 1.3 ns
54sx family fpgas radtolerant and hirel 16 v2.0 output buffer delays ac test loads input buffer delays c-cell delays to ac test loads (shown below) pad d e tribuff in v cc gnd 50% out v ol v oh 1.5v t dlh 50% 1.5v t dhl en v cc gnd 50% out v ol 1.5v t enzl 50% 10% t enlz en v cc gnd 50% out gnd v oh 1.5v t enzh 50% 90% t enhz v cc load 1 (used to measure propagation delay) load 2 (used to measure rising/falling edges) 50 pf to the output under test v cc gnd 50 pf to the output under test r to v cc for t plz /t pzl r to gnd for t phz /t pzh r = 1 k ? pad y inbuf in 3v 0v 1.5v out gnd v cc 50% t iny 1.5v 50% t iny s a b y s, a or b out gnd v cc 50% t pd out gnd gnd v cc 50% 50% 50% v cc 50% 50% t pd t pd t pd
v2.0 17 54sx family fpgas radtolerant and hirel timing characteristics timing characteristics for 54sx devices fall into three categories: family-dependent, device-dependent, and design-dependent. the input and output buffer characteristics are common to all 54sx family members. internal routing delays are device dependent. design dependency means actual delays are not determined until after placement and routing of the user ? s design is complete. delay values may then be determined by using the directtime analyzer utility or performing simulation with post-layout delays. critical nets and typical nets propagation delays are expressed only for typical nets, which are used for initial design performance evaluation. critical net delays can then be applied to the most time-critical paths. critical nets are determined by net property assignment prior to placement and routing. up to 6 percent of the nets in a design may be designated as critical, while 90 percent of the nets in a design are typical. long tracks some nets in the design use long tracks. long tracks are special routing resources that span multiple rows, columns, or modules. long tracks employ three and sometimes five antifuse connections. this increases capacitance and resistance, resulting in longer net delays for macros connected to long tracks. typically up to 6% of nets in a fully utilized device require long tracks. long tracks contribute approximately 4 ns to 8.4 ns delay. this additional delay is represented statistically in higher fanout (fo=24) routing delays in the data sheet specifications section. timing derating 54sx devices are manufactured in a cmos process. therefore, device performance varies according to temperature, voltage, and process variations. minimum timing parameters reflect maximum operating voltage, minimum operating temperature, and best-case processing. maximum timing parameters reflect minimum operating voltage, maximum operating temperature, and worst-case processing. register cell timing characteristics flip-flops (positive edge triggered) d clk clr q d clk q clr t hpwh , t wasyn t hd t sud t hp t hpwl , t rco t clr t rpwl t rpwh preset t preset preset
54sx family fpgas radtolerant and hirel 18 v2.0 a54sx16 timing characteristics (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) c-cell propagation delays 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t pd internal array module 0.9 1.0 ns predicted routing delays 2 t dc fo=1 routing delay, direct connect 0.1 0.1 ns t fc fo=1 routing delay, fast connect 0.6 0.7 ns t rd1 fo=1 routing delay 0.7 0.8 ns t rd2 fo=2 routing delay 1.2 1.4 ns t rd3 fo=3 routing delay 1.7 2.0 ns t rd4 fo=4 routing delay 2.2 2.6 ns t rd8 fo=8 routing delay 4.3 5.0 ns t rd12 fo=12 routing delay 5.6 6.6 ns t rd18 fo=18 routing delay 9.4 11.0 ns t rd24 fo=24 routing delay 12.4 14.6 ns r-cell timing t rco sequential clock-to-q 0.6 0.8 ns t clr asynchronous clear-to-q 0.6 0.8 ns t sud flip-flop data input set-up 0.8 0.9 ns t hd flip-flop data input hold 0.0 0.0 ns t wasyn asynchronous pulse width 2.4 2.9 ns i/o module input propagation delays t inyh input data pad-to-y high 2.2 2.6 ns t inyl input data pad-to-y low 2.2 2.6 ns predicted input routing delays 3 t ird1 fo=1 routing delay 0.7 0.8 ns t ird2 fo=2 routing delay 1.2 1.4 ns t ird3 fo=3 routing delay 1.7 2.0 ns t ird4 fo=4 routing delay 2.2 2.6 ns t ird8 fo=8 routing delay 4.3 5.0 ns t ird12 fo=12 routing delay 5.6 6.6 ns t ird18 fo=18 routing delay 9.4 11.0 ns t ird24 fo=24 routing delay 12.4 14.6 ns notes: 1. for dual-module macros, use t pd + t rd1 + t pdn , t rco + t rd1 + t pdn or t pd1 + t rd1 + t sud , whichever is appropriate. 2. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment. 3. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment.
v2.0 19 54sx family fpgas radtolerant and hirel a54sx16 timing characteristics (continued) (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) i/o module ? ttl output timing 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t dlh data-to-pad low to high 2.8 3.3 ns t dhl data-to-pad high to low 2.8 3.3 ns t enzl enable-to-pad, z to l 2.3 2.8 ns t enzh enable-to-pad, z to h 2.8 3.3 ns t enlz enable-to-pad, l to z 4.5 5.2 ns t enhz enable-to-pad, h to z 2.2 2.6 ns d tlh delta low to high 0.05 0.06 ns/pf d thl delta high to low 0.05 0.08 ns/pf dedicated (hard-wired) array clock network t hckh input low to high (pad to r-cell input) 1.7 2.0 ns t hckl input high to low (pad to r-cell input) 1.9 2.2 ns t hpwh minimum pulse width high 2.1 2.4 ns t hpwl minimum pulse width low 2.1 2.4 ns t hcksw maximum skew 0.4 0.4 ns t hp minimum period 4.2 4.9 ns f hmax maximum frequency 240 205 mhz routed array clock networks t rckh input low to high (light load) (pad to r-cell input) 2.4 2.9 ns t rckl input high to low (light load) (pad to r-cell input) 2.7 3.1 ns t rckh input low to high (50% load) (pad to r-cell input) 2.9 3.3 ns t rckl input high to low (50% load) (pad to r-cell input) 2.9 3.5 ns t rckh input low to high (100% load) (pad to r-cell input) 2.8 3.3 ns t rckl input high to low (100% load) (pad to r-cell input) 2.9 3.5 ns t rpwh min. pulse width high 3.1 3.7 ns t rpwl min. pulse width low 3.1 3.7 ns t rcksw maximum skew (light load) 0.6 0.8 ns t rcksw maximum skew (50% load) 0.8 0.9 ns t rcksw maximum skew (100% load) 0.8 0.9 ns note: 1. delays based on 35 pf loading, except for t enzl and t enzh . for t enzl and t enzh the loading is 5 pf.
54sx family fpgas radtolerant and hirel 20 v2.0 rt54sx16 timing characteristics (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) c-cell propagation delays 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t pd internal array module 1.7 1.8 ns predicted routing delays 2 t dc fo=1 routing delay, direct connect 0.2 0.2 ns t fc fo=1 routing delay, fast connect 1.1 1.3 ns t rd1 fo=1 routing delay 1.3 1.5 ns t rd2 fo=2 routing delay 2.2 2.6 ns t rd3 fo=3 routing delay 3.1 3.6 ns t rd4 fo=4 routing delay 4.0 4.7 ns t rd8 fo=8 routing delay 7.8 9.0 ns t rd12 fo=12 routing delay 10.1 11.9 ns t rd18 fo=18 routing delay 17.0 19.8 ns t rd24 fo=24 routing delay 22.4 26.3 ns r-cell timing t rco sequential clock-to-q 1.5 2.0 ns t clr asynchronous clear-to-q 1.5 2.0 ns t sud flip-flop data input set-up 2.0 2.2 ns t hd flip-flop data input hold 0.0 0.0 ns t wasyn asynchronous pulse width 4.4 5.3 ns i/o module input propagation delays t inyh input data pad-to-y high 4.0 4.7 ns t inyl input data pad-to-y low 4.0 4.7 ns predicted input routing delays 3 t ird1 fo=1 routing delay 1.3 1.5 ns t ird2 fo=2 routing delay 2.2 2.6 ns t ird3 fo=3 routing delay 3.1 3.6 ns t ird4 fo=4 routing delay 4.0 4.7 ns t ird8 fo=8 routing delay 7.8 9.0 ns t ird12 fo=12 routing delay 10.1 11.9 ns t ird18 fo=18 routing delay 17.0 19.8 ns t ird24 fo=24 routing delay 22.4 26.3 ns notes: 1. for dual-module macros, use t pd + t rd1 + t pdn , t rco + t rd1 + t pdn or t pd1 + t rd1 + t sud , whichever is appropriate. 2. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment. 3. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment.
v2.0 21 54sx family fpgas radtolerant and hirel rt54sx16 timing characteristics (continued) (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) i/o module ? ttl output timing 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t dlh data-to-pad low to high 5.1 6.0 ns t dhl data-to-pad high to low 5.1 6.0 ns t enzl enable-to-pad, z to l 4.2 5.1 ns t enzh enable-to-pad, z to h 5.1 6.0 ns t enlz enable-to-pad, l to z 8.1 9.4 ns t enhz enable-to-pad, h to z 4.0 4.7 ns d tlh delta low to high 0.09 0.11 ns/pf d thl delta high to low 0.09 0.15 ns/pf dedicated (hard-wired) array clock network t hckh input low to high (pad to r-cell input) 3.1 3.6 ns t hckl input high to low (pad to r-cell input) 3.5 4.0 ns t hpwh minimum pulse width high 3.8 4.4 ns t hpwl minimum pulse width low 3.8 4.4 ns t hcksw maximum skew 0.8 0.8 ns t hp minimum period 7.6 8.9 ns f hmax maximum frequency 130 110 mhz routed array clock networks t rckh input low to high (light load) (pad to r-cell input) 4.4 5.3 ns t rckl input high to low (light load) (pad to r-cell input) 4.9 5.6 ns t rckh input low to high (50% load) (pad to r-cell input) 5.3 6.0 ns t rckl input high to low (50% load) (pad to r-cell input) 5.3 6.3 ns t rckh input low to high (100% load) (pad to r-cell input) 5.1 6.0 ns t rckl input high to low (100% load) (pad to r-cell input) 5.3 6.3 ns t rpwh min. pulse width high 5.6 6.7 ns t rpwl min. pulse width low 5.6 6.7 ns t rcksw maximum skew (light load) 1.1 1.5 ns t rcksw maximum skew (50% load) 1.5 1.7 ns t rcksw maximum skew (100% load) 1.5 1.7 ns note: 1. delays based on 35 pf loading, except for t enzl and t enzh . for t enzl and t enzh the loading is 5 pf.
54sx family fpgas radtolerant and hirel 22 v2.0 a54sx32 timing characteristics (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) c-cell propagation delays 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t pd internal array module 0.9 1.0 ns predicted routing delays 2 t dc fo=1 routing delay, direct connect 0.1 0.1 ns t fc fo=1 routing delay, fast connect 0.6 0.7 ns t rd1 fo=1 routing delay 0.7 0.8 ns t rd2 fo=2 routing delay 1.2 1.4 ns t rd3 fo=3 routing delay 1.7 2.0 ns t rd4 fo=4 routing delay 2.2 2.6 ns t rd8 fo=8 routing delay 4.3 5.0 ns t rd12 fo=12 routing delay 5.6 6.6 ns t rd18 fo=18 routing delay 9.4 11.0 ns t rd24 fo=24 routing delay 12.4 14.6 ns r-cell timing t rco sequential clock-to-q 0.6 0.8 ns t clr asynchronous clear-to-q 0.6 0.8 ns t sud flip-flop data input set-up 0.8 0.9 ns t hd flip-flop data input hold 0.0 0.0 ns t wasyn asynchronous pulse width 2.4 2.9 ns i/o module input propagation delays t inyh input data pad-to-y high 2.2 2.6 ns t inyl input data pad-to-y low 2.2 2.6 ns predicted input routing delays 3 t ird1 fo=1 routing delay 0.7 0.8 ns t ird2 fo=2 routing delay 1.2 1.4 ns t ird3 fo=3 routing delay 1.7 2.0 ns t ird4 fo=4 routing delay 2.2 2.6 ns t ird8 fo=8 routing delay 4.3 5.0 ns t ird12 fo=12 routing delay 5.6 6.6 ns t ird18 fo=18 routing delay 9.4 11.0 ns t ird24 fo=24 routing delay 12.4 14.6 ns notes: 1. for dual-module macros, use t pd + t rd1 + t pdn , t rco + t rd1 + t pdn or t pd1 + t rd1 + t sud , whichever is appropriate. 2. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment. 3. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment.
v2.0 23 54sx family fpgas radtolerant and hirel a54sx32 timing characteristics (continued) (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) i/o module ? ttl output timing 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t dlh data-to-pad low to high 2.8 3.3 ns t dhl data-to-pad high to low 2.8 3.3 ns t enzl enable-to-pad, z to l 2.3 2.8 ns t enzh enable-to-pad, z to h 2.8 3.3 ns t enlz enable-to-pad, l to z 4.5 5.2 ns t enhz enable-to-pad, h to z 2.2 2.6 ns d tlh delta low to high 0.05 0.06 ns/pf d thl delta high to low 0.05 0.08 ns/pf dedicated (hard-wired) array clock network t hckh input low to high (pad to r-cell input) 1.7 2.0 ns t hckl input high to low (pad to r-cell input) 1.9 2.2 ns t hpwh minimum pulse width high 2.1 2.4 ns t hpwl minimum pulse width low 2.1 2.4 ns t hcksw maximum skew 0.4 0.4 ns t hp minimum period 4.2 4.8 ns f hmax maximum frequency 240 205 mhz routed array clock networks t rckh input low to high (light load) (pad to r-cell input) 2.4 2.9 ns t rckl input high to low (light load) (pad to r-cell input) 2.7 3.1 ns t rckh input low to high (50% load) (pad to r-cell input) 2.9 3.3 ns t rckl input high to low (50% load) (pad to r-cell input) 2.9 3.5 ns t rckh input low to high (100% load) (pad to r-cell input) 2.8 3.3 ns t rckl input high to low (100% load) (pad to r-cell input) 2.9 3.5 ns t rpwh min. pulse width high 3.1 3.7 ns t rpwl min. pulse width low 3.1 3.7 ns t rcksw maximum skew (light load) 0.6 0.8 ns t rcksw maximum skew (50% load) 0.8 0.9 ns t rcksw maximum skew (100% load) 0.8 0.9 ns note: 1. delays based on 35 pf loading, except t enzl and t enzh . for t enzl and t enzh the loading is 5 pf.
54sx family fpgas radtolerant and hirel 24 v2.0 rt54sx32 timing characteristics (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) c-cell propagation delays 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t pd internal array module 1.7 1.8 ns predicted routing delays 2 t dc fo=1 routing delay, direct connect 0.2 0.2 ns t fc fo=1 routing delay, fast connect 1.1 1.3 ns t rd1 fo=1 routing delay 1.3 1.5 ns t rd2 fo=2 routing delay 2.2 2.6 ns t rd3 fo=3 routing delay 3.1 3.6 ns t rd4 fo=4 routing delay 4.0 4.7 ns t rd8 fo=8 routing delay 7.8 9.0 ns t rd12 fo=12 routing delay 10.1 11.9 ns t rd18 fo=18 routing delay 17.0 19.8 ns t rd24 fo=24 routing delay 22.4 26.3 ns r-cell timing t rco sequential clock-to-q 1.5 2.0 ns t clr asynchronous clear-to-q 1.5 2.0 ns t sud flip-flop data input set-up 2.0 2.2 ns t hd flip-flop data input hold 0.0 0.0 ns t wasyn asynchronous pulse width 4.4 5.3 ns i/o module input propagation delays t inyh input data pad-to-y high 4.0 4.7 ns t inyl input data pad-to-y low 4.0 4.7 ns predicted input routing delays 3 t ird1 fo=1 routing delay 1.3 1.5 ns t ird2 fo=2 routing delay 2.2 2.6 ns t ird3 fo=3 routing delay 3.1 3.6 ns t ird4 fo=4 routing delay 4.0 4.7 ns t ird8 fo=8 routing delay 7.8 9.0 ns t ird12 fo=12 routing delay 10.1 11.9 ns t ird18 fo=18 routing delay 17.0 19.8 ns t ird24 fo=24 routing delay 22.4 26.3 ns notes: 1. for dual-module macros, use t pd + t rd1 + t pdn , t rco + t rd1 + t pdn or t pd1 + t rd1 + t sud , whichever is appropriate. 2. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment. 3. routing delays are for typical designs across worst-case operating conditions. these parameters should be used for estimating device performance. post-route timing analysis or simulation is required to determine actual worst-case performance. post-route timing is based on actual routing delay measurements performed on the device prior to shipment.
v2.0 25 54sx family fpgas radtolerant and hirel rt54sx32 timing characteristics (continued) (worst-case military conditions, v ccr = 4.75v, v cca, v cci = 3.0v, t j = 125 c) i/o module ? ttl output timing 1 ?? 1 ? speed ? std ? speed parameter description min. max. min. max. units t dlh data-to-pad low to high 5.1 6.0 ns t dhl data-to-pad high to low 5.1 6.0 ns t enzl enable-to-pad, z to l 4.2 5.1 ns t enzh enable-to-pad, z to h 5.1 6.0 ns t enlz enable-to-pad, l to z 8.1 9.4 ns t enhz enable-to-pad, h to z 4.0 4.7 ns d tlh delta low to high 0.09 0.11 ns/pf d thl delta high to low 0.09 0.15 ns/pf dedicated (hard-wired) array clock network t hckh input low to high (pad to r-cell input) 3.1 3.6 ns t hckl input high to low (pad to r-cell input) 3.5 4.0 ns t hpwh minimum pulse width high 3.8 4.4 ns t hpwl minimum pulse width low 3.8 4.4 ns t hcksw maximum skew 0.8 0.8 ns t hp minimum period 7.6 8.9 ns f hmax maximum frequency 130 110 mhz routed array clock networks t rckh input low to high (light load) (pad to r-cell input) 4.4 5.3 ns t rckl input high to low (light load) (pad to r-cell input) 4.9 5.6 ns t rckh input low to high (50% load) (pad to r-cell input) 5.3 6.0 ns t rckl input high to low (50% load) (pad to r-cell input) 5.3 6.3 ns t rckh input low to high (100% load) (pad to r-cell input) 5.1 6.0 ns t rckl input high to low (100% load) (pad to r-cell input) 5.3 6.3 ns t rpwh min. pulse width high 5.6 6.7 ns t rpwl min. pulse width low 5.6 6.7 ns t rcksw maximum skew (light load) 1.1 1.5 ns t rcksw maximum skew (50% load) 1.5 1.7 ns t rcksw maximum skew (100% load) 1.5 1.7 ns note: 1. delays based on 35 pf loading, except t enzl and t enzh . for t enzl and t enzh the loading is 5 pf.
54sx family fpgas radtolerant and hirel 26 v2.0 pin description clka, clock a and b clkb these pins are clock inputs for clock distribution networks. input levels are compatible with standard ttl or lvttl specifications. the clock input is buffered prior to clocking the r-cells. if not used, this pin must be set low or high on the board. it must not be left floating. gnd ground low supply voltage. hclk dedicated (hard-wired) array clock this pin is the clock input for sequential modules. input levels are compatible with standard ttl or lvttl specifications. this input is directly wired to each r-cell and offers clock speeds independent of the number of r-cells being driven. if not used, this pin must be set low or high on the board. it must not be left floating. i/o input/output the i/o pin functions as an input, output, tristate, or bidirectional buffer. based on certain configurations, input and output levels are compatible with standard ttl or lvttl specifications. unused i/o pins are automatically tristated by the designer series software. nc no connection this pin is not connected to circuitry within the device. these pins can be driven to any voltage or can be left floating with no effect on the operation of the device. pra, i/o, probe a/b prb, i/o the probe pin is used to output data from any user-defined design node within the device. this independent diagnostic pin can be used in conjunction with the other probe pin to allow real-time diagnostic output of any signal path within the device. the probe pin can be used as a user-defined i/o when verification has been completed. the pin ? s probe capabilities can be permanently disabled to protect programmed design confidentiality. tck, i/o test clock (input) test clock input for diagnostic probe and device programming. in flexible mode, tck becomes active when the tms pin is set low (see table 2 on page 9 ). this pin functions as an i/o when the jtag state machine reaches the ? logic reset ? state. tdi, i/o test data input serial input for boundary scan testing and diagnostic probe. in flexible mode, tdi is active when the tms pin is set low (refer to table 2 on page 9 ). this pin functions as an i/o when the boundary scan state machine reaches the ? logic reset ? state. tdo, i/o test data output serial output for boundary scan testing. in flexible mode, tdo is active when the tms pin is set low (refer to table 2 on page 9 ). this pin functions as an i/o when the boundary scan state machine reaches the ? logic reset ? state. tms test mode select the tms pin controls the use of the ieee 1149.1 boundary scan pins (tck, tdi, tdo, trst). in flexible mode when the tms pin is set low, the tck, tdi, and tdo pins are boundary scan pins (refer to table 2 on page 9 ). once the boundary scan pins are in test mode, they will remain in that mode until the internal boundary scan state machine reaches the ? logic reset ? state. at this point, the boundary scan pins will be released and will function as regular i/o pins. the ? logic reset ? state is reached 5 tck cycles after the tms pin is set high. in dedicated test mode, tms functions as specified in the ieee 1149.1 specifications. trst boundary scan reset pin the trst pin functions as an active-low input to asynchronously initialize or reset the boundary scan circuit. the trst pin is equipped with an internal pull-up resistor. v cci supply voltage supply voltage for i/os. see table 1 on page 8 . v cca supply voltage supply voltage for array. see table 1 on page 8 . v ccr supply voltage supply voltage for input tolerance (required for internal biasing). see table 1 on page 8 .
v2.0 27 54sx family fpgas radtolerant and hirel package pin assignments 208-pin cqfp (top view) 208-pin cqfp pin #1 index 208 207 206 205 204 203 202 201 200 164 163 162 161 160 159 158 157 53 54 55 56 57 58 59 60 61 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 149 150 151 152 153 154 155 156 52 51 50 49 48 47 46 45 44 8 7 6 5 4 3 2 1
54sx family fpgas radtolerant and hirel 28 v2.0 208-pin cqfp pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function 1 gnd gnd gnd gnd 53 i/o i/o i/o i/o 2 tdi, i/o tdi, i/o tdi, i/o tdi, i/o 54 i/o i/o i/o i/o 3 i/o i/o i/o i/o 55 i/o i/o i/o i/o 4 i/o i/o i/o i/o 56 i/o i/o i/o i/o 5 i/o i/o i/o i/o 57 i/o i/o i/o i/o 6 i/o i/o i/o i/o 58 i/o i/o i/o i/o 7 i/o i/o i/o i/o 59 i/o i/o i/o i/o 8 i/o i/o i/o i/o 60 v cci v cci v cci v cci 9 i/o i/o i/o i/o 61 i/o i/o i/o i/o 10 i/o i/o i/o i/o 62 i/o i/o i/o i/o 11 tms tms tms tms 63 i/o i/o i/o i/o 12 v cci v cci v cci v cci 64 i/o i/o i/o i/o 13 i/o i/o i/o i/o 65 i/o i/o nc nc 14 i/o i/o i/o i/o 66 i/o i/o i/o i/o 15 i/o i/o i/o i/o 67 i/o i/o i/o i/o 16 i/o i/o i/o i/o 68 i/o i/o i/o i/o 17 i/o i/o i/o i/o 69 i/o i/o i/o i/o 18 i/o i/o i/o i/o 70 i/o i/o i/o i/o 19 i/o i/o i/o i/o 71 i/o i/o i/o i/o 20 i/o i/o i/o i/o 72 i/o i/o i/o i/o 21 i/o i/o i/o i/o 73 i/o i/o i/o i/o 22 i/o i/o i/o i/o 74 i/o i/o i/o i/o 23 i/o i/o i/o i/o 75 i/o i/o i/o i/o 24 i/o i/o i/o i/o 76 prb, i/o prb, i/o prb, i/o prb, i/o 25 v ccr v ccr v ccr v ccr 77 gnd gnd gnd gnd 26 gnd gnd gnd gnd 78 v cca v cca v cca v cca 27 v cca v cca v cca v cca 79 gnd gnd gnd gnd 28 gnd gnd gnd gnd 80 v ccr v ccr v ccr v ccr 29 i/o i/o i/o i/o 81 i/o i/o i/o i/o 30 i/o trst i/o trst 82 hclk hclk hclk hclk 31 i/o i/o i/o i/o 83 i/o i/o i/o i/o 32 i/o i/o i/o i/o 84 i/o i/o i/o i/o 33 i/o i/o i/o i/o 85 i/o i/o i/o i/o 34 i/o i/o i/o i/o 86 i/o i/o i/o i/o 35 i/o i/o i/o i/o 87 i/o i/o i/o i/o 36 i/o i/o i/o i/o 88 i/o i/o i/o i/o 37 i/o i/o i/o i/o 89 i/o i/o i/o i/o 38 i/o i/o i/o i/o 90 i/o i/o i/o i/o 39 i/o i/o i/o i/o 91 i/o i/o i/o i/o 40 v cci v cci v cci v cci 92 i/o i/o i/o i/o 41 v cca v cca v cca v cca 93 i/o i/o i/o i/o 42 i/o i/o i/o i/o 94 i/o i/o i/o i/o 43 i/o i/o i/o i/o 95 i/o i/o i/o i/o 44 i/o i/o i/o i/o 96 i/o i/o i/o i/o 45 i/o i/o i/o i/o 97 i/o i/o i/o i/o 46 i/o i/o i/o i/o 98 v cci v cci v cci v cci 47 i/o i/o i/o i/o 99 i/o i/o i/o i/o 48 i/o i/o i/o i/o 100 i/o i/o i/o i/o 49 i/o i/o i/o i/o 101 i/o i/o i/o i/o 50 i/o i/o i/o i/o 102 i/o i/o i/o i/o 51 i/o i/o i/o i/o 103 tdo, i/o tdo, i/o tdo, i/o tdo, i/o 52 gnd gnd gnd gnd 104 i/o i/o i/o i/o notes: 1. pin 30 in rt54sx16 and rt54sx32-cq208 are trst pins. 2. pin 65 in a54sx32 and rt54sx32-cq208 are no connects.
v2.0 29 54sx family fpgas radtolerant and hirel 105 gnd gnd gnd gnd 157 gnd gnd gnd gnd 106 i/o i/o i/o i/o 158 i/o i/o i/o i/o 107 i/o i/o i/o i/o 159 i/o i/o i/o i/o 108 i/o i/o i/o i/o 160 i/o i/o i/o i/o 109 i/o i/o i/o i/o 161 i/o i/o i/o i/o 110 i/o i/o i/o i/o 162 i/o i/o i/o i/o 111 i/o i/o i/o i/o 163 i/o i/o i/o i/o 112 i/o i/o i/o i/o 164 v cci v cci v cci v cci 113 i/o i/o i/o i/o 165 i/o i/o i/o i/o 114 v cca v cca v cca v cca 166 i/o i/o i/o i/o 115 v cci v cci v cci v cci 167 i/o i/o i/o i/o 116 i/o i/o i/o i/o 168 i/o i/o i/o i/o 117 i/o i/o i/o i/o 169 i/o i/o i/o i/o 118 i/o i/o i/o i/o 170 i/o i/o i/o i/o 119 i/o i/o i/o i/o 171 i/o i/o i/o i/o 120 i/o i/o i/o i/o 172 i/o i/o i/o i/o 121 i/o i/o i/o i/o 173 i/o i/o i/o i/o 122 i/o i/o i/o i/o 174 i/o i/o i/o i/o 123 i/o i/o i/o i/o 175 i/o i/o i/o i/o 124 i/o i/o i/o i/o 176 i/o i/o i/o i/o 125 i/o i/o i/o i/o 177 i/o i/o i/o i/o 126 i/o i/o i/o i/o 178 i/o i/o i/o i/o 127 i/o i/o i/o i/o 179 i/o i/o i/o i/o 128 i/o i/o i/o i/o 180 clka clka clka clka 129 gnd gnd gnd gnd 181 clkb clkb clkb clkb 130 v cca v cca v cca v cca 182 v ccr v ccr v ccr v ccr 131 gnd gnd gnd gnd 183 gnd gnd gnd gnd 132 v ccr v ccr v ccr v ccr 184 v cca v cca v cca v cca 133 i/o i/o i/o i/o 185 gnd gnd gnd gnd 134 i/o i/o i/o i/o 186 pra, i/o pra, i/o pra, i/o pra, i/o 135 i/o i/o i/o i/o 187 i/o i/o i/o i/o 136 i/o i/o i/o i/o 188 i/o i/o i/o i/o 137 i/o i/o i/o i/o 189 i/o i/o i/o i/o 138 i/o i/o i/o i/o 190 i/o i/o i/o i/o 139 i/o i/o i/o i/o 191 i/o i/o i/o i/o 140 i/o i/o i/o i/o 192 i/o i/o i/o i/o 141 i/o i/o i/o i/o 193 i/o i/o i/o i/o 142 i/o i/o i/o i/o 194 i/o i/o i/o i/o 143 i/o i/o i/o i/o 195 i/o i/o i/o i/o 144 i/o i/o i/o i/o 196 i/o i/o i/o i/o 145 v cca v cca v cca v cca 197 i/o i/o i/o i/o 146 gnd gnd gnd gnd 198 i/o i/o i/o i/o 147 i/o i/o i/o i/o 199 i/o i/o i/o i/o 148 v cci v cci v cci v cci 200 i/o i/o i/o i/o 149 i/o i/o i/o i/o 201 v cci v cci v cci v cci 150 i/o i/o i/o i/o 202 i/o i/o i/o i/o 151 i/o i/o i/o i/o 203 i/o i/o i/o i/o 152 i/o i/o i/o i/o 204 i/o i/o i/o i/o 153 i/o i/o i/o i/o 205 i/o i/o i/o i/o 154 i/o i/o i/o i/o 206 i/o i/o i/o i/o 155 i/o i/o i/o i/o 207 i/o i/o i/o i/o 156 i/o i/o i/o i/o 208 tck, i/o tck, i/o tck, i/o tck, i/o 208-pin cqfp (continued) pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function notes: 1. pin 30 in rt54sx16 and rt54sx32-cq208 are trst pins. 2. pin 65 in a54sx32 and rt54sx32-cq208 are no connects.
54sx family fpgas radtolerant and hirel 30 v2.0 package pin assignments (continued) 256-pin cqfp (top view) 256-pin cqfp pin #1 index 256 255 254 253 252 251 250 249 248 200 199 198 197 196 195 194 193 65 66 67 68 69 70 71 72 73 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 185 186 187 188 189 190 191 192 64 63 62 61 60 59 58 57 56 8 7 6 5 4 3 2 1
v2.0 31 54sx family fpgas radtolerant and hirel 256-pin cqfp pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function 1 gnd gnd gnd gnd 53 i/o i/o i/o i/o 2 tdi, i/o tdi, i/o tdi, i/o tdi, i/o 54 nc nc i/o i/o 3 i/o i/o i/o i/o 55 i/o i/o i/o i/o 4 i/o i/o i/o i/o 56 i/o i/o i/o i/o 5 i/o i/o i/o i/o 57 nc nc i/o i/o 6 i/o i/o i/o i/o 58 i/o i/o i/o i/o 7 i/o i/o i/o i/o 59 gnd gnd gnd gnd 8 i/o i/o i/o i/o 60 i/o i/o i/o i/o 9 i/o i/o i/o i/o 61 nc nc i/o i/o 10 i/o i/o i/o i/o 62 i/o i/o i/o i/o 11 tms tms tms tms 63 nc nc i/o i/o 12 nc nc i/o i/o 64 i/o i/o i/o i/o 13 nc nc i/o i/o 65 i/o i/o i/o i/o 14 i/o i/o i/o i/o 66 i/o i/o i/o i/o 15 i/o i/o i/o i/o 67 i/o i/o i/o i/o 16 nc nc i/o i/o 68 nc nc i/o i/o 17 i/o i/o i/o i/o 69 i/o i/o i/o i/o 18 i/o i/o i/o i/o 70 i/o i/o i/o i/o 19 i/o i/o i/o i/o 71 i/o i/o i/o i/o 20 nc nc i/o i/o 72 i/o i/o i/o i/o 21 i/o i/o i/o i/o 73 nc nc i/o i/o 22 i/o i/o i/o i/o 74 i/o i/o i/o i/o 23 i/o i/o i/o i/o 75 i/o i/o i/o i/o 24 i/o i/o i/o i/o 76 i/o i/o i/o i/o 25 i/o i/o i/o i/o 77 nc nc i/o i/o 26 i/o i/o i/o i/o 78 i/o i/o i/o i/o 27 i/o i/o i/o i/o 79 i/o i/o i/o i/o 28 v cci v cci v cci v cci 80 i/o i/o i/o i/o 29 gnd gnd gnd gnd 81 i/o i/o i/o i/o 30 v cca v cca v cca v cca 82 i/o i/o i/o i/o 31 gnd gnd gnd gnd 83 i/o i/o i/o i/o 32 nc nc i/o i/o 84 i/o i/o i/o i/o 33 i/o i/o i/o i/o 85 i/o i/o i/o i/o 34 i/o trst i/o trst 86 i/o i/o i/o i/o 35 i/o i/o i/o i/o 87 i/o i/o i/o i/o 36 nc nc i/o i/o 88 i/o i/o i/o i/o 37 i/o i/o i/o i/o 89 i/o i/o i/o i/o 38 i/o i/o i/o i/o 90 prb, i/o prb, i/o prb, i/o prb, i/o 39 i/o i/o i/o i/o 91 gnd gnd gnd gnd 40 i/o i/o i/o i/o 92 v cci v cci v cci v cci 41 nc nc i/o i/o 93 gnd gnd gnd gnd 42 i/o i/o i/o i/o 94 v cca v cca v cca v cca 43 i/o i/o i/o i/o 95 i/o i/o i/o i/o 44 i/o i/o i/o i/o 96 hclk hclk hclk hclk 45 i/o i/o i/o i/o 97 i/o i/o i/o i/o 46 v cca v cca v cca v cca 98 nc nc i/o i/o 47 i/o i/o i/o i/o 99 i/o i/o i/o i/o 48 nc nc i/o i/o 100 i/o i/o i/o i/o 49 i/o i/o i/o i/o 101 i/o i/o i/o i/o 50 i/o i/o i/o i/o 102 nc nc i/o i/o 51 nc nc i/o i/o 103 i/o i/o i/o i/o 52 i/o i/o i/o i/o 104 i/o i/o i/o i/o note: 1. pin 34 in rt54sx16 and rt54sx32-cq256 are trst pins.
54sx family fpgas radtolerant and hirel 32 v2.0 105 i/o i/o i/o i/o 158 gnd gnd gnd gnd 106 nc nc i/o i/o 159 v ccr v ccr v ccr v ccr 107 i/o i/o i/o i/o 160 gnd gnd gnd gnd 108 i/o i/o i/o i/o 161 v cci v cci v cci v cci 109 i/o i/o i/o i/o 162 i/o i/o i/o i/o 110 gnd gnd gnd gnd 163 i/o i/o i/o i/o 111 i/o i/o i/o i/o 164 i/o i/o i/o i/o 112 i/o i/o i/o i/o 165 i/o i/o i/o i/o 113 i/o i/o i/o i/o 166 i/o i/o i/o i/o 114 nc nc i/o i/o 167 i/o i/o i/o i/o 115 i/o i/o i/o i/o 168 i/o i/o i/o i/o 116 i/o i/o i/o i/o 169 i/o i/o i/o i/o 117 i/o i/o i/o i/o 170 i/o i/o i/o i/o 118 nc nc i/o i/o 171 i/o i/o i/o i/o 119 i/o i/o i/o i/o 172 i/o i/o i/o i/o 120 i/o i/o i/o i/o 173 i/o i/o i/o i/o 121 i/o i/o i/o i/o 174 v cca v cca v cca v cca 122 nc nc i/o i/o 175 gnd gnd gnd gnd 123 i/o i/o i/o i/o 176 gnd gnd gnd gnd 124 i/o i/o i/o i/o 177 i/o i/o i/o i/o 125 nc nc i/o i/o 178 nc nc i/o i/o 126 tdo, i/o tdo, i/o tdo, i/o tdo, i/o 179 i/o i/o i/o i/o 127 nc nc i/o i/o 180 i/o i/o i/o i/o 128 gnd gnd gnd gnd 181 nc nc i/o i/o 129 i/o i/o i/o i/o 182 i/o i/o i/o i/o 130 i/o i/o i/o i/o 183 i/o i/o i/o i/o 131 i/o i/o i/o i/o 184 nc nc i/o i/o 132 i/o i/o i/o i/o 185 i/o i/o i/o i/o 133 i/o i/o i/o i/o 186 i/o i/o i/o i/o 134 i/o i/o i/o i/o 187 nc nc i/o i/o 135 i/o i/o i/o i/o 188 i/o i/o i/o i/o 136 i/o i/o i/o i/o 189 gnd gnd gnd gnd 137 i/o i/o i/o i/o 190 i/o i/o i/o i/o 138 nc nc i/o i/o 191 nc nc i/o i/o 139 nc nc i/o i/o 192 nc nc i/o i/o 140 nc nc i/o i/o 193 i/o i/o i/o i/o 141 v cca v cca v cca v cca 194 i/o i/o i/o i/o 142 i/o i/o i/o i/o 195 nc nc i/o i/o 143 i/o i/o i/o i/o 196 i/o i/o i/o i/o 144 i/o i/o i/o i/o 197 i/o i/o i/o i/o 145 i/o i/o i/o i/o 198 i/o i/o i/o i/o 146 i/o i/o i/o i/o 199 i/o i/o i/o i/o 147 i/o i/o i/o i/o 200 nc nc i/o i/o 148 i/o i/o i/o i/o 201 i/o i/o i/o i/o 149 i/o i/o i/o i/o 202 i/o i/o i/o i/o 150 i/o i/o i/o i/o 203 i/o i/o i/o i/o 151 i/o i/o i/o i/o 204 nc nc i/o i/o 152 i/o i/o i/o i/o 205 i/o i/o i/o i/o 153 i/o i/o i/o i/o 206 i/o i/o i/o i/o 154 i/o i/o i/o i/o 207 i/o i/o i/o i/o 155 nc nc i/o i/o 208 nc nc i/o i/o 156 nc nc i/o i/o 209 i/o i/o i/o i/o 157 nc nc i/o i/o 210 i/o i/o i/o i/o 256-pin cqfp pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function note: 1. pin 34 in rt54sx16 and rt54sx32-cq256 are trst pins.
v2.0 33 54sx family fpgas radtolerant and hirel 211 i/o i/o i/o i/o 234 i/o i/o i/o i/o 212 i/o i/o i/o i/o 235 i/o i/o i/o i/o 213 i/o i/o i/o i/o 236 nc nc i/o i/o 214 i/o i/o i/o i/o 237 i/o i/o i/o i/o 215 i/o i/o i/o i/o 238 i/o i/o i/o i/o 216 i/o i/o i/o i/o 239 nc nc i/o i/o 217 i/o i/o i/o i/o 240 gnd gnd gnd gnd 218 i/o i/o i/o i/o 241 i/o i/o i/o i/o 219 clka clka clka clka 242 i/o i/o i/o i/o 220 clkb clkb clkb clkb 243 nc nc i/o i/o 221 v cci v cci v cci v cci 244 i/o i/o i/o i/o 222 gnd gnd gnd gnd 245 i/o i/o i/o i/o 223 v ccr v ccr v ccr v ccr 246 i/o i/o i/o i/o 224 gnd gnd gnd gnd 247 nc nc i/o i/o 225 pra, i/o pra, i/o pra, i/o pra, i/o 248 i/o i/o i/o i/o 226 i/o i/o i/o i/o 249 i/o i/o i/o i/o 227 nc nc i/o i/o 250 nc nc i/o i/o 228 i/o i/o i/o i/o 251 i/o i/o i/o i/o 229 i/o i/o i/o i/o 252 i/o i/o i/o i/o 230 i/o i/o i/o i/o 253 nc nc i/o i/o 231 i/o i/o i/o i/o 254 i/o i/o i/o i/o 232 nc nc i/o i/o 255 i/o i/o i/o i/o 233 i/o i/o i/o i/o 256 tck, i/o tck, i/o tck, i/o tck, i/o 256-pin cqfp pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function pin number a54sx16 function rt54sx16 function a54sx32 function rt54sx32 function note: 1. pin 34 in rt54sx16 and rt54sx32-cq256 are trst pins.
54sx family fpgas radtolerant and hirel 34 v2.0 list of changes the following table lists critical changes that were made in the current version of the document. data sheet categories in order to provide the latest information to designers, some data sheets are published before data has been fully characterized. these data sheets are marked as ? advanced ? or preliminary ? data sheets. the definition of these categories are as follows: advanced the data sheet contains initial estimated information based on simulation, other products, devices, or speed grades. this information can be used as estimates, but not for production. preliminary the data sheet contains information based on simulation and/or initial characterization. the information is believed to be correct, but changes are possible. unmarked (production) the data sheet contains information that is considered to be final. previous version changes in current version (preliminary v 1.5.1 (web-only)) page preliminary v1.5 power up and down sequencing information was modified: damage to the device is possible when 3.3v is powered up first and when 5.0v is powered down first. 13 the last line of equation 2 was cut off in the previous version. it has been replaced in the existing version. 14 preliminary v1.5.2 the user i/os changed. 1, 2, 3 the following sections are new or were updated: clock resources , performance , i/o modules , power requirements , boundary scan testing (bst) , and configuring diagnostic pins , trst pin , dedicated test mode , and flexible mode , development tool support , rt54sx probe circuit control pins , and design considerations . 8-10 the ? pin description ? on page 26 has been updated. 26 note that the ? package characteristics and mechanical drawings ? section has been eliminated from the data sheet. the mechanical drawings are now contained in a separate document, ? package characteristics and mechanical drawings, ? available on the actel web site.
v2.0 35 54sx family fpgas radtolerant and hirel
actel and the actel logo are registered trademarks of actel corporation. all other trademarks are the property of their owners. http://www.actel.com actel europe ltd. maxfli court, riverside way camberly, surrey gu15 3yl united kingdom tel: +44 (0)1256 305600 fax: +44 (0)1256 355420 actel corporation 955 east arques avenue sunnyvale, california 94086 usa tel: (408) 739-1010 fax: (408) 739-1540 actel asia-pacific exos ebisu bldg. 4f 1-24-14 ebisu shibuya-ku tokyo 150 japan tel: +81 03-3445-7671 fax: +81 03-3445-7668 5172136-8/3.01


▲Up To Search▲   

 
Price & Availability of RT54SX32-CQ256E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X