Part Number Hot Search : 
LX43205 82X52 0AMWG 003930 BU1508AF 2108A FSJ9160D GM1116
Product Description
Full Text Search
 

To Download KTPS10-07514WA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 volgen 10 watt series wall mount type www.volgen.com usa / japan / taiwan / europe / u.k. model o/p voltage o/p current watt ktps10-03320 wa 3.3v2.0a6.60w ktps10-0452 wa 4.5v2.0a9.00w ktps10-05020 wa 5.0v2.0a10.00w ktps10-05026 wa 5.0v2.5a12.50w ktps10-06020 wa 6.0v2.0a12.00w ktps10-07514 wa 7.5v1.4a10.50w ktps10-08413 wa 8.4v1.3a10.92w ktps10-09012 wa 9.0v1.2a10.80w ktps10-12010 wa 12.0v1.0a12.00w ktps10-13508 wa 13.5v0.8a10.80w ktps10-15008 wa 15.0v0.8a12.00w ktps10-18006 wa 18.0v0.66a11.88w ktps10-24005 wa 24.0v0.5a12.00w input voltage 100-240 vac line frequency 50-60hz current 0.31a max. protection internal primary current fuse, inrush limiting ac inlet wa for ul ac pin (side) e2 for eu pin b2 for uk pin output load regulation 5% typical ripple 1~2%v p-p max. for output voltage@ full load transient response 0.5ms for 50% load change typical holdup time 10ms @ full load protection short circuit protection/ over voltage protection/ over current protection dc cord 22awg / 20awg / 18awg ferrite core yes safety approvals for usa- cb / ul / cul / fcc / pse / bsmi / lps for europe- cb / gs / ce / lps for u.k.- cb / ce / lps electrical topology switching flyback dielectric withstand 3000 vac primary - secondary leakage current 0.25ma @ 2 pin ef?ciency meet energy star level v & erp stage 2 emi conduction & radiation compliance to en55022 class b harmonic current compliance to en61000-3-2,3 ems immunity compliance to en61000-4- 2,3,4,5,6,8,11 mtbf 50,000 calculated hours at 25oc, by mil-hdbk-217f environmental operaturing temperature 0 to +40oc storage temperature -20 to +80oc relative humidity operating: 20 to 80% rh storage: 10 to 90% rh cooling natural convection cooling mechanical case dimensions u2 - l 72 x w 34 x h 59 (mm) e2 - l 72 x w 34 x h 80 (mm) b2 - l 72 x w 50 x h 72 (mm) weight u 2 :126g / e 2 :128g / b 2 :130g (reference) features: 100-240vac universal input single output to 10w regulated output with low ripple noise meets safety agency requirements and complies emi/ems, modi?ed and custom designs available 1 year warranty ktps- ?????? wa- ul ac pin / e2- eu pin / b2- uk pin o/p current o/p voltage green mode meet cec, energy star & erp regulations no load power consumption less than 0.3w


▲Up To Search▲   

 
Price & Availability of KTPS10-07514WA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X