Part Number Hot Search : 
122MPD LM7824I MAX171 17801 MOC211M 43000 PS222 RCB2023
Product Description
Full Text Search
 

To Download IRHNJ53Z30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter units i d @ v gs = 12v, t c = 25c continuous drain current 22* i d @ v gs = 12v, t c = 100c continuous drain current 22* i dm pulsed drain current ? 88 p d @ t c = 25c max. power dissipation 75 w linear derating factor 0.6 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 155 mj i ar avalanche current ? 22 a e ar repetitive avalanche energy ? 7.5 mj dv/dt p eak diode recovery dv/dt ? 1.7 v/ns t j operating junction -55 to 150 t stg storage temperature range pckg. mounting surface temp. 300 (for 5s) weight 1.0 (typical) g pre-irradiation international rectifier?s r5 tm technology provides high performance power mosfets for space appli- cations. these devices have been characterized for single event effects (see) with useful performance up to an let of 80 (mev/(mg/cm 2 )). the combination of low r ds(on) and low gate charge reduces the power losses in switching applications such as dc to dc converters and motor control. these devices retain all of the well established advantages of mosfets such as voltage control, fast switching, ease of paral- leling and temperature stability of electrical param- eters. o c a radiation hardened irhnj57z30 power mosfet surface mount (smd-0.5) 07/30/02 www.irf.com 1 30v, n-channel * current is limited by internal wire diameter  technology product summary part number radiation level r ds(on) i d irhnj57z30 100k rads (si) 0.020 ? 22a* IRHNJ53Z30 300k rads (si) 0.020 ? 22a* irhnj54z30 600k rads (si) 0.020 ? 22a* irhnj58z30 1000k rads (si) 0.025 ? 22a* features:  single event effect (see) hardened  ultra low r ds(on)  low total gate charge  proton t olerant  simple drive requirements  ease of paralleling  hermetically sealed  surface mount  ceramic package  light weight for footnotes refer to the last page    smd-0.5 pd - 93751b 4 .com u datasheet
irhnj57z30 pre-irradiation 2 www.irf.com electrical characteristics @ tj = 25c (unless otherwise specified) parameter min typ max units t est conditions bv dss drain-to-source breakdown voltage 30 ? ? v v gs = 0v, i d = 1.0ma ? bv dss / ? t j temperature coefficient of breakdown ? 0.028 ? v/c reference to 25c, i d = 1.0ma voltage r ds(on) static drain-to-source on-state ? ? 0.02 ? v gs = 12v, i d = 22a resistance v gs(th) gate threshold voltage 2.0 ? 4.0 v v ds = v gs , i d = 1.0ma g fs forward transconductance 16 ? ? s ( )v ds > 15v, i ds = 22a ? i dss zero gate voltage drain current ? ? 10 v ds = 24v ,v gs =0v ??25 v ds = 24v, v gs = 0v, t j = 125c i gss gate-to-source leakage forward ? ? 100 v gs = 20v i gss gate-to-source leakage reverse ? ? -100 v gs = -20v q g total gate charge ? ? 65 v gs =12v, i d = 22a q gs gate-to-source charge ? ? 20 nc v ds = 15v q gd gate-to-drain (?miller?) charge ? ? 10 t d (on) turn-on delay time ? ? 25 v dd = 15v, i d = 22a, t r rise time ? ? 100 v gs =12v, r g = 7.5 ? t d (off) turn-off delay time ? ? 35 t f fall time ? ? 30 l s + l d total inductance ? 4.0 ? c iss input capacitance ? 2054 ? v gs = 0v, v ds = 25v c oss output capacitance ? 936 ? p f f = 1.0mhz c rss reverse transfer capacitance ? 33 ? na ? ? nh ns a thermal resistance parameter min typ max units t est conditions r thjc junction-to-case ? ? 1.67 r thj-pcb junction-to-pc board ? 6.9 ?  soldered to a 2? square copper-clad board c/w measured from the center of drain pad to center of source pad note: corresponding spice and saber models are available on the g&s website. for footnotes refer to the last page source-drain diode ratings and characteristics parameter min typ max units t est conditions i s continuous source current (body diode) ? ? 22* i sm pulse source current (body diode) ? ?? 88 v sd diode forward voltage ? ? 1.2 v t j = 25c, i s = 22a, v gs = 0v ? t rr reverse recovery time ? ? 102 ns t j = 25c, i f = 22a, di/dt 100a/ s q rr reverse recovery charge ? ? 193 nc v dd 25v ? t on forward tu rn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a * current is limited by internal wire diameter 4 .com u datasheet
www.irf.com 3 pre-irradiation irhnj57z30 table 1. electrical characteristics @ tj = 25c, post total dose irradiation ?? parameter up to 600k rads(si) 1 1000k rads (si) 2 units test conditions min max min max bv dss drain-to-source breakdown voltage 30 ? 30 ? v v gs = 0v, i d = 1.0ma v gs(th) gate threshold voltage 2.0 4.0 1.5 4.0 v gs = v ds , i d = 1.0ma i gss gate-to-source leakage forward ? 100 ? 100 na v gs = 20v i gss gate-to-source leakage reverse ? -100 ? -100 v gs = -20 v i dss zero gate voltage drain current ? 10 ? 25 a v ds = 24v, v gs =0v r ds(on) static drain-to-source  ? ? 0.024 ? 0.03 ? v gs = 12v, i d =22a on-state resistance (to-3) r ds(on) static drain-to-source  ? ? 0.02 ? 0.025 ? v gs = 12v, i d =22a on-state resistance (smd-.5) international rectifier radiation hardened mosfets are tested to verify their radiation hardness capability. the hardness assurance program at international rectifier is comprised of two radiation environments. every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the t o-3 package. both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison. radiation characteristics 1. part numbers irhnj57z30, IRHNJ53Z30 and irhnj54z30 2. part number irhnj58z30 fig a. single event effect, safe operating area v sd diode forward voltage  ? ? 1.2 ? 1.2 v v gs = 0v, i s = 22a international rectifier radiation hardened mosfets have been characterized in heavy ion environment for single event effects (see). single event effects characterization is illustrated in fig. a and table 2. table 2. single event effect safe operating area for footnotes refer to the last page 0 5 10 15 20 25 30 35 0 -5 -10 -15 -20 vgs vds br i au ion let energy range v ds (v) mev/(mg/cm 2 )) (mev) (m) @v gs =0v @v gs =-5v @v gs =-10v @v gs =-15v @v gs =-20v br 37.9 255 33.5 30 30 30 25 20 i 59.4 290 28.5 25 25 20 15 10 au 80.3 313 26.4 22.5 22.5 15 10 ? 4 .com u datasheet
irhnj57z30 pre-irradiation 4 www.irf.com fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 15 -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on)   v = i = gs d 12v 22a 1 10 100 0.1 1 10 100  20 s pulse width t = 25 c j  top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 5.0v 1 10 100 0.1 1 10 100  20s pulse width t = 150 c j  top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 5.0v 1 10 100 5.0 6.0 7.0 8.0 9.0  v = 15v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d  t = 25 c j  t = 150 c j 25v 4 .com u datasheet
www.irf.com 5 pre-irradiation irhnj57z30 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 0 800 1600 2400 3200 4000 v , drain-to-source volta g e (v) c, capacitance (pf) ds  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d  c iss  c oss  c rss 0 10 20 30 40 50 60 0 5 10 15 20 q , total gate char g e (nc) v , gate-to-source voltage (v) g gs   for test circuit see figure i = d 13 22a  v = 6v ds v = 15v ds v = 24v ds 1 10 100 0.4 0.8 1.2 1.6 v ,source-to-drain volta g e (v) i , reverse drain current (a) sd sd  v = 0 v gs  t = 25 c j  t = 150 c j 1 10 100 v ds , drain-tosource voltage (v) 1 10 100 1000 i d , drain-to-source current (a) tc = 25c tj = 150c single pulse 1ms 1 0ms operation in this area limited by r ds (on) 100s 4 .com u datasheet
irhnj57z30 pre-irradiation 6 www.irf.com fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 0 10 20 30 40 50 t , case temperature ( c) i , drain current (a) c d  limited by package 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. dut y factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectan g ular pulse duration ( sec ) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) v gs 4 .com u datasheet
www.irf.com 7 pre-irradiation irhnj57z30 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 12 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v . 25 50 75 100 125 150 0 80 160 240 320 startin g t , junction temperature ( c) e , single pulse avalanche energy (mj) j as  i d top bottom 9.8a 14a 22a v gs 4 .com u datasheet
irhnj57z30 pre-irradiation 8 www.irf.com ? pulse width 300 s; duty cycle 2% ? total dose irradiation with v gs bias. 12 volt v gs applied and v ds = 0 during irradiation per mil-std-750, method 1019, condition a. ? total dose irradiation with v ds bias. 24 volt v ds applied and v gs = 0 during irradiation per mll-std-750, method 1019, condition a. ? repetitive rating; pulse width limited by maximum junction temperature. ? v dd = 15v, starting t j = 25c, l= 0.64 mh peak i l = 22a, v gs = 12v ? i sd 22a, di/dt 54a/ s, v dd 30v, t j 150c footnotes: case outline and dimensions ? smd-0.5 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 07/02 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of IRHNJ53Z30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X