Part Number Hot Search : 
575L10CF SM4005 100A1 AT24C04 P1500 SMB5938B RH3080MK 5947C
Product Description
Full Text Search
 

To Download IRHNJ53230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter units i d @ v gs = 12v, t c = 25c continuous drain current 13 i d @ v gs = 12v, t c = 100c continuous drain current 8.2 i dm pulsed drain current ? 52 p d @ t c = 25c max. power dissipation 75 w linear derating factor 0.6 w/c v gs gate-to-source voltage 20 v e as single pulse avalanche energy ? 60 mj i ar avalanche current ? 13 a e ar repetitive avalanche energy ? 7.5 mj dv/dt p eak diode recovery dv/dt ? 4.4 v/ns t j operating junction -55 to 150 t stg storage temperature range pckg. mounting surface temp. 300 ( for 5s ) weight 1.0 ( typical ) g pre-irradiation international rectifier?s r5 tm technology provides high performance power mosfets for space appli- cations. these devices have been characterized for single event effects (see) with useful performance up to an let of 80 (mev/(mg/cm 2 )). the combination of low rdson and low gate charge reduces the power losses in switching applications such as dc to dc converters and motor control. these devices retain all of the well established advantages of mosfets such as voltage control, fast switching, ease of paral- leling and temperature stability of electrical param- eters. o c a radiation hardened irhnj57230 power mosfet surface mount (smd-0.5) 07/22/02 www.irf.com 1 200v, n-channel  technology product summary part number radiation level r ds(on) i d irhnj57230 100k rads (si) 0.20 ? 13a IRHNJ53230 300k rads (si) 0.20 ? 13a irhnj54230 600k rads (si) 0.20 ? 13a irhnj58230 1000k rads (si) 0.25 ? 13a features:  single event effect (see) hardened  ultra low r ds(on)  low total gate charge  proton tolerant  simple drive requirements  ease of paralleling  hermetically sealed  surface mount  ceramic package  light weight for footnotes refer to the last page    smd-0.5 pd - 93753a 4 .com u datasheet
irhnj57230 pre-irradiation 2 www.irf.com electrical characteristics @ tj = 25c (unless otherwise specified) parameter min typ max units test conditions bv dss drain-to-source breakdown voltage 200 ? ? v v gs = 0v, i d = 1.0ma ? bv dss / ? t j temperature coefficient of breakdown ? 0.26 ? v/c reference to 25c, i d = 1.0ma voltage r ds(on) static drain-to-source on-state ? ? 0.2 ? v gs = 12v, i d = 8.2a resistance v gs(th) gate threshold voltage 2.0 ? 4.0 v v ds = v gs , i d = 1.0ma g fs forward transconductance 10 ? ? s ( )v ds > 15v, i ds = 8.2a ? i dss zero gate voltage drain current ? ? 10 v ds = 160v ,v gs =0v ??25 v ds = 160v, v gs = 0v, t j = 125c i gss gate-to-source leakage forward ? ? 100 v gs = 20v i gss gate-to-source leakage reverse ? ? -100 v gs = -20v q g total gate charge ? ? 50 v gs =12v, i d = 13a q gs gate-to-source charge ? ? 7.4 nc v ds = 100v q gd gate-to-drain (?miller?) charge ? ? 20 t d (on) turn-on delay time ? ? 25 v dd = 100v, i d = 13a, t r rise time ? ? 100 v gs =12v, r g = 7.5 ? t d (off) turn-off delay time ? ? 35 t f fall time ? ? 30 l s + l d total inductance ? 4.0 ? c iss input capacitance ? 1043 ? v gs = 0v, v ds = 25v c oss output capacitance ? 190 ? p f f = 1.0mhz c rss reverse transfer capacitance ? 20 ? na ? ? nh ns a thermal resistance parameter min typ max units test conditions r thjc junction-to-case ? ? 1.67 r thj-pcb junction-to-pc board ? 6.9 ?  soldered to a 2? square copper-clad board c/w measured from the center of drain pad to center of source pad note: corresponding spice and saber models are available on the g&s website. for footnotes refer to the last page source-drain diode ratings and characteristics parameter min typ max units test conditions i s continuous source current (body diode) ? ? 13 i sm pulse source current (body diode) ? ?? 52 v sd diode forward voltage ? ? 1.2 v t j = 25c, i s = 13a, v gs = 0v ? t rr reverse recovery time ? ? 343 ns t j = 25c, i f = 13a, di/dt 100a/ s q rr reverse recovery charge ? ? 2.25 cv dd 25v ? t on forward turn-on time intrinsic turn-on time is negligible. turn-on speed is substantially controlled by l s + l d . a 4 .com u datasheet
www.irf.com 3 pre-irradiation irhnj57230 table 1. electrical characteristics @ tj = 25c, post total dose irradiation ?? parameter up to 600k rads(si) 1 1000k rads (si) 2 units test conditions min max min max bv dss drain-to-source breakdown voltage 200 ? 200 ? v v gs = 0v, i d = 1.0ma v gs(th) gate threshold voltage 2.0 4.0 1.5 4.0 v gs = v ds , i d = 1.0ma i gss gate-to-source leakage forward ? 100 ? 100 na v gs = 20v i gss gate-to-source leakage reverse ? -100 ? -100 v gs = -20 v i dss zero gate voltage drain current ? 10 ? 25 a v ds =160v, v gs =0v r ds(on) static drain-to-source  ? ? 0.204 ? 0.255 ? v gs = 12v, i d = 8.2a on-state resistance (to-3) r ds(on) static drain-to-source  ? ? 0.2 ? 0.25 ? v gs = 12v, i d = 8.2a on-state resistance (smd-.5) international rectifier radiation hardened mosfets are tested to verify their radiation hardness capability. the hardness assurance program at international rectifier is comprised of two radiation environments. every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the to-3 package. both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison. radiation characteristics 1. part numbers irhnj57230, IRHNJ53230 and irhnj54230 2. part number irhnj58230 fig a. single event effect, safe operating area v sd diode forward voltage  ? ? 1.2 ? 1.2 v v gs = 0v, i s = 13a international rectifier radiation hardened mosfets have been characterized in heavy ion environment for single event effects (see). single event effects characterization is illustrated in fig. a and table 2. for footnotes refer to the last page 0 50 100 150 200 250 0 -5 -10 -15 -20 vgs vds br i au table 2. single event effect safe operating area ion let energy range v ds (v) mev/(mg/cm 2 )) (mev) (m) @v gs =0v @v gs =-5v @v gs =-10v @v gs =-15v @v gs =-20v br 36.7 309 39.5 200 200 150 150 50 i 59.4 341 32.5 200 200 40 35 30 au 82.3 350 28.4 50 35 25 ? ? 4 .com u datasheet
irhnj57230 pre-irradiation 4 www.irf.com fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 15 0.1 1 10 100 0.1 1 10 100  20s pulse width t = 25 c j  top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 5.0v 0.1 1 10 100 0.1 1 10 100  20s pulse width t = 150 c j  top bottom vgs 15v 12v 10v 9.0v 8.0v 7.0v 6.0v 5.0v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 5.0v 1 10 100 5.0 6.0 7.0 8.0 9.0 10.0  v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d  t = 25 c j  t = 150 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on)   v = i = gs d 12v 13a 4 .com u datasheet
www.irf.com 5 pre-irradiation irhnj57230 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 1 10 100 0 400 800 1200 1600 2000 v , drain-to-source voltage (v) c, capacitance (pf) ds  v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd  c iss  c oss  c rss 0 10 20 30 40 50 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs   for test circuit see figure i = d 13 13a  v = 40v ds v = 100v ds v = 160v ds 0.1 1 10 100 0.4 0.6 0.8 1.0 1.2 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd  v = 0 v gs  t = 25 c j  t = 150 c j 0.1 1 10 100 1000 1 10 100 1000  operation in this area limited by r ds(on)  single pulse t t = 150 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d  10us  100us  1ms  10ms 4 .com u datasheet
irhnj57230 pre-irradiation 6 www.irf.com fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. + - v dd fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature 25 50 75 100 125 150 0 3 6 9 12 15 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1  notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c  p t t dm 1 2 t , rectan g ular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50  single pulse (thermal response) v gs 4 .com u datasheet
www.irf.com 7 pre-irradiation irhnj57230 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 12 v fig 13b. gate charge test circuit fig 13a. basic gate charge waveform fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 0 20 40 60 80 100 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as  i d top bottom 5.8a 8.2a 13a . v gs 4 .com u datasheet
irhnj57230 pre-irradiation 8 www.irf.com ? pulse width 300 s; duty cycle 2% ? total dose irradiation with v gs bias. 12 volt v gs applied and v ds = 0 during irradiation per mil-std-750, method 1019, condition a. ? total dose irradiation with v ds bias. 160 volt v ds applied and v gs = 0 during irradiation per mll-std-750, method 1019, condition a. ? repetitive rating; pulse width limited by maximum junction temperature. ? v dd = 50v, starting t j = 25c, l= 0.67 mh peak i l = 13a, v gs = 12v ? i sd 13a, di/dt 274a/ s, v dd 200v, t j 150c footnotes: case outline and dimensions ? smd-0.5 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. 07/02 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of IRHNJ53230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X