Part Number Hot Search : 
0J475 9S12P128 STK423 STK423 PTPM749A PIC16C STM8L151 0J475
Product Description
Full Text Search
 

To Download DL-5525-1490-FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway dl-5500-1490 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2002 v1.0 1490 nm dfb laser diode modules dl-5500-1490 series uncooled mqw dfb ld with receptacle ******************************************************************************************************************************************************* features 2 1490 nm uncooled laser diode with mqw structure 2 high reliability, long operation life 2 single frequency operation with high smsr 2 0 to 70 o c operation without active cooling 2 build-in ingaas monitor application trunk line, fitl description dl-5500-1490 series are designed for coupling a single mode optical fiber with 1490 nm mqw dfb uncooled laser diode. dl-5500-1490 series are the best kits as light sources for telecom and datacom applications. electrical and optical characteristics (t c =25 c) symbol parameter test conditions min. typ. max. unit i th threshold current cw 10 15 ma v op operating voltage cw, i f =ith+20ma 1.2 1.5 v p f optical output power part no:dl-552x-1490 dl-553x-1490 cw, i f =ith+20ma 1.0 2.0 - - - - - mw c center wavelength cw, i th +20ma 1483 1490 1495 nm smsr side mode suppression ratio cw, i th +20ma 30 35 db t r , t f rise and fall times i f =i th , i th +20ma,20~80% 0.226 ns p f / p f tracking error apc, 0~+70 o c - - 1.5 db i m pd monitor current cw, i th +20ma,v rd =1v 100 a i d pd dark current v rd =5v 0.1 a c t pd capacitance v rd =5v, f=1mhz 10 15 pf absolute maximum ratings (t c =25 o c) symbol parameter ratings unit p o optical output power (552x/553x) 1.5 / 3 mw v rl ld reverse voltage 2 v v rd pd reverse voltage 10 v i fd pd forward current 1.0 ma t opr operating temperature 0 to 70 o c t stg storage temperature -40~+85 o c
optoway dl-5500-1490 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2002 v1.0 mechanical dimension (mm) and pin assignment note: specifications subject to change without notice. order information part no.: d l - 5 5 - 1 4 9 0 - code pout (mw) code connector type code isolator 2 1 f fc/pc blank no 3 2 fb fc/pc (board mount) s single-stage t st/pc code pin assignment s sc/pc 0 type a sb sc/pc (board mount) 5 type b 8 type c code speed blank 1.25 gbps s 2.5 gbps


▲Up To Search▲   

 
Price & Availability of DL-5525-1490-FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X