Part Number Hot Search : 
B1000 00121 4078BE H43XX A57HR 02800 2V473J0L 22664
Product Description
Full Text Search
 

To Download AM29LV104BB-90JCB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advance information this document contains information on a product under development at advanced micro devices. the information is intended to help you evaluate this product. amd reserves the right to change or discontinue work on this proposed product without notice. publication# 21353 rev: a amendment/ +1 issue date: february1998 refer to amds website (www.amd.com) for the latest information. am29lv104b 4 megabit (512 k x 8-bit) cmos 3.0 volt-only, boot sector 32-pin flash memory distinctive characteristics n single power supply operation full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors n manufactured on 0.35 m process technology n high performance full voltage range: access times as fast as 70 ns regulated voltage range: access times as fast as 55 ns n ultra low power consumption automatic sleep mode: 1 a (typical values at 5mhz) standby mode: 1 a read mode: 7 ma program/erase mode: 15 ma n flexible sector architecture one 16 kbyte, two 8 kbyte, one 32 kbyte, and seven 64 kbyte sectors any combination of sectors can be erased; supports full chip erase sector protection features: hardware method of locking a sector to prevent any program or erase operations within that sector sectors can be locked via programming equipment n unlock bypass program command reduces overall programming time when issuing multiple program command sequences n embedded algorithms embedded erase algorithms automatically preprogram and erase the entire chip or any combination of designated sectors embedded program algorithms automatically writes and verifies data at specified addresses n minimum 1,000,000 write/erase cycles guaranteed n package option 32-pin plcc 32-pin tsop n compatibility with jedec standards pinout and software compatible with single- power supply flash superior inadvertent write protection n data# polling and toggle bits provides a software method of detecting program or erase cycle completion n erase suspend/resume supports reading data from or programming data to a sector not being erased
2 am29lv104b advance information general description the am29lv104b is a single power supply, 4 mbit, 3.0 volt-only flash memory device organized as 524,288 bytes. the data appears on dq0-dq7. the device is available in 32-pin plcc and 32-pin tsop packages. all read, erase, and program operations are accom- plished using only a single power supply. the device can also be programmed in standard eprom pro- grammers. the device offers access times of 55, 70, 90, and 120 ns allowing high speed microprocessors to operate without wait states. to eliminate bus contention, the device has separate control pinschip enable (ce#), write enable (we#), and output enable (oe#)to control normal read and write operations. the device requires only a single power supply (2.7 vC3.6v) for both read and write functions. internally generated and regulated voltages are provided for the program and erase operations. the device is entirely command set compatible with the jedec single-power-supply flash standard . com- mands are written to the command register using standard microprocessor write timings. register con- tents serve as input to an internal state-machine that controls the erase and programming circuitry. write cycles also internally latch addresses and data needed for the programming and erase operations. reading data out of the device is similar to reading from other flash or eprom devices. device programming occurs by executing the program command sequence. this initiates the embedded program algorithman internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. the unlock bypass mode facili- tates faster programming times by requiring only two write cycles to program data instead of four. device erasure occurs by executing the erase com- mand sequence. this initiates the embedded erase algorithman internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. during erase, the device automatically times the erase pulse widths and verifies proper cell margin. the host system can detect whether a program or erase operation is complete by reading the dq7 (data# polling) and dq6 (toggle) status bits . after a program or erase cycle has been completed, the device is ready to read array data or accept another command. the sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. the device is fully erased when shipped from the factory. hardware data protection measures include a low v cc detector that automatically inhibits write opera- tions during power transitions. the hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. this is achieved via programming equipment. the erase suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. true background erase can thus be achieved. the device offers two power-saving features. when ad- dresses have been stable for a specified amount of time, the device enters the automatic sleep mode . the system can also place the device into the standby mode . power consumption is greatly reduced in both these modes. amds flash technology combines years of flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. the device electrically erases all bits within a sector simultaneously via fowler-nordheim tun- neling. the data is programmed using hot electron injection.
am29lv104b 3 advance information product selector guide note: see ac characteristics for full specifications. block diagram family part number am29lv104b speed options regulated voltage range: v cc =3.0C3.6 v -55r full voltage range: v cc = 2.7C3.6 v -70 -90 -120 max access time, ns (t acc ) 55 70 90 120 max ce# access time, ns (t ce ) 55 70 90 120 max oe# access time, ns (t oe ) 30 30 30 35 input/output buffers x-decoder y-decoder chip enable output enable logic erase voltage generator pgm voltage generator timer v cc detector state control command register v cc v ss we# ce# oe# stb stb dq0 C dq7 sector switches data latch y-gating cell matrix address latch a0Ca18
4 am29lv104b advance information connection diagrams dq6 a18 dq5 dq4 dq3 13130 2 3 4 5 6 7 8 9 10 11 12 13 17 18 19 20 16 15 14 29 28 27 26 25 24 23 22 21 32 a7 a6 a5 a4 a3 a2 a1 a0 dq0 a14 a13 a8 a9 a11 oe# a10 ce# dq7 a12 a15 a16 v cc we# a17 dq1 dq2 v ss 21353a-2 32-pin plcc
am29lv104b 5 advance information connection diagrams 1 16 2 3 4 5 6 7 8 9 10 11 12 13 14 15 a11 a4 a9 a8 a13 a14 a17 we# v cc a18 a16 a15 a12 a7 a6 a5 32 17 31 30 29 28 27 26 25 24 23 22 21 20 19 18 oe# a3 a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 32-pin standard tsop 21353a-3 32-pin reverse tsop 1 16 2 3 4 5 6 7 8 9 10 11 12 13 14 15 32 17 31 30 29 28 27 26 25 24 23 22 21 20 19 18 a11 a9 a8 a13 a14 a17 we# v cc a18 a16 a15 a12 a7 a6 a5 a4 oe# a10 ce# dq7 dq6 dq5 dq4 dq3 v ss dq2 dq1 dq0 a0 a1 a2 a3
6 am29lv104b advance information pin configuration a0Ca18 = 19 address inputs dq0Cdq7 = 8 data inputs/outputs ce# = chip enable oe# = output enable we# = write enable v cc = 3.0 volt-only single power supply (see product selector guide for speed options and voltage supply tolerances) v ss = device ground logic symbol 19 8 dq0Cdq7 a0Ca18 ce# oe# we#
am29lv104b 7 advance information ordering information standard products amd standard products are available in several packages and operating ranges. the order number (valid combi- nation) is formed by a combination of the elements below. valid combinations valid combinations list configurations planned to be sup- ported in volume for this device. consult the local amd sales office to confirm availability of specific valid combinations and to check on newly released combinations. trademarks copyright ? 1998 advanced micro devices, inc. all rights reserved. amd, the amd logo, and combinations thereof are registered trademarks of advanced micro devices, inc. expressflash is a trademark of advanced micro devices, inc. product names used in this publication are for identification purposes only and may be trademarks of their respective companies . device number/description am29lv104b 4 megabit (512 k x 8-bit) cmos flash memory 3.0 volt-only read, program, and erase c e -55r am29lv104b t optional processing blank = standard processing b = burn-in (contact an amd representative for more information) temperature range c= commercial (0c to +70c) i = industrial (C40c to +85c) e = extended (C55c to +125c) package type j = 32-pin plastic leaded chip carrier (pl 032) e = 32-pin thin small outline package (tsop) standard pinout (ts 032) f = 32-pin thin small outline package (tsop) reverse pinout (tsr032) speed option see product selector guide and valid combinations boot code sector architecture t = top sector b = bottom sector valid combinations am29lv104b-55r jc, ji, ec, ei, fc, fi am29lv104b-70 jc, ji, je, ec, ei, ee, fc, fi, fe am29lv104b-90 am29lv104b-120


▲Up To Search▲   

 
Price & Availability of AM29LV104BB-90JCB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X