Part Number Hot Search : 
SE2523BU C5024 74HC14DB SA9904B 1A334 1ZB300 9102C G13003
Product Description
Full Text Search
 

To Download 85-005G-8PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-64 iso ? standard model 85 5psi 316l ss pressure sensor high performance, small profile 0-100 mv output absolute and gage low pressure  medical instruments  process control  oceanography  refrigeration/compressors  pressure transmitters  level systems features  weldable and o-ring flush mount  0c to +50c compensated temperature range  +0.1% pressure non-linearity  +1.0% interchangeable span (provided by gain set resistor)  solid state reliability  low power standard ranges range psig psia 0 to 5 description this ia a micromachined piezoresistive silicon pressure sensor. it is designed for oem applications where compatibility with corrosive media must be maintained. the sensor chip is mounted on a to style header, which is resistance welded to a 316 stainless steel package. a 316 stainless steel convoluted isolation diaphragm is welded to the package, sealing a small volume of silicone oil between the diaphragm and the sensor chip. the iso pressure housing utilizes the oil column to couple the piezoresistive sensor to the isolation diaphragm. a thickfilm ceramic compensation board with laser trimmed resistors, and an additional gain set resistor to normalize pressure sensitivity are an integral part of the sensor package. a variety of threaded process fittings are available. fittings include standards like 1/4 and 1/8 npt, 1/4 bsp as well as custom process fittings. electrical options include cable and connector. dimensions
316l ss pressure sensor model 85 5psi iso ? standard 1-65 october 2001 performance specifications all parameters measured at 1.5ma drive and at 25c after 10 second warm up, unless otherwise specified. unless specifically ind icated, only those parameters indicated as tested are verified on each part. parameters are specified for the compensated version only. notes 1. for amplified output circuits, 3.012v 1% interchangeability with gain set resistor. see application note tn-003. 2. measured at vacuum for absolute (a), ambient for gage (g). 3. best fit straight line. 4. over temperature range: 0c to 50c span with respect to +25c. 5. guarantees output/input ratiometricity. 6. load resistance to reduce measurement errors due to output loading. 7. between case and sensing element. 8. maximum temperature range for product with standard cable and connector is ?20c to +105c. 9. weight depends upon configuration (cable, connector, pressure fitting). 10. for gage units used at pressures below atmosphere, the span accuracy is not guaranteed. ordering information connections application schematic parameters min typ max units notes full scale output span 75 120 150 mv 1, 2 zero offset -1 0 1 mv 2 pressure non-linearity -0.10 0.10 % span 3 pressure hysteresis -0.1 0.1 % span input resistance 3,500 6,000 ? output resistance 4000 25000 ? temperature error - span -0.75 0.75 % span 4 temperature error - zero -1.5 1.5 % span 4 thermal hysteresis - span -0.25 0.25 % span 4 thermal hysteresis - zero -0.25 0.25 % span 4 long term stability - offset 0.1 % span/yr. long term stability - span 0.1 % span/yr. supply current 0.5 1.5 2.0 ma 5 output load resistance 5 m ? 6 insulation resistance (50 vdc) 50 m ? 7 pressure overload 3x rated compensated operating temperature 0c to 50c 8 operating temperature range ?40c to +125c 8 storage temperature range ?50c to +125c 8 media - pressure port liquids and gases compatible with 316l stainless steel media - reference port compatible with silicon, pyrex, gold, fluorosilicone rubber and 316l stainless steel weight 13 g 9 pad no. / cable function 1 +out 2-ex 3 +ex 4-out 5 gain 6gain 85 - 005 g - 0 c t vent (t = tube, blank is standard = no tube) electrical (c = ribbon cable with connector, p = solder pads, r = ribbon cable, l = leads, uncompensated) pressure port (0 = weldable, no thread, 4 = 1/4 - 18 electrical ( electrical ( pressure port ( pressure port ( npt,5=1/4-19bsp, 8 = 1/8 - 27 npt) type (a=absolute, g=gage) pressure range (5 psi) model feel free to contact customer service with any questions at toll free 1(800)745-8008; phone (757)766-1500; fax (757)766-4297


▲Up To Search▲   

 
Price & Availability of 85-005G-8PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X