Part Number Hot Search : 
TZ400N 2SB2337 UR480 UR480 MC100BN 01M94VLB ATMEGA8 B82801B
Product Description
Full Text Search
 

To Download 395314007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/26/2010 please check www.molex.com for latest part information part number: 0395314007 status: active description: 5.08mm (.200") pitch eurostyle? vertical pcb header, surface mount compatible, 7 circuits documents: 3d model product specification ps-39500-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family terminal blocks series 39531 application wire-to-board component type pcb header product literature order no usa-355 product name ese, eurostyle?pluggable type euro block physical circuits (loaded) 7 entry angle n/a lock to mating part yes number of rows 1 orientation vertical pc tail length (in) 0.200 in pc tail length (mm) 5.08 mm pcb thickness recommended (in) 0.125 in pcb thickness recommended (mm) 5.08 mm panel mount no pitch - mating interface (in) 0.200 in pitch - mating interface (mm) 5.08 mm polarized to mating part yes shrouded closed ends stackable no surface mount compatible (smc) yes temperature range - operating -40c to +140c wire size awg n/a electrical current - maximum per contact 15a voltage - maximum 300v material info reference - drawing numbers product specification ps-39500-001 sales drawing sd-39501-002, sd-39531-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39531 series mates with 39530 horizontal plug, 39533 vertical plug, most 5.08mm (.200") pitch industry standard plugs this document was generated on 04/26/2010 please check www.molex.com for latest part information


material numbers black green 100% tin 30 u" gold 100% tin 30 u" gold dimensional information printing options printing options printing options printing options dim. a dim b description circui t size none 10av 11av none 10av 11av none 10av 11av none 10av 11av mm inch mm inch 5.08mm, euro header, vertical, high temp 2 395314002 395314302 395314402 395314502 395314802 395314902 395319002 395319302 395319402 395319502 395319802 395319902 12.16 0 .479 5.08 0.200 5.08mm, euro header, vertical, high temp 3 395314003 395314303 395314403 395314503 395314803 395314903 395319003 395319303 395319403 395319503 395319803 395319903 17.24 0 .679 10.16 0.400 5.08mm, euro header, vertical, high temp 4 395314004 395314304 395314404 395314504 395314804 395314904 395319004 395319304 395319404 395319504 395319804 395319904 22.32 0 .879 15.24 0.600 5.08mm, euro header, vertical, high temp 5 395314005 395314305 395314405 395314505 395314805 395314905 395319005 395319305 395319405 395319505 395319805 395319905 27.40 1 .079 20.32 0.800 5.08mm, euro header, vertical, high temp 6 395314006 395314306 395314406 395314506 395314806 395314906 395319006 395319306 395319406 395319506 395319806 395319906 32.48 1 .279 25.40 1.000 5.08mm, euro header, vertical, high temp 7 395314007 395314307 395314407 395314507 395314807 395314907 395319007 395319307 395319407 395319507 395319807 395319907 37.56 1 .479 30.48 1.200 5.08mm, euro header, vertical, high temp 8 395314008 395314308 395314408 395314508 395314808 395314908 395319008 395319308 395319408 395319508 395319808 395319908 42.64 1 .679 35.56 1.400 5.08mm, euro header, vertical, high temp 9 395314009 395314309 395314409 395314509 395314809 395314909 395319009 395319309 395319409 395319509 395319809 395319909 47.72 1 .879 40.64 1.600 5.08mm, euro header, vertical, high temp 10 395314010 395314310 395314410 395314510 395314810 395314910 395319010 395319310 395319410 395319510 395319810 395319910 52.80 2 .079 45.72 1.800 5.08mm, euro header, vertical, high temp 11 395314011 395314311 395314411 395314511 395314811 395314911 395319011 395319311 395319411 395319511 395319811 395319911 57.88 2 .279 50.80 2.000 5.08mm, euro header, vertical, high temp 12 395314012 395314312 395314412 395314512 395314812 395314912 395319012 395319312 395319412 395319512 395319812 395319912 62.96 2 .479 55.88 2.200 5.08mm, euro header, vertical, high temp 13 395314013 395314313 395314413 395314513 395314813 395314913 395319013 395319313 395319413 395319513 395319813 395319913 68.04 2 .679 60.96 2.400 5.08mm, euro header, vertical, high temp 14 395314014 395314314 395314414 395314514 395314814 395314914 395319014 395319314 395319414 395319514 395319814 395319914 73.12 2 .879 66.04 2.600 5.08mm, euro header, vertical, high temp 15 395314015 395314315 395314415 395314515 395314815 395314915 395319015 395319315 395319415 395319515 395319815 395319915 78.20 3 .079 71.12 2.800 5.08mm, euro header, vertical, high temp 16 395314016 395314316 395314416 395314516 395314816 395314916 395319016 395319316 395319416 395319516 395319816 395319916 83.28 3 .279 76.20 3.000 5.08mm, euro header, vertical, high temp 17 395314017 395314317 395314417 395314517 395314817 395314917 395319017 395319317 395319417 395319517 395319817 395319917 88.36 3 .479 81.28 3.200 5.08mm, euro header, vertical, high temp 18 395314018 395314318 395314418 395314518 395314818 395314918 395319018 395319318 395319418 395319518 395319818 395319918 93.44 3 .679 86.36 3.400 5.08mm, euro header, vertical, high temp 19 395314019 395314319 395314419 395314519 395314819 395314919 395319019 395319319 395319419 395319519 395319819 395319919 98.52 3 .879 91.44 3.600 5.08mm, euro header, vertical, high temp 20 395314020 395314320 395314420 395314520 395314820 395314920 395319020 395319320 395319420 395319520 395319820 395319920 103.60 4.079 96.52 3.800 5.08mm, euro header, vertical, high temp 21 395314021 395314321 395314421 395314521 395314821 395314921 395319021 395319321 395319421 395319521 395319821 395319921 108.68 4.279 101.60 4.000 5.08mm, euro header, vertical, high temp 22 395314022 395314322 395314422 395314522 395314822 395314922 395319022 395319322 395319422 395319522 395319822 395319922 113.76 4.479 106.68 4.200 5.08mm, euro header, vertical, high temp 23 395314023 395314323 395314423 395314523 395314823 395314923 395319023 395319323 395319423 395319523 395319823 395319923 118.84 4.679 111.76 4.400 5.08mm, euro header, vertical, high temp 24 395314024 395314324 395314424 395314524 395314824 395314924 395319024 395319324 395319424 395319524 395319824 395319924 123.92 4.879 116.84 4.600


▲Up To Search▲   

 
Price & Availability of 395314007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X