Part Number Hot Search : 
TL431F 033EZ01 RC741 1000RG LT1086IM 05250 DS28E 15113351
Product Description
Full Text Search
 

To Download TT8K11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch + nch mosfet TT8K11 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) low voltage drive(4v drive). 3) small surface mount package(tsst8). ? application switching ? packaging specifications ? inner circuit package taping code tcr basic ordering unit (pieces) 3000 TT8K11 ? ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss ? 20 v continuous i d ? 3a pulsed i dp ? 12 a continuous i s 0.8 a pulsed i sp 12 a 1.25 w / total 1.0 w / element channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit 100 ? c / w/ total 125 ? c / w/ element *mounted on a ceramic board. type source current (body diode) drain current parameter parameter channel to ambient rth (ch-a) p d power dissipation *2 *1 *1 (1) tr1 source (2) tr1 gate (3) tr2 source (4) tr2 gate (5) tr2 drain (6) tr2 drain (7) tr1 drain (8) tr1 drain * tsst8 (1) (2) (3) (4) (8) (7) (6) (5) abbreviated symbol : k11 ?2 ?1 ?2 ?1 (8) (7) (1) (2) (6) (5) (3) (4) ? 1 esd protection diode ? 2 body diode 1/6 2011.08 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
TT8K11 ? electrical characteristics (ta = 25 q c) symbol min. typ. max. unit gate-source leakage i gss -- r 10 p av gs = r 20v, v ds =0v drain-source breakdown voltage v (br)dss 30 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 p av ds =30v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1a -5171 i d =3a, v gs =10v -6794 i d =3a, v gs =4.5v - 78 109 i d =3a, v gs =4v forward transfer admittance l y fs l 2.0 - - s v ds =10v, i d =3a input capacitance c iss - 140 - pf v ds =10v output capacitance c oss - 55 - pf v gs =0v reverse transfer capacitance c rss - 28 - pf f=1mhz turn-on delay time t d(on) -5-nsv dd 15v, i d =1.5a rise time t r - 13 - ns v gs =4.5v turn-off delay time t d(off) - 20 - ns r l =10 : fall time t f -3-nsr g =10 : total gate charge q g - 2.5 - nc v dd 15v, i d =3a gate-source charge q gs - 0.8 - nc v gs =5v gate-drain charge q gd - 0.6 - nc *pulsed ? body diode characteristics (source-drain) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =3a, v gs =0v *pulsed conditions conditions m : parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
TT8K11 ? electrical characteristic curves (ta=25 ? c) 0 1 2 3 0 0.2 0.4 0.6 0.8 1 drain current : i d [a] drain - source voltage : v ds [v] fig.1 typical output characteristics ( ) v gs =2.5v t a =25 c pulsed v gs =10.0v v gs =4.0v v gs =4.5v v gs =2.8v v gs =3.0v 0 1 2 3 0 2 4 6 8 10 drain current : i d [a] drain - source voltage : v ds [v] fig.2 typical output characteristics ( ) v gs =2.5v t a =25 c pulsed v gs =10.0v v gs =4.0v v gs =4.5v v gs =2.8v v gs =3.0v 10 100 1000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.3 static drain - source on - state resistance vs. drain current v gs =4.5v t a =25 c pulsed v gs =4.0v v gs =10v 10 100 1000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.4 static drain - source on - state resistance vs. drain current v gs =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 10 100 1000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.5 static drain - source on - state resistance vs. drain current v gs =4.5v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 10 100 1000 0.01 0.1 1 10 static drain - source on - state resistance r ds(on) [m ] drain current : i d [a] fig.6 static drain - source on - state resistance vs. drain current v gs =4v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 3/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
TT8K11 0.01 0.1 1 10 100 0.001 0.01 0.1 1 10 forward transfer admittance y fs [s] drain current : i d [a] fig.7 forward transfer admittance vs. drain current v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.001 0.01 0.1 1 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 drain currnt : i d [a] gate - source voltage : v gs [v] fig.8 typical transfer characteristics v ds =10v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0.01 0.1 1 10 0.0 0.5 1.0 1.5 source current : is [a] source - drain voltage : v sd [v] fig.9 source current vs. source - drain voltage v gs =0v pulsed t a =125 c t a =75 c t a =25 c t a = - 25 c 0 50 100 150 0 2 4 6 8 10 static drain - source on - state resistance r ds(on) [m ] gate - source voltage : v gs [v] fig.10 static drain - source on - state resistance vs. gate - source voltage t a =25 c pulsed i d =3.0a i d =1.5a 1 10 100 1000 0.01 0.1 1 10 switching time : t [ns] drain current : i d [a] fig.11 switching characteristics t d(on) t r t d(off) t f v dd P 15v v gs =4.5v r g =10 t a =25 c pulsed 0 2 4 6 8 10 0 1 2 3 4 5 gate - source voltage : v gs [v] total gate charge : q g [nc] fig.12 dynamic input characteristics t a =25 c v dd =15v i d =3a pulsed 4/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
TT8K11 10 100 1000 0.01 0.1 1 10 100 capacitance : c [pf] drain - source voltage : v ds [v] fig.13 typical capacitance vs. drain - source voltage t a =25 c f=1mhz v gs =0v c iss c oss c rss 0.01 0.1 1 10 100 0.1 1 10 100 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse : 1unit mounted on a ceramic board. (30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms dc operation 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.15 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse : 1unit mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =125 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
TT8K11 ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. f ig.1-1 switching time measurement circu it v gs r g v ds d.u.t. i d r l v dd fig.1-2 switching waveforms 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) f ig.2-1 gate charge measurement circuit v gs i g(const.) v d s d.u.t. i d r l v dd fig.2-2 gate charge waveform v g v gs charge q g q gs q gd 6/6 2011.08 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of TT8K11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X