Part Number Hot Search : 
CB214 11012 AD7797 MC10EP16 MBRS1 MC10EP16 EF105G STQ3016Z
Product Description
Full Text Search
 

To Download SUM110N04-03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  trenchfet  power mosfet  175  c junction temperature applications  automotive applications such as: - abs - 12-v eps - motor drives  industrial SUM110N04-03L vishay siliconix new product document number: 72081 s-22247?rev. a, 25-nov-02 www.vishay.com 1 n-channel 40-v (d-s) 175  c mosfet product summary v (br)dss (v) r ds(on) (  ) i d (a) 0.0035 @ v gs = 10 v 40 0.0053 @ v gs = 4.5 v 110 a d g s n-channel mosfet to-263 s d g top view SUM110N04-03L absolute maximum ratings (t c = 25  c unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 40 gate-source voltage v gs  20 v  t c = 25  c 110 a continuous drain current (t j = 175  c) t c = 125  c i d 102 a pulsed drain current i dm 300 a avalanche current i ar 55 repetitive avalanche energy b l = 0.1 mh e ar 151 mj t c = 25  c 230 c maximum power dissipation b t a = 25  c d p d 3.75 w operating junction and storage temperature range t j , t stg -55 to 175  c thermal resistance ratings parameter symbol limit unit junction-to-ambient pcb mount d r thja 40  junction-to-case r thjc 0.65  c/w notes a. package limited. b. duty cycle  1%. c. see soa curve for voltage derating. d. when mounted on 1? square pcb (fr-4 material).
SUM110N04-03L vishay siliconix new product www.vishay.com 2 document number: 72081 s-22247 ? rev. a, 25-nov-02 specifications (t j =25  c unless otherwise noted) parameter symbol test condition min typ max unit static drain-source breakdown voltage v (br)dss v ds = 0 v, i d = 250  a 40 gate-threshold voltage v gs(th) v ds = v gs , i d = 250  a 1 3 v gate-body leakage i gss v ds = 0 v, v gs =  20 v 100 na v ds = 40 v, v gs = 0 v 1 zero gate voltage drain current i dss v ds = 40 v, v gs = 0 v, t j = 125  c 50  a dss v ds = 40 v, v gs = 0 v, t j = 175  c 250  on-state drain current a i d(on) v ds  5 v, v gs = 10 v 120 a v gs = 10 v, i d = 30 a 0.0029 0.0035 a v gs = 4.5 v, i d = 20 a 0.0042 0.0053  drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 30 a, t j = 125  c 0.0055  v gs = 10 v, i d = 30 a, t j = 175  c 0.0066 forward transconductance a g fs v ds = 15 v, i d = 30 a 30 s dynamic b input capacitance c iss 4800 output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1010 pf reverse transfer capacitance c rss 560 total gate charge c q g 110 165 gate-source charge c q gs v ds = 30 v, v gs = 10 v, i d = 110 a 17 nc gate-drain charge c q gd ds gs d 35 turn-on delay time c t d(on) 15 25 rise time c t r v dd = 30 v, r l = 0.35  20 30 turn-off delay time c t d(off) v dd = 30 v, r l = 0.35  i d  110 a, v gen = 10 v, r g = 2.5  50 75 ns fall time c t f 100 150 source-drain diode ratings and characteristics (t c = 25  c) b continuous current i s 110 pulsed current i sm 300 a forward voltage a v sd i f = 110 a, v gs = 0 v 1.1 1.4 v reverse recovery time t rr 45 70 ns peak reverse recovery current i rm(rec) i f = 110 a, di/dt = 100 a/  s 1.5 2.3 a reverse recovery charge q rr 0.034 0.081  c notes a. pulse test; pulse width  300  s, duty cycle  2%. b. guaranteed by design, not subject to production testing. c. independent of operating temperature.
SUM110N04-03L vishay siliconix new product document number: 72081 s-22247 ? rev. a, 25-nov-02 www.vishay.com 3 typical characteristics (25  c unless noted) 0 1000 2000 3000 4000 5000 6000 7000 0 8 16 24 32 40 0 4 8 12 16 20 0 40 80 120 160 200 0 40 80 120 160 200 240 0 153045607590 0.000 0.002 0.004 0.006 0.008 0 20 40 60 80 100 120 0 50 100 150 200 250 012345 0 50 100 150 200 250 0246810 output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds - drain-to-source voltage (v) v gs - gate-to-source voltage (v) - drain current (a) i d - gate-to-source voltage (v) q g - total gate charge (nc) i d - drain current (a) v ds - drain-to-source voltage (v) c - capacitance (pf) v gs - transconductance (s) g fs 25  c -55  c 3 v t c = 125  c v ds = 30 v i d = 110 a v gs = 10 thru 5 v v gs = 10 v c iss c oss t c = -55  c 25  c 125  c 4 v v gs = 4.5 v - on-resistance ( r ds(on)  ) - drain current (a) i d c rss i d - drain current (a)
SUM110N04-03L vishay siliconix new product www.vishay.com 4 document number: 72081 s-22247 ? rev. a, 25-nov-02 typical characteristics (25  c unless noted) drain source breakdown vs. junction t emperature avalanche current vs. time 0.0 0.4 0.8 1.2 1.6 2.0 -50 -25 0 25 50 75 100 125 150 175 on-resistance vs. junction t emperature source-drain diode forward voltage t j - junction temperature (  c) v sd - source-to-drain voltage (v) - source current (a) i s 100 10 1 0.3 0.6 0.9 1.2 v gs = 10 v i d = 30 a t j = 25  c t j = 150  c (normalized) - on-resistance ( r ds(on)  ) 0 40 42 44 46 48 50 -50 -25 0 25 50 75 100 125 150 175 t j - junction temperature (  c) t in (sec) 1000 10 0.00001 0.001 0.1 1 0.1 (a) i dav 0.01 i av (a) @ t a = 150  c (v) v (br)dss i d = 1 ma 100 1 0.0001 i av (a) @ t a = 25  c
SUM110N04-03L vishay siliconix new product document number: 72081 s-22247 ? rev. a, 25-nov-02 www.vishay.com 5 thermal ratings 0 20 40 60 80 100 0 25 50 75 100 125 150 175 safe operating area, junction-to-case v ds - drain-to-source voltage (v) 1000 10 0.1 1 10 100 limited by r ds(on) 0.1 100 t c = 25  c single pulse maximum avalanche and drain current vs. case t emperature t c - ambient temperature (  c) - drain current (a) i d - drain current (a) i d 1 ms 10 ms 100 ms dc 10  s 100  s 1 normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) 2 1 0.1 0.01 10 -4 10 -3 10 -2 10 -1 1 0.2 0.1 0.05 0.02 duty cycle = 0.5 single pulse normalized effective transient thermal impedance


▲Up To Search▲   

 
Price & Availability of SUM110N04-03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X