Part Number Hot Search : 
L88M12T BUW51 5993A 5993A SDA130A 1209DH VDXXXX 74HCT251
Product Description
Full Text Search
 

To Download ST380C06C0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  960a phase control thyristors hockey puk version st380c..c series 1 bulletin i25168 rev. c 04/00 www.irf.com i t(av) 960 a @ t hs 55 c i t(rms) 1900 a @ t hs 25 c i tsm @ 50hz 15000 a @ 60hz 15700 a i 2 t@ 50hz 1130 ka 2 s @ 60hz 1030 ka 2 s v drm /v rrm 400 to 600 v t q typical 100 s t j - 40 to 125 c parameters st380c..c units major ratings and characteristics typical applications dc motor controls controlled dc power supplies ac controllers features center amplifying gate metal case with ceramic insulator international standard case to-200ab (e-puk) low profile hockey-puk to increase current-carrying capability case style to-200ab (e-puk)
st380c..c series 2 bulletin i25168 rev. c 04/00 www.irf.com electrical specifications voltage ratings voltage v drm /v rrm , max. repetitive v rsm , maximum non- i drm /i rrm max. type number code peak and off-state voltage repetitive peak voltage @ t j = t j max vvma 04 400 500 06 600 700 i t(av) max. average on-state current 960 (440) a 180 conduction, half sine wave @ heatsink temperature 55 (75) c double side (single side) cooled i t(rms) max. rms on-state current 1900 dc @ 25 c heatsink temperature double side cooled i tsm max. peak, one-cycle 15000 t = 10ms no voltage non-repetitive surge current 15700 a t = 8.3ms reapplied 12600 t = 10ms 100% v rrm 13200 t = 8.3ms reapplied sinusoidal half wave, i 2 t maximum i 2 t for fusing 1130 t = 10ms no voltage initial t j = t j max. 1030 t = 8.3ms reapplied 800 t = 10ms 100% v rrm 725 t = 8.3ms reapplied i 2 t maximum i 2 t for fusing 11300 ka 2 s t = 0.1 to 10ms, no voltage reapplied v t(to) 1 low level value of threshold voltage v t(to) 2 high level value of threshold voltage r t1 low level value of on-state slope resistance r t2 high level value of on-state slope resistance v tm max. on-state voltage 1.60 v i pk = 3000a, t j = t j max, t p = 10ms sine pulse i h maximum holding current 600 i l typical latching current 1000 0.85 (16.7% x x i t(av) < i < x i t(av) ), t j = t j max. 0.25 (16.7% x x i t(av) < i < x i t(av) ), t j = t j max. 0.24 (i > x i t(av) ),t j = t j max. parameter st380c..c units conditions 0.88 (i > x i t(av) ),t j = t j max. on-state conduction ka 2 s v m ? ma t j = 25 c, anode supply 12v resistive load di/dt max. non-repetitive rate of rise gate drive 20v, 20 ? , t r 1s of turned-on current t j = t j max, anode voltage 80% v drm gate current 1a, di g /dt = 1a/s v d = 0.67% v drm , t j = 25 c i tm = 550a, t j = t j max, di/dt = 40a/s, v r = 50v dv/dt = 20v/s, gate 0v 100 ?, t p = 500s parameter st380c..c units conditions switching 1000 a/s t d typical delay time 1.0 t q typical turn-off time 100 s st380c..c 50
st380c..c series 3 bulletin i25168 rev. c 04/00 www.irf.com dv/dt maximum critical rate of rise of off-state voltage i rrm max. peak reverse and off-state i drm leakage current blocking 500 v/ st j = t j max. linear to 80% rated v drm parameter st380c..c units conditions 50 ma t j = t j max, rated v drm /v rrm applied p gm maximum peak gate power 10.0 t j = t j max, t p 5ms p g(av) maximum average gate power 2.0 t j = t j max, f = 50hz, d% = 50 i gm max. peak positive gate current 3.0 a t j = t j max, t p 5ms +v gm maximum peak positive gate voltage -v gm maximum peak negative gate voltage t j = - 40 c ma t j = 25 c t j = 125 c t j = - 40 c vt j = 25 c t j = 125 c i gd dc gate current not to trigger 10 ma parameter st380c..c units conditions 20 5.0 triggering typ. max. 200 - 100 200 50 - 2.5 - 1.8 3.0 1.1 - v gd dc gate voltage not to trigger 0.25 v max. gate current/voltage not to trigger is the max. value which will not trigger any unit with rated v drm anode-to-cathode applied t j = t j max max. required gate trigger/ cur- rent/ voltage are the lowest value which will trigger all units 12v anode-to-cathode applied v gt dc gate voltage required to trigger i gt dc gate current required to trigger w vt j = t j max, t p 5ms t j max. operating temperature range -40 to 125 t stg max. storage temperature range -40 to 150 r thj-hs max. thermal resistance, 0.09 dc operation single side cooled junction to heatsink 0.04 dc operation double side cooled r thc-hs max. thermal resistance, 0.02 dc operation single side cooled case to heatsink 0.01 dc operation double side cooled f mounting force, 10% 9800 n (1000) (kg) wt approximate weight 83 g parameter st380c..c units conditions k/w thermal and mechanical specification c case style to - 200ab (e-puk) see outline table k/w
st380c..c series 4 bulletin i25168 rev. c 04/00 www.irf.com 1 - thyristor 2 - essential part number 3 - 0 = converter grade 4 - c = ceramic puk 5 - voltage code: code x 100 = v rrm (see voltage rating table) 6 - c = puk case to-200ab (e-puk) 7 - 0 = eyelet terminals (gate and auxiliary cathode unsoldered leads) 1 = fast-on terminals (gate and auxiliary cathode unsoldered leads) 2 = eyelet terminals (gate and auxiliary cathode soldered leads) 3 = fast-on terminals (gate and auxiliary cathode soldered leads) 8 - critical dv/dt: none = 500v/sec (standard selection) l = 1000v/sec (special selection) ordering information table ? r thj-hs conduction (the following table shows the increment of thermal resistence r thj-hs when devices operate at different conduction angles than dc) device code 5 1 2 3 4 st 38 0 c 06 c 1 7 6 8 single side double side single side double side 180 0.010 0.011 0.007 0.007 t j = t j max. 120 0.012 0.012 0.012 0.013 90 0.015 0.015 0.016 0.017 k/w 60 0.022 0.022 0.023 0.023 30 0.036 0.036 0.036 0.037 sinusoidal conduction rectangular conduction conduction angle units conditions
st380c..c series 5 bulletin i25168 rev. c 04/00 www.irf.com outline table fig. 2 - current ratings characteristics fig. 1 - current ratings characteristics 40 50 60 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 30 60 90 120 180 average on -state curren t (a) con duction an gle maximum allowable heatsink temperature (c) st380c..c series (single side cooled) r (dc) = 0.09 k/w th j-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 200 400 600 800 1000 1200 dc 30 60 90 120 180 average on-state current (a) conduction period maxim um allowable heatsink tem perature ( c) st380c ..c se ries (single side cooled) r (d c ) = 0 .09 k/w thj-hs case style to-200ab (e-puk) all dimensions in millimeters (inches) dia. max. 4.75 (0.19) 28 (1.10) 6.5 (0.26) 0.3 (0.01) min. 0.3 (0.01) min. anode to gate creepage distance: 11.18 (0.44) min. strike distance: 7.62 (0.30) min. 25.3 (0.99) 14.1 / 15.1 (0.56 / 0.59) 25 5 gate term. for 1.47 (0.06) dia. pin receptacle 25.3 (0.99) 40.5 (1.59) dia. max. dia. max. 2 holes 3.56 (0.14) x 1.83 (0.07) min. deep 42 (1.65) max. quote between upper and lower pole pieces has to be considered after application of mounting force (see thermal and mechanical specification)
st380c..c series 6 bulletin i25168 rev. c 04/00 www.irf.com fig. 3 - current ratings characteristics fig. 4 - current ratings characteristics fig. 5- on-state power loss characteristics fig. 6- on-state power loss characteristics fig. 8 - maximum non-repetitive surge current single and double side cooled fig. 7 - maximum non-repetitive surge current single and double side cooled 20 30 40 50 60 70 80 90 100 110 120 130 0 200 400 600 800 1000 1200 1400 30 60 90 120 180 average on-state current (a) conduction angle m axim um allowable heatsink tem perature ( c) st380c ..c series (d ouble side cooled ) r (d c) = 0.0 4 k/w thj-h s 20 30 40 50 60 70 80 90 100 110 120 130 0 400 800 1200 1600 2000 dc 30 60 90 12 0 180 average on-state c urren t (a) conduction period maxim um allowable heatsink temperature ( c) st380c ..c se ries (d ouble side c o ole d) r (d c) = 0 .04 k/w th j-hs 0 200 400 600 800 1000 1200 1400 1600 1800 2000 0 200 400 600 800 1000 1200 1400 180 120 90 60 30 rm s limit conduction angle maximum average on-state power loss (w) average on-state current (a) st 380c..c series t = 125 c j 0 400 800 1200 1600 2000 2400 2800 0 400 800 1200 1600 2000 dc 180 120 90 60 30 rm s lim it con du ction period maximum average on-state power loss (w) average on-state current (a) st380c ..c se rie s t = 125 c j 6000 7000 8000 9000 10000 11000 12000 13000 14000 110100 number of equal amplitude half cycle current pulses (n) pe ak ha lf sine w ave o n -state c urrent (a ) initial t = 125 c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j st380c ..c se ries at any rated load condition and with rated v applied following surge. rrm 6000 7000 8000 9000 10000 11000 12000 13000 14000 15000 0.01 0.1 1 p u ls e t ra i n d u ra t io n ( s ) m a xim um no n rep e titive surg e c urre nt ve rsus p ulse tra in d ura tio n. co ntro l o f c on duction m ay not be m aintained . peak half sine w ave o n-state current (a) in it i a l t = 1 2 5 c no voltage reapplied rate d v reapplie d rrm j st380c ..c series
st380c..c series 7 bulletin i25168 rev. c 04/00 www.irf.com fig. 9 - on-state voltage drop characteristics fig. 10 - thermal impedance z thj-hs characteristics fig. 11 - gate characteristics 0.00 1 0.01 0.1 0.001 0.01 0.1 1 10 square w ave pulse d uratio n (s) th j - h s st380c ..c se rie s stea d y sta te va lue r = 0.09 k/w (single side cooled) r = 0.04 k/w (d ouble side co ole d) (d c o pe ration) thj-hs thj-hs transient thermal impedan ce z (k/w) 0.1 1 10 100 0.001 0.01 0.1 1 10 100 vgd ig d (b) (a) tj=25 c tj=125 c tj=-40 c (2 ) (3) insta ntan eo us g a te c urre nt (a ) instanta neous g a te vo ltag e (v) a ) r e c o m m e n d e d lo a d li n e fo r b ) re c o m m e n d e d lo a d li n e fo r <=30% rated di/dt : 10v , 10oh m s frequency limited by pg (av) rated di/dt : 20v , 10o hm s; tr<=1 s tr<=1 s (1 ) (1) pgm = 1 0w , tp = 4m s (2) pgm = 2 0w , tp = 2m s (3) pgm = 4 0w , tp = 1m s (4) pg m = 6 0w, tp = 0.66m s r e c ta n g u l a r g a te p u ls e d evice : st380c ..c series (4) 10 0 1000 10000 0.511.522.533.5 t = 25 c j insta nta n eous o n-sta te c urrent (a ) in sta ntaneous o n-state v oltage (v) t = 12 5 c j st380c..c series


▲Up To Search▲   

 
Price & Availability of ST380C06C0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X