Part Number Hot Search : 
02201 EMK13G2 2SC5208 XN04215 07000 C100LV EZ1587IT 00GB1
Product Description
Full Text Search
 

To Download SG12864A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SG12864A ( 128 dots x 64 dots ) features mechanical data built-in controller (ks0107 or equivalent) item dimensions unit +5 v power supply module size (w x h x t) 93.0 x 70.0 x 8.8 ( 12.7 led ) mm 1/64 duty cycle viewing area ( w x h ) 72.0 x 40.0 mm 8-bit parallel interface active area ( w x h ) 66.52 x 33.24 mm 4.2 v led forward voltage dot size ( w x h ) 0.48 x 0.48 mm dot pitch ( w x h ) 0.52 x 0.52 mm interface pin connections absolute maximum ratings no. symbol level function item symbol min. typ. max. unit 1v ss 0v power supply ground supply voltage for logic v dd -v ss 0 - 7 v 2v dd 5v power supply voltage supply voltage for lcd drive v dd -v o 0 - 14 v 3v o - contrast adjustment voltage input voltage v i vss - v dd v 4 d/i h/l h : data, l : instruction code 5 r/w h/l h : read / l : wrtie electrical characteristics 6 e h l enable signal item symbol condition min. typ. max. unit 7~14 db0~db7 h/l data bus line supply voltage for logic v dd -v ss - 4.5 5 5.5 v 15 cs1 h chip select signal for ic1 supply voltage for lcd v dd -v o v dd =5v ta=25 7.6 8.3 9.2 v 16 cs2 h chip select signal for ic2 supply current i dd v dd =5v - 4.5 10 ma 17 /res l reset signal input "high" level v ih - 2.2 - v dd v 18 vout - power supply voltage for lcd voltage "low" level v il - - - 0.6 v 19 a 4.2v led power (+) output "high" level v oh - 2.4 - - v 20 k 0v led power (-) voltage "low" level v ol - - - 0.4 v external dimensions
SG12864A ( 128 dots x 64 dots ) timing characteristics timing characteristics timing characteristics timing characteristics item symbol min. typ. max. unit. fig e cycle time t cyc 1000 - - ns 1,2 e high level width p weh 450 - - ns 1,2 e low level width p wel 450 - - ns 1,2 e rise time t r - - 25 ns 1,2 e fall time t f - - 25 ns 1,2 address setup time t as 140 - - ns 1,2 address hold time t ah 10 - - ns 1,2 data setup time t dsw 200 - - ns 1 data delay time t ddr - - 320 ns 2 data hold time write t dhw 10 - - ns 1 data hold time read t dhr 20 - - ns 2 block diagram block diagram block diagram block diagram


▲Up To Search▲   

 
Price & Availability of SG12864A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X