Part Number Hot Search : 
DSH126C 74LVC1G0 DS4432U 2SK1195 GC10DH 30CPF10 00201 SK310
Product Description
Full Text Search
 

To Download SAA1502ATS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet preliminary speci?cation file under integrated circuits, ic11 1998 jan 15 integrated circuits SAA1502ATS safety ic for li-ion
1998 jan 15 2 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS features integrated power switches temperature protection zero voltage start-up discharge and charge overcurrent protection automatic release of current protection at removal of charger or load extremely low current consumption when battery voltage is lower than 2.3 v low current consumption in normal operation mode accurate voltage detection levels low resistance in current path able to accommodate 17.5 v charge voltage read out of charge disable status small package (ssop16) low external components count continuous monitoring of the battery voltage and (dis)charge current. general description the SAA1502ATS is manufactured in a bipolar, cmos and dmos (bcd) power logic 70 process and is intended to be used as a protection circuit for single cell li-ion battery packs. the current and voltage ratings are especially designed for use in battery packs for portable telephones such as gsm. the circuit monitors the battery voltage, current and temperature and will disconnect the battery in case of an overload situation: overdischarge protection prevents deep discharge of the cell; deep discharge of a li-ion cell degrades the lifetime overcharge protection for safety reasons overcurrent protection on charge as well as discharge current rate temperature protection for preventing charge or discharge at high temperatures. it must be stated that the unit is a safety unit to be integrated inside a battery pack. it is not intended as an end of charge provision. ordering information type number package name description version SAA1502ATS ssop16 plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1
1998 jan 15 3 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... block diagram d book, full pagewidth mgm307 charge disable set temperature protection reset temperature protection charge enable discharge enable discharge disable logic charge pump level shifter level shifter current protection v ref v ref v cp v ref v ref v ref v ref 4.18 v 3.95 v 3.6 v 2.3 v esd esd esd esd 6.8 v sw1 sw2 SAA1502ATS 2 3 5, 6 7, 8, 9, 10 1, 16 15 14 11, 12 n.c. v cc c ext v ss2 4, 13 lf v d vm vm v ss1 st fig.1 block diagram.
1998 jan 15 4 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS pinning symbol pin description n.c. 1, 16 not connected v cc 2 positive battery sense input c ext 3 external delay capacitor lf 4, 13 leadframe connection control circuit v ss2 5, 6 negative battery input and power ground v d 7, 8, 9, 10 drain voltage of sw1 and sw2 vm 11, 12 negative sense input v ss1 14 ground for the control circuit st 15 status output handbook, halfpage SAA1502ATS mgm308 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 n.c. v cc c ext lf v ss2 v ss2 v d v d v d v d vm vm lf v ss1 st n.c. fig.2 pin configuration. functional description figure 3 gives the connection diagram of a li-ion battery pack. all that is contained within the solid perimeter is the safety ic SAA1502ATS. it is a multichip module (mcm), containing two separate but interconnected chips, one is the control ic and the other contains two vertical power nmos transistors which are connected in anti series. both transistors have their backgate connected to their source, resulting in two backgate diodes in anti series. the basic function of the SAA1502ATS is to protect a single li-ion cell against overcharge and overdischarge for reasons of lifetime and safety. the voltage across the cell terminals is monitored continuously and compared to an accurate internal reference voltage. for battery voltages between 3.6 and 4.18 v and a (dis)charge current below the current protection level, the safety unit is in normal operating mode (see fig.4). in this state both switches are driven with an elevated supply voltage (with a charge pump) which guarantees a low resistance in the main current path. this is important for fully utilizing the high energy density of li-ion battery technology. the discharge powermos transistor sw2 is disabled to block further discharge, when the battery is discharged below 2.3 v. the battery voltage will increase stepwise, because of the sudden disconnection of the load. the unit will not re-enter the normal operation mode at this event unless the battery voltage exceeds the voltage restarting level of 3.6 v. when no charger is present in the discharge inhibit mode, the system will switch to the power-down mode. the current consumption of the unit (SAA1502ATS and the li-ion cell) is then reduced to a typical value of 0.1 m a for minimizing the discharge of the battery pack. connecting a charger in the power-down mode is detected by a voltage difference between v cc and vm of more than 3 v. the system will then return to the discharge inhibit mode. after a short transition phase characterized by conduction of the backgate diode between the drain and source leads of sw2, the system goes to the normal operating mode and sw2 is powered again. at zero voltage start-up, the system will start at the reset mode. a special circuit keeps the charge transistor sw1 on as much as possible. when the battery is charged to a voltage level of 4.18 v it will enter the charge inhibit mode and the charge powermos transistor sw1 is switched off, disabling charging. connecting a load is then detected by the reversal of the voltage across sw1 (i dch > 1.5 ma) and will immediately reactivate sw1, entering the discharge enable state.
1998 jan 15 5 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS a short time is needed to charge the gate of sw1. during this time the backgate diode between drain and source of sw1 conducts. the system will remain in the discharge enable mode unless: the battery voltage drops below 3.95 v, which results in re-entering normal operation. this transition is not externally noticeable, because both switches remain low ohmic. a charger is connected which will immediately deactivate sw1 if i ch > 280 ma. as an additional safety precaution also v cc > 4.18 v yields the same reaction, because a small current of a charger may be undetected with the condition of i ch > 280 ma, leading to overcharging the li-ion cell. current protection will deactivate both switches and is detected by a voltage drop or rise of v vm when both switches are activated. a release of this state can only be achieved by removing the load (or charger). the temperature protection overrules all other states and yields deactivation of both switches. this situation is activated at a junction temperature of 130 c and released at a junction temperature of 60 c. the temperature protection is followed by a return to its preceding mode. normal mode in case of correct temperature, battery voltage and (dis)charge current, the system will be in the normal operation mode. both the charge and discharge output will be active high, so both switches are conducting (sw1 = sw2 = 1). discharge inhibit mode if the battery drops below 2.3 v, the system will switch to the discharge inhibit mode. in this mode only charging of the battery is allowed (sw1 = 1, sw2 = 0). the system will return to the normal operation mode as soon as the battery voltage will exceed 3.6 v, or by detection of a charge current. the overdischarge detection of 2.3 v has a delay of 40 ms typical. the voltage detection level 3.6 v has a delay of 50 ms typical. because a charge current is necessary to increase the battery voltage, the system will normally switch to the normal operation mode at v cc = 2.3 v by detecting a charge current. but if the charge current is too small to detect, the 3.6 v detection is a backup. to prevent an instable situation between the normal operation and the discharge inhibit mode when the battery is charged at a voltage below 2.3 v, an extra condition of v bat > 2.3 v is included going from the discharge inhibit to the normal operation mode. power-down mode at low battery voltage the supply current is reduced to 100 na for minimizing the discharge of the battery by the SAA1502ATS. at the power-down mode all analog circuitry, except circuitry for detecting a charger present (v cc - v vm > 3 v), is disabled. the power-down mode is entered when the system is in the discharge inhibit mode and no charger is present. the discharge inhibit mode will be entered again as soon as a charger is connected. the detection of a charger is accomplished by detecting a voltage difference of 3 v between v cc and vm. in this mode the voltage difference (see fig.5) is: v cc - v vm =v bat - v r1 +v j(do) +v ds(co) ? v bat + 0.6 v. so in the application the battery has to be charged in the power-down mode until such a voltage that v cc - v vm =3v. reset mode if the battery voltage is below 1.9 v, the system will be in the reset mode. because in this mode the charge pump is disabled and battery charging should be possible, the charge fet is switched on with a reduced v gs voltage. as soon as the battery voltage exceeds 2.25 v the system will switch to the discharge inhibit mode and the charge pump will be activated again. zero voltage start-up the system has to be able to charge the battery at 0 volt. this means that when connecting a charger in case of a complete empty battery, the charge fet has to be active. in the reset mode the charge fet (sw1) is connected via a diode to v cc , so that the charge fet will be active when the v vm voltage is negative. the discharge inhibit mode will be entered as soon as a battery voltage exceeds 2.25 v. charge inhibit mode if the battery voltage exceeds 4.18 v, the charge inhibit mode will be entered. at this mode the battery can only be discharged (sw1 = 0, sw2 = 1). the overcharge detection has a delay of 40 ms. this delay can be increased by an external capacitor. the delay time is then
1998 jan 15 6 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS defined as: t d = 40 + (37 c ext ) [ms], with c ext in nf. the system will return to the normal operation mode from the charge inhibit mode when the battery voltage drops below 3.95 v. from the discharge enable mode the charge inhibit mode will also be entered as soon as a charge current is detected. discharge enable mode when the system is in the charge inhibit mode, charging of the battery is disabled because switch sw1 is turned off. discharge of the battery will then occur via the backgate diode of sw1. so the output voltage will be approximately 0.6 v lower and also dissipation of the backgate diode of sw1 occurs. it would be preferable to turn both switches on at that time without allowing charging of the battery until the battery voltage has dropped to 3.95 v. if a discharge current larger than 1.5 ma is detected in the charge inhibit mode, the system will activate the discharge enable mode, activating both switches. from the discharge enable mode the charge inhibit mode will be re-entered as soon as a charge current is detected larger than 280 ma or the battery voltage exceeds 4.18 v. the detection of a higher voltage than 4.18 v is a backup. if the battery is charged with a lower charge current than 280 ma, the system will not switch from the discharge enable mode to the charge inhibit mode. eventually, if the battery is overcharged because of a small charge current, the battery voltage will exceed 4.18 v and the system will switch to the charge inhibit mode. the system will return to the normal operation mode from the discharge enable mode when the battery voltage drops below 3.95 v. if the system is in the charge inhibit mode, it will mostly go to the normal mode via the discharge enable mode. but if the system is in the charge inhibit state and the system is stored for several years, the battery voltage can drop because of the battery discharge by the SAA1502ATS and the self-discharge of the battery. so a voltage drop of the battery is possible, without detecting a discharge current. because of this, the normal operation mode should also be entered from the charge inhibit state when the battery voltage is below 3.95 v and not only from the discharge enable mode. in this way, charging a battery is always possible if the battery voltage is below 3.95 v. temperature protection internally the system will switch between the different modes as given in the state diagram, independent of the temperature. as the junction temperature exceeds 130 c, the output signals will be overruled and switched to zero (sw1 = sw2 = 0). the supply current will be reduced to approximately 100 na when the power-down or reset mode is activated. in these modes the temperature protection is deactivated. when the junction temperature drops below 60 c, the output signals will not be overruled any more. overcurrent protection when the (dis)charge current exceeds the specified maximum value, the current protection mode is entered. an extra condition of sw1 = sw2 = 1 is necessary because of the next situation: if the system is in the discharge inhibit and a charge current is detected (e.g. v vm = - 0.6 v) the normal operation mode will be entered. because of a minimum time in which the gate capacitors have to be charged, the v vm voltage will be - 0.6 v for a short period, when the system is already in the normal operation mode. a v vm voltage of - 0.6 v could also occur when the system is charged with current exceeding the maximum charge current. to prevent that a maximum charge current is detected when coming from the discharge inhibit state, the system waits until both sw1 and sw2 are fully charged before a maximum (dis)charge current is detected. so the voltages at sw1 and sw2 are measured to be sure that the normal operation mode is stabilized before the current protection mode can be entered. the same applies when entering the discharge enable state from the charge inhibit state by detecting a discharge current. the delay of the current protection as function of the (dis)charge current is given in fig.8.
1998 jan 15 7 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS fig.3 connection diagram. handbook, full pagewidth 1 k w 0.22 m f control circuit mgm309 sw2 sw1 do co vm vm v d SAA1502ATS charger/load charger/load v cc v ss1 v bat v ss2 st c ext 2 3 14 5, 6 7, 8, 9, 10 11, 12 15 fig.4 flow diagram. handbook, full pagewidth mgm310 current protection sw1, sw2 sw1, sw2 discharge enable sw1, sw2 i dch or i ch > i prot v cc > 4.18 v or i ch > 280 ma no charger/load i dch > 1.5 ma current protection sw1, sw2 temperature protection sw1, sw2 discharge inhibit sw1, sw2 power down sw1, sw2 reset sw1, sw2 i dch or i ch > i prot no charger/load normal operation sw1, sw2 charge inhibit v cc < 3.95 v v cc > 4.18 v v cc < 3.95 v v cc < 2.3 v v cc > 3.6 v or (i ch > 1.5 ma and v cc > 2.3 v) no charger present charger present from all states v cc > 2.25 v v cc < 1.9 v from all states (except from power down and reset) t start(prot) 3 130 c t rel(prot) < 60 c back to previous state
1998 jan 15 8 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS fig.5 circuit diagram of charging a li-ion pack. handbook, full pagewidth charger control circuit mgm311 s d d g sg sw2 sw1 do r1 c1 co + v j(do) - + v bat - + v ds(co) - v bat vm v cc
1998 jan 15 9 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader .this text is here in _ white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader.this text is here in this text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the acrobat reader. white to force land scape pages to be ... timing diagram sw2 d book, full pagewidth discharge enable charge inhibit normal operation current protection via discharge inhibit to normal operation via discharge inhibit to power down normal operation discharge enable charge inhibit discharge enable charge inhibit normal operation discharge inhibit reset current protection discharge enable normal operation load present charger present charger present charger present load present charger present load present charger present no charger; no load no charger; no load no charger; no load no charger; no load no charger; no load no charger; no load load present i dch > i prot i ch > i prot load present no charger; no load v bat v bat vm off 4.18 3.95 3.6 2.3 2.25 sw1 on on + v diode 0 - v diode off v bat - v charger t ec(det) t ec(rel) t ed(det) t d t ec(det) t d t ec(rel) mgm315 fig.6 timing diagram.
1998 jan 15 10 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS limiting values in accordance with the absolute maximum rating system (iec 134); voltages with respect to pin v ss2 . thermal characteristics symbol parameter conditions min. max. unit v cc positive battery sense input voltage dc constant - 0.3 +4.5 v v cc(clamp) v cc clamping voltage t < 60 ms and i cc =7ma - 8.5 v i cc maximum current through the v cc clamp - 7ma v vm negative sense input voltage v cc - 17.5 v cc v v st status output voltage v vm v cc v i rpath ? current through sw1 and sw2 ?- 27 a t amb operating ambient temperature - 25 +80 c t stg storage temperature - 55 +150 c ? i vss - vm ? maximum body diode current (dc value) - 800 ma symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient in free air 165 k/w r th(j-pin) thermal resistance from junction to pin 22 k/w
1998 jan 15 11 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS characteristics t j =25 c; all voltages with respect to v ss2 ; positive currents flow into the ic. symbol parameter conditions min. typ. max. unit supply behaviour v cc positive battery sense input voltage 0 - 4.5 v i cc supply current v cc = 4.0 v; - 13.5 v v vm 0 4.0 7.0 10 m a i q quiescent current power-down/reset mode (v cc = 2.0 v) 0.03 0.1 0.3 m a v cc - v vm minimum charge voltage at zero charge 1.8 2.4 3.0 v voltage detection v ec(det) excess charge detection voltage measured at terminals of the battery and t j =25 c 4.15 4.18 4.20 v measured at terminals of the battery and t j = - 5 to +55 c 4.145 4.18 4.21 v t ec(det) excess charge delay time v ec(det) c ext not connected 20 40 60 ms c ext = 33 nf ( 10%) 0.5 1.25 2s v ec(rel) excess charge release voltage 3.82 3.95 4.08 v t ec(rel) excess charge delay time v ec(rel) 25 50 75 ms v ed(det) excess discharge detection voltage 2.2 2.3 2.4 v t ed(det) excess discharge delay time v ed(det) 20 40 60 ms v ed(rel) excess discharge release voltage 3.3 3.6 3.9 v t ed(rel) excess discharge delay time v ed(rel) 25 50 75 ms ? i vss - vm ? (dis)charge current detection charge inhibit state 0.05 1.5 37.5 ma discharge enable state 150 280 475 ma discharge inhibit state 0.05 1.5 37.5 ma v vm negative sense input voltage discharge inhibit state; no charge current - 7 - 12 - 20 mv current protection mode no load detection 70 90 120 mv no charger detection - 7 - 12 - 20 mv v cc - v vm charge present detection voltage power-down mode 2.4 3.0 3.6 v v cc positive battery sense input voltage start of reset mode 1.7 1.9 2.1 v excess of reset mode 2.05 2.25 2.45 v t d(on) switch-on delay time sw1/sw2 v cc = 4.0 v - 100 -m s t d(off) switch-off delay time sw1/sw2 v cc = 4.0 v - 100 -m s
1998 jan 15 12 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS power transistors r path main current path resistance v cc = 2.5 v; i vss - vm =2a 52 66 80 m w v cc = 4.0 v; i vss - vm =2a 48 60 72 m w sw1 transistor r path(sw1) current path resistance v cc = 2.5 v; i vss - vm =2a 26 33 40 m w v cc = 4.0 v; i vss - vm =2a 24 30 36 m w sw2 transistor r path(sw2) current path resistance v cc = 2.5 v; i vss - vm =2a 26 33 40 m w v cc = 4.0 v; i vss - vm =2a 24 30 36 m w temperature protection t start(prot) start of the temperature protection 120 130 140 c t rel(prot) release of the temperature protection 50 60 70 c current detection at v cc =4v; see fig.8 i prot(min) minimum current protection level dc level 3.5 5 7 a t d delay time at i prot = 8 a 2 20 200 ms t d(min) minimum delay time 190 - 430 m s status; see table 1 and fig.7 i st output current st = 1; v cc - v vm = 17.5 v; v st - v vm = 0.5 v 40 - 200 m a st = 1; v cc - v vm =4v; v st - v vm = 0.5 v 10 - 100 m a v st output voltage st = 1; i st =40 m a; v cc - v vm = 17.5 v -- 0.5 v st = 1; i st =10 m a; v cc - v vm =4v -- 0.5 v symbol parameter conditions min. typ. max. unit table 1 functional table of the status output (st); note 1 note 1. at which: 0 is active off, and 1 is active on. conditions output normal operation 0 charge inhibit 1 discharge enable 0 discharge inhibit 0 power-down 0 current protection 1 temperature protection 1
1998 jan 15 13 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS fig.7 status output current at different charge voltages. handbook, full pagewidth mgm313 v st - v vm (v) v cc - v vm = 4 v v cc - v vm = 17.5 v i st ( m a) 0.5 10 40 fig.8 current protection delay. handbook, halfpage 25 25 i ch (a) 15 5 10 2 10 1 10 - 1 10 - 2 10 - 3 10 - 4 mgm312 0 5 15 i dch (a) typ min min max max typ t d (s)
1998 jan 15 14 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS application information fig.9 connection diagram application board. handbook, full pagewidth SAA1502ATS mgm314 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 n.c. n.c. v cc v cc v ss2 v ss1 v ss1 v ss2 st c ext lf lf vm vm v d v d v d v d li-ion r1 1 k w c1 1 m f c3 100 nf c4 100 nf c2 33 nf r2 10 m w + (charger/load) - (charger/load) vm (sense) b - ' b - b + (sense) st fig.10 application printed-circuit board. dimensions in mm. handbook, full pagewidth mgm316 b + b - ' b - st v ss1 v cc vm c2 c1 1 c3 c4 r2 r1 + - saa1502 philips philips 30 6
1998 jan 15 15 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS package outline unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec eiaj mm 0.21 0.05 1.80 1.65 0.25 0.38 0.25 0.20 0.09 6.4 6.0 5.4 5.2 0.65 1.25 7.9 7.6 1.03 0.63 0.9 0.7 1.00 0.55 8 0 o o 0.13 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.25 mm maximum per side are not included. sot338-1 94-01-14 95-02-04 (1) w m b p d h e e z e c v m a x a y 1 8 16 9 q a a 1 a 2 l p q detail x l (a ) 3 mo-150ac pin 1 index 0 2.5 5 mm scale ssop16: plastic shrink small outline package; 16 leads; body width 5.3 mm sot338-1 a max. 2.0
1998 jan 15 16 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS soldering introduction there is no soldering method that is ideal for all ic packages. wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. however, wave soldering is not always suitable for surface mounted ics, or for printed-circuits with high population densities. in these situations reflow soldering is often used. this text gives a very brief insight to a complex technology. a more in-depth account of soldering ics can be found in our ic package databook (order code 9398 652 90011). re?ow soldering reflow soldering techniques are suitable for all ssop packages. reflow soldering requires solder paste (a suspension of fine solder particles, flux and binding agent) to be applied to the printed-circuit board by screen printing, stencilling or pressure-syringe dispensing before package placement. several techniques exist for reflowing; for example, thermal conduction by heated belt. dwell times vary between 50 and 300 seconds depending on heating method. typical reflow temperatures range from 215 to 250 c. preheating is necessary to dry the paste and evaporate the binding agent. preheating duration: 45 minutes at 45 c. wave soldering wave soldering is not recommended for ssop packages. this is because of the likelihood of solder bridging due to closely-spaced leads and the possibility of incomplete solder penetration in multi-lead devices. if wave soldering cannot be avoided, the following conditions must be observed: a double-wave (a turbulent wave with high upward pressure followed by a smooth laminar wave) soldering technique should be used. the longitudinal axis of the package footprint must be parallel to the solder flow and must incorporate solder thieves at the downstream end. even with these conditions, only consider wave soldering ssop packages that have a body width of 4.4 mm, that is ssop16 (sot369-1) or ssop20 (sot266-1) . during placement and before soldering, the package must be fixed with a droplet of adhesive. the adhesive can be applied by screen printing, pin transfer or syringe dispensing. the package can be soldered after the adhesive is cured. maximum permissible solder temperature is 260 c, and maximum duration of package immersion in solder is 10 seconds, if cooled to less than 150 c within 6 seconds. typical dwell time is 4 seconds at 250 c. a mildly-activated flux will eliminate the need for removal of corrosive residues in most applications. repairing soldered joints fix the component by first soldering two diagonally- opposite end leads. use only a low voltage soldering iron (less than 24 v) applied to the flat part of the lead. contact time must be limited to 10 seconds at up to 300 c. when using a dedicated tool, all other leads can be soldered in one operation within 2 to 5 seconds between 270 and 320 c.
1998 jan 15 17 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation.
1998 jan 15 18 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS notes
1998 jan 15 19 philips semiconductors preliminary speci?cation safety ic for li-ion SAA1502ATS notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1998 sca57 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 488 3263 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 297027/1200/01/pp20 date of release: 1998 jan 15 document order number: 9397 750 02706


▲Up To Search▲   

 
Price & Availability of SAA1502ATS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X