Part Number Hot Search : 
8A218 ADCMP350 RF316506 GV2SN35 RC806 SG2540Y BTLV3 VP553
Product Description
Full Text Search
 

To Download NJL6163R-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  njl6163r/6163r-1 - 1 - njl6163r 4.9 2.5 2.5 1.16 0.5 1.0 0.3 1.35 0.7 0.3 1.35 1.0 (2x)r0.3 NJL6163R-1 0.5 1.16 1.8 3.6 1.8 1.0 0.3 0.3 0.3 0.95 0.95 1.0 ( 2 ) r 0 . 3 high speed pin photo diode general description outline (typ.) unit : mm the njl6163r/6163r-1 are the pin photo diode, which attain high speed (fc : 200mhz) and high sensitivity (s : 0.65a/w). it shrinks the outline by cobp(chip on board package), and attain under half package volume compared with lead frame type. features ? high speed, high sensitivity ? super miniature, super thin type njl6163r (2.5mmx4.9mmx1.16mm) NJL6163R-1 (1.8mmx3.6mmx1.16mm) applications ? laser monitor for cd-r/rw etc. ? reading the signal for optical communication etc. absolute maximum ratings (ta=25 c) parameter symbol ratings unit reverse voltage operating temperature storage temperature reflow soldering temperature v r t opr t stg t sol 35 -30 to +85 -40 to +100 260 (10sec.) v c c c electro-optical characteristics (ta=25 c) parameter symbol test condition min typ max unit dark current forward voltage capacitance peak wavelength sensitivity cut off frequency i d v f c t p s fc (-3db) v r =10v i f =1ma v r =2.0v, f=1mhz ? v r =2.0v, =780nm (note) v r =0.7v, =780nm, rl=50 ? v r =2.0v, =780nm, rl=50 ? ? ? ? ? 0.50 ? ? 0.1 ? 10 800 0.65 150 200 2.0 1.0 ? ? ? ? ? na v pf nm a/w mhz mhz (note) in the case of illuminating all over the package ? anode ? cathode ? ? ? anode ? cathode ? ? active area: 1.0 mm square active area: 1.0 mm square active area active area
njl6163r/6163r-1 - 2 - 0% 20% 40% 60% 80% 100% 500 600 700 800 900 1000 1100 wavelength (nm) relative sensitivity (%) 1.0e-13 1.0e-12 1.0e-11 1.0e-10 1.0e-09 1.0e-08 -40-20 0 20406080100 ambient temperature ta (c) dark current i d (a) vr=2.0v 0 5 10 15 20 012345 reverse voltage vr (v) rise time tr (ns ) =780nm, rl=50 ? 0 5 10 15 20 012345 reverse voltage vr (v) fall time tf (ns ) =780nm, rl=50 ? 1.00e-08 1.00e-07 1.00e-06 1.00e-05 1.00e-04 1.00e-03 1.00e-02 0.01 0.1 1 10 100 illuninance (mw/cm ) light current il (a) vr=2.0v, =780nm 2 typical characteristics relative sensitivity vs. illuminance (ta=25 c) spectral response (ta=25 c) dark current vs. temperature relative sensitivity vs. temperature rise time vs. reverse voltage (ta=25 c) fall time vs. reverse voltage (ta=25 c) 50% 60% 70% 80% 90% 100% 110% 120% 130% 140% 150% -40-200 20406080100 ambient temperature ta(c) relative sensitivity (% ) vr=2.0v, =780nm
njl6163r/6163r-1 - 3 - 8 9 10 11 12 13 14 15 01 23 45 reverse voltage vr (v) capasitance cj (pf ) -6 -5 -4 -3 -2 -1 0 1 10 100 1000 frequency f (mhz) relative sensitivity (db) vr=2.0v, =780nm, rl=50 ? relative sensitivity vs. frequency (ta=25 c) capacitance vs. reverse voltage (ta=25 c) measuring circuit for response time osc 50 ? laser njl6163r p. g . tr tf 90% 10% input output
njl6163r/6163r-1 - 4 - 250 200 150 100 50 0 precaution for handling 1. soldering to actual circuit board soldering condition - heated condition of plastic package. lower than 240 c of maximum surface temperature, less than 30 seconds of time kept higher than 200 c. soldering method 1) reflow method recommended temperature profile of its method. ? preparatory heating condition : 120 to 150 c about 60 sec. ? recommended soldering temperature : 230 to 240 c about 3 to 5 sec. ? slowly cool down right after soldering. ? soldering to be done within twice under this condition. ( c) 3 to 5 sec. 240 c max. preparatory heating less than 60 to 120 sec. 30 sec. time 2) reflow method ( in case of infrared heating ) - temperature profile : same to the above - avoid direct irradiation to the plastic package because it is mold resin, absorbs the infrared radiation and its sur face temperature will be higher than lead itself. 3) the other method avoid rapid heating up like dipping the devices directly into the melting solder or vapor phase method ( vps ). if the device is heated to high temperature and kept in its condition for longer time, it would affect to its reliabi lity. it is necessary to solder in short time as soon as possible. 2. cleaning avoid washing of the device after soldering by reflow method. 3. attention in handling 1) treat not to touch the lens surface. 2) avoid dust and any other foreign materials (paint, bonding material, etc.) on the lens surface. 3) when mounting, special care has to be taken on the mounting position and tilting of the device because it is very important to place the device to the optimum position to the object. 4. storage in order to prevent from degradation of this device in moisturing at reflow method, so that this device is contained in dampproof packaging. so that mount the device as short as possible after opening the envelope.
njl6163r/6163r-1 - 5 - (te1) njl6163r taping specification 1. taping size 1) carrier tape is used with styrene type carbonated plastic. 2) cover tape is used with electro statistically prevention treated polyester type tape. 3) product taping direction is to place the index mark against the pull out direction of the tape as in the drawing. pull out direction of tape 2. taping strength pull up the cover tape from the carrier tape, and when the opening angle comes around 10 to 15 , and the peeling-off strength is to be within the power of 20 to 70g. 3. packaging 1) the taped products are to be rolled up on the taping reel as on the drawing. 2) rolling up specification 2-1) start rolling : carrier tape open space more than 20 pieces. 2-2) end of rolling : carrier tape open space more than 20 pieces, and 2 round of reel space at the cover tape only. 3) taping quantity : 2,000 pieces 4) seal off after putting each reels in a dampproof bag with silica gel (3 bags). 13 60 180 13 label 2.0 4.0 2.9 4.0 5.5 12.0 1.75 5.4 0.3 1.5 carrier tape cover tape 1.5
njl6163r/6163r-1 - 6 - memo [caution] the specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. the application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJL6163R-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X