Part Number Hot Search : 
15B10 PP1FDS XXXGX XC2VPX20 F2804S MP4411 F2804S 2SC55
Product Description
Full Text Search
 

To Download MMBTA55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elek tr onische b a ue lem ente mmbt a55 / mmbt a56 p n p silic on driv er t r a n sist o r sot-23 ? maximum ratings rating symbol value unit MMBTA55 -60 collector - emitter voltage mmbta56 v ceo -80 v MMBTA55 -60 collector - base voltage mmbta56 v cbo -80 v emitter - base voltage v ebo -4.0 v collector current - continuous i c -500 ma ? thermal characteristics characteristic symbol max. unit total device dissipation fr-5 board (1) t a = 25 : 225 mw derate above 25 : p d 1.8 mw / : thermal resistance, junction to ambient r  ja 556 / w : total device dissipation alumina substrate (2) , t a = 25 : 300 mw derate above 25 : p d 2.4 mw / : thermal resistance, junction to ambient r  ja 417 / w : operating and storage junction temperature range t j , t stg -55 ~ +150 : 1. fr-5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. http://www.secosgmbh.com/ any changing of specification will not be informed individual dim min max a 2.800 3.040 b 1.200 1.400 c 0.890 1.110 d 0.370 0.500 g 1.780 2.040 h 0.013 0.100 j 0.085 0.177 k 0.450 0.600 l 0.890 1.020 s 2.100 2.500 v 0.450 0.600 all dimension in mm sot-23 k j c h l a b s g v 3 1 2 d top view 1 2 3 collector 3 1 base 2 emitter marking code: MMBTA55:2h , mmbta56:2gm 01 -jun-2002 rev. a page 1 of 4 rohs compliant product a suffix of "-c" specifies halogen & lead-free
? electrical characteristics (t a = 25 : unless otherwise noted) characteristic symbol min. max. unit off characteristics collector - emitter breakdown voltage (3) MMBTA55 -60 - (i c = -1.0 ma, i b = 0) mmbta56 v (br)ceo -80 - v emitter - base breakdown voltage (i e = -100 a, i c = 0) v (br)ebo -4.0 - v collector cutoff current (v ce = -60 v, i b = 0 v) i ces - -0.1 na collector cutoff current (v cb = -60 v, i e = 0) MMBTA55 - -0.1 (v cb = -80 v, i e = 0) mmbta56 i cbo - -0.1 a on characteristics dc current gain (i c = -10 ma, v ce = -1.0 v) 100 - (i c = -100 ma, v ce = -1.0 v) h fe 100 - - collector - emitter saturation voltage (i c = -100 ma, i b = -10 ma) v ce(sat) - -0.25 v base - emitter saturation voltage (i c = -100 ma, v ce =-1.0v) v be(on) -- 1 . 2v small - signal characteristics current - gain - bandwidth product (4) (i c = -100 ma, v ce = -1.0 v, f = 100 mhz) f t 50 -mhz 3. pulse test: pulse width ? 300 s, duty cycle ? 2.0 %. 4. f t is defined as the frequency at which | h fe | extrapolates to unity. http://www.secosgmbh.com/ any changing of specification will not be informed individual figure 1. switching time test circuits  
                          !       !  
                          !    ! *total shunt capacitance of test jig and connectors for pnp test circuits, reverse all voltage polarities 01 -jun-2002 rev. a page 2 of 4 elektronische bauelemente MMBTA55 / mmbta56 pnp silicon driver transistor
? switching time equivalent test circuits http://www.secosgmbh.com/ any changing of specification will not be informed individual figure 2. currentCgain bandwidth product figure 3. capacitance figure 4. switching time  "  #$%&   '   '  (  '   "   %) #&       (   '  '    '   * '  +  " )% %,- ,.,#
./& "%% % #& '      (  '    (  (     '       '   * '   01  101  "  #$%&      '   '    "
#!&  '  2  ( (  (    ( '       3      '  * '   !  +    4 5  #1++&   figure 5. dc current gain '      "  #$%&  '  6     ", )%   *  '          '   ' 7  '    figure 6. on voltages "%) #&       "  #$%&    6      '     * '    #!8& 5  3      #!8& 5  3      #1& 5      '    ' '  01 -jun-2002 rev. a page 3 of 4 elektronische bauelemente MMBTA55 / mmbta56 pnp silicon driver transistor
http://www.secosgmbh.com/ any changing of specification will not be informed individual figure 7. collector saturation region figure 8. baseCemitter temperature coefficient  "  #$%&  "%  #$%&   "
 %    #$3&  " 
 %) #&         6  '   '  '  ' 6      +1    '    '  '         6      '     * '      $%   $%   '$%   $%    $% ' '     '   01 -jun-2002 rev. a page 4 of 4 elektronische bauelemente MMBTA55 / mmbta56 pnp silicon driver transistor


▲Up To Search▲   

 
Price & Availability of MMBTA55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X