Part Number Hot Search : 
2N6250 1A336 164M025 P0102AL 7912CI MBT440 BT2222A KHS62E
Product Description
Full Text Search
 

To Download MC78M08ABTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 november, 2005 ? rev. 16 1 publication order number: mc78m00/d mc78m00, mc78m00a series 500 ma positive voltage regulators the mc78m00/mc78m00a series positive voltage regulators are identical to the popular mc7800 series devices, except that they are specified for only half the output current. like the mc7800 devices, the mc78m00 three?terminal regulators are intended for local, on?card voltage regulation. internal current limiting, thermal shutdown circuitry and safe?area compensation for the internal pass transistor combine to make these devices remarkably rugged under most operating conditions. maximum output current, with adequate heatsinking is 500 ma. features ? no external components required ? internal thermal overload protection ? internal short circuit current limiting ? output transistor safe?area compensation ? mc78m00a high accuracy ( 2%) available for 5.0 v, 8.0 v, 12 v and 15 v ? pb?free packages are available* figure 1. representative schematic diagram this device contains 28 active transistors. 1.0 k 1.0 k input 210 6.7 v 16 k 100 200 300 3.6 k 6.4 k 520 6.0 k 2.0 k 3.9 k 6.0 k 2.8 k 40 pf 5.6 k 3.0 k 1.0 k 300 200 50 13 0.24 gnd output 10 pf 2.6 k *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. to?220 t suffix case 221a 1 dpak?3 dt suffix case 369c marking diagrams xxxxx = device type and voltage option code a = assembly location l = wafer lot y = year ww = work week g = pb?free package 2 3 see detailed ordering and shipping information in the packag e dimensions section on page 10?14 of this data sheet. ordering information heatsink surface connected to pin 2. pin 1. input 2. ground 3. output heatsink surface (shown as terminal 4 in case outline drawing) is connected to pin 2. mc awlywwg 78mxxxxt http://onsemi.com 1 2 3 4 xxxxxg alyww xx = voltage option xx = appropriate suffix options a = assembly location wl = wafer lot y = year ww = work week g = pb?free package see general marking information in the device marking section on page 10 of this data sheet. device marking information
mc78m00, mc78m00a series http://onsemi.com 2 maximum ratings (t a = 25 c, unless otherwise noted) (note 1) rating symbol value unit input voltage (5.0 v?18 v) v i 35 vdc (20 v?24v) 40 power dissipation (package limitation) plastic package, t suffix t a = 25 c p d internally limited thermal resistance, junction?to?air  ja 70 c/w thermal resistance, junction?to?case  jc 5.0 c/w plastic package, dt suffix t a = 25 c p d internally limited thermal resistance, junction?to?air  ja 92 c/w thermal resistance, junction?to?case  jc 5.0 c/w operating junction temperature range t j +150 c storage temperature range t stg ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. this device series contains esd protection and exceeds the following tests: human body model 2000 v per mil?std?883, method 3015. machine model method 200 v. mc78m05c/ac/b/ab electrical characteristics (v i = 10 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 2) characteristics symbol min typ max unit output voltage (t j = 25 c) v o vdc mc78m05c 4.8 5.0 5.2 mc78m05ac 4.9 5.0 5.1 output voltage variation v o vdc (7.0 vdc v i 20 vdc, 5.0 ma i o 350 ma) mc78m05c 4.75 ? 5.25 mc78m05ac 4.80 ? 5.20 line regulation reg line ? 3.0 50 mv (t j = 25 c, 7.0 vdc v i 25 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 20 100 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 50 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (8.0 vdc v i 25 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 40 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 8.0 v v i 18 v) 62 ? ? (i o = 300 ma, f = 120 hz, 8.0 v i 18 v, t j = 25 c) 62 80 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.2 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) 2. t low =0 c for mc78mxxac, c t high = +125 c for mc78mxxab, ac, b, c = ?40 c for mc78mxxab, b
mc78m00, mc78m00a series http://onsemi.com 3 mc78m06c electrical characteristics (v i = 11 v, i o = 350 ma, 0 c < t j < 125 c, p d 5.0 w, unless otherwise noted) characteristics symbol min typ max unit output voltage (t j = 25 c) v o 5.75 6.0 6.25 vdc output voltage variation v o 5.7 ? 6.3 vdc (8.0 vdc v i 21 vdc, 5.0 ma i o 350 ma) line regulation reg line ? 5.0 50 mv (t j = 25 c, 8.0 vdc v i 25 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 20 120 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 60 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (9.0 vdc v i 25 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 45 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 9.0 v v i 19 v) 59 ? ? (i o = 300 ma, f = 120 hz, 9.0 v v i 19 v, t j = 25 c) 59 80 ? dropout voltage v i ? v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.2 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) mc78m08c/ac/b/ab electrical characteristics (v i = 14 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 3) characteristics symbol min typ max unit output voltage (t j = 25 c) v o vdc mc78m08c 7.70 8.0 8.30 mc78m08ac 7.84 8.0 8.16 output voltage variation v o vdc (10.5 vdc v i 23 vdc, 5.0 ma i o 350 ma) mc78m08c 7.6 ? 8.4 mc78m08ac 7.7 ? 8.3 line regulation reg line ? 6.0 50 mv (t j = 25 c, 10.5 vdc v i 25 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 25 160 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 80 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (10.5 vdc v i 25 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 52 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 11.5 v v i 21.5 v) 56 ? ? (i o = 300 ma, f = 120 hz, 11.5 v v i 21.5 v, t j = 25 c) 56 80 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.2 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) 3. t low =0 c for mc78mxxac, c t high = +125 c for mc78mxxab, ac, b, c = ?40 c for mc78mxxab, b
mc78m00, mc78m00a series http://onsemi.com 4 mc78m09c/b electrical characteristics (v i = 15 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 4) characteristics symbol min typ max unit output voltage (t j = 25 c) v o 8.64 9.0 9.45 vdc output voltage variation v o 8.55 ? 9.45 vdc (11.5 vdc v i 23 vdc, 5.0 ma i o 350 ma) line regulation reg line ? 6.0 50 mv (t j = 25 c, 11.5 vdc v i 25 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 25 180 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 90 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (11.5 vdc v i 25 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 52 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 12.5 v v i 22.5 v) 56 ? ? (i o = 300 ma, f = 120 hz, 12.5 v v i 22.5 v, t j = 25 c) 56 80 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.2 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) mc78m12c/ac/b/ab electrical characteristics (v i = 19 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 4) characteristics symbol min typ max unit output voltage (t j = 25 c) v o vdc mc78m12c 11.50 12 12.50 mc78m12ac 11.76 12 12.24 output voltage variation v o vdc (14.5 vdc v i 27 vdc, 5.0 ma i o 350 ma) mc78m12c 11.4 ? 12.6 mc78m12ac 11.5 ? 12.5 line regulation reg line ? 8.0 50 mv (t j = 25 c, 14.5 vdc v i 30 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 25 240 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 120 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (14.5 vdc v i 30 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 75 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 15 v v i 25 v) 55 ? ? (i o = 300 ma, f = 120 hz, 15 v v i 25 v, t j = 25 c) 55 80 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.3 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) 4. t low =0 c for mc78mxxac, c t high = +125 c for mc78mxxab, ac, b, c = ?40 c for mc78mxxab, b
mc78m00, mc78m00a series http://onsemi.com 5 mc78m15c/ac/b/ab electrical characteristics (v i = 23 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 5) characteristics symbol min typ max unit output voltage (t j = 25 c) v o vdc mc78m15c 14.4 15 15.6 mc78m15ac 14.7 15 15.3 output voltage variation v o vdc (17.5 vdc v i 30 vdc, 5.0 ma i o 350 ma) mc78m15c 14.25 ? 15.75 mc78m15ac 14.40 ? 15.60 input regulation reg line ? 10 50 mv (t j = 25 c, 17.5 vdc v i 30 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 25 300 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 150 input bias current (t j = 25 c) i ib ? 3.2 6.0 ma quiescent current change  i ib ma (17.5 vdc v i 30 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 90 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 18.5 v v i 28.5 v) 54 ? ? (i o = 300 ma, f = 120 hz, 18.5 v v i 28.5 v, t j = 25 c) 54 70 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.3 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) mc78m18c/b electrical characteristics (v i = 27 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 5) characteristics symbol min typ max unit output voltage (t j = 25 c) v o 17.3 18 18.7 vdc output voltage variation v o 17.1 ? 18.9 vdc (21 vdc v i 33 vdc, 5.0 ma i o 350 ma) line regulation reg line ? 10 50 mv (t j = 25 c, 21 vdc v i 33 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 30 360 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 180 input bias current (t j = 25 c) i ib ? 3.2 6.5 ma quiescent current change  i ib ma (21 vdc v i 33 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 100 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 22 v v i 32 v) 53 ? ? (i o = 300 ma, f = 120 hz, 22 v v i 32 v, t j = 25 c) 53 70 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.3 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) 5. t low =0 c for mc78mxxac, c t high = +125 c for mc78mxxab, ac, b, c = ?40 c for mc78mxxab, b
mc78m00, mc78m00a series http://onsemi.com 6 mc78m20c/b electrical characteristics (v i = 29 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 6) characteristics symbol min typ max unit output voltage (t j = 25 c) v o 19.2 20 20.8 vdc output voltage variation v o 19 ? 21 vdc (23 vdc v i 35 vdc, 5.0 ma i o 350 ma) line regulation reg line ? 10 50 mv (t j = 25 c, 23 vdc v i 35 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 30 400 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 200 input bias current (t j = 25 c) i ib ? 3.2 6.5 ma quiescent current change  i ib ma (23 vdc v i 35 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 110 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 24 v v i 34 v) 52 ? ? (i o = 300 ma, f = 120 hz, 24 v v i 34 v, t j = 25 c) 52 70 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c, v i = 35 v) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.5 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) mc78m24c/b electrical characteristics (v i = 33 v, i o = 350 ma, t j = t low to t high , p d 5.0 w, unless otherwise noted) (note 6) characteristics symbol min typ max unit output voltage (t j = 25 c) v o 23 24 25 vdc output voltage variation v o 22.8 ? 25.2 vdc (27 vdc v i 38 vdc, 5.0 ma i o 350 ma) line regulation reg line ? 10 50 mv (t j = 25 c, 27 vdc v i 38 vdc, i o = 200 ma) load regulation reg load mv (t j = 25 c, 5.0 ma i o 500 ma) ? 30 480 (t j = 25 c, 5.0 ma i o 200 ma) ? 10 240 input bias current (t j = 25 c) i ib ? 3.2 7.0 ma quiescent current change  i ib ma (27 vdc v i 38 vdc, i o = 200 ma) ? ? 0.8 (5.0 ma i o 350 ma) ? ? 0.5 output noise voltage (t a = 25 c, 10 hz f 100 khz) v n ? 170 ?  v ripple rejection rr db (i o = 100 ma, f = 120 hz, 28 v v i 38 v) 50 ? ? (i o = 300 ma, f = 120 hz, 28 v v i 38 v, t j = 25 c) 50 70 ? dropout voltage v i ?v o ? 2.0 ? vdc (t j = 25 c) short circuit current limit (t j = 25 c) i os ? 50 ? ma average temperature coefficient of output voltage  v o /  t ? 0.5 ? mv/ c (i o = 5.0 ma) peak output current i o ? 700 ? ma (t j = 25 c) 6. t low =0 c for mc78mxxac, c t high = +125 c for mc78mxxab, ac, b, c = ?40 c for mc78mxxab, b
mc78m00, mc78m00a series http://onsemi.com 7 definitions line regulation ? the change in output voltage for a change in the input voltage. the measurement is made under conditions of low dissipation or by using pulse techniques such that the average chip temperature is not significantly affected. load regulation ? the change in output voltage for a change in load current at constant chip temperature. maximum power dissipation ? the maximum total device dissipation for which the regulator will operate within specifications. input bias current ? that part of the input current that is not delivered to the load. output noise voltage ? the rms ac voltage at the output, with constant load and no input ripple, measured over a specified frequency range. long term stability ? output voltage stability under accelerated life test conditions with the maximum rated voltage listed in the devices? electrical characteristics and maximum power dissipation. figure 2. dpak thermal resistance and maximum power dissipation versus p.c.b. copper length figure 3. worst case power dissipation versus ambient temperature (to?220) , power dissipation (w) d p  jc = 5 c/w p d(max) = 7.52 w no heat sink  hs = 20 c/w  hs = 10 c/w infinite heat sink r , thermal resistance ja junction?to?air ( c/w) l, length of copper (mm) p d , maximum power dissipation (w) r  ja 10 5.0 3.0 2.0 1.0 0.5 0.3 0.2 0.1 40 50 60 70 80 90 100 t a , ambient temperature ( c) 25 50 75 100 125 150 0 102030 25 15 5.0 l l free air mounted vertically 2.0 oz. copper p d(max) for t a = 50 c ???? ???? ????
mc78m00, mc78m00a series http://onsemi.com 8 t j = 25 c figure 4. peak output current versus dropout voltage figure 5. dropout voltage versus junction temperature figure 6. ripple rejection versus frequency figure 7. ripple rejection versus output curren t figure 8. bias current versus input voltage 100 80 60 40 20 1.0 10 100 1.0 k 10 k 100 k 1.0 m 10 m 100 m f, frequency (hz) rr, ripple rejection (db) i out = 500 ma , dropout voltage (v) io t j , junction temperature ( c) 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150 ?v v  v o = 100 mv i o = 500 ma i o = 100 ma i o = 10 ma rr, ripple rejection (db) i o , output current (a) 100 80 60 40 30 0.01 0.1 0.5 1.0 10 v out = 5.0 v v in = 10 v c o = 0 f = 120 hz t j = 25 c , bias current (ma) b v i , input voltage (vdc) 4.0 3.0 2.0 1.0 0 0 5.0 10 15 20 25 30 35 40 i t j = 25 c t j = 125 c t j = 125 c t j = 25 c v o = 5.0 v i o = 0.5 a i o , output current (a) 5.0 4.0 3.0 2.0 1.0 0 0.01 0.1 0.5 1.0 10 t j = 125 c v i ?v o = 5.0 v figure 9. bias current versus output current , output current (a) o v i ? v o , dropout voltage (v) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 5.0 10 15 20 25 30 35 40 t j = 125 c t j = 25 c i , bias current (ma) b i i out = 500 ma v out = 5.0 v v in = 10 v c o = 0 t j = 25 c
mc78m00, mc78m00a series http://onsemi.com 9 applications information design considerations the mc78m00/mc78m00a series of fixed voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition, internal short circuit protection that limits the maximum current the circuit will pass, and output t ransistor safe?area compensation that reduces the output short circuit current as the voltage across the pass transistor is increased. in many low current applications, compensation capacitors are not required. however, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. an input bypass capacitor should be selected to provide good high frequency characteristics to insure stable operation under all load conditions. a 0.33  f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulator?s input terminals. normally good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. the addition of an operational amplifier allows adjustment to higher or intermediate values while retaining regulation characteristics. the minimum voltage obtainable with this arrangement is 2.0 v greater than the regulator voltage. input mc78m05c output 0.33  f 10 k mc1741 7 6 4 1.0 k 0.1  f 3 2 the mc78m00 series can be current boosted with a pnp transistor. the mj2955 provides current to 5.0 a. resistor r in conjunction with the v be of the pnp determines when the pass transistor begins conducting; this circuit is not short circuit proof. input?output differential voltage minimum is increased by v be of the pass transistor. xx = 2 digits of type number indicating voltage. mc78mxxc input output r 1.0  f mj2955 or equiv. 1.0  f the circuit of figure 12 can be modified to provide supply protection against short circuits by adding a short circuit sense resistor, r sc , and an additional pnp transistor. the current sensing pnp must be able to handle the short circuit current of the three?terminal regulator .therefore, a 4.0 a plastic power transistor is specified. xx = 2 digits of type number indicating voltage. 1.0  f mc78mxxc mj2955 or equiv. input output r sc r 2n6049 or equiv. v o , 7.0 v to 20 v v in ?v out 2.0 v  + figure 10. current regulator the mc78m00 regulators can also be used as a current source when connected as above. in order to minimize dissipation the mc78m05c is chosen in this application. resistor r determines the current as follows: for example, a 500 ma current source would require r to be a 10  , 10 w resistor and the output voltage compliance would be the input voltage less 7.0 v. i o = 5.0 v r + i ib i ib = 1.5 ma over line and load changes. input 0.33  f r i o mc78m05c constant current to grounded load figure 11. adjustable output regulator figure 12. current boost regulator figure 13. current boost with short circuit protection
mc78m00, mc78m00a series http://onsemi.com 10 ordering information device output voltage temperature range package marking shipping ? mc78m05cdt 5.0 v t j = 0 to +125 c dpak?3 78m05 75 units / rail mc78m05cdtg dpak?3 (pb?free) 78m05 mc78m05cdtrk dpak?3 78m05 2500 units / tape & reel mc78m05cdtrkg dpak?3 (pb?free) 78m05 mc78m05acdt dpak?3 8m05d 75 units / rail mc78m05acdtg dpak?3 (pb?free) 8m05d mc78m05acdtrk dpak?3 8m05d 2500 units / tape & reel mc78m05acdtrkg dpak?3 (pb?free) 8m05d mc78m05ct to?220 78m05ct 50 units / rail mc78m05ctg to?220 (pb?free) 78m05ct mc78m05act to?220 78m05act 50 units / rail mc78m05actg to?220 (pb?free) 78m05act mc78m05abdt t j = ?40 to +125 c dpak?3 8m05a 75 units / rail mc78m05abdtg dpak?3 (pb?free) 8m05a mc78m05abdtrk dpak?3 8m05a 2500 units / tape & reel mc78m05abdtrkg dpak?3 (pb?free) 8m05a mc78m05abt to?220 78m05abt 50 units / rail mc78m05abtg to?220 (pb?free) 78m05abt mc78m05bdt dpak?3 8m05b 75 units / rail mc78m05bdtg dpak?3 (pb?free) 8m05b mc78m05bdtrk dpak?3 8m05b 2500 units / tape & reel mc78m05bdtrkg dpak?3 (pb?free) 8m05b mc78m05bt to?220 78m05bt 50 units / rail mc78m05btg to?220 (pb?free) 78m05bt ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc78m00, mc78m00a series http://onsemi.com 11 ordering information device output voltage temperature range package marking shipping ? mc78m06cdt 6.0 v t j = 0 to +125 c dpak?3 78m06 75 units / rail mc78m06cdtg dpak?3 (pb?free) 78m06 mc78m06cdtrk dpak?3 78m06 2500 units / tape & reel mc78m06cdtrkg dpak?3 (pb?free) 78m06 mc78m06ct to?220 78m06ct 50 units / rail mc78m06ctg to?220 (pb?free) 78m06ct mc78m06bt t j = ?40 to +125 c to?220 78m06bt mc78m06btg to?220 (pb?free) 78m06bt mc78m08cdt 8.0 v t j = 0 to +125 c dpak?3 78m08 75 units / rail mc78m08cdtg dpak?3 (pb?free) 78m08 mc78m08cdtrk dpak?3 78m08 2500 units / tape & reel mc78m08cdtrkg dpak?3 (pb?free) 78m08 mc78m08acdt dpak?3 8m08d 75 units / rail mc78m08acdtg dpak?3 (pb?free) 8m08d mc78m08acdtrk dpak?3 8m08d 2500 units / tape & reel mc78m08acdtrkg dpak?3 (pb?free) 8m08d mc78m08ct to?220 78m08ct 50 units / rail mc78m08ctg to?220 (pb?free) 78m08ct mc78m08act to?220 78m08act mc78m08actg to?220 (pb?free) 78m08act mc78m08abdt t j = ?40 to +125 c dpak?3 8m08a 75 units / rail mc78m08abdtg dpak?3 8m08a mc78m08abdtrk dpak?3 8m08a 2500 units / tape & reel mc78m08abdtrkg dpak?3 (pb?free) 8m08a mc78m08abt to?220 78m08abt 50 units / rail MC78M08ABTG to?220 (pb?free) 78m08abt mc78m08bdt dpak?3 8m08b 75 units / rail mc78m08bdtg dpak?3 (pb?free) 8m08b mc78m08bdtrk dpak?3 8m08b 2500 units / tape & reel mc78m08bdtrkg dpak?3 (pb?free) 8m08b mc78m08bt to?220 78m08bt 50 units / rail mc78m08btg to?220 (pb?free) 78m08bt ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc78m00, mc78m00a series http://onsemi.com 12 ordering information device output voltage temperature range package marking shipping ? mc78m09cdt 9.0 v t j = 0 to +125 c dpak?3 78m09 75 units / rail mc78m09cdtg dpak?3 (pb?free) 78m09 75 units / rail mc78m09cdtrk dpak?3 78m09 2500 units / tape & reel mc78m09cdtrkg dpak?3 (pb?free) 78m09 2500 units / tape & reel mc78m09ct to?220 78m09ct 50 units / rail mc78m09ctg to?220 (pb?free) 78m09ct 50 units / rail mc78m09bdt t j = ?40 to +125 c dpak?3 8m09b 75 units / rail mc78m09bdtg dpak?3 (pb?free) 8m09b 75 units / rail mc78m09bdtrk dpak?3 8m09b 2500 units / tape & reel mc78m09bdtrkg dpak?3 (pb?free) 8m09b 2500 units / tape & reel mc78m12cdt 12 v t j = 0 to +125 c dpak?3 78m12 75 units / rail mc78m12cdtg dpak?3 (pb?free) 78m12 mc78m12cdtrk dpak?3 78m12 2500 units / tape & reel mc78m12cdtrkg dpak?3 (pb?free) 78m12 mc78m12acdt dpak?3 8m12d 75 units / rail mc78m12acdtg dpak?3 (pb?free) 8m12d mc78m12acdtrk dpak?3 8m12d 2500 units / tape & reel mc78m12acdtrkg dpak?3 (pb?free) 8m12d mc78m12ct to?220 78m12ct 50 units / rail mc78m12ctg to?220 78m12ct mc78m12act to?220 78m12act mc78m12actg to?220 (pb?free) 78m12act mc78m12abdt t j = ?40 to +125 c dpak?3 8m12a 75 units / rail mc78m12abdtg dpak?3 (pb?free) 8m12a mc78m12abdtrk dpak?3 8m12a 2500 units / tape & reel mc78m12abdtrkg dpak?3 (pb?free) 8m12a mc78m12abt to?220 78m12abt 50 units / rail mc78m12abtg to?220 (pb?free) 78m12abt mc78m12bdt dpak?3 8m12b 75 units / rail mc78m12bdtg dpak?3 (pb?free) 8m12b mc78m12bdtrk dpak?3 8m12b 2500 units / tape & reel mc78m12bdtrkg dpak?3 (pb?free) 8m12b mc78m12bt to?220 78m12bt 50 units / rail mc78m12btg to?220 (pb?free) 78m12bt ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc78m00, mc78m00a series http://onsemi.com 13 ordering information device output voltage temperature range package marking shipping ? mc78m15cdt 15 v t j = 0 to +125 c dpak?3 78m15 75 units / rail mc78m15cdtg dpak?3 (pb?free) 78m15 mc78m15cdtrk dpak?3 78m15 2500 units / tape & reel mc78m15cdtrkg dpak?3 (pb?free) 78m15 mc78m15acdt dpak?3 8m15d 75 units / rail mc78m15acdtg dpak?3 (pb?free) 8m15d mc78m15acdtrk dpak?3 8m15d 2500 units / tape & reel mc78m15acdtrkg dpak?3 (pb?free) 8m15d mc78m15ct to?220 78m15ct 50 units / rail mc78m15ctg to?220 (pb?free) 78m15ct mc78m15act to?220 78m15act mc78m15actg to?220 (pb?free) 78m15act mc78m15abdt t j = ?40 to +125 c dpak?3 8m15a 75 units / rail mc78m15abdtg dpak?3 (pb?free) 8m15a mc78m15abdtrk dpak?3 8m15a 2500 units / tape & reel mc78m15abdtrkg dpak?3 (pb?free) 8m15a mc78m15abt to?220 78m15abt 50 units / rail mc78m15abtg to?220 (pb?free) 78m15abt mc78m15bdt dpak?3 8m15b 75 units / rail mc78m15bdtg dpak?3 (pb?free) 8m15b mc78m15bdtrk dpak?3 8m15b 2500 units / tape & reel mc78m15bdtrkg dpak?3 (pb?free) 8m15b mc78m15bt to?220 78m15bt 50 units / rail mc78m15btg to?220 (pb?free) 78m15bt ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc78m00, mc78m00a series http://onsemi.com 14 ordering information device output voltage temperature range package marking shipping ? mc78m18cdt 18 v t j = 0 to +125 c dpak?3 78m18 75 units / rail mc78m18cdtg dpak?3 (pb?free) 78m18 mc78m18cdtrk dpak?3 78m18 2500 units / tape & reel mc78m18cdtrkg dpak?3 (pb?free) 78m18 mc78m18ct to?220 78m18ct 50 units / rail mc78m18ctg to?220 (pb?free) 78m18ct mc78m18bt t j = ?40 to +125 c to?220 78m18bt mc78m18btg to?220 (pb?free) 78m18bt mc78m20ct 20 v t j = 0 to +125 c to?220 78m20ct 50 units / rail mc78m20ctg to?220 (pb?free) 78m20ct mc78m20bt t j = ?40 to +125 c to?220 78m20bt mc78m24ct 24 v t j = 0 to +125 c to?220 78m24ct mc78m24ctg to?220 (pb?free) 78m24ct mc78m24bt t j = ?40 to +125 c to?220 78m24bt mc78m24btg to?220 (pb?free) 78m24bt ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mc78m00, mc78m00a series http://onsemi.com 15 package dimensions dpak?3 dt suffix case 369c?01 issue o d a k b r v s f l g 2 pl m 0.13 (0.005) t e c u j h ?t? seating plane z dim min max min max millimeters inches a 0.235 0.245 5.97 6.22 b 0.250 0.265 6.35 6.73 c 0.086 0.094 2.19 2.38 d 0.027 0.035 0.69 0.88 e 0.018 0.023 0.46 0.58 f 0.037 0.045 0.94 1.14 g 0.180 bsc 4.58 bsc h 0.034 0.040 0.87 1.01 j 0.018 0.023 0.46 0.58 k 0.102 0.114 2.60 2.89 l 0.090 bsc 2.29 bsc r 0.180 0.215 4.57 5.45 s 0.025 0.040 0.63 1.01 u 0.020 ??? 0.51 ??? v 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 123 4 5.80 0.228 2.58 0.101 1.6 0.063 6.20 0.244 3.0 0.118 6.172 0.243  mm inches  scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
mc78m00, mc78m00a series http://onsemi.com 16 package dimensions to?220 t suffix case 221a?09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 ??? 1.15 ??? z ??? 0.080 ??? 2.04 b q h z l v g n a k f 123 4 d seating plane ?t? c s t u r j on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, r epresentation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc78m00/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC78M08ABTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X