Part Number Hot Search : 
H810KFAB SFF1005 HT6256 2SJ399 HZK11C 07364 UA010 553CVB
Product Description
Full Text Search
 

To Download MC74HCT14A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2001 may, 2001 rev. 8 1 publication order number: mc74hct14a/d mc74hct14a hex schmitt-trigger inverter with lsttl compatible inputs highperformance silicongate cmos the mc74hct14a may be used as a level converter for interfacing ttl or nmos outputs to highspeed cmos inputs. the hct14a is identical in pinout to the ls14. the hct14a is useful to asquare upo slow input rise and fall times. due to the hysteresis voltage of the schmitt trigger, the hct14a finds applications in noisy environments. ? output drive capability: 10 lsttl loads ? ttl/nmoscompatible input levels ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0  a ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 72 fets or 18 equivalent gates 2500/reel soic14 mc74hct14adr2 device package shipping ordering information mc74hct14an pdip14 2000/box mc74hct14ad soic14 http://onsemi.com 55/rail marking diagrams a = assembly location l, wl = wafer lot y, yy = year w, ww = work week 1 14 pdip14 n suffix case 646 mc74hct14an awlyyww soic14 d suffix case 751a 1 14 hct14a awlyww mc74hc14adt tssop14 96/rail mc74hc14adtr2 tssop14 2500/reel tssop14 dt suffix case 948g hc 1 14 alyw 14a
mc74hct14a http://onsemi.com 2 figure 1. pin assignment pin 14 = v cc pin 7 = gnd y = a a1 1 2 y1 a2 3 4 y2 a3 5 6 y3 a4 9 8 y4 a5 11 10 y5 a6 13 12 y6 function table input a output y figure 2. logic diagram 11 12 13 14 8 9 10 5 4 3 2 1 7 6 y5 a5 y6 a6 v cc y4 a4 y2 a2 y1 a1 gnd y3 a3 l h h l
mc74hct14a http://onsemi.com 3 maximum ratings (note 1) symbol parameter value unit v cc dc supply voltage (referenced to gnd)  0.5 to  7.0 v v i dc input voltage (referenced to gnd)  0.5 to v cc  0.5 v v o dc output voltage (referenced to gnd)  0.5 to v cc  0.5 v i ik dc input diode current  20 ma i ok dc output diode current  25 ma i o dc output sink current  25 ma i cc dc supply current per supply pin  50 ma i gnd dc ground current per ground pin  50 ma t stg storage temperature range  65 to  150  c t l lead temperature, 1 mm from case for 10 seconds 260  c t j junction temperature under bias  150  c  ja thermal resistance pdip soic tssop 78 125 170  c/w p d power dissipation in still air at 85  c pdip soic tssop 750 500 450 mw msl moisture sensitivity level 1 f r flammability rating oxygen index: 30% 35% ul94vo (0.125 in) v esd esd withstand voltage human body model (note 2) machine model (note 3) charged device model (note 4) >4000 >300 >1000 v i latchup latchup performance above v cc and below gnd at 85  c (note 5)  300 ma 1. absolute maximum continuous ratings are those values beyond which damage to the device may occur. extended exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. functional operation under absolute maximumrated conditions is not implied. 2. tested to eia/jesd22a114a. 3. tested to eia/jesd22a115a. 4. tested to jesd22c101a. 5. tested to eia/jesd78. 6. for high frequency or heavy load considerations, see the on semiconductor highspeed cmos data book (dl129/d). recommended operating conditions symbol parameter min max unit ???? ???? v cc ????????????????????? ????????????????????? dc supply voltage (referenced to gnd) ????? ????? 4.5 ???? ???? 5.5 ??? ??? v ???? ???? v i , v o ????????????????????? ????????????????????? dc input voltage, output voltage (referenced to gnd) ????? ????? 0 ???? ???? v cc ??? ??? v ???? ???? t a ????????????????????? ????????????????????? operating temperature, all package types ????? ?????  55 ???? ????  125 ??? ???  c ???? ???? t r , t f ????????????????????? ????????????????????? input rise and fall time (figure 3) ????? ????? e ???? ???? (note 7) ??? ??? ns 7. no limit when v i  50% v cc , i cc > 1 ma. 8. unused inputs may not be left open. all inputs must be tied to a highlogic voltage level or a lowlogic input voltage level.
mc74hct14a http://onsemi.com 4 dc electrical characteristics (voltages referenced to gnd) temperature limit v cc  55  c to 25  c  85  c  125  c symbol parameter test conditions volts min max min max min max unit ???? ? ?? ? ???? v t  max ???????? ? ?????? ? ???????? maximum positivegoing input threshold voltage ????????? ? ??????? ? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? ??? ? ? ? ??? 1.9 2.1 ??? ? ? ? ??? ?? ?? ?? 1.9 2.1 ??? ? ? ? ??? ??? ? ? ? ??? 1.9 2.1 ?? ?? ?? v ???? ???? v t  min ???????? ???????? minimum positivegoing input threshold voltage ????????? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ??? 4.5 5.5 ??? ??? 1.2 1.4 ??? ??? ??? ??? 1.2 1.4 ?? ?? ??? ??? 1.2 1.4 ??? ??? ?? ?? v ???? ? ?? ? ???? v t  max ???????? ? ?????? ? ???????? maximum positivegoing input threshold voltage ????????? ? ??????? ? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? ??? ? ? ? ??? 1.2 1.4 ??? ? ? ? ??? ?? ?? ?? 1.2 1.4 ??? ? ? ? ??? ??? ? ? ? ??? 1.2 1.4 ?? ?? ?? ???? ? ?? ? ???? v t  min ???????? ? ?????? ? ???????? minimum positivegoing input threshold voltage ????????? ? ??????? ? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? 0.5 0.6 ??? ? ? ? ??? ??? ? ? ? ??? 0.5 0.6 ?? ?? ?? ??? ? ? ? ??? 0.5 0.6 ??? ? ? ? ??? ?? ?? ?? ???? ???? v h max ???????? ???????? maximum hysteresis voltage ????????? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ??? 4.5 5.5 ??? ??? ??? ??? 1.4 1.5 ??? ??? ?? ?? 1.4 1.5 ??? ??? ??? ??? 1.4 1.5 ?? ?? ???? ? ?? ? ???? v h min ???????? ? ?????? ? ???????? minimum hysteresis voltage ????????? ? ??????? ? ????????? v o = 0.1 v or v cc 0.1 v |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? 0.4 0.4 ??? ? ? ? ??? ??? ? ? ? ??? 0.4 0.4 ?? ?? ?? ??? ? ? ? ??? 0.4 0 4 ??? ? ? ? ??? ?? ?? ?? ???? ? ?? ? ???? v oh ???????? ? ?????? ? ???????? minimum highlevel output voltage ????????? ? ??????? ? ????????? v i < v t  min |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? 4.4 5.4 ??? ? ? ? ??? ??? ? ? ? ??? 4.4 5.4 ?? ?? ?? ??? ? ? ? ??? 4.4 5.4 ??? ? ? ? ??? ?? ?? ?? v ???? ???? ???????? ???????? ????????? ????????? v i < v t  min |i out |  4.0 ma ??? ??? 4.5 ??? ??? 3.98 ??? ??? ??? ??? 3.84 ?? ?? ??? ??? 3.7 ??? ??? ?? ?? ???? ? ?? ? ???? v ol ???????? ? ?????? ? ???????? maximum lowlevel output voltage ????????? ? ??????? ? ????????? v i v t  max |i out |  20  a ??? ? ? ? ??? 4.5 5.5 ??? ? ? ? ??? ??? ? ? ? ??? 0.1 0.1 ??? ? ? ? ??? ?? ?? ?? 0.1 0.1 ??? ? ? ? ??? ??? ? ? ? ??? 0.1 0.1 ?? ?? ?? v ???? ???? ???????? ???????? ????????? ????????? v i v t  max |i out |  4.0 ma ??? ??? 4.5 ??? ??? ??? ??? 0.26 ??? ??? ?? ?? 0.33 ??? ??? ??? ??? 0.4 ?? ?? ???? ? ?? ? ???? i ik ???????? ? ?????? ? ???????? maximum input leakage current ????????? ? ??????? ? ????????? v i = v cc or gnd ??? ? ? ? ??? 5.5 ??? ? ? ? ??? ??? ? ? ? ???  0.1 ??? ? ? ? ??? ?? ?? ??  1.0 ??? ? ? ? ??? ??? ? ? ? ???  1.0 ?? ?? ??  a ???? ? ?? ? ???? i cc ???????? ? ?????? ? ???????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v i = v cc or gnd i out = 0  a ??? ? ? ? ??? 5.5 ??? ? ? ? ??? ??? ? ? ? ??? 1.0 ??? ? ? ? ??? ?? ?? ?? 10 ??? ? ? ? ??? ??? ? ? ? ??? 40 ?? ?? ??  a   55  c 25  c to 125  c ???? ? ?? ? ????  i cc ???????? ? ?????? ? ???????? additional quiescent supply current ????????? ? ??????? ? ????????? v i = 2.4 v, any one input v i = v cc or gnd, other inputs l out = 0  a ??? ? ? ? ??? 5.5 ??????? ? ????? ? ??????? 2.9 ?????? ? ???? ? ?????? 2.4 ?? ?? ?? ma 9. information on typical parametric values can be found in the on semic onductor highspeed cmos data book (dl129/d). ac characteristics (c l = 50 pf; input t r = t f = 6.0 ns) guaranteed limit  55  c to 25  c  85  c  125  c symbol parameter test conditions figures min max min max min max unit ???? ? ?? ? ???? t plh , t phl ???????? ? ?????? ? ???????? maximum propagation delay, input a to output y (l to h) ???????? ? ?????? ? ???????? v cc = 5.0 v  10% c l = 50 pf, input t r = t f = 6.0 ns ???? ? ?? ? ???? 3 & 4 ??? ? ? ? ??? ??? ? ? ? ??? 32 ??? ? ? ? ??? ?? ?? ?? 40 ??? ? ? ? ??? ??? ? ? ? ??? 48 ?? ?? ?? ns ???? ? ?? ? ???? t tlh , t thl ???????? ? ?????? ? ???????? maximum output transition time, any output ???????? ? ?????? ? ???????? v cc = 5.0 v  10% c l = 50 pf, input t r = t f = 6.0 ns ???? ? ?? ? ???? 3 & 4 ??? ? ? ? ??? ??? ? ? ? ??? 15 ??? ? ? ? ??? ?? ?? ?? 19 ??? ? ? ? ??? ??? ? ? ? ??? 22 ?? ?? ?? ns 10.for propagation delays with loads other than 50 pf, and information on typical parametric values, see the on semiconductor h ighspeed cmos data book (dl129/d). typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance, per inverter (note 11) 32 pf 11. used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see the on semiconductor highspeed cmos data book (dl129/d).
mc74hct14a http://onsemi.com 5 *includes all probe and jig capacitance. c l * test point device under test output figure 3. switching waveforms figure 4. test circuit input a output y t f t r 3 v gnd t phl t plh t tlh t thl 2.7 v 1.3 v 0.3 v 90% 1.3 v 10%
mc74hct14a http://onsemi.com 6 package dimensions pdip14 n suffix case 64606 issue m 17 14 8 b a dim min max min max millimeters inches a 0.715 0.770 18.16 18.80 b 0.240 0.260 6.10 6.60 c 0.145 0.185 3.69 4.69 d 0.015 0.021 0.38 0.53 f 0.040 0.070 1.02 1.78 g 0.100 bsc 2.54 bsc h 0.052 0.095 1.32 2.41 j 0.008 0.015 0.20 0.38 k 0.115 0.135 2.92 3.43 l m --- 10 --- 10 n 0.015 0.039 0.38 1.01  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. f hg d k c seating plane n t 14 pl m 0.13 (0.005) l m j 0.290 0.310 7.37 7.87 soic14 d suffix case 751a03 issue f notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019 
mc74hct14a http://onsemi.com 7 package dimensions tssop14 dt suffix case 948g01 issue o dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c --- 1.20 --- 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane -w-.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l u seating plane 0.10 (0.004) t ?? ?? section nn detail e j j1 k k1 detail e f m w 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t v 14x ref k n n
mc74hct14a http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com tollfree from mexico: dial 018002882872 for access then dial 8662979322 asia/pacific : ldc for on semiconductor asia support phone : 13036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74hct14a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (monfri 2:30pm to 7:00pm cet) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (monfri 2:00pm to 7:00pm cet) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (monfri 12:00pm to 5:00pm gmt) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, uk, ireland


▲Up To Search▲   

 
Price & Availability of MC74HCT14A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X