Part Number Hot Search : 
20TG6N UCC28051 SKIIP ATC14 TLC52 K070600E 0103NA BFC41
Product Description
Full Text Search
 

To Download MC74HC374A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2000 may, 2000 rev. 9 1 publication order number: mc74hc374a/d 
        highperformance silicongate cmos the mc74hc374a is identical in pinout to the ls374. the device inputs are compatible with standard cmos outputs; with pullup resistors, they are compatible with lsttl outputs. data meeting the setup time is clocked to the outputs with the rising edge of the clock. the output enable input does not affect the states of the flipflops, but when output enable is high, the outputs are forced to the highimpedance state; thus, data may be stored even when the outputs are not enabled. the hc374a is identical in function to the hc574a which has the input pins on the opposite side of the package from the output. this device is similar in function to the hc534a which has inverting outputs. ? output drive capability: 15 lsttl loads ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 2.0 to 6.0 v ? low input current: 1.0 m a ? high noise immunity characteristic of cmos devices ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 266 fets or 66.5 equivalent gates logic diagram data inputs d0 11 clock d1 d2 d3 d4 d5 d6 d7 18 17 14 13 8 7 4 3 1 output enable 19 q0 q1 q2 q3 q4 q5 q6 q7 16 15 12 9 6 5 2 pin 20 = v cc pin 10 = gnd noninverting outputs function table inputs output output enable clock d q lhh lll l l,h, x no change hxxz x = don't care z = high impedance http://onsemi.com marking diagrams 1 20 a = assembly location wl = wafer lot yy = year ww = work week soic wide20 dw suffix case 751d hc374a awlyyww pdip20 n suffix case 738 1 20 mc74hc374an awlyyww tssop20 dt suffix case 948e 1 20 1 20 1 20 device package shipping ordering information mc74hc374an pdip20 1440 / box mc74hc374adw soicwide 38 / rail mc74hc374adwr2 soicwide 1000 / reel mc74hc374adt tssop20 75 / rail mc74hc374adtr2 tssop20 2500 / reel hc 374a alyw 1 20 pin assignment q2 d1 d0 q0 output enable gnd q3 d3 d2 q1 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q6 d6 d7 q7 v cc clock q4 d4 d5 q5
mc74hc374a http://onsemi.com 2 ??????????????????????? ??????????????????????? maximum ratings* ???? ???? symbol ?????????????? ?????????????? parameter ????? ????? value ??? ??? unit ???? ???? v cc ?????????????? ?????????????? dc supply voltage (referenced to gnd) ????? ????? 0.5 to + 7.0 ??? ??? v ???? ???? v in ?????????????? ?????????????? dc input voltage (referenced to gnd) ????? ????? 0.5 to v cc + 0.5 ??? ??? v ???? ???? v out ?????????????? ?????????????? dc output voltage (referenced to gnd) ????? ????? 0.5 to v cc + 0.5 ??? ??? v ???? ???? i in ?????????????? ?????????????? dc input current, per pin ????? ????? 20 ??? ??? ma ???? ???? i out ?????????????? ?????????????? dc output current, per pin ????? ????? 35 ??? ??? ma ???? ???? i cc ?????????????? ?????????????? dc supply current, v cc and gnd pins ????? ????? 75 ??? ??? ma ???? ? ?? ? ???? p d ?????????????? ? ???????????? ? ?????????????? power dissipation in still air, plastic dip2 soic package2 tssop package2 ????? ? ??? ? ????? 750 500 450 ??? ? ? ? ??? mw ???? ???? t stg ?????????????? ?????????????? storage temperature ????? ????? 65 to + 150 ??? ???  c ???? ? ?? ? ???? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds (plastic dip, soic, ssop or tssop package) ????? ? ??? ? ????? 260 ??? ? ? ? ???  c *maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c soic package: 7 mw/  c from 65  to 125  c tssop package: 6.1 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the on semiconductor highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? symbol ??????????????? ??????????????? parameter ??? ??? min ?? ?? max ??? ??? unit ???? ???? v cc ??????????????? ??????????????? dc supply voltage (referenced to gnd) ??? ??? 2.0 ?? ?? 6.0 ??? ??? v ???? ???? v in , v out ??????????????? ??????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? 0 ?? ?? v cc ??? ??? v ???? ???? t a ??????????????? ??????????????? operating temperature, all package types ??? ??? 55 ?? ?? + 125 ??? ???  c ???? ? ?? ? ???? t r , t f ??????????????? ? ????????????? ? ??????????????? input rise and fall time v cc = 2.0 v (figure 1) v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ??? 0 0 0 ?? ?? ?? 1000 500 400 ??? ? ? ? ??? ns dc electrical characteristics (voltages referenced to gnd) ???? ???? ????????? ????????? ????????? ????????? ???? ???? ????????? ????????? guaranteed limit ??? ??? ???? ? ?? ? ???? symbol ????????? ? ??????? ? ????????? parameter ????????? ? ??????? ? ????????? test conditions ???? ? ?? ? ???? v cc v ???? ? ?? ? ???? 55 to 25  c ??? ? ? ? ???  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ???? ? ?? ? ? ?? ? ???? v ih ????????? ? ??????? ? ? ??????? ? ????????? minimum highlevel input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 1.50 2.10 3.15 4.20 ??? ? ? ? ? ? ? ??? 1.50 2.10 3.15 4.20 ???? ? ?? ? ? ?? ? ???? 1.50 2.10 3.15 4.20 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ? ?? ? ???? v il ????????? ? ??????? ? ? ??????? ? ????????? maximum lowlevel input voltage ????????? ? ??????? ? ? ??????? ? ????????? v out = 0.1 v or v cc 0.1 v |i out |  20 m a ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 0.50 0.90 1.35 1.80 ??? ? ? ? ? ? ? ??? 0.50 0.90 1.35 1.80 ???? ? ?? ? ? ?? ? ???? 0.50 0.90 1.35 1.80 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ???? v oh ????????? ? ??????? ? ????????? minimum highlevel output voltage ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  20 m a ???? ? ?? ? ???? 2.0 4.5 6.0 ???? ? ?? ? ???? 1.90 4.40 5.90 ??? ? ? ? ??? 1.90 4.40 5.90 ???? ? ?? ? ???? 1.90 4.40 5.90 ??? ? ? ? ??? v ???? ? ?? ? ? ?? ? ???? ????????? ? ??????? ? ? ??????? ? ????????? ????????? ? ??????? ? ? ??????? ? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma ???? ? ?? ? ? ?? ? ???? 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 2.48 2.98 5.48 ??? ? ? ? ? ? ? ??? 2.34 3.84 5.34 ???? ? ?? ? ? ?? ? ???? 2.20 3.70 5.20 ??? ? ? ? ? ? ? ??? v this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hc374a http://onsemi.com 3 dc electrical characteristics (voltages referenced to gnd) ??? ??? unit ????????? ????????? guaranteed limit ???? ???? v cc v ????????? ????????? test conditions ????????? ????????? parameter ???? ???? symbol ??? ??? ??? unit ???? ???? ????  125  c ??? ??? ???  85  c ???? ???? ???? 55 to 25  c ???? ???? ???? v cc v ????????? ????????? ????????? test conditions ????????? ????????? ????????? parameter ???? ???? ???? symbol ???? ? ?? ? ? ?? ? ???? v ol ????????? ? ??????? ? ? ??????? ? ????????? maximum lowlevel output voltage ????????? ? ??????? ? ? ??????? ? ????????? v in = v ih or v il |i out |  20 m a ???? ? ?? ? ? ?? ? ???? 2.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 0.10 0.10 0.10 ??? ? ? ? ? ? ? ??? 0.10 0.10 0.10 ???? ? ?? ? ? ?? ? ???? 0.10 0.10 0.10 ??? ? ? ? ? ? ? ??? v ???? ? ?? ? ???? ????????? ? ??????? ? ????????? ????????? ? ??????? ? ????????? v in = v ih or v il |i out |  2.4 ma |i out |  6.0 ma |i out |  7.8 ma ???? ? ?? ? ???? 3.0 4.5 6.0 ???? ? ?? ? ???? 0.26 0.26 0.26 ??? ? ? ? ??? 0.33 0.33 0.33 ???? ? ?? ? ???? 0.40 0.40 0.40 ??? ? ? ? ??? v ???? ? ?? ? ???? i in ????????? ? ??????? ? ????????? maximum input leakage current ????????? ? ??????? ? ????????? v in = v cc or gnd ???? ? ?? ? ???? 6.0 ???? ? ?? ? ???? 0.1 ??? ? ? ? ??? 1.0 ???? ? ?? ? ???? 1.0 ??? ? ? ? ??? m a ???? ? ?? ? ???? i oz ????????? ? ??????? ? ????????? maximum threestate leakage current ????????? ? ??????? ? ????????? output in highimpedance state v in = v il or v ih v out = v cc or gnd ???? ? ?? ? ???? 6.0 ???? ? ?? ? ???? 0.5 ??? ? ? ? ??? 5.0 ???? ? ?? ? ???? 10 ??? ? ? ? ??? m a ???? ? ?? ? ???? i cc ????????? ? ??????? ? ????????? maximum quiescent supply current (per package) ????????? ? ??????? ? ????????? v in = v cc or gnd i out = 0 m a ???? ? ?? ? ???? 6.0 ???? ? ?? ? ???? 4 ??? ? ? ? ??? 40 ???? ? ?? ? ???? 160 ??? ? ? ? ??? m a note: information on typical parametric values can be found in chapter 2 of the on semiconductor highspeed cmos data book (dl129/d). ac electrical characteristics (c l = 50 pf, input t r = t f = 6.0 ns) ????? ????? ???????????????? ???????????????? ???? ???? ????????? ????????? guaranteed limit ??? ??? ????? ? ??? ? ????? symbol ???????????????? ? ?????????????? ? ???????????????? parameter ???? ? ?? ? ???? v cc v ???? ? ?? ? ???? 55 to 25  c ??? ? ? ? ???  85  c ???? ? ?? ? ????  125  c ??? ? ? ? ??? unit ????? ? ??? ? ? ??? ? ????? f max ???????????????? ? ?????????????? ? ? ?????????????? ? ???????????????? maximum clock frequency (50% duty cycle) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 6 15 30 35 ??? ? ? ? ? ? ? ??? 5 10 24 28 ???? ? ?? ? ? ?? ? ???? 4 8 20 24 ??? ? ? ? ? ? ? ??? mhz ????? ? ??? ? ????? t plh t phl ???????????????? ? ?????????????? ? ???????????????? maximum propagation delay, input clock to q (figures 1 and 5) ???? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ???? 125 80 25 21 ??? ? ? ? ??? 155 110 31 26 ???? ? ?? ? ???? 190 130 38 32 ??? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? t plz t phz ???????????????? ? ?????????????? ? ? ?????????????? ? ???????????????? maximum propagation delay, output enable to q (figures 3 and 6) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 150 100 30 26 ??? ? ? ? ? ? ? ??? 190 125 38 33 ???? ? ?? ? ? ?? ? ???? 225 150 45 38 ??? ? ? ? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? t plz t phz ???????????????? ? ?????????????? ? ? ?????????????? ? ???????????????? maximum propagation delay, output enable to q (figures 3 and 6) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 150 100 30 26 ??? ? ? ? ? ? ? ??? 190 125 38 33 ???? ? ?? ? ? ?? ? ???? 225 150 45 38 ??? ? ? ? ? ? ? ??? ns ????? ? ??? ? ? ??? ? ????? t tlh t thl ???????????????? ? ?????????????? ? ? ?????????????? ? ???????????????? maximum output transition time, any output (figures 1 and 5) ???? ? ?? ? ? ?? ? ???? 2.0 3.0 4.5 6.0 ???? ? ?? ? ? ?? ? ???? 75 27 15 13 ??? ? ? ? ? ? ? ??? 95 32 19 16 ???? ? ?? ? ? ?? ? ???? 110 36 22 19 ??? ? ? ? ? ? ? ??? ns ????? ????? c in ???????????????? ???????????????? maximum input capacitance ???? ???? ???? ???? 10 ??? ??? 10 ???? ???? 10 ??? ??? pf ????? ? ??? ? ????? c out ???????????????? ? ?????????????? ? ???????????????? maximum threestate output capacitance (output in highimpedance state) ???? ? ?? ? ???? ???? ? ?? ? ???? 15 ??? ? ? ? ??? 15 ???? ? ?? ? ???? 15 ??? ? ? ? ??? pf note: for propagation delays with loads other than 50 pf, and information on typical parametric values, see chapter 2 of the on semiconductor highspeed cmos data book (dl129/d). typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance (per enabled output)* 34 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the on semiconductor highspeed cmos data book (dl129/d).
mc74hc374a http://onsemi.com 4 ????????????????????????????????? ????????????????????????????????? timing requirements (c l = 50 pf, input t r = t f = 6.0 ns) ???? ???? ????????????? ????????????? ??? ??? ??? ??? ????????????? ????????????? guaranteed limit ?? ?? ???? ???? ????????????? ????????????? ??? ??? ??? ??? v cc ????? ????? 55 to 25  c ????? ?????  85  c ????? ?????  125  c ?? ?? ???? ???? symbol ????????????? ????????????? parameter ??? ??? fig. ??? ??? v cc volts ??? ??? min ??? ??? max ??? ??? min ??? ??? max ??? ??? min ??? ??? max ?? ?? unit ???? ? ?? ? ? ?? ? ???? t su ????????????? ? ??????????? ? ? ??????????? ? ????????????? minimum setup time, data to clock ??? ? ? ? ? ? ? ??? 3 ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ??? ? ? ? ? ? ? ??? 50 40 10 9 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 65 50 13 11 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 75 60 15 13 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t h ????????????? ? ??????????? ? ? ??????????? ? ????????????? minimum hold time, clock to data ??? ? ? ? ? ? ? ??? 3 ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ??? ? ? ? ? ? ? ??? 5.0 5.0 5.0 5.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 5.0 5 0 5.0 5.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 5.0 5.0 5.0 5.0 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t w ????????????? ? ??????????? ? ? ??????????? ? ????????????? minimum pulse width, clock ??? ? ? ? ? ? ? ??? 1 ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ??? ? ? ? ? ? ? ??? 60 23 12 10 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 75 27 15 13 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 90 32 18 15 ??? ? ? ? ? ? ? ??? ?? ?? ?? ?? ns ???? ? ?? ? ? ?? ? ???? t r , t f ????????????? ? ??????????? ? ? ??????????? ? ????????????? maximum input rise and fall times ??? ? ? ? ? ? ? ??? 1 ??? ? ? ? ? ? ? ??? 2.0 3.0 4.5 6.0 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 1000 800 500 400 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 1000 800 500 400 ??? ? ? ? ? ? ? ??? ??? ? ? ? ? ? ? ??? 1000 800 500 400 ?? ?? ?? ?? ns switching waveforms figure 1. t r t f v cc gnd t thl t tlh 90% 50% 10% 90% 50% 10% clock t plh t phl q t w 1/f max 50% 50% 50% output enable q t pzl t plz t pzh t phz 10% 90% v cc gnd high impedance v ol v oh high impedance 50% data clock v cc v cc gnd gnd valid t h t su 50% q figure 2. figure 3.
mc74hc374a http://onsemi.com 5 test circuits figure 4. *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k w figure 5. expanded logic diagram d0 3 dq c q0 2 d1 4 dq c q1 5 d2 7 dq c q2 6 d3 8 dq c q3 9 d4 13 dq c q4 12 d5 14 dq c q5 15 d6 17 dq c q6 16 d7 18 dq c q7 19 clock output enable 11 1
mc74hc374a http://onsemi.com 6 package dimensions so20 dw suffix case 751d05 issue f pdip20 n suffix plastic dip package case 73803 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 a seating plane k n f g d 20 pl t m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
mc74hc374a http://onsemi.com 7 package dimensions tssop20 dt suffix case 948e02 issue a dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane w. 110 11 20 pin 1 ident a b t 0.100 (0.004) c d g h section nn k k1 jj1 n n m f w seating plane v u s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 s u 0.15 (0.006) t
mc74hc374a http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent r ights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into t he body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information central/south america: spanish phone : 3033087143 (monfri 8:00am to 5:00pm mst) email : onlitspanish@hibbertco.com asia/pacific : ldc for on semiconductor asia support phone : 3036752121 (tuefri 9:00am to 1:00pm, hong kong time) toll free from hong kong & singapore: 00180044223781 email : onlitasia@hibbertco.com japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1418549 phone : 81357402745 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc74hc374a/d north america literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com fax response line: 3036752167 or 8003443810 toll free usa/canada n. american technical support : 8002829855 toll free usa/canada europe: ldc for on semiconductor european support german phone : (+1) 3033087140 (mf 1:00pm to 5:00pm munich time) email : onlitgerman@hibbertco.com french phone : (+1) 3033087141 (mf 1:00pm to 5:00pm toulouse time) email : onlitfrench@hibbertco.com english phone : (+1) 3033087142 (mf 12:00pm to 5:00pm uk time) email : onlit@hibbertco.com european tollfree access*: 0080044223781 *available from germany, france, italy, england, ireland


▲Up To Search▲   

 
Price & Availability of MC74HC374A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X