Part Number Hot Search : 
AD564 1X505 4LM306 2SC3421 02500 10A100 48A48T CTA08
Product Description
Full Text Search
 

To Download MBRF10100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrf10xxct = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbrf 1035 ct mbrf 1045 ct mbrf 1050 ct mbrf 1060 ct mbrf 1090 ct mbrf 10100 ct mbrf 10150 ct mbrf 10200 ct unit v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i rrm a dv/dt v/us r jc o c/w t j o c t stg o c 0.5 5 3.5 0.85 0.67 0.75 0.1 0.70 0.90 10000 ma v 10 10 120 0.88 0.78 0.98 0.88 a i f(av) a i fsm maximum instantaneous forward voltage (note 2) if=5a, ta=25 if=5a, ta=125 if=10a, t a =25 if=10a, t a =125 v f 0.80 i frm 0.80 0.65 ? plastic material used carriers underwriters laboratory classification 94v-0 ? weight: 1.74 grams typical thermal resistance per leg type number a ? green compound with suffix "g" on packing code & prefix "g" on datecode ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 maximum reverse current @ rated vr t a =25 t a =125 ? polarity: as marked ? mounting torque: 5 in. - lbs, max ? mounting position:any mbrf1035ct - mbrf10200ct marking diagram ito-220ab 10.0 amps. isolated schottky barrier rectifiers dimensions in inches and (millimeters) ? case:ito-220ab molded plastic body features ? high surge capability ? metal silicon junction, majority carrier conductio n ? high temperature soldering guaranteed: 260 /10 seconds, at terminals version:i11 note 2: pulse test : 300us pulse width, 1% duty cycle note 1: 2.0us pulse width, f=1.0khz operating temperature range storage temperature range - 65 to + 150 - 65 to + 150 voltage rate of change (rated v r ) maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage peak repetitive reverse surge current (note 1) peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) maximum average forward rectified current at tc=133 peak repetitive forward current (rated vr, square wave, 20khz) at tc=133 i r 15 10 0.57 0.95 0.75 0.85 pb rohs compliance rohs compliance
version:i11 ratings and characteristic curves (mbrf1035ct thru mbrf10200ct) fig.1 forward current derating curve 0 5 10 15 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) resistive or inductiveload fig. 2 maximum non-repetitive forward surge current per leg 0 25 50 75 100 125 150 0 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 4 typical reverse characteristics per leg 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ma) ta=75 ta=125 ta=25 fig. 5 typical junction capacitance per leg 100 1000 10000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) a ta=25 f=1.0mhz vsi g =50mv p - p fig. 3 typical forward characterisrics per leg 0.1 1 10 100 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 forward voltage (v) instantaneous forward current (a) ta=25 pulse width=300us 1% duty cycle mbrf10150ct - 10200ct mbrf1090ct - 10100ct mbrf1050ct - 1060ct mbrf1035ct - 1045ct fig. 6 typical transient thermal impedance per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration(s) transient thermal impedance ( /w)


▲Up To Search▲   

 
Price & Availability of MBRF10100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X