Part Number Hot Search : 
B1004 2754EUA RMD06DB0 CTW13X8 1003C B51101BB 2SC4531 25P20
Product Description
Full Text Search
 

To Download LCGGP00ECUE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  j snap-acting jC7 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com lc series subminiature precision snap-acting switches features/benefits ? compact design ? long life and high electrical capacity ? quick connect, wire lead or pc mounting ? w ide variety of actuator styles typical applications ? motorized equipment ? sump pump ? thermostatic controls specifications contact rating: from low level* to 10.1 amps @ 250 v ac. electrical life: 100,000 cycles insulation resistance: 1,000 m ?? min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: C7?oto 185? o?5?Ctoo85?). operating force: from 142 to 170 grams at actuator button. forces are less at free end of lever actuators; (see operating force and actuator option sections). mounting: 2-56 screws, torque 2.3 in/lbs max. * low level=conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials switch housing: thermoplastic polyester or high temperature thermoplastic (pts) (ul 94v-0). actuator button: thermoplastic polyester (ul 94v-0). spring: copper alloy. pivot : copper alloy. movable contacts: fine silver for ratings greater than 1 amp @ 125 v ac. fine silver with 24k gold plate for 1 amp @ 125 v ac or less. stationary contacts: fine silver welded on copper alloy for ratings greater than 1 amp @ 125 v ac. gold alloy welded on copper alloy for ratings less than 1 amp @ 125 v ac. terminals: copper alloy . terminal seal: epoxy . build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages j-18 through j-20. for additional options not shown in catalog, consult customer service center. series lc sp , mom. operating for ce gg 5 oz./142 grams gd 3.3 oz./94 grams gh 6 oz./170 grams electrical rating f5 1 a, 125, v ac, 30 v dc l9 5 a, 1/3 hp, 125, 250 v ac m1 10.1 a, 1/3 hp, 125, 25o v ac v6 5 a, 1/3 hp , 125, 250 v ac x1 1 a, 125 v ac, 3o v dc actuator p00 pin plunger a10 .28" lever roller, high force a25 .61" lever roller, low force t10 .29" lever , high force t13 .22" simulated roller, high force t20 .38" lever, low force t23 .32" simulated roller, low force t25 .67" lever, low force terminations e solder h .110" quick connect j wire lead l left formed pc thru-hole r right formed pc thru-hole s pc thru-hole cir cuitry c spdt w spst n.c. y spst n.o. seal none (std.) no seal e epoxy seal electrical life none 6,000 operations u extended 100,000 operations models available l c
j snap-acting lc series subminiature precision snap-acting switches series operating force electrical rating lc subminiature precision snap-acting switches sp momentary 6 170 gh 3.3 94 gd 5 142 gg basic switch operating forces (oz./grams) option code note: operating force varies with actuator option, see actuator option section. all models with all options, also available. consult customer service center for availability and delivery of nonstandard ratings. *low level = conditions where no arcing occurs during switching, i.e., 0.4 va max. @ 20 v ac or dc max. domestic international rohs complian t* rohs comp atible * movable contact stationary contact electrical rating f5 x1 ye s ye s fine silver with 24k gold plate. fine silver with 24k gold plate on copper base alloy. fr om low level* to 1 amp @ 125 v ac, 30 v dc. l9 v6 y es y es 5 amps, 1/3 hp @ 125 & 250 v ac. m1 y es y es 10.1 amps, 1/3 hp @ 125 & 250 v ac. contact material option code fine silver. fine silver welded on copper base alloy. * note: see technical data section of this catalog for rohs compliant and compatible definition and specifications. jC 18 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com
j snap-acting jC9 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com lc series subminiature precision snap-acting switches actuator a b c fig. 7 lever ro ller fig. 2 a b c lever roller b a fig. 3 lever b a fig. 4 lever b a fig. 5 simulated roller b a fig. 6 simulated roller b a fig. 1 pin plunger .340 .185 (8,64 4,70) .67 (17,0) 4 t25 .455 .125 (11,56 3,18) .32 (8,1) 6 t23 .340 .140 (8,64 3,56) .39 (9,9) 4 t20 .455 .065 (11,56 1,65) .21 (5,3) 5 t13 .340 .070 (8,64 1,78) .29 (7,4) 3 t10 .19 dia. (4,8?) .560 .175 (14,22 4,45) .61 (15,5) 2 a25 .19 dia. (4,8?) .560 .070 (14,22 1,78) .28 (7,1) 7 a10 .330 .015 (8,38 0,38) .30 (7,6) 1 p00 dim. c dim. b dim. a fig. option code high force low force basic force .072 (1,83) .372 (9,45) .090 (2,29) .07 .03 .14 214 0.7 .05 0.8 19 14 24 t25 .049 (1,24) .252 (6,40) .062 (1,57) .10 .03 .21 316 1.0 .52 1.2 28 15 34 t23 .053 (1,35) .276 (7,01) .067 (1,70) .10 .03 .21 316 0.9 .52 1.1 26 15 30 t20 .026 (0,66) .130 (3,30) .032 (0,81) .21 .03 .42 6 1 12 1.8 1.2 2.2 52 34 62 t13 .029 (0,74) .140 (3,56) .035 (0,90) .21 .10 .39 6311 1.7 1 2.1 48 28 60 t10 .010 (0,25) .030 (0,76) .004 (0,10) 1 .05 2.0 28 14 57 5 3.3 6 142 95 170 p00 .068 (1,73) .351 (8,92) .086 (2,18) .07 .04 .16 2 1 4.5 .70 .42 .85 20 12 24 a25 .053 (1,53) .272 (6,91) .067 (1,70) .11 .05 .21 3156 0.9 .52 1.1 26 15 31 a20 .037 (0,94) .180 (4,57) .044 (1,12) .16 .07 .32 4.5 2 9 1.3 .68 1.6 37 19 44 a15 .029 (0,74) .140 (3,56) .034 (0,86) .21 .11 .42 6 3 12 1.69 1 2.0 48 28 57 a10 minimum over tra vel all forces maximum pretra vel all forces maximum differential travel all forces minimum release force (oz./grams) gg gd gh maximum operating force (oz./grams) gg gd gh option code note: for basic switch operating for ces, see page j-18. switch characteristics
j snap-acting jC 20 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com lc series subminiature precision snap-acting switches circuitry terminations y spst n.o. (single pole, single throw, normally open) w spst n.c. (single pole, single throw, normally closed) c spdt (single pole, double throw) s pc thru-hole r right formed pc tru-hole l left formed pc thru-hole j wire lead h .110" quick connect e solder note: use amp quick connect part no. 640932-1. 1 amp 22 awg 5 amps 20 awg 10.1 amps 18 awg wire size ra ting red normally closed white normally open black common wire color terminal pc mounting pc mounting pc mounting electrical life seal none 6,000 operations u extended 100,000 operations e epoxy seal none no seal epoxy .075 max. (1,91)


▲Up To Search▲   

 
Price & Availability of LCGGP00ECUE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X