Part Number Hot Search : 
BR156 PCI1420 EM91410B KP1500 132AP 1N3016 A2000 07166
Product Description
Full Text Search
 

To Download KTPS24-48005MP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 volgen 24 watt series ac prong changeable wall mount type www.volgen.com model o/p voltage o/p current watt ktps24-05040mp 5.0v 4.0a20.0 w ktps24-06035mp 5.9 3.5a 20.65 w ktps24-07030mp 7.0 3.0a21.0 w ktps24-07530mp 7.5 3.0a22.5 w ktps24-09025mp 9.0 2.5a22.5 w ktps24-09525mp 9.5 2.5a23.75 w ktps24-12020mp 12.0v2.0a24.0 w ktps24-15016mp 15.0v1.6a24.0 w ktps24-24010mp 24.0v1.0a24.0 w KTPS24-48005MP 48.0v0.5a24.0 w input voltage 100-240 vac line frequency 50-60hz current 0.58a max. protection internal primary current fuse, inrush limiting con?guration mp for ul ac pin (frontal) e for eu pin b for uk pin a for au pin c for cn pin k for kr pin output load regulation 5% (typical) ripple 1~2% v p-p max. for output voltage @ full load transient response 0.5ms for 50% load change typical holdup time 10ms @ full load protection short circuit protection/ over voltage protection/ over current protection dc cord 22awg / 20awg / 18awg ferrite core no (optional) safety approvals for usa - cb / ul / cul / fcc / pse* / bsmi* / lps for europe - cb / gs / ce / lps for u.k. - cb / ce / lps for australia - cb / rcm* / lps* for china - cb / ccc* for korea - cb / ek* * apply upon customer request electrical topology switching flyback dielectric withstand 3000 vac primary - secondary leakage current 0.25ma @ 2 pin ef?ciency meet energy star level v & erp stage 2 & meps emi conduction & radiation compliance to en55022 class b harmonic current compliance to en61000-3-2,3 ems immunity compliance to en61000-4-2,3,4,5,6,8,11 mtbf 50,000 calculated hours at 25oc, by mil-hdbk-217f environmental operaturing temperature 0 to +40oc storage temperature -20 to +80oc relative humidity operating: 20 to 80% rh storage: 10 to 90% rh cooling natural convection cooling mechanical case dimensions l76 x w52 x h39 (mm) weight 158g (reference) features: 100-240vac universal input single output to 24w wall mount changeable plug with option of various plugs regulated output with low ripple noise meets safety agency requirements and complies emi/ ems, cec v modi?ed and custom designs available 1 year warranty green mode meet cec , energy star & erp regulations no load power consumption less than 0.3w ktps- ?????? mp- changeable plug o/p current o/p voltage


▲Up To Search▲   

 
Price & Availability of KTPS24-48005MP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X