Part Number Hot Search : 
UQFP64 L5987TR 15000 1680KJ TLP130 SMB13 SKM40 68HC11E9
Product Description
Full Text Search
 

To Download DS1689S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 36 rev: 112105 features incorporates industry standard ds1287 pc clock plus enhanced features: +3v or +5v operation 64-bit silicon serial number 64-bit customer specific rom or additional serial number available power control circuitry supports system power-on from date/time alarm or key closure automatic battery backup and write protection to external sram crystal select bit allows rtc to operate with 6pf or 12.5pf crystal 114 bytes user nv ram auxiliary battery input ram clear input century register 32khz output for power management 32-bit v cc powered elapsed time counter 32-bit v bat powered elapsed time counter 16-bit power cycle counter compatible with existing bios for original ds1287 functions available as ic (ds1689) or stand-alone module with embedded battery and crystal (ds1693) available in industrial temperature version timekeeping algorithm includes leap year compensation valid up to 2100 pin configurations ordering information part temp range voltage (v) pin-package top mark* ds1689 s 0 c to +70 c 3 to 5 28 so (0.330 ) DS1689S DS1689S+ 0 c to +70 c 3 to 5 28 so (0.330 ) DS1689S DS1689Sn -40 c to +85 c 3 to 5 28 so (0.330 ) DS1689S DS1689Sn+ -40 c to +85 c 3 to 5 28 so (0.330 ) DS1689S DS1689S/t&r 0 c to +70 c 3 to 5 28 so (0.330 )/tape & reel DS1689S DS1689S+t&r 0 c to +70 c 3 to 5 28 so (0.330 )/tape & reel DS1689S DS1689Sn/t&r -40 c to +85 c 3 to 5 28 so (0.330 )/tape & reel DS1689S DS1689Sn+t&r -40 c to +85 c 3 to 5 28 so (0.330 )/tape & reel DS1689S ds1693 0 c to +70 c 3 to 5 28 edip (0.740 ) ds1693 + denotes a lead-free/rohs-compliant device. * a ?+? anywhere on the top mark denotes a l ead-free/rohs-compliant device. an ?n? denotes an industrial temperature device. ds1689/ds1693 3v/5v serialized real-time clocks with nv ram control www.maxim-ic.com encapsulated dip ( 740 mils ) 13 27 n.c. ad0 ad2 ad3 ad4 ad5 ad6 ad7 gnd p w r c ei v cco sqw n.c. i r q psel r d n.c. w r a le k s c s 1 2 3 4 5 6 7 8 9 10 11 12 14 28 26 25 24 23 22 21 20 19 18 17 15 16 n.c. rc l r ad1 v baux c eo v cci ds1693 v baux so ( 330 mils ) 13 27 1 2 3 4 5 6 7 8 9 10 11 12 14 28 26 25 24 23 22 21 20 19 18 17 15 16 c ei v cco sqw v bat i r q psel r d gnd w r a le k s c s c eo v cci x2 ad0 ad2 ad3 ad4 ad5 ad6 ad7 gnd pwr x1 rc l r ad1 ds1689
ds1689/ds1693 2 of 36 pin description pin so edip name function 1 1 v baux auxiliary battery supply. auxilia ry battery input required for kickstart and wake-up features . this input also supports clock/calendar and external nv ram if v bat is at lower voltage or is not present. a standard +3v lithium cell or other energy source can be used. battery voltage must be held between +2.5v and +3.7v for proper operation. if v baux is not going to be used it should be grounded and auxiliary battery enab le bit bank 1, register 4bh, should = 0. 2, 3 ? x1, x2 connections for standard 32.768khz quartz crystal. for greatest accuracy, the ds1689 must be used with a crystal that has a specified load capacitance of either 6pf or 12.5pf. the crystal select (cs) bit in extended control register 4b is used to select operation with a 6pf or 12.5pf crystal. the crys tal is attached directly to the x1 and x2 pins. there is no need for external capacitors or resistors. note: x1 and x2 are very high-impedance nodes. it is recommended that they and the crystal by guard -ringed with ground and that high- frequency signals be kept away from the crystal area. for more information on crystal selection and crystal layout considerations, refer to application note 58: cr ystal considerations with dallas real time clock s. the ds1689 can also be driven by an external 32.768khz oscillato r. in this configuration, the x1 pin is connected to the external oscillator signal and the x2 pin is floated. 4 4 rclr active-low ram clear input. if enabled by software, taking rclr low will result in the clearing of the 114 bytes of user ram. when enabled, rclr can be activated whether or not v cc is present. 5?12 5?12 ad0?ad7 multiplexed address/data bus. multiplexed buses save pins because address information and data information time-share the same signal paths. the addresses are present du ring the first portion of the bus cycle and the same pins and signal paths are used for data in the second portion of the cycle. address/data multiplexing does not slow the access time of the ds1689 since th e bus change from address to data occurs during the internal ram access time. addresses must be valid prior to the latter portion of ale, at which time the ds1689/ds1693 latches the address. valid write data must be present and held stable duri ng the latter portion of the wr pulse. in a read cycle, the ds1689/ ds1693 outputs 8 bits of data dur ing the latter portion of the rd pulse. the read cycle is terminat ed and the bus returns to a high impedance state as rd transitions high. the address/data bus also serves as a bidirectional data pa th for the external extended ram.
ds1689/ds1693 3 of 36 pin so edip name function 13 13 pwr active-low power-on interrupt output. the pwr pin is intended for use as an on/off control for the system power. with v cc voltage removed from the ds1689/ds1693, pwr may be automatically activated from a kickstart input via the ks pin or from a wake-up interrupt. once the system is powered on, the state of pwr can be controlled via bits in the dallas registers. 14, 19 14 gnd ground. dc power is provi ded to the device on this pin. 15 15 ks active-low kickstart input. when v cc is removed from the ds1689/ds1693, the system can be powered on in response to an active low transition on the ks pin, as might be generated from a key closure. v baux must be present and auxi liary battery enable bit (abe) must be set to 1 if the ki ckstart function is used, and the ks pin must be pulled up to the v baux supply. while v cc is applied, the ks pin can be used as an interrupt input. 16 16 cs active-low chip select input. this signal must be asserted low during a bus cycle for the rtc portion of the ds1689/ds1693 to be accessed. cs must be kept in the active state during rd and wr timing. bus cycles, which take plac e with ale asserted but without asserting, cs will latch addresses. however, no data transfer will occur. 17 17 ale address strobe input (active high ). a pulse on the address strobe pin serves to demultiplex the bus. the falling edge of ale causes the rtc address to be latched within the ds1689/ds1693. 18 18 wr active-low write data strobe. the wr signal is an active low signal. the wr signal defines the time pe riod during which data is written to the addressed register. 20 20 rd active-low read data strobe. rd identifies the time period when the ds1689/ds1693 drives the bus with rtc read data. the rd signal is an enable signal for the output buffers of the clock. 21 21 psel +3v or +5v power select. when psel is logic 1, 5v operation is selected. when psel is logic 0 or is floated, the device is in autosense mode and determines the correct mode of operation based on the voltage on v cci . 22 22 irq active-low interrupt request output (open drain). the irq pin is an active-low output of the ds1689/ds1693 that can be tied to the interrupt input of a processor. the irq output remains low as long as the status bit causing the interrupt is present and the corresponding interrupt-enable bit is set. to clear the irq pin, the application software must clear all enabled flag bits contributing to irq ?s active state. when no interr upt conditions are present, the irq level is in the high impedance st ate. multiple interrupting devices can be connected to an irq bus. the irq pin is an open-drain output and requires an ex ternal pullup resistor. 23 ? v bat battery input for any standard 3v lithium cell or other energy source. battery voltage must be held between 2.5v and 3.7v for proper operation.
ds1689/ds1693 4 of 36 pin so edip name function 24 24 sqw square-wave output. the sqw pin can output a signal from one of 13 taps provided by the 15 internal divider stages of the real time clock. the frequency of the sqw pin can be changed by programming register a as shown in table 2. the sqw signal can be turned on and off using the sqwe bit in register b. a 32khz sqw signal is output when sqwe = 1, the enable 32khz (e32k) bit in extended register 04bh is logic 1, and v cc is above v pf . a 32khz square wave is also available when v cc is less than v pf if e32k = 1, abe = 1, and voltage is applied to v baux . 25 25 v cco external sram power-supply output. this pin is internally connected to v cci when v cci is within nominal limits. however, during power fail, v cco is internally connected to the v bat or v baux (whichever is larger). for 5v operation, switchover from v cci to the backup supply occurs when v cci drops below the larger of v bat and v baux . for 3v operation, switchover from v cci to the backup supply occurs at v pf if v pf is less than v bat and v baux . if v pf is greater than v bat and v baux , the switch from v cci to the backup supply occurs when v cci drops below the larger of v bat and v baux . 26 26 v cci +3v or +5v main supply. dc power is provided to the device on these pins. 5v operation is selected when the psel pin is at logic 1. if psel is floated or at logic 0, th e device is in autosense mode and determines the correct operating voltage based on the v cci voltage level. 27 27 ceo active-low ram chip enable ou tput. when power is valid, ceo will equal cei . when power is not valid, ceo will be driven high regardless of cei . 28 28 cei active-low ram chip enable input. cei should be driven low to enable the external ram. ? 2, 3, 19, 23 n.c. no connection
ds1689/ds1693 5 of 36 detailed description the ds1689/ds1693 are real-time clocks (rtcs) de signed as successors to the industry standard ds1285, ds1385, ds1485, and ds1585 pc real-time cloc ks. these devices provide the industry standard ds1285 clock function with the new feature of either +3.0v or +5.0v operation and automatic backup and write protection to an external sram. th e ds1689 also incorporates a number of enhanced features including a silicon serial number, power-on/off control circ uitry, and 114 bytes of user nv sram, power-on elapsed timer, and power-cycle counter. each ds1689/ds1693 is individually manufactured with a uni que 64-bit serial numb er as well as an additional 64-bit customer specific rom or serial number. the serial number is programmed and tested at dallas to ensure that no two devi ces are alike. the serial number can be used to electronically identify a system for purposes such as establishment of a network node address or for maintenance tracking. customers can reserve blocks of available numbers from dallas semiconductor. the serialized rtcs also incorporat e power control circuitry, which allows the system to be powered on via an external stimulus, such as a keyboard or by a time and date (wake-up) alarm. the pwr output pin can be triggered by one or either of these events, a nd can be used to turn on an external power supply. the pwr pin is under software control, so that when a task is complete, the system power can then be shut down. the ds1689/ds1693 incorporate a pow er-on elapsed time counter, a power-on cycle counter, and a battery powered continuous counter. these three count ers provide valuable information for maintenance and warranty requirements. automatic backup and write protection for an external sram is provided through the v cco and ceo pins. the lithium energy source used to permanently power the real time clock is also used to retain ram data in the absence of v cc power through the v cco pin. the chip enable output to ram ( ceo ) is controlled during power transients to prevent data corruption. the ds1689 is a clock/calendar chip with the features described above. an external crys tal and battery are the only components required to maintain time-of- day and memory status in the absence of power. the ds1693 incorporates the ds1689 chip, a 32.768khz crys tal, and a lithium battery in a complete, self- contained timekeeping module. the entire unit is fu lly tested at dallas semiconductor such that a minimum of 10 years of timekeeping and data retention in the absence of v cc is guaranteed. operation the block diagram in figure 1 shows the pin connec tions with the major internal functions of the ds1689/ds1693. the following paragraphs de scribe the function of each pin.
ds1689/ds1693 6 of 36 figure 1. ds1689/ds 1693 block diagram
ds1689/ds1693 7 of 36 power-down/power-up considerations the real-time clock function will c ontinue to operate and all of th e ram, time, calendar, and alarm memory locations remain nonvolatile re gardless of the level of the v cci input. when v cci is applied to the ds1689/ds1693 and reaches a level of greater than v pf (power fail trip point), the device becomes accessible after t rec , provided that the oscillator is running and the oscillato r countdown chain is not in reset (see register a). this time period allows the system to stabilize after power is applied. when psel is floating or logic 0, the ds1689 is in autosense mode and 3v or 5v operation is determined based on the voltage on v cci . selection of 5v operation is automatically invoked when v cci rises above 4.5v for a minimum of t rec . however, 3v operation is au tomatically selected if v cci does not rise above the level of 4.25v. select ion of the power supply input levels requires 150ms of input stability before operation can commence. when 5v operation is selected, the device is fully accessible and data can be written and read only when v cci is greater than 4.5v. when v cci is below 4.5v, read and writes are inhibited. however, the timekeeping function continues unaffected by the lower input voltage. as v cc falls below the greater of v bat and v baux , the ram and timekeeper are sw itched over to a lithium batte ry connected either to the v bat pin or v baux pin. when 3v operation is selected and applied within normal limits, the device is fully accessible and data can be written or read. when v cci falls below v pf , access to the device is inhibited. if v pf is less than v bat and v baux , the power supply is switched from v cci to the backup supply (the greater of v bat and v baux ) when v cci drops below v pf . if v pf is greater than v bat and v baux , the power supply is switched from v cci to the backup supply when v cci drops below the larger of v bat and v baux . when v cc falls below v pf , the chip is write-protected. with the possible exception of the ks , pwr , and sqw pins, all inputs are ignored and a ll outputs are in a high impedance state. rtc address map the address map for the rtc registers of the ds1689/ds1693 is shown in figure 2. the address map consists of the 14-clock/calendar registers. ten regi sters contain the time, calendar, and alarm data, and four bytes are used for control and status. all registers can be directly written or read except for the following: 1. registers c and d are read-only. 2. bit 7 of register a is read-only. 3. the high order bit of the seconds byte is read-only.
ds1689/ds1693 8 of 36 figure 2. ds1689 real-t ime clock address map time, calendar, and alarm locations the time and calendar information is obtained by readi ng the appropriate register bytes shown in table 1. the time, calendar, and alarm are set or initialized by writing the appropriate regi ster bytes. the contents of the time, calendar, and alarm registers can be e ither binary or binary-coded decimal (bcd) format. table 1 shows the binary and bcd formats of the twelve time, calendar, and alarm locations that reside in both bank 0 and in bank 1, plus the two extended regist ers that reside in bank 1 only (bank 0 and bank 1 switching will be explained later in this text). before writing the internal time, cale ndar, and alarm registers, the set b it in register b should be written to a logic 1 to prevent updates from occurring while ac cess is being attempted. also at this time, the data format (binary or bcd) should be set via the data mode bit (dm) of re gister b. all time, calendar, and alarm registers must use the same data mode. the set bit in register b should be cleared after the data mode bit has been written to allow the real-t ime clock to update the time and calendar bytes. once initialized, the real-time clock makes all updates in the selected mode. the data mode cannot be changed without reinitializing the 10 data bytes. the 24/12 bit cannot be changed without reinitializing the hour locations. when the 12-hour format is select ed, the high order bit of the hours byte represents pm when it is a logic 1. the time, calendar, and alarm bytes are always acc essible because they are double-buffered. once per second the 10 bytes are advanced by one s econd and checked for an alarm condition. if a read of the time and calendar data occurs during an update, a problem exists where seconds, minutes, hours, etc. may not correlate. the probability of reading in correct time and calendar data is low. several methods of avoiding any possible inco rrect time and calendar re ads are covered later in this text. the four alarm bytes can be used in two ways. firs t, when the alarm time is written in the appropriate hours, minutes, and seconds alarm locations, the alarm in terrupt is initiated at the specified time each day if the alarm enable bit is high. the second use condition is to insert a ?d on?t care? state in one or more of the four alarm bytes. the ?don?t car e? code is any hexadecimal valu e from c0 to ff. the two most significant bits of each byte set the ?don?t care? cond ition when at logic 1. an alarm will be generated each hour when the ?don?t care? bits are set in the hours byte. similarly, an alarm is generated every
ds1689/ds1693 9 of 36 minute with ?don?t care? codes in the hours and minute alarm bytes. the ?don?t care? codes in all three alarm bytes create an interrupt every second. the three alarm bytes may be us ed in conjunction with the date alarm as described in the wakeup/kickstart section. the century counter will be discussed later in this text. table 1. time, calendar, and alarm data modes range address location function decimal range binary data mode bcd data mode 00h seconds 0-59 00-3b 00-59 01h seconds alarm 0-59 00-3b 00-59 02h minutes 0-59 00-3b 00-59 03h minutes alarm 0-59 00-3b 00-59 hours 12-hr mode 1-12 01-0c am , 81-8c pm 01-12 am, 81-92 pm 04h hours 24-hr mode 0-23 00-17 00-23 hours alarm 12-hr mode 1-12 01-0c am, 81-8c pm 01-12 am, 81-92 pm 05h hours alarm 24-hr mode 0-23 00-17 00-23 06h day of week sunday=1 1-7 01-07 01-07 07h date of month 1-31 01-1f 01-31 08h month 1-12 01-0c 01-12 09h year 0-99 00-63 00-99 bank1, 48h century 0-99 00-63 00-99 bank 1, 49h date alarm 1-31 01-1f 01-31 control registers the four control registers; a, b, c, and d reside in both bank 0 a nd bank 1. these registers are accessible at all times, even during the update cycle. nonvolatile ram?rtc the 114 general-purpose nonvolatile ram bytes are not dedicated to any special function within the ds1689/ds1693. they can be used by the application program as nonvol atile memory and are fully available during the update cycle. this memory is directly accessible when bank 0 is selected. interrupt control the ds1689/ds1693 include six separate, fully auto matic sources of interrupt for a processor: 1. alarm interrupt 2. periodic interrupt 3. update-ended interrupt 4. wake-up interrupt 5. kickstart interrupt 6. ram clear interrupt the conditions, which generate each of these independe nt interrupt conditions, ar e described in greater detail elsewhere in this data sheet. this secti on describes the overall control of the interrupts.
ds1689/ds1693 10 of 36 the application software can select which interrupts, if any, are to be used. a total of 6 bits, including 3 bits in register b and 3 bits in ex tended register b, enable the interru pts. the extended register locations are described later. writing logic 1 to an interrupt enable bit permits that interrupt to be initiated when the event occurs. a logic 0 in the in terrupt enable bit prohibits the irq pin from being asserted from that interrupt condition. if an interrupt flag is already set when an interrupt is enabled, irq is immediately set at an active level, even though the event initiating the interrupt conditi on may have occurred much earlier. as a result, there are cases where the software should clear these earlier generated interrupts before first enabling new interrupts. when an interrupt event occurs, the relating flag bit is set to a logic 1 in register c or in extended register a. these flag bits are se t regardless of the setting of the corresponding enable bi t located either in register b or in extended register b. the flag b its can be used in a pollin g mode without enabling the corresponding enable bits. however, care should be taken when using the flag bits of register c as they ar e automatically cleared to 0 immediately after they ar e read. double latching is implemented on th ese bits so that bits that are set remain stable throughout the read cycle. all bits whic h were set are cleared when read and new interrupts which are pending during the read cycle are held until after the cycle is completed. one, 2, or 3 bits can be set when reading register c. each utilized flag b it should be examined when read to ensure that no interrupts are lost. the flag bits in extended register a are not automatically cleared following a read. instead, each flag bit can be cleared to 0 only by writing 0 to that bit. when using the flag bits with fully enabled interrupts, the irq line is driven low when an interrupt flag bit is set and its correspondi ng enable bit is also set. irq is held low as long as at least one of the six possible interrupt sources has it s flag and enable bits both set. the irqf bit in register c is 1 whenever the irq pin is being driven low as a result of one of the six possible activ e sources. therefore, determination that the ds1689/ds1693 initiated an in terrupt is accomplished by reading register c and finding irqf = 1. irqf remains set until all enabled interrupt flag bits are cleared to 0. square-wave outp ut selection the sqw pin can be programmed to output a vari ety of frequencies divided down from the 32.768khz crystal tied to x1 and x2. the square-wave output is enabled and disabled via the sqwe bit in register b. if the square wave is enabled (sqwe = 1), the output frequency is determined by the settings of the e32k bit in extended register b and by the rs3?rs0 bits in register a. if the e32k = 1, then a 32.768khz square wave is output on the sqw pin regardless of the settings of rs3?rs0. if e32k = 0, then the square-wav e output frequency is determined by the rs3?rs0 bits. these bits control a 1-of-15 decoder, which selects one of 13 taps that di vide the 32.768khz frequency. the rs3? rs0 bits establish the sqw output frequency as shown in table 2. in addition, rs3?rs0 bits control the periodic interrupt select ion as described below. if sqwe1, e32k = 1, and the auxiliary battery enable bit (abe, bank 1; register 04bh) is enabled, and voltage is applied to v baux , then the 32khz square-wave output signa l is output on the sqw pin in the absence of v cc . this facility is provided to clock extern al power management circuitry. if any of the above requirements are not met, no square-wave out put signal is generated on the sqw pin in the absence of v cc .
ds1689/ds1693 11 of 36 a pattern of 01x in the dv2, dv1, and dv0, bits re spectively, turns the oscillator on and enables the countdown chain. note that this is different than the ds1287, which re quired a pattern of 010 in these bits. dv0 is now a ?don?t care? because it is used for selection between regist er banks 0 and 1. a pattern of 11x turns the oscillator on, but the oscillator?s countdown chain is held in rese t, as it was in the ds1287. any other bit combination for dv2 and dv1 keeps the oscillator off. periodic interrupt selection the periodic interrupt causes the irq pin to go to an active state fr om once every 500ms to once every 122 s. this function is separate from the alarm inte rrupt, which can be output from once per second to once per day. the periodic interrupt ra te is selected using the same rs3?rs0 bits in register a, which select the square-wave frequency (tab le 2). changing the bits affects both the square-wave frequency and the periodic interrupt output. however, each function has a separa te enable bit in register b. the sqwe bit controls the square-wave output. similarly, the period ic interrupt is enabled by the pie bit in register b. the periodic interrupt can be used with software c ounters to measure inputs, cr eate output intervals, or await the next needed software function. update cycle the serialized rtc executes an update cycle once pe r second regardless of the set bit in register b. when the set bit in register b is set to 1, the user copy of the doubl e-buffered time, calendar, alarm and elapsed time byte is frozen and does not update as the time incremen ts. however, the time countdown chain continues to update th e internal copy of the buffer. this fe ature allows the time to maintain accuracy independent of reading or writing the time, cal endar, and alarm buffers and also guarantees that time and calendar information is consistent. the update cycle also compares each alarm byte with the corresponding time byte and issues an al arm if a match or if a ?don?t ca re? code is present in all three positions. there are three methods that can handle access of th e real-time clock that av oid any possibility of accessing inconsistent time and calendar data. the first method uses the update-ended interrupt. if enabled, an interrupt occu rs after every up date cycle that indicates that ove r 999ms are availa ble to read valid time and date information. if this interrupt is used, the irqf bit in register c should be cleared before leaving the interrupt routine. a second method uses the update-in-progr ess bit (uip) in register a to de termine if the upda te cycle is in progress. the uip bit will pu lse once per second. after the uip bit goes high, the update tr ansfer occurs 244 s later. if a low is read on the uip bit, the user has at least 244 s before the time/calendar data will be changed. therefore, the user s hould avoid interrupt serv ice routines that would cause the time needed to read valid time/calendar data to exceed 244 s.
ds1689/ds1693 12 of 36 table 2. periodic interrupt rate and square-wave output frequency ext. reg. b select bits register a e32k rs3 rs2 rs1 rs0 t pi periodic interrupt rate sqw output frequency 0 0 0 0 0 none none 0 0 0 0 1 3.90625ms 256hz 0 0 0 1 0 7.8125ms 128hz 0 0 0 1 1 122.070 s 8.192khz 0 0 1 0 0 244.141 s 4.096khz 0 0 1 0 1 488.281 s 2.048khz 0 0 1 1 0 976.5625 s 1.024khz 0 0 1 1 1 1.953125ms 512hz 0 1 0 0 0 3.90625ms 256hz 0 1 0 0 1 7.8125ms 128hz 0 1 0 1 0 15.625ms 64hz 0 1 0 1 1 31.25ms 32hz 0 1 1 0 0 62.5ms 16hz 0 1 1 0 1 125ms 8hz 0 1 1 1 0 250ms 4hz 0 1 1 1 1 500ms 2hz 1 x x x x (see note) 32.768khz note: rs3?rs0 determine periodic interrupt rates as listed for e32k = 0. the third method uses a periodic inte rrupt to determine if an update cycl e is in progress. the uip bit in register a is set high between the setting of the pf bit in register c (see fi gure 3). periodic interrupts that occur at a rate of greater than t buc allow valid time and date information to be reached at each occurrence of the periodic interrupt. the reads shoul d be complete within (t pi / 2 + t buc ) to ensure that data is not read during the update cycle. figure 3. update-ended and pe riodic interrupt relationship
ds1689/ds1693 13 of 36 register a msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 uip dv2 dv1 dv0 rs3 rs2 rs1 rs0 bit 7: uip (update in progress). this bit is a status flag that can be monitored. when the uip bit is 1, the update transfer will soon occur. when uip is 0, the update transfer will not occur for at least 244ms. the time, calendar, and alarm information in ram is fully available for access when the uip bit is 0. the uip bit is read-only. writing the set bit in register b to 1 inhibits any u pdate transfer and clears the uip status bit. bits 6, 5, 4: dv0, dv1, dv2. these bits are defined as follows: dv2 = countdown chain 1 - resets countdown chain only if dv1 = 1 0 - countdown chain enabled dv1 = oscillator enable 0 - oscillator off 1 - oscillator on dv0 = bank select 0 - original bank 1 - extended registers a pattern of 01x is the only combination of bits that turn the oscillator on and allow the rtc to keep time. a pattern of 11x enables the oscillator but holds the countdown chain in reset. the next update occurs at 500ms after a pattern of 01x is written to dv2, dv1, and dv0. bits 3 to 0: rs3 to rs0 (rate selection bits). these four rate-selection bits select one of the 13 taps on the 15-stage divider or disable the divider output. the tap selected ca n be used to generate an output square wave (sqw pin) and/or a periodic inte rrupt. the user can do one of the following: enable the interrupt with the pie bit; enable the sqw output pin with the sqwe bit; enable both at the same time and the same rate; or enable neither. table 2 lists the periodic interrupt rates and the square-wave frequencies that can be chosen with the rs bits.
ds1689/ds1693 14 of 36 register b msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 set pie aie uie sqwe dm 24/12 dse bit 7: set. when the set bit is 0, the update transfer functi ons normally by advancing the counts once per second. when the set bit is wr itten to 1, any update transfer is inhibited and the program can initialize the time and calendar bytes without an update occurring in the midst of init ializing. read cycles can be executed in a similar manner. set is a read/write bit that is not modified by internal functions of the ds1689/ds1693. bit 6: pie (periodic interrupt enable). this bit is a read/write bit that allows the periodic interrupt flag (pf) bit in regist er c to drive the irq pin low. when the pie bit is set to 1, periodic interrupts are generated by driving the irq pin low at a rate specified by the rs 3?rs0 bits of register a. a 0 in the pie bit blocks the irq output from being driven by a periodic in terrupt, but the periodi c flag (pf) bit is still set at the period ic rate. pie is not modified by any internal ds1689/ds1693 functions. bit 5: aie (alarm interrupt enable). this bit is a read/write bit whic h, when set to 1, permits the alarm flag (af) bit in register c to assert irq . an alarm interrupt occurs for each second that the three time bytes equal the three alarm bytes, including a don?t care alarm code of binary 11xxxxxx. when the aie bit is set to 0, the af bit does not initiate the irq signal. the internal functions of the ds1689/ds1693 do not affect the aie bit. bit 4: uie (update-ended interrupt enable). this bit is a read/write th at enables the update-end flag (uf) bit in register c to assert irq . the set bit going high clears the uie bit. bit 3: sqwe (square-wave enable). when this bit is set to 1, a square-wave signal at the frequency set by the rate-selection bits rs3?rs0 and the e32k bit is driven ou t on the sqw pin. when the sqwe bit is set to 0, the sqw pin is held low. sqwe is a read/write bit. bit 2: dm (data mode). this bit indicates whether time and cal endar information is in binary or bcd format. the dm bit is set by the program to the appropria te format and can be read as required. this bit is not modified by internal functions. a 1 in dm signifies binary data while a 0 in dm specifies binary coded decimal (bcd) data. bit 1: 24/12 (24/ 12 control bit). this bit establishes the format of the hours byte. a 1 indicates the 24- hour mode and a 0 indicates the 12-hour mode. this bit is read/write. bit 0: dse (daylight saving enable). this bit is a read/write bit which enables two special updates when dse is set to 1. on the first sunday in apr il the time increments from 1:59:59 am to 3:00:00 am. on the last sunday in october when the time firs t reaches 1:59:59 am it changes to 1:00:00 am. these special updates do not occur when the dse bit is 0. this bit is not affected by internal functions.
ds1689/ds1693 15 of 36 register c msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 irqf pf af uf 0 0 0 0 bit 7: irqf (interrupt request flag). this bit is set to 1 when one or more of the following are true: pf = pie = 1 wf = wie = 1 af = aie = 1 kf = kse = 1 uf = uie = 1 rf = rie = 1 i.e., irqf = (pf ? pie) + (af ? aie) + (uf ? uie) + (wf ? wie) + (kf ? kse) + (rf ? rie) any time the irqf bit is 1, the irq pin is driven low. flag bits pf, af, and uf are cleared after register c is read by the program. bit 6: pf (periodic interrupt flag). this bit is a read-only bit that is set to a 1 when an edge is detected on the selected tap of the divider chain. the rs3?rs0 bits establish the periodic rate. pf is set to 1 independent of the state of the pie bit. when both pf and pie are 1s, the irq signal is active and will set the irqf bit. the pf bit is cleared by a software read of register c. bit 5: af (alarm interrupt flag). a 1 in the af bit indicates that the current time has matched the alarm time. if the aie bit is also 1, the irq pin goes low and a 1 appears in the irqf bit. a read of register c clears af. bit 4: uf (update-ended interrupt flag). this bit is set after each update cycle. when the uie bit is set to 1, the 1 in uf causes the irqf bit to be 1, which asserts the irq pin. uf is cleared by reading register c. bits 3 to 0: unused. these bits always read 0 and cannot be written. register d msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 vrt 0 0 0 0 0 0 0 bit 7: vrt (valid ram and time). this bit indicates th e condition of the batt ery connected to the v bat pin or the battery connected to v baux , whichever is at a higher voltage . this bit is not writable and should always be a 1 when read. if a 0 is ever pres ent, an exhausted lithium energy source is indicated and both the contents of the rtc da ta and ram data are questionable. bits 6 to 0: unused. these bits cannot be written and always read 0 when read.
ds1689/ds1693 16 of 36 extended functions the extended functions provided by the ds1689/ds1693 th at are new to the ramified rtc family are accessed via a software-controlled bank-switching scheme, as illustrated in figure 4. in bank 0, the clock/calendar registers and 50 bytes of user ram are in the same locations as for the ds1287. as a result, existing routines implemented within bios, dos, or application software packages can gain access to the ds1689/ds1693 clock registers with no change s. also in bank 0, an extra 64 bytes of ram are provided at addresses just above the original locations for a total of 114 directly addressable bytes of user ram. when bank 1 is selected, the clock/calendar registers a nd the original 50 bytes of user ram still appear as bank 0. however, the dallas regist ers which provide control and status for the extended functions will be accessed in place of the additional 64 bytes of user ram. the major extended functions controlled by the dallas registers are listed below: 1. silicon revision byte 2. serial number 3. 8-byte customer specific rom or serial number 4. century counter 5. auxiliary battery control/status 6. wake-up 7. kickstart 8. ram clear control/status 9. v cc powered elapsed time counter 10. v bat powered elapsed time counter 11. power-on cycle counter the bank selection is controlled by the state of the dv0 bit in regist er a. to access bank 0 the dv0 bit should be written to 0. to access bank 1, dv0 should be written to 1. register locations designated as reserved in the bank 1 map are reserved for future use by dallas semiconductor. bits in these locations cannot be written and return a 0 if read.
ds1689/ds1693 17 of 36 figure 4. ds1689/ds1693 extended register bank definition
ds1689/ds1693 18 of 36 silicon serial number/cu stomer specific rom a total of 128 bits are available for use as serial nu mber/rom. these bits can be used as a 128-bit serial number or as a unique 64-bit serial number and 64-bit customer speci fic serial number or rom. the unique 64-bit serial number is located in bank 1 registers 40h?47h. this serial number is divided into three parts. the first byte in re gister 40h contains a model numbe r to identify the device type and revision of the ds1689/ds1693. regist ers 41h?46h contain a unique bi nary number. register 47h contains a crc byte used to validate the data in re gisters 40h?46h. the method used to create the crc byte is proprietary to dallas semiconductor, but can be made available if require d. typical applications should consider this byte simply as part of the overa ll unique serial number. all 8 bytes of the serial number are read-only registers. the ds1689/ds1693 are manufactured such that no two de vices contain an identica l number in locations 41h?47h. customers can reserve blocks of numbers for these locations. cont act dallas semiconductor for special ordering informati on for ds1689/ds1693 with reserved blocks of serial numbers. as already mentioned, another 64 bits are available fo r use as an additional serial number or customer specific rom. these 64 bits are lo cated in bank 1 registers 60h?67h. century counter a register has been added in bank 1, location 48h, to keep track of centu ries. the value is read in either binary or bcd according to the setting of the dm bit. auxiliary battery the v baux input is provided to supply power from an a uxiliary battery for the ds1689/ds1693 kickstart, wake-up, and sqw output features in the absence of v cc . this power source must be available in order to use these auxiliary features when no v cc is applied to the device. the auxiliary battery enable (abe; ba nk 1, register 04bh) bit in extended control register b is used to turn on and off the auxiliary battery for the above functions in the absence of v cc . when set to a 1, v baux battery power is enabled, and when cleared to 0, v baux battery power is disabled to these functions. in the ds1689/ds1693, this auxiliary battery can be used as the primary backup power source for maintaining the clock/calendar, user ram, and exte nded external ram functions . this occurs if the v bat pin is at a lower voltage than v baux . if the ds1689 is to be backed up using a single battery with the auxiliary features enabled, then v baux should be used and connected to v bat . if v baux is not to be used, it should be grounded a nd abe should be cleared to 0. wake-up/kickstart the ds1689/ds1693 incorporate a wake- up feature, which can power the system on at a predetermined date through activation of the pwr output pin. in addition, the kickstar t feature can allow the system to be powered-up in response to a low-going transition on the ks pin, without operating voltage applied to the v cc pin. as a result, system power can be applied upon such events as a key closure, or modem ring detect signal. to use either the wake-up or th e kickstart features, the ds1689/ds1693 must have an auxiliary battery connected to the v baux pin, and the oscillator must be running and the countdown chain must not be in reset (register a dv2, dv1, dv0 = 01x ). if dv2, dv1, and dv0 are not in this required state, the pwr pin is not driven low in response to a kickstart or wakeup condi tion, while in battery- backed mode.
ds1689/ds1693 19 of 36 the wake-up feature is controlled th rough the wake-up interrupt enable bit in extended control register b (wie, bank 1, 04bh). setting wie to 1 enables the wake-up feature, clearing wie to 0 disables it. similarly, the kickstart feature is controlled through the kickstart interrupt enable bit in extended control register b (kse, bank 1, 04bh). a wake-up sequence occurs as foll ows: when wake-up is enabled vi a wie = 1 while the system is powered down (no v cc voltage), the clock/calendar monitors th e current date for a match condition with the date alarm register (bank 1, re gister 049h). in conjunction with th e date alarm regi ster, the hours, minutes, and seconds alarm bytes in the clock/cale ndar register map (bank 0, registers 05h, 03h, and 01h) are also monitored. as a result, a wake-up occurs at the date and time sp ecified by the date, hours, minutes, and seconds alarm register values. this a dditional alarm occurs rega rdless of the programming of the aie bit (bank 0, register b, 0bh). when the match condition occurs, the pwr pin is automatically driven low. this output can be used to turn on the main system power supply, which provides v cc voltage to the ds1689/ds1693 as well as the other major components in the system. also at this time, the wake-up flag (wf, bank 1, register 04ah) is set, indicating that a wake-u p condition has occurred. a kickstart sequence occurs when kickstarting is enabled via kse = 1. while the system is powered down, the ks input pin is monitored for a lo w-going transition of minimum pulse width t kspw . when such a transition is detected, the pwr line is pulled low, as it is for a wake-up condition. also at this time, the kickstart flag (kf, bank 1, register 04ah) is set, indicating that a kickstart condition has occurred. the timing associated with both the wake-up and kickstarting sequences is illustrated in the wake- up/kickstart timing diagram in the electrical specifications section of this data sheet. the timing associated with these functions is divided into 5 intervals, labeled 1?5 on the diagram. the occurrence of either a kickstar t or wake-up condition causes the pwr pin to be driven low, as described above. during interval 1, if the supply voltage on the ds1689/ds1693 v cc pin rises above the 3v power-fail level before the power-on timeout period (t poto ) expires, then pwr remains at the active low level. if v cc does not rise above the 3v power-fail voltage in this time, then the pwr output pin is turned off and returns to its high-impedance level. in this event, the irq pin also remains tri-stated. the interrupt flag bit (either wf or kf) associated w ith the attempted power-on sequence remains set until cleared by software during a subsequent system power-on. if v cc is applied within the timeout period, then the system power-on sequence continues as shown in intervals 2?5 in the timing diagram. during interval 2, pwr remains active and irq is driven to its active low level, indicating that either wf or kf was set in initi ating the power-on. in the diagram, ks is assumed to be pulled up to the v baux supply. also at this time, the pab bit is automatically cleared to 0 in response to a successful power-on. the pwr line remains active as long as the pab remains cleared to 0. at the beginning of interval 3, the system processo r has begun code execution and clears the interrupt condition of wf and/or kf by writing 0s to both of these control bits. as long as no other interrupt within the ds1689/ds1693 is pending, the irq line is taken inactive once these bits are reset. execution of the application software can proceed. du ring this time, both the wake-up and kickstart functions can be used to generate status and interrupts. wf is set in response to a date, hours, and mi nutes match condition. kf is set in response to a low-going transition on ks . if the associated interrupt en able bit is set (wie and/or kse), then the irq line is driven active low in response to en abled event. in addition, the other possible interrupt sources within the ds1689/ds1693 can cause irq to be driven low. while system power is
ds1689/ds1693 20 of 36 applied, the on-chip logic always attempts to drive the pwr pin active in response to the enabled kickstart or wake-up conditi on. this is true even if pwr was previously inactive as the result of power being applied by some means othe r than wake-up or kickstart. the system can be powered down under software contro l by setting the pab bit to logic 1. this causes the open-drain pwr pin to be placed in a high-im pedance state, as shown at the beginning of interval 4 in the timing diagram. as v cc voltage decays, the irq output pin is placed in a high-impedance state when v cc goes below v pf . if the system is to be again powered on in response to a wake-up or kickstart, then both the wf and kf flags should be cleared and wie and/or kse should be enabled prior to setting the pab bit. during interval 5, the system is fully powered dow n. battery backup of the clock calendar and nv ram is in effect, pwr and irq are tri-stated, and monitoring of wake-up and kickstart takes place. ram clear the ds1689/ds1693 provide a ram clear function for th e 114 bytes of user ram. when enabled, this function can be performed regard less of the condition of the v cc pin. the ram clear function is enabled or disabled vi a the ram clear enable bit (rce; bank 1, register 04bh). when this bit is set to logi c 1, the 114 bytes of user ram are clear ed (all bits set to 1) when an active-low transition is sensed on the rclr pin. this action has no effect on either the clock/calendar settings or upon the contents of the external exte nded ram. the ram clear flag (rf, bank 1, register 04bh) is set when the ram clear op eration has been completed. if v cc is present at the time of the ram clear and rie = 1, the irq line is also driven low upon comple tion. the interrupt condition can be cleared by writing a 0 to the rf bit. the irq line then returns to its inacti ve high level, provided there are no other pending interrupts. once the rclr pin is activated, all read/write accesses are locked out for a minimum recover time, specified as t rec in the electrical characteristics section. when rce is cleared to 0, the ram clear function is disabled. the state of the rclr pin has no effect on the contents of the user ram, and transitions on the rclr pin have no effect on rf.
ds1689/ds1693 21 of 36 extended control registers two extended control registers are provided to supply controls and st atus information for the extended features offered by the ds1689/ds1693. these are designa ted as extended control registers a and b and are located in register bank 1, locations 04ah and 04b h, respectively. the functio ns of the bits within these registers are described as follows. extended control register 4a msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 vrt2 incr * * pab rf wf kf * reserved bits. these bits are reserved fo r future use by dallas semiconductor. th ey can be read and written, but have no effect on operation. bit 7: vrt2. this status bit gives the condition of the aux iliary battery. it is set to a logic 1 condition when the external lithium battery is connected to the v baux . if this bit is read as logic 0, the external battery should be replaced. bit 6: incr (increment in progress status). this bit is set to 1 when an increment to the time/date registers is in progress and the alarm check s are being made. incr is set to 1 at 122 s before the update cycle starts and is cleared to 0 at the end of each update cycle. bit 4: pab (power active bar control). when this bit is 0, the pwr pin is in the active-low state. the user can write this bit to logic 1 or logic 0. if either [wf and wie = 1] or [kf and kse = 1], the pab bit is cleared to 0. bit 2: rf (ram clear flag). this bit is set to logic 1 when a high-to-low transition occurs on the rclr input if rce = 1. the rf bit is cleared by writing it to logic 0. this bit can also be written to logic 1 to force an interrupt condition. bit 1: wf (wake-up alarm flag). this bit is set to 1 when a wake-up alarm condition occurs or when the user writes it to 1. wf is cleared by writing it to 0. bit 0: kf (kickstart flag). this bit is set to 1 when a kickstart c ondition occurs or wh en the user writes it to 1. this bit is cleared by writing it to logic 0.
ds1689/ds1693 22 of 36 extended control register 4b msb lsb bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 abe e32k cs rce prs rie wie kse bit 7: abe (auxiliary battery enable). this bit, when written to logic 1, enables the v baux pin for extended functions. bit 6: e32k (enable 32.768khz output). this bit, when written to logic 1, enables the 32,768hz oscillator frequency to be output on the sqw pin provided sqwe = 1. bit 5: cs (crystal select). when cs is set to 0, the oscillator is configured for operation with a crystal that has a 6pf specified load capacita nce. when cs = 1, the oscillator is configured for a 12.5pf crystal. bit 4: rce (ram clear enable). when set to a 1, this bit enables a low level on pin 4 ( rclr ) to clear all 114 bytes of user ram. when rce = 0, the ram clear function is disabled. bit 3: prs (pab reset select). when set to 0 the pwr pin is set high impedance when the ds1689 goes into power-fail. when set to 1, the pwr pin remains active upon entering power-fail. bit 2: rie (ram clear interrupt enable). when rie is set to 1, the irq pin is driven low when a ram clear function is completed. bit 1: wie (wake-up al arm interrupt enable). when v cc voltage is absent and wie is set to 1, the pwr pin is driven active low when a wake-up condition occurs, causing the wf bit to be set to 1. when v cc is then applied, the irq pin is also driven low. if wie is set while system power is applied, both irq and pwr are driven low in response to wf being set to 1. when wie is cleared to 0, the wf bit has no effect on the pwr or irq pins. bit 0: kse (kickstart interrupt enable). when v cc voltage is absent and kse is set to 1, the pwr pin is driven active low when a kickstart condition occurs ( ks pulsed low), causing the kf bit to be set to 1. when v cc is then applied, the irq pin is also driven low. if kse is set to 1 while system power is applied, both irq and pwr are driven low in response to kf bei ng set to 1. when kse is cleared to 0, the kf bit has no effect on the pwr or irq pins.
ds1689/ds1693 23 of 36 elapsed time counters the ds1689/ds1693 has two 32-bit elapsed time counters, which reside in bank 1 of the rtc registers. to access these counters the dv0 bit in regist er a must first be set to a logical 1. the v cc powered elapsed time counter resides in regi ster 54h through 57h. the lsb of this counter resides in register 54 and the msb is in 57h. the v cc powered elapsed time counter runs only while the v cci input is within nominal limits. the elapsed time count er is a binary counter that records the number of seconds that have elapsed. th e counter can be read or written at the us er?s discretion. the v bat - powered elapsed time counter resides in register 58h through 5bh. the lsb of this counter resides in register 58 and the msb is in 5bh. the v bat powered elapsed time counter r uns continually as long as the v bat or v baux pin is within nominal limits regardless of the condition of v cci . the number of seconds that have elapsed is recorded in a binary counter and the counter can be read or written at the user?s discretion. in a typical app lication, the v bat -powered elapsed time counter can be used to record the length of time that has elapsed from which the e quipment that contains the device wa s first put into service. the v cc powered counter can then be used to record the length of time that v cc power is applie d. these functions can be particularly useful for warranty and mainte nance information. in add ition, battery life can be predicted based on known loading fact ors. however, it is worth noting that a properly selected battery should power the ds1689/ds1693 and external ram for the useful life of most equipment. power-cycle counter the ds1689/ds1693 has a 16-bit power-cyc le counter that resides in regi ster 5c and 5d of bank 1. the lsb of this counter reside s in 5c and the msb is in 5d. this binary counter is incremented by one count each time v cci power is applied within nominal limits. this c ounter can be read or written at the user?s discretion.
ds1689/ds1693 24 of 36 absolute maxi mum ratings voltage range on any pin relative to ground?????????????????..-0.3v to +7.0v storage temperature range????????????????????????...-40c to +70c soldering temperature??????????????????...260c for 10 seconds (see note 18) soldering temperature (surface mount) ???????????.see ipc/jedec j-std-020 standard this is a stress rating only and functional ope ration of the device at these or any ot her conditions above those indicated in t he operation sections of this specification is not implied. exposure to absolute maximum ra ting conditions for extended periods of time may affect reliability. operating range range temperature v cc commercial 0c to +70c 3v 10% or 5v 10% industrial -40oc to 85oc 3v 10% or 5v 10% recommended dc oper ating conditions (over the operating range.) parameter symbol min typ max units notes 5v v cci 4.5 5.0 5.5 v 1 power-supply voltage 3v v cci 2.7 3.0 4.0 v 1 input logic 1 v ih 2.2 v cc + 0.3 v 1 input logic 0 v il -0.3 +0.6 v 1 battery voltage v bat 2.5 3.7 v 1 auxiliary battery voltage v baux 2.5 3.7 v 1
ds1689/ds1693 25 of 36 dc electrical characteristics?5v (over the operating range.) parameter symbol min typ max units notes average v cc power-supply current i cc1 7 15 ma 2, 3 cmos standby current ( cs = v cc - 0.2v) i cc2 1 3 ma 2, 3 input leakage current (any input) i il -1 +1 a cei input leakage i cei -200 +1 a 15 psel input leakage i psel -1 +200 a 16 output leakage current i ol -1 +1 a 8 output logic 1 voltage (i out = -1.0ma) v oh 2.4 v output logic 0 voltage (i out = +2.1ma) v ol 0.4 v output voltage v cco1 v cc - 0.3 v 4 output current i cco1 85 ma 4 power-fail trip point v pf 4.25 4.37 4.5 v 5 battery switch voltage v sw v bat , v baux v output voltage v cco2 v bat - 0.3 v 6 output current i cco2 100 a 6 battery leakage osc on i bat1 500 1000 na battery leakage osc off i bat2 50 150 na 17 i/o leakage i lo -1 +1 a 7 pwr output at 0.4v i olpwr 10.0 ma 1 cei to ceo impedance z ce 60 ? 12
ds1689/ds1693 26 of 36 dc electrical characteristics?3v (over the operating range.) parameter symbol min typ max units notes average v cc power-supply current i cc1 5 10 ma 2, 3 cmos standby current ( cs = v cc - 0.2v) i cc2 0.5 2 ma 2, 3 input leakage current (any input) i il -1 +1 a cei input leakage i cei -160 +1 a 15 psel input leakage i psel +1 -160 a 16 output leakage current i ol +160 -1 a 8 output logic 1 voltage (i out = 0.4ma) v oh 2.4 v output logic 0 voltage (i out = 0.8ma) v ol 0.4 v output voltage v cco1 v cc - 0.3 v 4 output current i cco1 50 ma 4 power-fail trip point v pf 2.5 2.6 2.7 v 5 output voltage v cco2 v bat - 0.3 v 6 output current i cco2 100 a 6 battery leakage osc on i bat1 500 1000 na battery leakage osc off i bat2 50 150 na 17 i/o leakage i lo -1 +1 a 7 pwr output at 0.4v i olpwr 4 ma 1 cei to ceo impedance z ce 120 ? 12
ds1689/ds1693 27 of 36 rtc ac timing characteristics?5v (over the operating range.) parameter symbol min typ max units notes cycle time t cyc 305 dc ns pulse width, rd / wr low pw rwl 125 ns pulse width, rd / wr high pw rwh 150 ns input rise and fall time t r , t f 30 ns chip-select setup time before wr or rd t cs 20 ns chip-select hold time t ch 0 ns read-data hold time t dhr 10 80 ns write-data hold time t dhw 0 ns muxed address valid time to ale fall t asl 30 ns muxed address hold time from ale fall t ahl 10 ns rd or wr high setup to ale rise t asd 25 ns pulse width, ale high pw ash 60 ns ale low setup to rd or wr fall t ased 40 ns output data delay time from rd t ddr 20 120 ns 9 data setup time t dsw 100 ns irq release from rd t ird 2 s cei to ceo delay t ced 10 ns ds1689/ds1693 bus timing for write cycle to rtc and rtc registers
ds1689/ds1693 28 of 36 rtc ac timing characteristics?3v (over the operating range.) parameter symbol min typ max units notes cycle time t cyc 915 dc ns pulse width, rd / wr low pw rwl 375 ns pulse width, rd / wr high pw rwh 450 ns input rise and fall time t r , t f 30 ns chip-select setup time before wr or rd t cs 75 ns chip-select hold time t ch 0 ns read-data hold time t dhr 10 120 ns write-data hold time t dhw 0 ns muxed address valid time to ale fall t asl 90 ns muxed address hold time from ale fall t ahl 30 ns rd or wr high setup to ale rise t asd 30 ns pulse width, ale high pw ash 180 ns ale low setup to rd or wr fall t ased 120 ns output data delay time from rd t ddr 20 370 ns 9 data setup time t dsw 180 ns irq release from rd t ird 2 s cei to ceo delay t ced 20 ns ds1689/ds1693 bus timing fo r read cycle to rtc
ds1689/ds1693 29 of 36 power-up/power-down timing?5v (t a = +25 c) parameter symbol min typ max units notes cs high to power-fail t pf 0 ns recovery at power-up t rec 150 ms v cc slew rate power-down t f 4.0 v cc 4.5v 300 s v cc slew rate power-down t fb 3.0 v cc 4.0v 10 s v cc slew rate power-up t r 4.5v v cc 4.0v 0 s expected data retention t dr 10 years 13, 14 power-up/power-down timing?3v (t a = +25 c) parameter symbol min typ max units notes cs high to power-fail t pf 0 ns recovery at power-up t rec 150 ms v cc slew rate power-down t f 2.5 v cc 3.0v 300 s v cc slew rate power-up t r 3.0v v cc 2.5v 0 s expected data retention t dr 10 years 13, 14 warning: under no circumstances are negati ve undershoots, of any amplitude, allowed when device is in battery-backup mode. capacitance (t a = +25 c) parameter symbol min typ max units notes input capacitance c in 12 pf output capacitance c out 12 pf
ds1689/ds1693 30 of 36 power-up condition?5v operation power-down condition?5v operation
ds1689/ds1693 31 of 36 power-up condition?3v operation power-down condition?3v operation
ds1689/ds1693 32 of 36 wake-up/kickstart timing (t a = +25 c) parameter symbol min typ max units notes kickstart input pulse width t kspw 2 s wake-up/kickstart power-on timeout t poto 2 seconds 10 wake-up/kickstart timing note: time intervals shown above are referenced in wak e - up/kickstart section. *this condition can occur when the device is operated in 3v mode.
ds1689/ds1693 33 of 36 notes: 1) all voltages are referenced to ground. 2) typical values are at +25 c and nominal supplies. 3) outputs are open. 4) value for voltage and currents is from the v cci input pin to the v cco pin. 5) write protection trip point occurs during power fail prior to switchover from v cc to v bat . 6) value for voltage and currents is from the v bat input pin to the v cco pin. 7) applies to the ad0?ad7 pins, and the sqw pin when each is in a high impedance state. 8) the irq pin is open drain. 9) measured with a load of 50pf + 1 ttl gate. 10) wake-up/kickstart timeout generated only when the oscillator is enabled a nd the countdown chain is not reset. 11) v sw is determined by the larger of v bat and v baux . 12) z ce is an average input to output impedan ce as the input is swept from gnd to v cci and less than 4ma is forced through z ce . 13) the ds1693 keeps time to an accuracy of 1 minute per month during data retention time for the period of t dr . 14) t dr is the amount of time that the internal battery can pow er the internal oscillator and internal registers of the ds1693. as such, t dr is specified with v cco floating. if v cco is powering an external sram, an auxiliary battery mu st be connected to the v baux pin. the auxiliary battery should be sized such that it can power the external sram for the t dr period. 15) the cei pin has an internal pullup of 60k ? . 16) the psel pin has an internal pulldown of 60k ?. 17) for industrial grade parts, i bat (with osc off) limit increases to 250na. 18) real-time clock modules can be successfully processed through conve ntional wave-soldering techniques as long as temperatur e exposure to the lithium energy s ource contained within does not exceed +85 c. post solder cleaning with water washi ng techniques is acceptable, provided that ultrasonic vibration is not used.
ds1689/ds1693 34 of 36 package information (the package drawing(s) in this data sheet may not reflect t he most current specifications . for the latest package outline information, go to www.maxim-ic.com/dallaspackinfo .)
ds1689/ds1693 35 of 36 package information (continued) (the package drawing(s) in this data sheet may not reflect t he most current specifications . for the latest package outline information, go to www.maxim-ic.com/dallaspackinfo .)
ds1689/ds1693 36 of 36 maxim/dallas semiconductor cannot assume res ponsibility for use of any circuitry other than circuitry entirely embodied in a ma xim/dallas semiconductor product. no circuit patent licenses are implied. maxi m/dallas semiconductor reserves the right to change the circuitry and specification s without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2005 maxim integrated products ? printed usa the maxim logo is a registered trademark of maxim integrated produ cts, inc. the dallas logo is a registered trademark of dallas semiconductor corporation. package information (continued) (the package drawing(s) in this data sheet may not reflect t he most current specifications . for the latest package outline information, go to www.maxim-ic.com/dallaspackinfo .)


▲Up To Search▲   

 
Price & Availability of DS1689S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X