Part Number Hot Search : 
2SC446 MMC4093 43000 R2023K HIN208CA 70N6T HPN2222A 2405S
Product Description
Full Text Search
 

To Download CP2141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CP2141 v1.1 product brief led driver series 3-channel low-dropout constant-current parallel led driver with 1-wire pulse counting dimming control copyright ? 2006 chiphomer technology limited general description sot23-6l -40 ~ 85 the CP2141, a 3-channel low-dropout constant-current parallel led driver, can be used to drive white le d, red led, blue led or any color led whose forward operating voltage is lower than the battery voltage. the unique auto-mirror tm technology is introduced in CP2141, which can guarantee a constant led current in various operating conditions. the CP2141 uses the 1-wire pulse counting technique to adjust the brightness of leds, with the pulse signal on the en pin, the led current varies according to 16 steps logari thmic scale. without any external components, it is available in a tiny sot23-6l package and is ideally suitable for portable device applications. features y no external component required y 20ma full scale current per channel y only 100mv dropout voltage needed at 20ma per channel y 1-wire pulse counting dimming: 16 steps logarithmic scale y led current matching: 2% (typical) y over 90% efficiency can be reached y no emi and switch noise y thermal shutdown protection y supply voltage range: 2.7~5.5v y shutdown current less than 0.1 a y rohs compliant and 100% lead(pb)-free applications y mobile phones y digital still camera y mp3 players y pda y gps receivers pin configuration 1
CP2141 v1.1 product brief led driver series 3-channel low-dropout constant-current parallel led driver with 1-wire pulse counting dimming control copyright ? 2006 chiphomer technology limited typical application circuit vdd CP2141 led1 led2 led3 gnd en battery CP2141 led1 led2 led3 gnd en existing regulator vdd battery 1- wire pulse counting dimming 1- wire pulse counting dimming contact with chiphomer 4f, building d, 1618 yishan road shanghai, 201103, p.r.c. tel: (86)21-64014543 64058488 fax: (86)21-64050030 sale: sales@chiphomer.com technical support: support@chiphomer.com web site: www.chiphomer.com shenzhen office: 10d, building 2, dushi yangguang garden chegongmiao, futian district, shenzhen, 518048, p.r.c. tel: (86)755-82046706 82047789 fax: (86)755-8204670 2


▲Up To Search▲   

 
Price & Availability of CP2141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X