Part Number Hot Search : 
BU4219G MBR30100 A2511AQ 100010 CT373 8F004B MC141 80C32X2
Product Description
Full Text Search
 

To Download CDWBS16-PLC01-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CDWBS16-PLC01-6 tvs diode array features lead free as standard rohs compliant* esd protection protects 2 lines low clamping voltage bidirectional configuration applications t1/e1 line cards isdn telecom equipment xdsl, usb, scsi & ethernet interfaces data & bus lines for fcc part 68 applications general information electrical characteristics (@ t a = 25 ? unless otherwise noted) the CDWBS16-PLC01-6 device provides protection for the external ports of telecom equipment such as cellular base stations, xdsl, usb, scsi & ethernet interfaces and data lines for fcc part 68 applications. protection provided by the devices meets the iec 61000-4-2 (esd), 61000-4-4 (eft) and 61000-4-5 (surge) standards. the device measures 10.15 mm x 10 mm and is intended to be mounted directly onto an fr4 printed circuit board. notes: 1. v c tested at 10/1000 ? impulse waveform. 2. 10/160 ? impulse waveform per fcc part 68. 12 11 10 9 16 15 14 13 5 6 7 8 1 2 3 4 parameter symbol minimum nominal maximum unit capacitance @ 0 v, 1 mhz c 50 pf rated standoff voltage v wm 6 v breakdown voltage @ 1 ma v br 8 v clamping voltage @ i p = 100 a 1 v c 15 v clamping voltage @ i p = 200 a 2 v c 16 v leakage current @ v wm i d 25 ? esd protection: iec 61000-4-2 contact discharge air discharge ? ?5 kv kv eft protection: iec 61000-4-4 @ 5/50 ns 40 a surge protection: iec 61000-4-5 @ 8/20 ? level 2 (line-gnd) & level 3 (line-line) 24 a thermal characteristics (@ t a = 25 ? unless otherwise noted) parameter symbol min. nom. max. unit peak pulse power (td = 10/1000 ?) p pp 1500 w operating temperature range t j -55 25 +150 ? storage temperature range t stg -55 25 +150 ? *rohs compliant
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CDWBS16-PLC01-6 tvs diode array b a c d g e h f i j 1 millimeters (inches) dimensions = a d b e c millimeters (inches) dimensions = dimensions a 10.15 - 10.45 (0.400 - 0.411) f 0.10 - 0.25 (0.004 - 0.009) b 1.27 (0.05) g 2.35 - 2.65 (0.093 - 0.104) c 0.66 (0.26) h 0.35 - 0.49 (0.014 - 0.019) d 7.40 - 7.60 (0.292 - 0.299) i 0.25 - 0.32 (0.010 - 0.012) e 0.35 - 0.49 (0.014 - 0.019) j 0.50 - 0.90 (0.020 - 0.035) dimensions a 10.7 (0.420) min. b 5.225 ?.127 (0.325 ?.005) c 1.143 ?.127 (0.045 ?.005) d 0.762 ?.127 (0.045 ?.005) e 1.270 (0.050) typ. this is a molded jedec wide body so-16 package with lead free 100 % sn plating on the lead frame, weighs approximately 0.15 g and has a flammability rating of ul 94v-0. the dimensions for the packaged device are shown below. recommended footprint product dimensions how to order cd wbs16 - plc01 - 6 common code chip diode package ?wbs16 = wide body soic16 package model plc01 = model number rated standoff voltage 6 = 6 v br (volts)
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CDWBS16-PLC01-6 tvs diode array performance graphs peak pulse power vs pulse time 100 10 1 0.1 1 0.1 10 100 100,000 10,000 1,000 p pp C peak pulse power (kw) t d C pulse duration (s) 1,500 w, 10/1000 s waveform pulse wave form 50 100 150 0 0 300 150 i pp C peak pulse current (% of i pp ) t C time (s) test waveform parameters t t = 10 s t d = 160 s t t e t t d = t | i pp /2 peak value i pp power derating curve 0 20 40 60 80 100 0 25 50 75 100 125 150 % of rated power t l C lead temperature (c) average power peak pulse power 10/160 s block diagram the device block diagrams below include the pin names and basic electrical connections associated with each channel. 12 11 10 9 16 15 14 13 5 6 7 8 1 2 3 4
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. CDWBS16-PLC01-6 tvs diode array packaging the surface mount product is packaged in a 16 mm x 8 mm tape and reel format per eia-481 standard. 2.0 0.05 (.08 .002) 0.3 0.05 (.01 .002) 11.1 0.1 (.437 .004) 11.1 0.1 (.437 .004) 1.75 0.1 (.07 .004) 5.5 0.3 (.22 .01) 16.0 0.3 (.063 .01) 3.1 0.1 (.0122 .004) orientation of component in pocket backside facing up top side view (into component pocket) 0.3 (0.01) 4.0 0.1 (.16 .004) 8.0 0.3 (.31 .01) 0.25 (0.010) typ. r 1.5 0.1/-0 (.06 .004/-0) dia. max. r dimensions = millimeters (inches) reliable electronic solutions asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com copyright? 2005, bourns, inc. litho in u.s.a., ipa0501 04/05


▲Up To Search▲   

 
Price & Availability of CDWBS16-PLC01-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X