Part Number Hot Search : 
SC441 000F1 1G132 NCASF1 S1210MH DM9801AE ACE3000T 030L2
Product Description
Full Text Search
 

To Download CD214A-R11100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-r150~r11600 glass passivated rectifiers features lead free as standard rohs compliant* glass passivated chip low reverse leakage current low forward voltage drop high current capability general information electrical characteristics (@ t a = 25 ? unless otherwise noted) thermal characteristics (@ t a = 25 ? unless otherwise noted) notes: 1 see forward derating curve. 2 measured @ 1.0 mhz and applied reverse voltage of 4.0 vdc. 3 thermal resistance from junction to ambient and from junction to lead p.c.b. mounted on 0.2 ? x 0.2 ? (5.0 mm x 5.0 mm) copper pad areas. the markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. bourns offers glass passivated rectifiers for rectification applications, in compac t chip do-214ac (sma) size format, which offer pcb real estate savings and are considerably smaller than most competitive parts. the g lass passivated rectifier diodes offer a forward current of 1 a with a choice of repetitive peak reverse voltage of 50 v up to 1600 v. bourns chip diodes conform to jedec standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. parameter symbol cd214a-r150~r11600 unit operating temperature range t j -65 to +175 ? storage temperature range t stg -65 to +175 ? parameter symbol cd214a- unit r150 r1100 r1200 r1400 r1600 maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v max. average forward rectified current 1 i (av) 1.0 a dc reverse current @ rated dc blocking voltage (@t j = 25 ?) i r 5.0 ? dc reverse current @ rated dc blocking voltage (@t j = 125 ?) i r 30 ? dc reverse current @ rated dc blocking voltage (@tj = 150 ?) i r 50 ? typical junction capacitance 2 c j 12 pf maximum instantaneous forward voltage @ 1 a v f 1.0 v typical thermal resistance 3 r ja r jl 75 27 ?/w ?/w peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a *rohs compliant
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-r150~r11600 glass passivated rectifiers electrical characteristics (@ t a = 25 ? unless otherwise noted) parameter symbol cd214a- unit r1800 r11000 r11100 r11200 r11600 maximum repetitive peak reverse voltage v rrm 800 1000 1100 1200 1600 v maximum rms voltage v rms 560 700 770 840 1120 v maximum dc blocking voltage v dc 800 1000 1100 1200 1600 v max. average forward rectified current 1 i (av) 1.0 a dc reverse current @ rated dc blocking voltage (@t j = 25 ?) i r 5.0 ? dc reverse current @ rated dc blocking voltage (@t j = 125 ?) i r 30 50 ? typical junction capacitance 2 c j 12 pf maximum instantaneous forward voltage @ 1 a v f 1.0 1.25 v typical thermal resistance 3 r ja r jl 75 27 ?/w ?/w peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 25 a thermal characteristics (@ t a = 25 ? unless otherwise noted) notes: 1 see forward derating curve. 2 measured @ 1.0 mhz and applied reverse voltage of 4.0 vdc. 3 thermal resistance from junction to ambient and from junction to lead p.c.b. mounted on 0.2 ? x 0.2 ? (5.0 mm x 5.0 mm) copper pad areas. parameter symbol cd214a-r150~r11600 unit operating temperature range t j -65 to +175 ? storage temperature range t stg -65 to +175 ?
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-r150~r11600 glass passivated rectifiers product dimensions how to order cd 214a - r 1 50 common code chip diode package ?214a = sma/do-214ac model r = glass passivated rectifiers forward current i (av) 1 = 1 a reverse voltage 50 = 50 v 100 = 100 v 200 = 200 v 400 = 400 v 600 = 600 v 800 = 800 v 1000 = 1000 v 1100 = 1100 v 1200 = 1200 v 1600 = 1600 v dimensions do-214ac (sma) a 4.06 - 4.57 (0.160 - 0.180) b 2.29 - 2.92 (0.090 - 0.115) c 1.27 - 1.63 (0.050 - 0.064) d 0.15 - 0.31 (0.006 - 0.112) e 4.83 - 5.59 (0.190 - 0.220) f 0.05 - 0.20 (0.002 - 0.008) g 2.01 - 2.62 (0.080 - 0.103) h 0.76 - 1.52 (0.030 - 0.060) this is a lead free molded plastic package. the polarity is indicated by a cathode band and weighs approximately 0.064 g. the package and dimensions are shown below. b g f d c mm (inches) dimensions: h e a recommended pad layout mm (inches) dimensions: 2.70 (0.106) max. 2.10 (0.083) max. 1.27 (0.050) max. physical specifications case ............................................molded plastic per ul class 94v-0 polarity ................................................band indicates diode cathode weight ....................................................0.002 ounces / 0.064 grams cd214a-r150 ...................................................................... r1a cd214a-r1100 .................................................................... r1b cd214a-r1200 .................................................................... r1d cd214a-r1400 .................................................................... r1g cd214a-r1600 .................................................................... r1j cd214a-r1800 .................................................................... r1k cd214a-r11000 .................................................................. r1m CD214A-R11100 .................................................................. r1n cd214a-r11200 .................................................................. r1q cd214a-r11600 .................................................................. r1y typical part marking
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cd214a-r150~r11600 glass passivated rectifiers rating and characteristic curves forward current derating curve 1.50 1.00 1.25 0.75 0.50 0.25 0 50 150 125 025 100 75 175 average forward current (amps) lead temperature (c) single phase half wave 60 hz resistive or inductive load non-repetitive surge current 30 20 25 15 10 0 1 10 100 peak forward surge current (amps) number of cycles at 60 hz pulse width 8.3 ms single half sine-wave (jedec method) r150-r11000 r11000-r11600 forward characteristics 10 1.0 0.1 .01 0.4 0.6 1.2 0.8 1.4 1.0 1.6 instantaneous forward current (amps) instantaneous forward voltage (volts) pulsewidth: 300 s 1% duty cycle r11100-r11600 r150-r11000 reverse characteristics 0.1 1.0 10 100 0 20 40 60 80 100 120 140 instantaneous reverse leakage current (ma) percent of rated peak reverse voltage (%) tj = 125 c tj = 25 c tj = 150 c
*rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. reliable electronic solutions asia-pacific: tel: +886-2 2562-4117 ?fax: +886-2 2562-4116 europe: tel: +41-41 768 5555 ?fax: +41-41 768 5510 the americas: tel: +1-951 781-5500 ?fax: +1-951 781-5700 www.bourns.com packaging information copyright? 2005, bourns, inc. litho in u.s.a. ipa0501 10/05 cd214a-r150~r11600 glass passivated rectifiers the surface mount product is packaged in an 8 mm x 4 mm tape and reel format per eia-481 standard. ....... ....... ....... ....... ....... ....... ....... ....... p a f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d mm (inches) dimensions: item symbol do-214ac (sma) carrier width a 1.90 ?.10 (0.075 - 0.004) carrier length b 4.30 ?.10 (0.169 - 0.004) carrier depth c 1.80 ?.10 (0.071 - 0.004) sprocket hole d 1.55 ?.05 (0.061 - 0.002) reel outside diameter d 178 (7.008) reel inner diameter d 1 80.0 (3.150) min. feed hole diameter d 2 13.0 ?.20 (0.512 - 0.008) sprocket hole position e 1.75 ?.10 (0.069 - 0.004) punch hole position f 3.50 ?.05 (0.138 - 0.002) punch hole pitch p 4.00 ?.10 (0.157 - 0.004) sprocket hole pitch p 0 4.00 ?.10 (0.157 - 0.004) embossment center p 1 2.00 ?.05 (0.079 - 0.002) overall tape thickness t 0.20 ?.10 (0.008 - 0.004) tape width w 8.00 ?.20 (0.315 - 0.008) reel width w 1 13.5 (0.531) max. quantity per reel 2,500


▲Up To Search▲   

 
Price & Availability of CD214A-R11100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X