Part Number Hot Search : 
TIP331 HFS50N06 00C144 K2010 LA7810 C3332 MC4050 MAX5088
Product Description
Full Text Search
 

To Download 88741-9010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0887419010 status: active overview: microcross_dvi description: microcross? dvi digital visual interface, shielded i/o cable assembly: dvi-digital/ analog-to-dvi-digital/analog, single link tmds, black, 3.0m (9.84' ) length documents: drawing (pdf) rohs certificate of compliance (pdf) general product family cable assemblies series 88744 comments single link tmds connector to connector dvi-digital/analog-to-dvi-digi overview microcross_dvi product name microcross?dvi physical cable length 3.0m (9.84' ) circuits (loaded) 29 color - resin black gender plug/plug lock to mating part none material - metal brass material - plating mating gold material - plating termination tin material - resin polyester packaging type bag pitch - mating interface (in) 0.075 in, 0.100 in pitch - mating interface (mm) 1.90 mm, 2.54 mm plating min: mating (in) 10, 2 plating min: mating (m) 0.05, 0.25 plating min: termination (in) 150 plating min: termination (m) 3.75 single ended no termination interface: style solder or weld wire insulation diameter n/a wire size awg n/a wire/cable type n/a electrical current - maximum per contact 3a shielded yes voltage - maximum 40v ac (rms) material info reference - drawing numbers sales drawing sd-88741-011 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 88744 series mates with 74320 microcross? dvi-i digital/analog visual interface, pcb receptacle this document was generated on 05/25/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 88741-9010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X