|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
electrical characteristics: 1-1. voltage rating...................................115/250vac 1-2. current rating a. @ 115 vac..........................................20 a rms max b. @ 250 vac.........................................16 a rms max 1-3. operating frequency......................50/60hz 1-4. leakage current: each line to ground a. @ 115 vac 60hz............................0.45 ma max b. @ 250 vac 50hz.............................0.90 ma max 1-5. hipot rating (for one minute) a. line to ground...........................2250 vdc b. line to line.....................................1450 vdc 1-6. minimum insertion loss in db: (at 50 ohm system) 1-7. operating temperature.................-25 to +85 c 1-8. safety: 1-9. rohs compliant freq. mhz com. mode db dif. mode db .05 5 2 .01 1 0 .10 10 20 .15 12 25 .50 20 60 1.0 30 60 5.0 35 50 10 40 50 30 40 45 qualtek electronics corp. ppc division part number: 848-20/004 description: emi filter tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30 0.50 0.70 0.90 1.20 drawn / date checked / date approved / date b.zhang 02-07-03 02-07-03 jjh / 02-07-03 unit: in rev. b controlled approved date description rev. revision b rohs compliancy 06-01-06 dp these drawings are the property of qualtek electronics and not to be reproduced for or communicated to a third party without the express written permission of an officer of qualtek electronics. schematic: physical dimensions: 3.75 0.02 4.14 max. slots: 0.255 6.5 0.157 4.0 x (4) 3.40 max. 2.00 0.02 5.25 max. 1.54 max. l1: 30.0uh l2: 0.93mh c1: 0.22+033uf c2: 0.22uf cy: 3300+2200pf r1: 330k r2: 330
|
Price & Availability of 848-20004 |