this document was generated on 05/14/2010 please check www.molex.com for latest part information part number: 0736441200 status: active overview: hdm description: 2.00mm (.079") pitch hdm? board-to-board backplane header, vertical, smc, press- fit, guide post location b, polarizing key position a, 144 circuits documents: 3d model drawing (pdf) test summary (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family backplane connectors series 73644 application backplane comments standard press-fit component type pcb header overview hdm product name hdm? style n/a physical circuits (loaded) 144 circuits (maximum) 144 color - resin black, natural durability (mating cycles max) 250 first mate / last break no flammability 94v-0 guide to mating part yes keying to mating part yes material - metal phosphor bronze, stainless steel material - plating mating gold material - plating termination gold material - resin high temperature thermoplastic number of columns 24 number of pairs open pin field number of rows 6 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.098 in pcb thickness recommended (mm) 2.50 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm pitch - term. interface (in) 0.079 in pitch - term. interface (mm) 2.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 2 plating min: termination (m) 0.05 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 73644 series mates with 73632 hdm plus? board-to-board daughtercard receptacle. 73780 hdm? board-to-board daughtercard receptacle application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # flat rock tooling for pneumatic press 0622013700 hdm? backplane insertion signal contact tool 0621001400 hdm? backplane insertion head for 144 positions 0622005703
polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -55c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 1a data rate 1.0 gbps real signals (per 25mm) 75 shielded no voltage - maximum 250v ac material info reference - drawing numbers packaging specification pk-70873-0818 sales drawing sda-73644-**** hdm and high density metric are trademarks of amphenol corporation extraction tool 0621001000 this document was generated on 05/14/2010 please check www.molex.com for latest part information
|