Part Number Hot Search : 
5248B GP1S37 RN498 U3502BM GP1S37 MBT440 ST7787 AO4296
Product Description
Full Text Search
 

To Download 53647-0374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0536470374 status: active overview: slimstack_0635mm_025_pitch description: 0.635mm (.025") pitch slimstack? header, surface mount, dual row, vertical stacking, 8.00 and 14.00mm (.315 and .551") stacking heights, lead-free, 30 circuits, with embossed tape with cover packaging documents: 3d model product specification ps-52760-015 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 53647 application board-to-board comments stacking-type overview slimstack_0635mm_025_pitch product name slimstack? physical breakaway no circuits (loaded) 30 color - resin brown durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes mated height (in) 0.315 in, 0.551 in mated height (mm) 14.00 mm, 8.00 mm material - metal brass, phosphor bronze, stainless steel material - plating mating gold material - plating termination tin number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type embossed tape on reel pitch - mating interface (in) 0.025 in pitch - mating interface (mm) 0.64 mm polarized to pcb yes robotic placement metal cap stackable no temperature range - operating -55c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a voltage - maximum 100v material info reference - drawing numbers packaging specification spk-53647-001 product specification ps-52760-015, rps-52760-017, rps-52760-018, rps-52760-020, rps-52760-021, rps-52760-029 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 53647 series mates with slimstack? receptacle 52760 , 52837 , 52885 , 52901
sales drawing sd-53647-002, sd-53647-003 this document was generated on 05/25/2010 please check www.molex.com for latest part information





▲Up To Search▲   

 
Price & Availability of 53647-0374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X