Part Number Hot Search : 
24050 74F25300 SCL4021B BR2506 STC89C52 CS8430 7XS40 AP2511
Product Description
Full Text Search
 

To Download 5002541931 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/07/2010 please check www.molex.com for latest part information part number: 5002541931 status: active overview: high_definition_multimedia_interface_hdmi description: hdmi* receptacle, right angle with screw flange, smt solder tails and through hole shell tabs, use with m3x0.5 screw documents: 3d model product specification ps-501194-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 500254 application wire-to-board component type receptacle overview high_definition_multimedia_interface_hdmi product name hdmi type n/a physical boot color n/a circuits (loaded) 19 circuits (maximum) 19 color - resin black gender male lock to mating part yes material - metal brass material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tray panel mount yes pitch - mating interface (in) 0.020 in pitch - mating interface (mm) 0.50 mm pitch - term. interface (in) 0.020 in pitch - term. interface (mm) 0.50 mm plating min: mating (in) 30.4 plating min: mating (m) 0.76 plating min: termination (in) 40 plating min: termination (m) 1 polarized to mating part yes polarized to pcb yes ports 1 surface mount compatible (smc) yes temperature range - operating -20c to +85c termination interface: style surface mount waterproof / dustproof no wire size awg n/a electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 500254 series mates with 501194 hdmi cable assemblies, link:88768 use with m3x0.5 screw
current - maximum per contact 0.5a shield type full shield shielded yes voltage - maximum 40v ac (rms)/dc material info reference - drawing numbers packaging specification spk-500254-001 product specification ps-501194-001, rps-500254-007, rps-500254-008 sales drawing sd-500254-004, sd-500254-006 * high definition multimedia interface and hdmi are trademarks of hdmi licensing, llc. this document was generated on 06/07/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 5002541931

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X