Part Number Hot Search : 
BAS32L0 LM2574 PFW5008 KS0040 ZQB50H MD8748H CLLZ39 KBPC5006
Product Description
Full Text Search
 

To Download 45984-1924 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0459841924 status: active overview: extreme_lphpower description: extreme lphpower? receptacle header, right angle, 10 power contacts, select gold (au) plating, for 2.36mm (.093") thick pc board with guide and press-fit plastic pegs documents: 3d model product specification ps-45984-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 45984 application board-to-board comments 10 power blades overview extreme_lphpower product name extreme lphpower? physical circuits (loaded) 10 circuits (maximum) 10 circuits detail 10 power, no signal color - resin black durability (mating cycles max) 250 flammability 94v-0 glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part no material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation right angle pc tail length (in) 0.142 in pc tail length (mm) 3.60 mm pcb locator yes pcb retention yes pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.36 mm packaging type tray pitch - mating interface (in) 0.472 in pitch - mating interface (mm) 12.00 mm pitch - term. interface (in) 0.079 in, 0.098 in pitch - term. interface (mm) 2.00 mm, 2.50 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45984 series mates with 45985 extreme lphpower? headers
polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 20a grounding to pcb no voltage - maximum 250v ac (rms)/dc solder process data duration at max. process temperature (seconds) 15 lead-free process capability smc & wave capable (th only) max. cycles at max. process temperature 3 process temperature max. c 230 material info reference - drawing numbers packaging specification pk-45984-001 product specification ps-45984-001 sales drawing sd-45984-102 this document was generated on 05/21/2010 please check www.molex.com for latest part information






▲Up To Search▲   

 
Price & Availability of 45984-1924

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X