Part Number Hot Search : 
TDA84 TS3704I MV5E164 AMA2805D 48507 TOP242R BU4219G EMK12G
Product Description
Full Text Search
 

To Download 44248-0101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0442480101 status: active overview: modular_plugs_jacks description: modular jack, right angle, low profile, inverted, 6/4, 2 ports documents: 3d model product specification ps-43860-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e107635 general product family modular jacks/plugs series 44248 comments industry compatible component type pcb jack magnetic no overview modular_plugs_jacks performance category 3 power over ethernet (poe) n/a product name rj11 physical boot color n/a color - resin black durability (mating cycles max) 500 flammability 94v-0 inverted / top latch yes lightpipes/leds none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester orientation right angle (side entry) pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.57 mm packaging type tray pitch - mating interface (in) 0.040 in pitch - mating interface (mm) 1.02 mm pitch - term. interface (in) 0.040 in pitch - term. interface (mm) 1.02 mm plating min: mating (in) 50 plating min: mating (m) 1.25 plating min: termination (in) 100 plating min: termination (m) 2.5 ports 2 positions / loaded contacts 6/4 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole waterproof / dustproof no wire/cable type n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44248 series
electrical current - maximum per contact 1.5a grounding to pcb yes shielded yes voltage - maximum 150v ac (rms) solder process data lead-free process capability wave capable (th only) material info reference - drawing numbers packaging specification pk-44248-004 product specification ps-43860-003, rps-43860-004, rps-43860-007, rps-43860-008, rps-43860-013 sales drawing sd-44248-001 this document was generated on 06/08/2010 please check www.molex.com for latest part information







▲Up To Search▲   

 
Price & Availability of 44248-0101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X