Part Number Hot Search : 
CWP060 BZ5239 GLZJ56 RD27JSAB GLZJ56 PD2504 64V32 87C51F
Product Description
Full Text Search
 

To Download 0894000810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0894000810 status: active description: 2.00mm (.079") pitch wire-to-board header, vertical, 8 circuits, without kinked pc tail documents: 3d model product specification ps-87369-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 89400 application wire-to-board product name n/a physical breakaway no circuits (loaded) 8 circuits (maximum) 8 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.045 in pcb thickness recommended (mm) 1.20 mm packaging type bag pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 50 plating min: mating (m) 1.27 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to pcb no shrouded partial stackable no temperature range - operating -25c to +85c termination interface: style through hole electrical current - maximum per contact 4a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 89400 series mates with 87369 crimp housing
voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 245 material info reference - drawing numbers product specification ps-87369-0001 sales drawing sd-89400-**1* this document was generated on 06/08/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0894000810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X