Part Number Hot Search : 
2SC1393 03929 AN618 HCTS10MS FP205 LTC1049C T240010 18812I
Product Description
Full Text Search
 

To Download 0674901241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/25/2010 please check www.molex.com for latest part information part number: 0674901241 status: active overview: serial_ata_products description: 1.27mm (.050") pitch serial ata header, standard type, surface mount, right angle, 7 circuits, with mylar, 0.76m (30") gold (au) plating, tube package, lead-free documents: 3d model product specification ps-67490-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 67490 application board-to-board, wire-to-board comments standard type|with mylar overview serial_ata_products product name serial ata physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin black durability (mating cycles max) 50 first mate / last break yes glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part no material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 1 orientation right angle pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 50.8 plating min: termination (m) 1.27 polarized to mating part no shrouded no stackable no temperature range - operating -35c to +85c termination interface: style surface mount electrical current - maximum per contact 1.5a voltage - maximum 15v dc series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67490 series mates with serial ata signal connector 67489 , 88755
material info reference - drawing numbers packaging specification pk-67490-002 product specification ps-67490-001 sales drawing sd-67490-002 this document was generated on 05/25/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0674901241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X