Part Number Hot Search : 
RGPP1D 80C196 DLF2000 D22012P T311016 SDR955 80C196 1D122
Product Description
Full Text Search
 

To Download TSOP41SP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay tsop41..sp1 document number 82208 rev. 1, 28-jan-02 vishay semiconductors www.vishay.com 1 16656 ir receiver modules for remote control systems \ description the tsop41..sp1 - series are miniaturized receivers for infrared remote contro l systems. pin diode and preamplifier are assembled on lead frame, the epoxy package is designed as ir filter. the demodulated output signal can directly be decoded by a microprocessor. the main benefit is the operation with short burst transmission codes and high data rates. features ? photo detector and preamplifier in one package  internal filter for pcm frequency  improved shielding against electrical field disturbance  ttl and cmos compatibility  output active low  low power consumption  high immunity against ambient light special features  enhanced data rate of 4000 bit/s  operation with short bursts possible ( 6 cycles/burst) parts table block diagram application circuit part carrier frequency tsop4130sp1 30 khz tsop4133sp1 33 khz tsop4136sp1 36 khz tsop4137sp1 36.7 khz tsop4138sp1 38 khz tsop4140sp1 40 khz tsop4156sp1 56 khz 25 k ? 2 3 1 v s out demo- gnd pass agc input pin band dulator control circuit c 1 = 4.7 f tsopxxxx out gnd circuit c r 1 =100 ? +v s gnd transmitter with tsalxxxx v s r 1 +c 1 recommended to suppress power supply disturbances. v o the output voltage should not be hold continuously at a voltage below v o = 3.3 v by the external circuit.
www.vishay.com 2 document number 82208 rev. 1, 28-jan-02 vishay tsop41..sp1 vishay semiconductors absolute maximum ratings t amb = 25 c, unless otherwise specified electrical and opti cal characteristics t amb = 25 c, unless otherwise specified parameter test condition symbol value unit supply voltage (pin 3) v s - 0.3 to + 6.0 v supply current (pin 3) i s 5 ma output voltage (pin 1) v o - 0.3 to + 6.0 v output current (pin 1) i o 5 ma junction temperature t j 100 c storage temperature range t stg - 25 to + 85 c operating temperature range t amb - 25 to + 85 c power consumption (t amb 85 c) p tot 50 mw soldering temperature t 10 s, 1 mm from case t sd 260 c parameter test condition symbol min ty p. max unit supply current (pin 3) v s = 5 v, e v = 0 i sd 0.8 1.2 1.5 ma v s = 5 v, e v = 40 klx, sunlight i sh 1.5 ma supply voltage (pin 3) v s 4.5 5.5 v transmission distance e v = 0, test signal see fig.3, ir diode tsal6200, i f = 250 ma d 35 m output voltage low (pin 1) i ol = 0.5 ma, e e = 0.7 mw/m 2 , f = f o , test signal see fig. 1 v ol 250 mv irradiance (30 - 40 khz) pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig.3 e e min 0.2 0.4 mw/m 2 irradiance (56 khz) pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig.3 e e min 0.3 0.5 mw/m 2 irradiance test signal see fig. 1 e e max 30 w/m 2 directivity angle of half transmission distance ? 1/2 45 deg
vishay tsop41..sp1 document number 82208 rev. 1, 28-jan-02 vishay semiconductors www.vishay.com 3 typical characteristics (t amb = 25 c unless otherwise specified) figure 1. output function figure 2. pulse length and sens itivity in dark ambient figure 3. output function e e t t pi *) t v o v oh v ol t po 2) t 14337 optical test signal (ir diode tsal6200, i f =0.4 a, n=6 pulses, f=f 0 , t=10 ms) output signal t d 1) 1) 3/f 0 < t d < 9/f 0 2) t pi ? 4/f 0 < t po < t pi + 6/f 0 *) t pi  6/fo is recommended for optimal function t ? output pulse width ( ms ) 0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.1 1.0 10.0 100.0 1000.010000.0 e e ? irradiance ( mw/m 2 ) 16907 po input burst duration  = 950 nm, optical test signal, fig.1 output pulse e e t v o v oh v ol t 600  s 600  s t = 60 ms t on t off 94 8134 optical t est signal output signal , ( see fig.4 ) figure 4. output pulse diagram figure 5. frequency dependence of responsivity figure 6. sensitivity in bright ambient t ,t ? output pulse width ( ms ) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1.0 10.0 100.0 1000.010000.0 e e ? irradiance ( mw/m 2 ) 16910 to ff  = 950 nm, optical test signal, fig.3 to n on off 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.7 0.9 1.1 1.3 f/f 0 ? relative frequency 16926 f = f 0  5%  f ( 3db ) = f 0 /7 e / e ? rel. responsivity e min e 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 0.01 0.10 1.00 10.00 100.00 e ? ambient dc irradiance (w/m 2 ) 16911 correlation with ambient light sources: 10w/m 2  1.4klx (std.illum.a,t=2855k) 10w/m 2  8.2klx (daylight,t=5900k) ambient,  = 950 nm e ? threshold irradiance ( mw/m ) e min 2
www.vishay.com 4 document number 82208 rev. 1, 28-jan-02 vishay tsop41..sp1 vishay semiconductors figure 7. sensitivity vs. supply voltage disturbances figure 8. sensitivity vs. el ectric field disturbances figure 9. max. envelope duty cycle vs. burstlength 0.0 0.5 1.0 1.5 2.0 0.1 1.0 10.0 100.0 1000.0  v srms ? ac voltage on dc supply voltage (mv) 16912 f = f o f = 10 khz e ? threshold irradiance ( mw/m ) e min 2 f = 1 khz f = 100 hz e ? threshold irradiance ( mw/m ) 0.0 0.4 0.8 1.2 1.6 0.0 0.4 0.8 1.2 2.0 e ? field strength of disturbance ( kv/m ) 2.0 94 8147 1.6 e min 2 f(e) = f 0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0 20 40 60 80 100 120 burst length ( number of cycles / burst ) 16914 f = 38 khz, e e = 2 mw/m 2 max. envelope duty cycle figure 10. sensitivity vs. ambient temperature figure 11. relative spectral sensitivity vs. wavelength figure 12. directivity 0.0 0.1 0.2 0.3 0.4 0.5 0.6 ?30?150 153045607590 t amb ? ambient temperature ( q c ) 16918 sensitivity in dark ambient e ? threshold irradiance ( mw/m ) e min 2 0.0 0.2 0.4 0.6 0.8 1.0 1.2 750 850 950 1050 1150  ? wavelength ( nm ) 16919 s ( ) ? relative spectral sensitivity  rel 96 12223p2 0.4 0.2 0 0.2 0.4 0.6 0.6 0.9 0 q 30 q 10 q 20 q 40 q 50 q 60 q 70 q 80 q 1.0 0.8 0.7 d rel C relative transmission distance
vishay tsop41..sp1 document number 82208 rev. 1, 28-jan-02 vishay semiconductors www.vishay.com 5 suitable data format the circuit of the tsop41..sp1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. a bandpassfilter, an integrator stage and an automatic gain control are used to suppress such disturbances. the distinguishing mark between data signal and dis- turbance signal are carrier frequency, burst length and duty cycle. the data signal s hould fulfill the following conditions:  carrier frequency should be close to center fre- quency of the bandpass (e.g. 38 khz).  burst length should be 6 cycles/burst or longer.  after each burst which is between 6 cycles and 70 cycles a gap time of at least 10 cycles is necessary.  for each burst which is longer than 1.8 ms a corre- sponding gap time is necessary at some time in the data stream. this gap time should have at least same length as the burst.  up to 2200 short bursts per second can be received continuously. some examples for suitable data format are: nec code, toshiba micom format, sharp code, rc5 code, rc6 code, rcmm code, r-2000 code, recs-80 code. when a disturbance signal is applied to the tsop41..sp1 it can still re ceive the data signal. how- ever the sensitivity is reduced to that level that no unexpected pulses will occure. some examples for such disturbance signals which are suppressed by the tsop41..sp1 are:  dc light (e.g. from tungsten bulb or sunlight)  continuous signal at 38 khz or at any other fre- quency  signals from fluorescent lamps with electronic bal- last (an example of the signal modulation is in the fig- ure below). figure 13. ir signal from fluores cent lamp with low modulation 0 5 10 15 20 time ( ms ) 16920 ir signal ir signal from fluorescent lamp with low modulation
www.vishay.com 6 document number 82208 rev. 1, 28-jan-02 vishay tsop41..sp1 vishay semiconductors package dimensions in mm 17277
vishay tsop41..sp1 document number 82208 rev. 1, 28-jan-02 vishay semiconductors www.vishay.com 7 ozone depleting subst ances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performanc e of our products, processes, distribution and operatingsystems with respect to their impact on the hea lth and safety of our empl oyees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the cl ean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of , directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423


▲Up To Search▲   

 
Price & Availability of TSOP41SP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X