Part Number Hot Search : 
Z8MFJ X5R1C 03S2N BPNPA16E UTR01 2SA1603A BPNPA16E MBR6045
Product Description
Full Text Search
 

To Download SFS1002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? qualified as per aec-q101 sfs100xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sfs 1001g sfs 1002g sfs 1003g sfs 1004g sfs 1005g sfs 1006g sfs 1007g sfs 1008g unit v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v trr ns cj pf r jc o c/w t j o c t stg o c 1.7 v maximum instantaneous forward voltage @ 5.0a v f 0.975 1.3 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 125 a maximum average forward rectified current @t c =100 i f(av) 10.0 a features ? weight: 1.70 grams typical thermal resistance type number ? polarity: as marked sfs1001g - sfs1008g 10.0amps surface mount super fast rectifiers marking diagram d 2 pak ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data note 1: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a operating temperature range storage temperature range - 65 to + 150 ua 2 version:d11 - 65 to + 150 typical junction capacitance (note 2) 70 50 note 2: measured at 1 mhz and applied reverse voltage of 4.0v d.c. dimensions in inches and (millimeters) ? case: d 2 pak molded plastic ? epoxy: ul 94v-0 rate flame retardant maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage 1 200 maximum reverse recovery time (note 1) 35 maximum dc reverse current t a =25 @ rated dc blocking voltage t a =125 i r pb rohs compliance rohs compliance
version:d11 ratings and characteristic curves (sfs1001g thru sfs1008g) fig.1 forward current derating curve 0 2 4 6 8 10 12 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 case temperature ( o c) average forward a current (a) fig. 3 maximum non-repetitive forward surge current 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current (a) 8.3ms single half sine wave jedec method fig. 2 typical reverse characteristics 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=100 ta=75 fig. 4 typical junction capacitance 40 50 60 70 80 90 100 1 10 100 reverse voltage (v) capacitance (pf) sfs1005g-sfs1008g sfs1001g-sfs1004g fig. 5 typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage (v) instantaneous forward current (a) sfs1007g-sfs1008g ta=25 pulse width=300us 1% duty cycle sfs1005g-sfs1006g sfs1001g-sfs1004g


▲Up To Search▲   

 
Price & Availability of SFS1002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X