Part Number Hot Search : 
HYBAM S1300M 16160 3DLABS SDR6RSMS MJ1000 PA240 C3312
Product Description
Full Text Search
 

To Download MPSA43-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features through hole package 150 o c junction temperature mechanical data case: to-92, molded plastic marking: mpsa42 ----a42 mpsa43 ----mpsa43 maximum ratings @ 25 o c unless otherwise specified charateristic symbol value unit collector-emitter volta g e mpsa42 mpsa43 v ceo 300 200 v collector-base volta g e mpsa42 mpsa43 v cbo 300 200 v emitter-base volta g e mpsa42 mpsa43 v ebo 5.0 v collector current(dc) i c 300 ma power dissipation@t a =25 o c p d 625 5.0 mw mw/ o c power dissipation@t c =25 o c p d 1.5 12 w mw/ o c thermal resistance, junction to ambient air 200 o c/w thermal resistance, junction to case 83.3 o c/w operating & storage temperature t j ,t stg -55~150 o c mpsa42 thru mpsa43 npn s ilicon high voltage transistor 625mw to-92 a e b c d g r jc r ja  
 omp onents 20736 marilla street chatsworth       
     mcc revision: 8 2010/08/18 dimensions inches mm dim min max min max note a .170 .190 4.33 4.83 b .170 .190 4.30 4.83 c .550 .590 13.97 14.97 d .010 .020 0.36 0.56 e .130 .160 3.30 3.96 g .0 96 .104 2.44 2.64 tm micro commercial components cb e x case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information)
electrical characteristics (t a = 25 characteristic symbol min max unit off characteristics collector ? emitter breakdown voltage (1) (i c = 1.0 madc, i b = 0) mpsa42 mpsa43 v (br)ceo 300 200 ? ? vdc collector ? base breakdown voltage (i c = 100 adc, i e = 0) mpsa42 mpsa43 v (br)cbo 300 200 ? ? vdc emitter ? base breakdown voltage (i e = 10 adc, i c = 0) v (br)ebo 5.0 ? vdc collector cutoff current (v cb = 200 vdc, i e = 0) mpsa42 (v cb = 160 vdc, i e = 0) mpsa43 i cbo ? ? 0.25 0.1 on characteristics (1) dc current gain (i c = 1.0 madc, v ce = 10 vdc) (i c = 10 madc, v ce = 10 vdc) (i c = 50 madc, v ce = 10 vdc) h fe 25 80 25 ? 250 ? collector ? emitter saturation voltage (i c = 20 madc, i b = 2.0 madc) mpsa42 mpsa43 v ce(sat) ? ? 0.5 0.4 vdc base?emitter saturation voltage (i c = 20 madc, i b = 2.0 madc) v be(sat) ? 0.9 vdc small? signal characteristics current ? gain ? bandwidth product (i c = 10 madc, v ce = 5 vdc, f = 30 mhz) f t 50 ? mhz collector?base capacitance (v cb = 20 vdc, i e = 0, f = 1.0 mhz) mpsa42 mpsa43 c cb ? ? 3.0 4.0 pf 1. pulse test: pulse width 300 s, duty cycle 2.0%. mcc mpsa42 thru mpsa43 revision: 8 2010/08/18 tm micro commercial components www. mccsemi .com 2 of 4
c, capacitance (pf) figure 1. dc current gain v r , reverse voltage (volts) 0.1 100 0.1 10 1.0 10 1000 c eb @ 1mhz figure 2. capacitance i c , collector current (ma) 100 70 50 30 20 10 7.0 5.0 3.0 2.0 80 70 50 30 20 10 t j = 25 c v ce = 20 v f = 20 mhz f , current?gain ? bandwidth (mhz) t 1.0 i c , collector current (ma) figure 3. current?gain ? bandwidth v, voltage (volts) 1.4 0.0 1.2 1.0 0.8 0.6 0.4 0.2 100 10 0.1 1.0 100 1.0 c cb @ 1mhz 60 40 v be(on) @ 25 c, v ce = 10 v v ce(sat) @ 25 c, i c /i b = 10 v be(sat) @ 25 c, i c /i b = 10 v ce(sat) @ 125 c, i c /i b = 10 v ce(sat) @ ?55 c, i c /i b = 10 v be(sat) @ 125 c, i c /i b = 10 v be(sat) @ ?55 c, i c /i b = 10 v be(on) @ 125 c, v ce = 10 v v be(on) @ ?55 c, v ce = 10 v figure 4. ?on? voltages i c , collector current (ma) 120 0.1 1.0 10 100 80 60 0 h fe , dc current gain t j = +125 c 25 c ?55 c v ce = 10 vdc 100 20 40 mcc mpsa42 thru mpsa43 revision: 8 2010/08/18 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: 8 2010/08/18 tm micro commercial components www. mccsemi .com 4 of 4 ordering information device packing (part number)-ap tape&reel;2kpcs/box (part number)-bp bulk;1kpcs/bag products are represented on our website, harmless against all damages. ***life support*** ***important notice*** without the expresse written approval of micro commercial components corporation. mcc's products are not authorized for use as critical components in life support devices or systems micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose


▲Up To Search▲   

 
Price & Availability of MPSA43-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X