Part Number Hot Search : 
1N5267B EL6211 00102 NJU6392B IRFR120 C16LF 100G3 SI4947A
Product Description
Full Text Search
 

To Download LM201AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 lm101a lm301a lm201a n input offset voltage 0.7mv 2mv n input bias current 25na 70na n input offset current 1.5na 2na n slew rate as inversing 10v/s 10v/s amplifier description the lm101a is a general purpose operational am- plifier which offers many features: supply voltages from 5v to 22v, low current drain, overload pro- tection on the input and output, no latch-up when the common-mode range is exceeded, free from oscillations and compensation with a single 30pf capacitor. it has advantages over internally com- pensated amplifiers in that the compensation can be tailored to the particular application: slew rate of 10v/s and bandwidth of 3.5mhz can be easily achieved. order code n = dual in line package (dip) d = small outline package (so) - also available in tape & reel (dt) pin connections (top view) part number temperature range package nd lm101a -55c, +125c lm201a -40c, +105c lm301a 0c, +70c example : lm201an n dip8 (plastic package ) d so8 (plastic micropackage ) 1 2 3 4 8 6 5 7 1 - balance, compensation 2 - inverting input 3 - non-inverting input 4 - v cc - 5 - balance 6 - output 7 - v cc + 8 - compensation 2 lm101a-lm201a lm301a single operational amplifiers december 2001
lm101a - lm201a - lm301a 2/11 schematic diagram absolute maximum ratings symbol parameter lm101a lm201a lm301a unit v cc supply voltage 22 v v i input voltage 15 v v id differential input voltage 30 v p tot power dissipation n suffix d suffix 500 300 mw output short-circuit duration infinite t oper opearting free-air temperature range -55 to +125 -40 to +105 0 to +70 c t stg storage temperature range -65 to +150 c
lm101a - lm201a - lm301a 3/11 electrical characteristics 5v v cc 20v, c1 = 30pf, t amb = 25c (unless otherwise specified) symbol parameter lm101a - lm201a lm301a unit min. typ. max. min. typ. max. v io input offset voltage (r s 10k w ) t amb = +25c t min t amb t max 0.7 2 3 27.5 10 mv dv io input offset voltage drift t min t amb t max 315 630 m v/c i ib input bias current - note t amb = +25c t min t amb t max 25 75 100 70 250 300 na i io input offset current t amb = +25c t min t amb t max 1.5 10 20 250 70 na di iio input offset current drift t min t amb 25c t min t amb t max 10 20 100 200 10 20 300 600 pa/c a vd large signal voltage gain * v o 10v, r l = 2k w) t amb = +25c t min t amb t max 50 25 100 25 15 100 v/mv svr supply voltage rejection ratio (r s 10k w ) t amb = +25c t min t amb t max 80 80 96 70 70 96 db i cc supply current, no load t amb = +25c t min t amb t max 1.8 3 3 1.8 3 3 ma v icm input common mode voltage range (v cc = 20v) t amb = +25c t min t amb t max 15 15 15 15 v cmr common mode rejection ratio (r s 10k w ) t amb = +25c t min t amb t max 80 80 96 70 70 96 db i os output short-circuit current * t amb = +25c 10 30 50 10 30 50 ma v opp output voltage swing * t amb = +25c r l = 10k w r l = 2k w t min t amb t max r l = 10k w r l = 2k w 12 10 12 10 14 13 12 10 12 10 14 13 v sr slew rate (v i = 10v, r l = 2k w ,c l = 100pf, unity gain) - 1) 0.25 0.5 0.25 0.5 v/ m s
lm101a - lm201a - lm301a 4/11 t r rise (v i = 20mv, r l = 2k w ,c l = 100pf, unity gain) 0.3 0.3 s k ov overshoot (v i = 20mv, r l = 2k w ,c l = 100pf, unity gain) 55 % z i input impedance * 1.5 4 1.5 4 m w gbp gain bandwidth product * (v i = 10mv, r l = 2k w ,c l = 100pf, f = 100khz) 0.5 1 0.5 1 mhz thd total harmonic distortion (f = 1khz, a v = 20db, r l = 2k w, v o = 2v pp , c l = 100pf) 0.015 0.015 % e n equivalent input noise voltage f = 1khz, r s = 100 w 25 25 1. may be improved up to 10v/s in inverting amplifier configuration * ==> v cc = 15v, t amb = +25c (unless otherwise specified) symbol parameter lm101a - lm201a lm301a unit min. typ. max. min. typ. max. nv hz ----------- -
lm101a - lm201a - lm301a 5/11
lm101a - lm201a - lm301a 6/11 single pole compensation feed forward compensation
lm101a - lm201a - lm301a 7/11
lm101a - lm201a - lm301a 8/11
lm101a - lm201a - lm301a 9/11
lm101a - lm201a - lm301a 10/11 package mechanical data 8 pins - plastic dip dim. millimeters inches min. typ. max. min. typ. max. a 3.32 0.131 a1 0.51 0.020 b 1.15 1.65 0.045 0.065 b 0.356 0.55 0.014 0.022 b1 0.204 0.304 0.008 0.012 d 10.92 0.430 e 7.95 9.75 0.313 0.384 e 2.54 0.100 e3 7.62 0.300 e4 7.62 0.300 f 6.6 0260 i 5.08 0.200 l 3.18 3.81 0.125 0.150 z 1.52 0.060
lm101a - lm201a - lm301a 11/11 package mechanical data 8 pins - plastic micropackage (so) dim. millimeters inches min. typ. max. min. typ. max. a 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.020 c1 45 (typ.) d 4.8 5.0 0.189 0.197 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f 3.8 4.0 0.150 0.157 l 0.4 1.27 0.016 0.050 m 0.6 0.024 s 8 (max.) b e3 a a2 s l c e c1 a3 b1 a1 d m 8 5 1 4 f information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of LM201AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X