Part Number Hot Search : 
2SC37 100BG XHXXX UPD65000 UA741EJ 075EK VP0104ND EMA212
Product Description
Full Text Search
 

To Download KKE4436 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KKE4436 intelligent 221-bit eeprom counter for > 20000 units with security logic and high s ecu rity authenti cati on features ? 221 bit eeprom a nd 16 bit mask-programmable rom 104 bit user memory fully compatible with iz4406: ? 64 bit identif ication area ? 40 bit count er area including 1 bit f o r personalization ? 133 bit addit i onal memory for advan ced features ? 4 bit counte r backup (a nti-tearing flags) ? 1 bit initiat i o n flag for authenticatio n key.2 ? 16 bit data area 1 for free user access ? 48 bit authe n tication ke y.1 ? either 64 bit data area 2 for user defined data or 48 bit authe n tication ke y.2 ? counter with up to 333 52 count units fully comp atible with iz44 06 ? due to testing purposes a maxi mum of 21064 co unt units is guaranteed ? counter tearing p rotection ? backup feat ure activated at choice ? high security authen tication module ? random nu mber as challenge ? individual se cret authent ication key.1 ? optional individual secre t authenticat ion key.2 ? calculation of up to 16 b i t response ? calculation of a 16 bit re sponse within 30 ms at a clock fr equ ency of 100 khz ? transport code prote c tion for delivery ? chip la y o u t of security relevant areas protected against ph y s ic al / electrical signal anal y s is ? suppl y voltage 5 v 10 % ? suppl y current < 5 ma ? eeprom programming time 5 ms ? esd protec tion 4000 v ? endurance minimum of 10 5 w r ite / erase c y cle s per bit ? data retention for minimum of 10 y ears pin definitions and functions p a r a m e t e r s y m b o l test c o n d i t i o n c 1 v c c s u p p l y volta g e c2 rst control inpu t (reset) c 3 c l c c l o c k input c 5 g n d g r o u n d c 6 n . c . n o t connect e d c7 i/o bidirectiona l data line (o pen drain) ize4406 comes as an m3 wire-bonded module for embedding in plastic cards and as a die for customer packaging.
electrical characteristics absolute maximum ratings p a r a m e t e r s y m b o l l i m i t v a l u e s u n i t c o m m e n t s m i n . m a x . supply voltage input voltage v cc v i -0.35 -0.35 7.0 7.0 v v - - storage temperature t stg - 4 0 1 2 5 c power dissipation p tot 4 0 m w - esd protec tion 4000 v operating range p a r a m e t e r s y m b o l l i m i t v a l u e s u n i t t e s t condition m i n . t y p . m a x . supply voltage v cc 4 . 5 5 . 0 5 . 5 v supply current i cc 2 . 5 5 . 0 ma v cc =5 v ambient temperature t a -35 80 c dc characteristics p a r a m e t e r s y mbol l i m i t v a l u e s u n i t t e s t condition m i n . t y p . m a x . h-input voltage (i/o, cl c, rst) v ih 3 . 5 - v cc v - l-input voltage (i/o,clc,rst) v il 0 - 0 . 8 v - l-output voltage v ol - - 0 . 5 v i ol =0.5ma (open drain) h-leakage current i oh - - 1 0 a v oh = v cc (open drain) ac characteristics p a r a m e t e r s y mbol l i m i t v a l u e s u n i t t e s t condition m i n . t y p . m a x . clc h-level (set address) t h 5 - - s - clc l-level (set address) t l 5 - - s - clc h-level (write) t hw 5 - - m s v cc 4.5 v t hw 3 - - m s 5v v cc 5/5 v KKE4436


▲Up To Search▲   

 
Price & Availability of KKE4436

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X