Part Number Hot Search : 
15E03 MTM8N20 TB6674FG 3225X CHDTA 2SD24 08130 2J224
Product Description
Full Text Search
 

To Download IXKC20N60C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v gs continuous 20 v i d25 t c = 25 c; note 1 14 a i d90 t c = 90 c, note 1 10 a i d(rms) package lead current limit 45 a e as i o = 10a, t c = 25 c 690 mj e ar i o = 20a 1 mj p d t c = 25 c 125 w t j -55 ... +150 c t jm 150 c t stg -55 ... +125 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c v isol rms leads-to-tab, 50/60 hz, t = 1 minute 2500 v~ f c mounting force 11 ... 65 / 2.4 ...11 n/lb weight 3g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. r ds(on) v gs = 10 v, i d = i d90 , note 3 160 190 m ? v gs = 10 v, i d = i d90 , note 3 t j = 125 c 463 m ? v gs(th) v ds = v gs , i d = 1 ma 3.5 5.5 v i dss v ds = v dss t j = 25 c1 a v gs = 0 v t j = 125 c10 a i gss v gs = 20 v dc , v ds = 0 100 na g = gate, d = drain, s = source * patent pending v dss = 600 v i d25 = 14 a r ds(on) = 190 m ? ? ? ? ? ds98848c(1/04) features z silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation z 3 rd generation coolmos power mosfet - high blocking capability - low on resistance - avalanche rated for unclamped inductive switching (uis) z low thermal resistance due to reduced chip thickness z low drain to tab capacitance(<30pf) applications z switched mode power supplies (smps) z uninterruptible power supplies (ups) z power factor correction (pfc) z welding z inductive heating advantages z easy assembly: no screws or isolation foils required z space savings z high power density coolmos tm power mosfet in isoplus220 tm package electrically isolated back surface n-channel enhancement mode low r ds(on) , superjunction mosfet ixkc 20n60c coolmos is a trademark of infineon technologies, ag g d s isoplus 220lv tm isolated back surface* e153432 preliminary data sheet
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 symbol test conditions ch aracteristic values (t j = 25 c, unless otherwise specified) min. typ. max. q g(on) 79 nc q gs v gs = 10 v, v ds = 350 v, i d = 20 a 21 nc q gd 46 nc t d(on) 20 ns t r v gs = 10 v, v ds = 380v 55 ns t d(off) i d = 20 a, r g = 3.3 ? 60 ns t f 10 ns r thjc 1 k/w r thch 0.30 k/w reverse conduction characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. v sd i f = 10 a, v gs = 0 v 0.8 1.2 v note 3 note: 1. mosfet chip capability 2. intrinsic diode capability 3. pulse test, t 300 s, duty cycle d 2 % ixkc 20n60c to-220lv outline


▲Up To Search▲   

 
Price & Availability of IXKC20N60C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X