Part Number Hot Search : 
IRF3N25 MMB152W RS2604 P220M NJG1307R ON2758 T6322 M3P2779
Product Description
Full Text Search
 

To Download IL100-0-110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary product brief publication number 17-6200-01 international: connect one ltd. 2 hanagar street kfar saba 44425, israel tel: +972-9-766-0456 fax: +972-9-766-0461 e-mail: info@connectone.com http://www.connectone.com usa: connect one semiconductors, inc. 15818 north 9th ave. phoenix, az 85023 tel: 408-986-9602 fax: 602-485-3715 e-mail: info@connectone.com http://www.connectone.com copyright ? connect one ltd., july 2005. all rights reserved . ilan-100 serial-to-ether net device server general description: ilan-100? is a serial-to-ethernet device server that enables installed serial devices to connect via a serial port to the internet over a 10/100baset ethernet lan. ilan-100 eliminates the need for any hardware modification to the host device. simply connect a serial cable from ilan- 100?s female db-9 connector to your device, and an ethernet cable from your local area network to ilan-100?s rj-45 connector. the internet engine inside ilan-100 is connect one?s remotely updateable ichip lan? internet controller?, which stores the internet protocol stack in flash memory. connect one?s at+i? protocol eliminates the need for internet programming and minimizes changes to the host application. connect one?s serialnet? operating mode completely eliminates the need for changes to the host application, as it is a true plug-and-play operating mode. ilan-100 is powered by an external 9- volt power supply. ilan-100 may be powered optionally through pin 9 of the db- 9 connector to the host device. application program interface: ? connect one?s at+i? protocol ? serialnet mode for transparent serial data-to-internet routing. internet protocols: ? ip, arp, icmp, udp, tcp, ping, dhcp, dns, mime, smtp, pop3, http, wap, ftp, and telnet. ? includes web and wap server and embedded 32kb storage area for ichip and application web sites . . hardware description: ? size: 94 x 63 x 28 mm (3.7 x 2.5 x 1.1?). ? weight: 180 g (6.43 oz.). ? operating humidity: 90% maximum (non-condensing). ? operating temperature range: 5 to 50 c (41 to 122 f). ? power supply input: 5-24 vdc. 9v power supplied included unless specified. power from host device optionally available. ? power consumption: 0.7w @ 9vdc. ? leds: lnk ? link status act ? lan activity snet ? serialnet mode activity pwr ? power ? connectors: female db-9, rj-45, 2.1 mm power jack. ? host interface: rs-232 (rs-422/485 optionally available). ? plastic enclosure. performance specifications: ? host data rate: 2,400 bps to 230 kbps ? data format: asynchronous character, serial, binary, 8 data bits (optional 7 data bits in serialnet mode), no parity, 1 stop bit. ? standard operating mode: eia rs-232 full duplex. ? flow control: hardware (dtr, rts, cts, dsr) and software flow control (connect one?s wait/continue method). warranty: ? warranty: 1 year limited warranty. approvals: ? ce, ul, fcc pending
preliminary product brief publication number 17-6200-01 international: connect one ltd. 2 hanagar street kfar saba 44425, israel tel: +972-9-766-0456 fax: +972-9-766-0461 e-mail: info@connectone.com http://www.connectone.com usa: connect one semiconductors, inc. 15818 north 9th ave. phoenix, az 85023 tel: 408-986-9602 fax: 602-485-3715 e-mail: info@connectone.com http://www.connectone.com copyright ? connect one ltd., july 2005. all rights reserved . configuration: ilan-100 firmware and device configuration parameters can be remotely updated over the internet. ilan-100 can be easily configured via connect one's ichipconfig utility. this multi-function windows utility enables quick and complete configuration of the ichip via a local serial connection or via the web. the ichipconfig utility also enables packaging of the application?s web site. top view rj-45 connector link and activity leds db-9 connector, power jack, mode select, serialnet and power leds typical application: il100 ordering information: il100-0: ilan-100 without power supply IL100-0-110: ilan-100 with 110-volt power supply il100-0-220: ilan-100 with 220-volt power supply ichip, internet controller, at+i, ilan-100, serialnet and connect one are trademarks of connect one ltd. specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of IL100-0-110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X