Part Number Hot Search : 
HCT573DB 6681Z VO1263AB MR752 KIA4559 MR500 ISL29004 UPC4572
Product Description
Full Text Search
 

To Download HIP6007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  131 tm HIP6007 buck pulse-width modulator (pwm) controller the HIP6007 provides complete control and protection for a dc-dc converter optimized for high-performance microprocessor applications. it is designed to drive an n-channel mosfet in a standard buck topology. the HIP6007 integrates all of the control, output adjustment, monitoring and protection functions into a single package. the output voltage of the converter can be precisely regulated to as low as 1.27v, with a maximum tolerance of 1% over temperature and line voltage variations. the HIP6007 provides simple, single feedback loop, voltage- mode control with fast transient response. it includes a 200khz free-running triangle-wave oscillator that is adjustable from below 50khz to over 1mhz. the error amplifier features a 15mhz gain-bandwidth product and 6v/ s slew rate which enables high converter bandwidth for fast transient performance. the resulting pwm duty ratio ranges from 0% to 100%. the HIP6007 protects against over-current conditions by inhibiting pwm operation. the HIP6007 monitors the current by using the r ds(on) of the upper mosfet which eliminates the need for a current sensing resistor. pinout HIP6007 (soic) top view features ? drives n-channel mosfet ? operates from +5v or +12v input ? simple single-loop control design - voltage-mode pwm control ? fast transient response - high-bandwidth error amplifier - full 0% to 100% duty ratio ? excellent output voltage regulation - 1.27v internal reference - 1% over line voltage and temperature ? over-current fault monitor - does not require extra current sensing element - uses mosfet?s r ds(on) ? small converter size - constant frequency operation - 200khz free-running oscillator programmable from 50khz to over 1mhz ? 14 pin, soic package applications ? power supply for pentium?, pentium pro, powerpc? and alpha? microprocessors ? high-power 5v to 3.xv dc-dc regulators ? low-voltage distributed power supplies powerpc? is a trademark of ibm. alpha? is a trademark of digital equipment corporation. pentium? is a registered trademark of intel corporation. 8 9 10 11 12 13 14 7 6 5 4 3 2 1 ocset ss en comp fb rt vcc nc nc boot ugate phase gnd nc ordering information part number temp. range ( o c) package pkg. no. HIP6007cb 0 to 70 14 ld soic m14.15 data sheet september 1997 fn4307.1 caution: these devices are sensitive to electrostatic discharge; follow proper ic handling procedures. 1-888-intersil or 321-724-7143 | intersil (and design) is a trademark of intersil americas inc. copyright ? intersil americas inc. 2002. all rights reserved
132 typical application block diagram +12v +v o HIP6007 rt fb comp ss osc ugate ocset phase boot en vcc +5v or +12v monitor and protection ref + - + - + - + - + - oscillator soft- start power-on reset (por) inhibit pwm comparator error amp vcc ss pwm rt gnd ocset fb comp en 1.27 vref over- current gate control logic boot ugate phase 200 a 10 a 4v reference HIP6007
133 absolute maximum ratings thermal information supply voltage, v cc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +15.0v boot voltage, v boot - v phase . . . . . . . . . . . . . . . . . . . . . . +15.0v input, output or i/o voltage . . . . . . . . . . . gnd -0.3v to vcc +0.3v esd classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . class 2 operating conditions supply voltage, vcc . . . . . . . . . . . . . . . . . . . . . . . . . . . +12v 10% ambient temperature range. . . . . . . . . . . . . . . . . . . . . 0 o c to 70 o c junction temperature range . . . . . . . . . . . . . . . . . . . 0 o c to 125 o c thermal resistance (typical, note 1) ja ( o c/w) soic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . 150 o c maximum storage temperature range . . . . . . . . . -65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . 300 o c (lead tips only) caution: stresses above those listed in ?absolute maximum ratings? may cause permanent damage to the device. this is a stress o nly rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. note: 1. ja is measured with the component mounted on an evaluation pc board in free air. electrical specifications recommended operating conditions, unless otherwise noted parameter symbol test conditions min typ max units vcc supply current nominal supply i cc en = vcc; ugate and lgate open - 5 - ma shutdown supply en = 0v - 50 100 a power-on reset rising vcc threshold v ocset = 4.5vdc - - 10.4 v falling vcc threshold v ocset = 4.5vdc 8.2 - - v enable - input threshold voltage v ocset = 4.5vdc 0.8 - 2.0 v rising v ocset threshold -1.27- v oscillator free running frequency rt = open, v cc = 12 185 200 215 khz total variation 6k ? < rt to gnd < 200k ? -15 - +15 % ramp amplitude ? v osc rt = open - 1.9 - v p-p reference reference voltage 1.258 1.270 1.282 v error amplifier dc gain -88- db gain-bandwidth product gbw - 15 - mhz slew rate sr comp = 10pf - 6 - v/ s gate drivers upper gate source i ugate v boot - v phase = 12v, v ugate = 6v 350 500 - ma upper gate sink r ugate i lgate = 0.3a - 5.5 10 ? protection ocset current source i ocset v ocset = 4.5vdc 170 200 230 a soft start current i ss -10- a HIP6007
134 functional pin description rt (pin 1) this pin provides oscillator switching frequency adjustment. by placing a resistor (r t ) from this pin to gnd, the nominal 200khz switching frequency is increased according to the following equation: conversely, connecting a pull-up resistor (r t ) from this pin to vcc reduces the switching frequency according to the following equation.: ocset (pin 2) connect a resistor (r ocset ) from this pin to the drain of the upper mosfet. r ocset , an internal 200 a current source (i ocs ), and the upper mosfet on-resistance (r ds(on) ) set the converter over-current (oc) trip point according to the following equation: an over-current trip cycles the soft-start function. ss (pin 3) connect a capacitor from this pin to ground. this capacitor, along with an internal 10 a current source, sets the soft- start interval of the converter. comp (pin 4) and fb (pin 5) comp and fb are the available external pins of the error amplifier. the fb pin is the inverting input of the error amplifier and the comp pin is the error amplifier output. these pins are used to compensate the voltage-control feedback loop of the converter. en (pin 6) this pin is the open-collector enable pin. pull this pin below 1v to disable the converter. in shutdown, the soft start pin is discharged and the ugate and lgate pins are held low. gnd (pin 7) signal ground for the ic. all voltage levels are measured with respect to this pin. phase (pin 8) connect the phase pin to the upper mosfet source. this pin is used to monitor the voltage drop across the mosfet for over-current protection. this pin also provides the return path for the upper gate drive. ugate (pin 9) connect ugate to the upper mosfet gate. this pin provides the gate drive for the upper mosfet. boot (pin 10) this pin provides bias voltage to the upper mosfet driver. a bootstrap circuit may be used to create a boot voltage suitable to drive a standard n-channel mosfet. vcc (pin 14) provide a 12v bias supply for the chip to this pin. typical performance curves figure 1. r t resistance vs frequency figure 2. bias supply current vs frequency 10 100 1000 switching frequency (khz) resistance (k ? ) 10 100 1000 r t pullup to +12v r t pulldown to v ss 100 200 300 400 500 600 700 800 900 1000 40 35 30 25 20 15 10 5 0 i cc (ma) switching frequency (khz) c gate = 3300pf c gate = 1000pf c gate = 10pf 8 9 10 11 12 13 14 7 6 5 4 3 2 1 ocset ss en comp fb rt vcc nc nc boot ugate phase gnd nc fs 200khz 510 6 ? r t k ? () -------------------- - + (r t to gnd) fs 200khz 410 7 ? r t k ? () -------------------- - ? (r t to 12v) i peak i ocs r ocset ? r ds on () ------------------------------------------- - = HIP6007
135 functional description initialization the HIP6007 automatically initializes upon receipt of power. special sequencing of the input supplies is not necessary. the power-on reset (por) function continually monitors the input supply voltages and the enable (en) pin. the por monitors the bias voltage at the vcc pin and the input voltage (v in ) on the ocset pin. the level on ocset is equal to v in less a fixed voltage drop (see over-current protection). with the en pin held to vcc, the por function initiates soft start operation after both input supply voltages exceed their por thresholds. for operation with a single +12v power source, v in and v cc are equivalent and the +12v power source must exceed the rising v cc threshold before por initiates operation. the power-on reset (por) function inhibits operation with the chip disabled (en pin low). with both input supplies above their por thresholds, transitioning the en pin high initiates a soft start interval. soft start the por function initiates the soft start sequence. an internal 10 a current source charges an external capacitor (c ss ) on the ss pin to 4v. soft start clamps the error amplifier output (comp pin) and reference input (+ terminal of error amp) to the ss pin voltage. figure 3 shows the soft start interval with c ss = 0.1 f. initially the clamp on the error amplifier (comp pin) controls the converter?s output voltage. at t1 in figure 3, the ss voltage reaches the valley of the oscillator?s triangle wave. the oscillator?s triangular waveform is compared to the ramping error amplifier voltage. this generates phase pulses of increasing width that charge the output capacitor(s). this interval of increasing pulse width continues to t2. with sufficient output voltage, the clamp on the reference input controls the output voltage. this is the interval between t2 and t3 in figure 3. at t3 the ss voltage exceeds the reference voltage and the output voltage is in regulation. this method provides a rapid and controlled output voltage rise. over-current protection the over-current function protects the converter from a shorted output by using the upper mosfet?s on-resistance, r ds(on) to monitor the current. this method enhances the converter?s efficiency and reduces cost by eliminating a current sensing resistor. the over-current function cycles the soft-start function in a hiccup mode to provide fault protection. a resistor (r ocset ) programs the over-current trip level. an internal 200 a (typical) current sink develops a voltage across r ocset that is reference to v in . when the voltage across the upper mosfet (also referenced to v in ) exceeds the voltage across r ocset , the over-current function initiates a soft- start sequence. the soft-start function discharges c ss with a 10 a current sink and inhibits pwm operation. the soft- start function recharges c ss , and pwm operation resumes with the error amplifier clamped to the ss voltage. should an overload occur while recharging c ss , the soft start function inhibits pwm operation while fully charging c ss to 4v to complete its cycle. figure 4 shows this operation with an overload condition. note that the inductor current increases to over 15a during the c ss charging interval and causes an over-current trip. the converter dissipates very little power with this method. the measured input power for the conditions of figure 4 is 2.5w. figure 3. soft-start interval time (5ms/div) soft-start (1v/div) 0v 0v t1 t2 t3 output (1v/div) voltage HIP6007
136 the over-current function will trip at a peak inductor current (i peak ) determined by: where i ocset is the internal ocset current source (200 a - typical). the oc trip point varies mainly due to the mosfet?s r ds(on) variations. to avoid over-current tripping in the normal operating load range, find the r ocset resistor from the equation above with: 1. the maximum r ds(on) at the highest junction tempera- ture. 2. the minimum i ocset from the specification table. 3. determine , where ? i is the output inductor ripple current. for an equation for the ripple current see the section under component guidelines titled ?output inductor selection?. a small ceramic capacitor should be placed in parallel with r ocset to smooth the voltage across r ocset in the presence of switching noise on the input voltage. application guidelines layout considerations as in any high frequency switching converter, layout is very important. switching current from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces. these interconnecting impedances should be minimized by using wide, short printed circuit traces. the critical components should be located as close together as possible using ground plane construction or single point grounding. figure 5 shows the critical power components of the converter. to minimize the voltage overshoot the interconnecting wires indicated by heavy lines should be part of ground or power plane in a printed circuit board. the components shown in figure 6 should be located as close together as possible. please note that the capacitors c in and c o each represent numerous physical capacitors. locate the HIP6007 within 3 inches of the mosfets, q1. the circuit traces for the mosfets? gate and source connections from the HIP6007 must be sized to handle up to 1a peak current. figure 6 shows the circuit traces that require additional layout consideration. use single point and ground plane construction for the circuits shown. minimize any leakage current paths on the ss pin and locate the capacitor, c ss close to the ss pin because the internal current source is only 10 a. provide local v cc decoupling between vcc and gnd pins. locate the capacitor, c boot as close as practical to the boot and phase pins. figure 4. over-current operation output inductor soft-start 0a 0v time (20ms/div) 5a 10a 15a 2v 4v i peak i ocset r ocset ? r ds on () --------------------------------------------------- = i peak for i peak i out max () ? i () 2 ? + > figure 5. printed circuit board power and ground planes or islands l o c o ugate phase q1 d2 v in v out return HIP6007 c in load +12v HIP6007 ss gnd v cc boot d1 l o c o v out load q1 d2 phase figure 6. printed circuit board small signal layout guidelines +v in c boot c vcc c ss HIP6007
137 feedback compensation figure 7 highlights the voltage-mode control loop for a synchronous-rectified buck converter. the output voltage (vout) is regulated to the reference voltage level. the error amplifier (error amp) output (v e/a ) is compared with the oscillator (osc) triangular wave to provide a pulse-width modulated (pwm) wave with an amplitude of vin at the phase node. the pwm wave is smoothed by the output filter (lo and co). the modulator transfer function is the small-signal transfer function of vout/v e/a . this function is dominated by a dc gain and the output filter (lo and co), with a double pole break frequency at f lc and a zero at f esr . the dc gain of the modulator is simply the input voltage (vin) divided by the peak-to-peak oscillator voltage ? v osc . modulator break frequency equations the compensation network consists of the error amplifier (internal to the HIP6007) and the impedance networks z in and z fb . the goal of the compensation network is to provide a closed loop transfer function with the highest 0db crossing frequency (f 0db ) and adequate phase margin. phase margin is the difference between the closed loop phase at f 0db and 180 o . the equations below relate the compensation network?s poles, zeros and gain to the components (r1, r2, r3, c1, c2, and c3) in figure 8. use these guidelines for locating the poles and zeros of the compensation network: compensation break frequency equations 1. pick gain (r2/r1) for desired converter bandwidth 2. place 1 st zero below filter?s double pole (~75% f lc ) 3. place 2 nd zero at filter?s double pole 4. place 1 st pole at the esr zero 5. place 2 nd pole at half the switching frequency 6. check gain against error amplifier?s open-loop gain 7. estimate phase margin - repeat if necessary figure 8 shows an asymptotic plot of the dc-dc converter?s gain vs frequency. the actual modulator gain has a high gain peak do to the high q factor of the output filter and is not shown in figure 8. using the above guidelines should give a compensation gain similar to the curve plotted. the open loop error amplifier gain bounds the compensation gain. check the compensation gain at f p2 with the capabilities of the error amplifier. the closed loop gain is constructed on the log-log graph of figure 8 by adding the modulator gain (in db) to the compensation gain (in db). this is equivalent to multiplying the modulator transfer function to the compensation transfer function and plotting the gain. the compensation gain uses external impedance networks z fb and z in to provide a stable, high bandwidth (bw) overall loop. a stable control loop has a gain crossing with -20db/decade slope and a phase margin greater than 45 o . include worst case component variations when determining phase margin. figure 7. voltage - mode buck converter compensation design v out osc reference l o c o esr v in ? v osc error amp pwm driver (parasitic) - ref r1 r3 r2 c3 c2 c1 comp v out fb z fb HIP6007 z in comparator driver detailed compensation components phase v e/a + - + - z in z fb + f lc = 1 2 l o c o ? ? -------------------------------------- - f esr = 1 2 esr c o ? () ? -------------------------------------------- f z1 = 1 2 r2 c1 ? ? --------------------------------- f p1 = 1 2 r2 ? c1 c2 ? c1 + c2 --------------------- - ?? ?? ? ----------------------------------------------------- - f z2 = 1 2 r1 + r3 () ? c3 ? ---------------------------------------------------- - f p2 = 1 2 r3 ? c3 ? --------------------------------- 100 80 60 40 20 0 -20 -40 -60 f p1 f z2 10m 1m 100k 10k 1k 100 10 open loop error amp gain f z1 f p2 f lc f esr compensation gain (db) frequency (hz) gain 20log (v in / ? v osc ) modulator gain 20log (r2/r1) closed loop gain figure 8. asymptotic bode plot of converter gain HIP6007
138 component selection guidelines output capacitor selection an output capacitor is required to filter the output and supply the load transient current. the filtering requirements are a function of the switching frequency and the ripple current. the load transient requirements are a function of the slew rate (di/dt) and the magnitude of the transient load current. these requirements are generally met with a mix of capacitors and careful layout. modern microprocessors produce transient load rates above 1a/ns. high frequency capacitors initially supply the transient and slow the current load rate seen by the bulk capacitors. the bulk filter capacitor values are generally determined by the esr (effective series resistance) and voltage rating requirements rather than actual capacitance requirements. high frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. consult with the manufacturer of the load on specific decoupling requirements. for example, intel recommends that the high frequency decoupling for the pentium-pro be composed of at least forty (40) 1.0 f ceramic capacitors in the 1206 surface-mount package. use only specialized low-esr capacitors intended for switching-regulator applications for the bulk capacitors. the bulk capacitor?s esr will determine the output ripple voltage and the initial voltage drop after a high slew-rate transient. an aluminum electrolytic capacitor's esr value is related to the case size with lower esr available in larger case sizes. however, the equivalent series inductance (esl) of these capacitors increases with case size and can reduce the usefulness of the capacitor to high slew-rate transient loading. unfortunately, esl is not a specified parameter. work with your capacitor supplier and measure the capacitor?s impedance with frequency to select a suitable component. in most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor. output inductor selection the output inductor is selected to meet the output voltage ripple requirements and minimize the converter?s response time to the load transient. the inductor value determines the converter?s ripple current and the ripple voltage is a function of the ripple current. the ripple voltage and current are approximated by the following equations: increasing the value of inductance reduces the ripple current and voltage. however, the large inductance values reduce the converter?s response time to a load transient. one of the parameters limiting the converter?s response to a load transient is the time required to change the inductor current. given a sufficiently fast control loop design, the HIP6007 will provide either 0% or 100% duty cycle in response to a load transient. the response time is the time required to slew the inductor current from an initial current value to the transient current level. during this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor. minimizing the response time can minimize the output capacitance required. the response time to a transient is different for the application of load and the removal of load. the following equations give the approximate response time interval for application and removal of a transient load: where: i tran is the transient load current step, t rise is the response time to the application of load, and t fall is the response time to the removal of load. with a +5v input source, the worst case response time can be either at the application or removal of load and dependent upon the output voltage setting. be sure to check both of these equations at the minimum and maximum output levels for the worst case response time. input capacitor selection use a mix of input bypass capacitors to control the voltage overshoot across the mosfets. use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the current needed each time q1 turns on. place the small ceramic capacitors physically close to the mosfets and between the drain of q1 and the anode of schottky diode d2. the important parameters for the bulk input capacitor are the voltage rating and the rms current rating. for reliable operation, select the bulk capacitor with voltage and current ratings above the maximum input voltage and largest rms current required by the circuit. the capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. the rms current rating requirement for the input capacitor of a buck regulator is approximately 1/2 the dc load current. for a through hole design, several electrolytic capacitors (panasonic hfq series or nichicon pl series or sanyo mv- gx or equivalent) may be needed. for surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. these capacitors must be capable of handling the surge-current at power-up. the tps series available from avx, and the 593d series from sprague are both surge current tested. ? i = v in - v out fs l o ------------------------------- - v out v in --------------- - ? ? v out = ? i x esr t rise = l o x i tran v in - v o t fall = l o x i tran v o HIP6007
139 mosfet selection/considerations the HIP6007 requires an n-channel power mosfet. it should be selected based upon r ds(on) , gate supply requirements, and thermal management requirements. in high-current applications, the mosfet power dissipation, package selection and heatsink are the dominant design factors. the power dissipation includes two loss components; conduction loss and switching loss. the conduction losses are the largest component of power dissipation for the mosfet. switching losses also contribute to the overall mosfet power loss (see the equations below). these equations assume linear voltage- current transitions and are approximations. the gate- charge losses are dissipated by the HIP6007 and don't heat the mosfet. however, large gate-charge increases the switching interval, t sw , which increases the upper mosfet switching losses. ensure that the mosfet is within its maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications. a separate heatsink may be necessary depending upon mosfet power, package type, ambient temperature and air flow. standard-gate mosfets are normally recommended for use with the HIP6007. however, logic-level gate mosfets can be used under special circumstances. the input voltage, upper gate drive level, and the mosfet?s absolute gate-to- source voltage rating determine whether logic-level mosfets are appropriate. figure 9 shows the upper gate drive (boot pin) supplied by a bootstrap circuit from v cc . the boot capacitor, c boot develops a floating supply voltage referenced to the phase pin. this supply is refreshed each cycle to a voltage of v cc less the boot diode drop (v d ) when the lower mosfet, q2 turns on. a logic-level mosfet can only be used for q1 if the mosfet?s absolute gate-to-source voltage rating exceeds the maximum voltage applied to v cc . figure 10 shows the upper gate drive supplied by a direct connection to vcc. this option should only be used in converter systems where the main input voltage is +5vdc or less. the peak upper gate-to-source voltage is approximately v cc less the input supply. for +5v main power and +12vdc for the bias, the gate-to-source voltage of q1 is 7v. a logic-level mosfet is a good choice for q1 and a logic-level mosfet is a good choice for q1 under these conditions. schottky selection rectifier d2 conducts when the upper mosfet q1 is off. the diode should be a schottky type for low power losses. the power dissipation in the schottky rectifier is approximated by: in addition to power dissipation, package selection and heatsink requirements are the main design tradeoffs in choosing the schottky rectifier. since the three factors are interrelated, the selection process is an iterative procedure. the maximum junction temperature of the rectifier must remain below the manufacturer?s specified value, typically 125 o c. by using the package thermal resistance specification and the schottky power dissipation equation (shown above), the junction temperature of the rectifier can be estimated. be sure to use the available airflow and ambient temperature to determine the junction temperature rise. p cond = i o 2 x r ds(on) x d p sw = 1 2 i o x v in x t sw x fs where: d is the duty cycle = v o / v in , t sw is the switching interval, and fs is the switching frequency. figure 9. upper gate drive - bootstrap option +12v HIP6007 gnd ugate phase boot vcc +5v or +12v c boot d boot q1 d2 note: v g-s v cc - v d + - v d + - + - figure 10. upper gate drive - direct v cc drive option +12v HIP6007 gnd ugate phase boot vcc +5v or less note: v g-s v cc - 5v q1 d2 p cond = i o x v f x (1 - d) where: d is the duty cycle = v o /v in , and v f is the schottky forward voltage drop HIP6007
140 HIP6007 dc-dc converter application circuit the figure below shows an application circuit of a dc-dc converter for a microprocessor application. detailed information on the circuit, including a complete bill-of- materials and circuit board description, can be found in application note an9722. see intersil?s home page on the web: http://www.intersil.com. HIP6007 rt fb comp ss ref gnd osc vcc vin c1-5 l2 c6-11 0.1 f 2x 1 f 0.1 f 1 f 33pf 0.01 f15k 1k 3x 680 f 4x 1000 f ugate ocset phase boot spare cr1 q1 3.01k 1000pf c13 r1 r3 r4 c16 c15 r5 c14 c12 c17-18 c19 r6 c20 4148 u1 rtn 12vcc 14 2 10 9 8 7 4 5 1 3 spare jp1 cr3 1206 1206 v out rtn enable r2 1k comp tp1 phase tp2 6 r7 10k 12 11 13 nc nc nc spare monitor and protection + - + - component selection notes c1-c3 -3 each 680 f 25w vdc, sanyo mv-gx or equivalent c6-c9 -4 each 1000 f 6.3w vdc, sanyo mv-gx or equivalent l1 -core: micrometals t60-52; winding: 14 turns of 17awg cr1 -1n4148 or equivalent cr3 -15a, 35v schottky, motorola mbr1535ct or equivalent q1 -intersil mosfet; rfp25n05 figure 11. dc-dc converter application circuit HIP6007


▲Up To Search▲   

 
Price & Availability of HIP6007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X