Part Number Hot Search : 
ALN2642L 7W08F 20A10 RQK06 RQK06 FTSM101A BCX70K 60000
Product Description
Full Text Search
 

To Download GCB2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fiber optic tool kits m-6 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2006 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com gcb1000, GCB2000 and gcb3000 fiber optic cleanblast ? cleaning systems for fiber optic connectors n faster, more effective and less costly than using swabs or other cleaning methods n excellent at removingCinstead of spreadingCdebris and oils around the ferrule surface n complete selection of tips available n cost per cleaning cycle: one cent! n rugged watertight case n optional add-ons for advanced optical testing of mil-prf-29504 termini with quick capture analog probe (6-4 pin converter) and fiberchek software for quick capture capability on your pc. glenairs cleanblast ? systems provide rapid, controlled cleaning and removal of contamination from fiber optic end-faces the cleanblast ? system creates a laminar fow of a highly fltered gas across the surface of the fber . a solvent is then introduced and atomized to create a cleaning mist that leaves the fber conrtamination free (msds data sheet is available), ensuring that your cable is serving at its optimal performance. basic part number includes: ? portable cleanblast ? with lcd monitor and inspection probe in ruggedized case ? 2.5 mm and 1.25 mm patch cord inspection tips ? universal 2.5 mm bulkhead cleaning tip ? glenair swabs optional quick capture analog probe with 6 pin to 4 pin converter (omit for none) gcb1000-u basic part number includes: ? portable cleanblast ? ? glenair swabs GCB2000 basic part number includes: ? universal 2.5 mm bulkhead cleaning tip ? glenair swabs optional digital mounting monitor with inspection probe and 2.5 mm & 1.25 mm patch cord inspection tips gcb3000-m complete cleanblast ? inspection system cleanblast ? basic kit laboratory bench model fiber check software can be downloaded from: http://www.westoverfber.com
fiber optic tool kits m-7 glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2006 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com gcb1000, GCB2000 and gcb3000 fiber optic cleanblast ? cleaning systems for fiber optic connectors gcb1000 and GCB2000 specifications power requirements 110 vac-220 vac, 2 amp dimensions 16l x 13w x 7d weight 21 lb air source 40 psi internal compressor cleaning cycle time 5 seconds certifcation ce approved gcb3000 specifications power requirements 110 vac-220 vac, 2 amp dimensions 8l x 9w x 7d weight 12 lb air source external, compressed air or nitrogen; regulated between 60 C 250 psi cleaning cycle time .8 seconds certifcation ce approved fiber chek software fiber optic analysis program fiber chek is an integrated hardware/software package engineered with the single purpose of critically and consistently grading fber end-faces. works hand in hand with the quick capture analog probe for visual inspection, taking pictures and testing fbers on your pc. ? automatic debris and defect detection, including fne scratches ? measures epoxy ring for out-of-tolerance conditions ? inspection results, including image data, can be printed or archived ? utilizes industry standards or user defned threshold settings


▲Up To Search▲   

 
Price & Availability of GCB2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X