Part Number Hot Search : 
MC12026 6A40G SKT8S IRL3803V UM3206 B1004 B1004 ET72012
Product Description
Full Text Search
 

To Download EP2645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep26 ceramic 3.3v os48 06/00 ep26 series ? epo? programmable oscillators  3.3v supply voltage  hcmos output  ceramic surface mount package  stability to 50ppm  available on tape and reel oscillator ep26 h 1.6 l 7.0 w 5.0 notes _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ __ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ __ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ _ ______________________________________________________ ______________________________________________________ electrical specifications frequency range operating temperature range storage temperature range supply voltage (v dd ) input current disable current (ts option) standby current (pd option) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability pin 1 connection pin 1 input voltage aging (at 25c) start up time period jitter: absolute period jitter: one sigma 1.000mhz to 106.250mhz -20 c to 70 c or -40 c to 85 c -55 c to 125 c 3.3v dc 0.3v dc 28ma maximum (unloaded) 16ma maximum (pin 1=ground) 20a maximum (pin 1=ground) 100ppm or 50ppm maximum v dd -0.4v dc minimum i oh =-8ma 0.4v dc maximum i ol =+8ma 4 nseconds maximum 50 10(%) (standard) 50 5(%) (optional) 30pf hcmos load maximum 15pf hcmos load maximum tri-state power down enables output disable output: high impedance disable output: logic low 5ppm / year maximum 10 mseconds maximum 250psec max, 100psec typical 125psec max, 75psec typical 50pseconds maximum 40pseconds maximum inclusive of operating temp range, supply voltage, and load 20% to 80% of waveform at 50% of waveform at 50% of waveform (<50.000mhz only) <50.000mhz >50.000mhz t s pd v ih : no connection or 70% of v dd v il : (ts option) <20% of v dd v il : (pd option) <20% of v dd <33.000mhz >33.000mhz <33.000mhz >33.000mhz 800-ecliptek www.ecliptek.com for latest revision 116 specifications subject to change without notice.
manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep26 ceramic 3.3v os48 06/00 ep26 00 et t ts - 24.000m tr frequency tolerance / stability 00=100ppm maximum (standard) 45=50ppm maximum operating temp. range blank=-20c to 70c or et=-40c to 85c duty cycle blank=50 10( %) (standard) t=50 5(%) part numbering guide *compliant to eia 481a mechanical dimensions all dimensions in millimeters marking specifications environmental/mechanical specifications suggested solder pad layout all dimensions in millimeters tape and reel dimensions all dimensions in millimeters tolerances = + 0.1 characteristic specification seal integrity bubble test in perfluorocarbon at +125 c 5 c for 60 seconds minimum. solderability sn63 solder dip at +230 c 5 c for 5 seconds/95% coverage. marking permanency 10 strokes with brush after 1 minute soak in solvent, 3 times. shock random drop on hard wooden plate 3 times from a height of 50cm. thermal shock 300 cycles from -55 c to +125 c, 5 minute dwell. line 1: ecliptek line 2: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 3: xx y zz week of year last digit of year ecliptek manufacturing identifier 800-ecliptek www.ecliptek.com for latest revision 117 specifications subject to change without notice. pin 1: tri-state or power down pin 2: case ground pin 3: output pin 4: supply voltage available options blank=bulk (standard) tr=tape and reel frequency pin 1 connection ts=tri-state pd=power down m n o p q 1.5 min 50 min 20.2 min 13.2 40 min r s t u v qty/reel 2.5 min 10 min 22.4 max 360 max 16.4+2-0 1 ,000 reel a b c d e f 16+.3-.1 7.5.1 6.75.1 4 .1 2.1 f g h j k l 8.1 b0* 1.5 +.1-0 a0* .3 .05 k0* tape


▲Up To Search▲   

 
Price & Availability of EP2645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X