Part Number Hot Search : 
BCY58 S7806PIC MA4ST408 MA4ST408 GU88L02 SPC560 128K8 ATS040
Product Description
Full Text Search
 

To Download C21002108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c2100.21.08 product sku: hook-up wire, ul 1015, csa tew, gauge size (awg): 24, conductor/strands: 7/32, jacket: premium product description: grade pvc, temperature range: -20ac to +105ac - brown - 1000 ft. spool product category: electronics - hook-up wire - ul 1015, csa tew - stranded conductors - brown product construction: conductor: 24 thru 10 awg fully-annealed, tinned copper per astm b-33 solid or stranded insulation: color code: see chart below premium grade color-coded pvc temperature range: -20ac to +105ac product specification: conductor size (awg): 24 conductor/strands: 7/32 no. of pairs: 1 jacket color: brown nominal insulation thickness 0.032 (in): nominal insulation thickness 0.81 (mm): nominal outside diameter (in): 0.088 nominal outside diameter 2.23 (mm): standard packaging: 1000' spool
standard package quantity: 1 upc #: 079407767687 put-up: 1000 scc-14: 50079407767688 cube: 277.0596 weight per unit of measure: .0045 coloroption: brown product information: applications: internal wiring of electrical and electronic equipment internal wiring of panels and meters point-to-point wiring suggested voltage rating: 600 volts compliances: csa type tew designed to meet ul vw-1 vertical wire flame test ul style 1015 - 105ac, 600v packaging: 10,000 foot (3048m) reels 1000' (305 m) spools other put-ups available- consult customer service reference charts color code chart technical specifications unit conversion factors cable design equations - balanced pair insulation and jacket properties temperature conversion chart decimal and unit conversion factors cable design equations - braid shield awg conductor chart conduit capacity chart
cable design equations - coaxial cable engineering prefixes coax connector cross reference glossary


▲Up To Search▲   

 
Price & Availability of C21002108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X